Part Number Hot Search : 
MC14554B BR1020 CM2169 Z1SMA62 NJSW036 NPT2021 ES1992 KS24C021
Product Description
Full Text Search
 

To Download MC10EP05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10EP05 2-Input Differential AND/NAND
The MC10EP05 is a 2-input differential AND/NAND gate. The device is functionally equivalent to the EL05 and LVEL05 devices. With AC performance much faster than the LVEL05 device, the EP05 is ideal for applications requiring the fastest AC performance available.
* * * * * * * * * * *
http://onsemi.com
170ps Typical Propagation Delay High Bandwidth to 3 Ghz Typical ECL mode: 0V VCC with VEE = -3.0V to -5.5V PECL mode: 3.0V to 5.5V VCC with VEE = 0V Internal Input Resistors: Pulldown on D, Pulldown and Pullup on D Q Output will default LOW with inputs open or at VEE ESD Protection: >4KV HBM, >200V MM New Differential Input Common Mode Range Moisture Sensitivity Level 1, Indefinite Time Out of Drypack. For Additional Information, See Application Note AND8003/D Flammability Rating: UL-94 code V-0 @ 1/8", Oxygen Index 28 to 34 Transistor Count = 137 devices
8 1 SO-8 D SUFFIX CASE 751
MARKING DIAGRAM
8 HEP05 ALYW 1 A L Y W = Assembly Location = Wafer Lot = Year = Work Week
D0 1
8
VCC
*For additional information, see Application Note AND8002/D
PIN DESCRIPTION
PIN FUNCTION ECL Data Inputs ECL Data Outputs
D0
2
7
Q
D0, D1, D0, D1 Q, Q
D1
3
6
Q
TRUTH TABLE
D1
4
5
VEE
D0 L L H H
D1 L H L H
D0 H H L L
D1 H L H L
Q L L L H
Q H H H L
Figure 1. 8-Lead Pinout (Top View) and Logic Diagram
ORDERING INFORMATION
Device MC10EP05D MC10EP05DR2 Package SOIC SOIC Shipping 98 Units/Rail 2500 Tape & Reel
(c) Semiconductor Components Industries, LLC, 1999
1
September, 1999 - Rev. 1.0
Publication Order Number: MC10EP05/D
MC10EP05
MAXIMUM RATINGS*
Symbol VEE VCC VI VI Iout TA Tstg JA JC Tsol Power Supply (VCC = 0V) Power Supply (VEE = 0V) Input Voltage (VCC = 0V, VI not more negative than VEE) Input Voltage (VEE = 0V, VI not more positive than VCC) Output Current Operating Temperature Range Storage Temperature Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Solder Temperature (<2 to 3 Seconds: 245C desired) Still Air 500lfpm Continuous Surge Parameter Value -6.0 to 0 6.0 to 0 -6.0 to 0 6.0 to 0 50 100 -40 to +85 -65 to +150 190 130 41 to 44 5% 265 Unit VDC VDC VDC VDC mA C C C/W C/W C
* Maximum Ratings are those values beyond which damage to the device may occur.
DC CHARACTERISTICS, ECL/LVECL (VCC = 0V; VEE = -5.5V to -3.0V) (Note 4.)
-40C Symbol IEE VOH VOL VIH VIL Characteristic Power Supply Current (Note 1.) Output HIGH Voltage (Note 2.) Output LOW Voltage (Note 2.) Input HIGH Voltage Single Ended Input LOW Voltage Single Ended Min 20 -1135 -1935 -1210 -1935 VEE+2.0 Typ 24 -1060 -1810 Max 29 -885 -1685 -885 -1610 0.0 150 D D 0.5 -150 0.5 -150 Min 20 -1070 -1870 -1145 -1870 VEE+2.0 25C Typ 24 -945 -1745 Max 29 -820 -1620 -820 -1545 0.0 150 0.5 -150 Min 20 -1010 -1810 -1085 -1810 VEE+2.0 85C Typ 24 -885 -1685 Max 29 -760 -1560 -760 -1485 0.0 150 Unit mA mV mV mV mV V A A
VIHCMR Input HIGH Voltage Common Mode Range (Note 3.) IIH IIL Input HIGH Current Input LOW Current
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. 1. VCC = 0V, VEE = VEEmin to VEEmax, all other pins floating. 2. All loading with 50 ohms to VCC-2.0 volts. 3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. 4. Input and output parameters vary 1:1 with VCC.
http://onsemi.com
2
MC10EP05
DC CHARACTERISTICS, LVPECL (VCC = 3.3V 0.3V, VEE = 0V) (Note 8.)
-40C Symbol IEE VOH VOL VIH VIL Characteristic Power Supply Current (Note 5.) Output HIGH Voltage (Note 6.) Output LOW Voltage (Note 6.) Input HIGH Voltage Single Ended Input LOW Voltage Single Ended Min 20 2165 1365 2090 1365 2.0 Typ 24 2240 1490 Max 29 2415 1615 2415 1690 3.3 150 D D 0.5 -150 0.5 -150 Min 20 2230 1430 2155 1430 2.0 25C Typ 24 2355 1555 Max 29 2480 1680 2480 1755 3.3 150 0.5 -150 Min 20 2290 1490 2215 1490 2.0 85C Typ 24 2415 1615 Max 29 2540 1740 2540 1815 3.3 150 Unit mA mV mV mV mV V A A
VIHCMR Input HIGH Voltage Common Mode Range (Note 7.) IIH IIL Input HIGH Current Input LOW Current
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. 5. VCC = 3.3V, VEE = 0V, all other pins floating. 6. All loading with 50 ohms to VCC-2.0 volts. 7. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. 8. Input and output parameters vary 1:1 with VCC.
DC CHARACTERISTICS, PECL (VCC = 5.0V 0.5V, VEE = 0V) (Note 12.)
-40C Symbol IEE VOH VOL VIH VIL Characteristic Power Supply Current (Note 9.) Output HIGH Voltage (Note 10.) Output LOW Voltage (Note 10.) Input HIGH Voltage Single Ended Input LOW Voltage Single Ended Min 20 3865 3065 3790 3065 2.0 Typ 24 3940 3190 Max 29 4115 3315 4115 3390 5.0 150 D D 0.5 -150 0.5 -150 Min 20 3930 3130 3855 3130 2.0 25C Typ 24 4055 3255 Max 29 4180 3380 4180 3455 5.0 150 0.5 -150 Min 20 3990 3190 3915 3190 2.0 85C Typ 24 4115 3315 Max 29 4240 3440 4240 3515 5.0 150 Unit mA mV mV mV mV V A A
VIHCMR Input HIGH Voltage Common Mode Range (Note 11.) IIH IIL Input HIGH Current Input LOW Current
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. 9. VCC = 5.0V, VEE = 0V, all other pins floating. 10. All loading with 50 ohms to VCC-2.0 volts. 11. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. 12. Input and output parameters vary 1:1 with VCC.
http://onsemi.com
3
MC10EP05
AC CHARACTERISTICS (VCC = 0V; VEE = -3.0V to -5.5V) or (VCC = 3.0V to 5.5V; VEE = 0V)
-40C Symbol fmax tPLH, tPHL tSKEW tJITTER VPP Characteristic Maximum Toggle Frequency (Note 13.) Propagation Delay to Output Differential Duty Cycle Skew (Note 14.) Cycle-to-Cycle Jitter Input Voltage Swing (Diff.) 150 100 Min Typ 3.0 160 5.0 TBD 800 1200 150 220 110 Max Min 25C Typ 3.0 170 5.0 TBD 800 1200 150 230 20 160 Max Min 85C Typ 3.0 220 5.0 TBD 800 1200 280 20 Max Unit GHz ps ps ps mV
tr Output Rise/Fall Times Q 70 120 170 80 130 180 100 150 200 ps tf (20% - 80%) 13. Fmax guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only. 14. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs.
http://onsemi.com
4
MC10EP05
PACKAGE DIMENSIONS
SO-8 D SUFFIX PLASTIC SOIC PACKAGE CASE 751-06 ISSUE T
A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 B 0.25
M
CB
S
A
S
q
http://onsemi.com
5
MC10EP05
Notes
http://onsemi.com
6
MC10EP05
Notes
http://onsemi.com
7
MC10EP05
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
USA/EUROPE Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line*: 303-675-2167 800-344-3810 Toll Free USA/Canada
*To receive a Fax of our publications
ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5487-8345 Email: r14153@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
N. America Technical Support: 800-282-9855 Toll Free USA/Canada
http://onsemi.com
8
MC10EP05/D


▲Up To Search▲   

 
Price & Availability of MC10EP05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X