Part Number Hot Search : 
H15S2 ATA5423 RX301 TKD12A S2305 CSA1013 BU508DW 90BAI
Product Description
Full Text Search
 

To Download MC10EP01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10EP01 4-Input OR/NOR
The MC10EP01 is a 4-input OR/NOR gate. The device is functionally equivalent to the EL01 device, LVEL01, and E101 (a quad version). With AC performance much faster than the LVEL01 device, the EP01 is ideal for applications requiring the fastest AC performance available.
* * * * * * * * *
http://onsemi.com
230ps Typical Propagation Delay High Bandwidth to 3 Ghz Typical PECL mode: 3.0V to 5.5V VCC with VEE = 0V ECL mode: 0V VCC with VEE = -3.0V to -5.5V 75k Internal Input Pulldown Resistors ESD Protection: >4KV HBM, >200V MM Moisture Sensitivity Level 1, Indefinite Time Out of Drypack. For Additional Information, See Application Note AND8003/D Flammability Rating: UL-94 code V-0 @ 1/8", Oxygen Index 28 to 34 Transistor Count = 115 devices
8 1 SO-8 D SUFFIX CASE 751
MARKING DIAGRAM*
8 HEP01 ALYW A L Y W = Assembly Location = Wafer Lot = Year = Work Week
D0 1
8
VCC
1 *For additional information, see Application Note AND8002/D
D1
2
7
Q
PIN D0-D3
PIN DESCRIPTION
FUNCTION ECL Data Inputs ECL Data Outputs
D2
3
6
Q
Q, Q
D3
4
5
VEE
D0 D1 L X H X X H
TRUTH TABLE
D2 L X X H X H D3 L X X X H H Q L H H H H H Q H L L L L L
Figure 1. 8-Lead Pinout (Top View) and Logic Diagram
L H X X X H
ORDERING INFORMATION
Device MC10EP01D MC10EP01DR2 Package SOIC SOIC Shipping 98 Units/Rail 2500 Tape & Reel
(c) Semiconductor Components Industries, LLC, 1999
1
September, 1999 - Rev. 1.0
Publication Order Number: MC10EP01/D
MC10EP01
MAXIMUM RATINGS*
Symbol VEE VCC VI VI Iout TA Tstg JA JC Tsol Power Supply (VCC = 0V) Power Supply (VEE = 0V) Input Voltage (VCC = 0V, VI not more negative than VEE) Input Voltage (VEE = 0V, VI not more positive than VCC) Output Current Operating Temperature Range Storage Temperature Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Solder Temperature (<2 to 3 Seconds: 245C desired) Still Air 500lfpm Continuous Surge Parameter Value -6.0 to 0 6.0 to 0 -6.0 to 0 6.0 to 0 50 100 -40 to +85 -65 to +150 190 130 41 to 44 5% 265 Unit VDC VDC VDC VDC mA C C C/W C/W C
* Maximum Ratings are those values beyond which damage to the device may occur.
DC CHARACTERISTICS, ECL/LVECL (VCC = 0V, VEE = -5.5V to -3.0V) (Note 3.)
-40C Symbol IEE VOH VOL VIH VIL IIH Characteristic Power Supply Current (Note 1.) Output HIGH Voltage (Note 2.) Output LOW Voltage (Note 2.) Input HIGH Voltage Single Ended Input LOW Voltage Single Ended Input HIGH Current Min 20 -1135 -1935 -1210 -1935 Typ 24 -1060 -1810 Max 31 -885 -1685 -885 -1610 150 Min 20 -1070 -1870 -1145 -1870 25C Typ 24 -945 -1745 Max 31 -820 -1620 -820 -1545 150 Min 20 -1010 -1810 -1085 -1810 85C Typ 24 -885 -1685 Max 31 -760 -1560 -760 -1485 150 Unit mA mV mV mV mV A
IIL Input LOW Current -150 -150 -150 A NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. 1. VCC = 0V, VEE = VEEmin to VEEmax, all other pins floating. 2. All loading with 50 ohms to VCC -2.0 volts. 3. Input and output parameters vary 1:1 with VCC.
http://onsemi.com
2
MC10EP01
DC CHARACTERISTICS, LVPECL (VCC = 3.3V 0.3V, VEE = 0V) (Note 6.)
-40C Symbol IEE VOH VOL VIH VIL IIH Characteristic Power Supply Current (Note 4.) Output HIGH Voltage (Note 5.) Output LOW Voltage (Note 5.) Input HIGH Voltage Single Ended Input LOW Voltage Single Ended Input HIGH Current Min 20 2165 1365 2090 1365 Typ 24 2240 1490 Max 31 2415 1615 2415 1690 150 Min 20 2230 1430 2155 1430 25C Typ 24 2355 1555 Max 31 2480 1680 2480 1755 150 Min 20 2290 1490 2215 1490 85C Typ 24 2415 1615 Max 31 2540 1740 2540 1815 150 Unit mA mV mV mV mV A
IIL Input LOW Current -150 -150 -150 A NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. 4. VCC = 3.0V, VEE = 0V, all other pins floating. 5. All loading with 50 ohms to VCC -2.0 volts. 6. Input and output parameters vary 1:1 with VCC.
DC CHARACTERISTICS, PECL (VCC = 5.0V 0.5V, VEE = 0V) (Note 9.)
-40C Symbol IEE VOH VOL VIH VIL IIH Characteristic Power Supply Current (Note 7.) Output HIGH Voltage (Note 8.) Output LOW Voltage (Note 8.) Input HIGH Voltage Single Ended Input LOW Voltage Single Ended Input HIGH Current Min 20 3865 3065 3790 3065 Typ 24 3940 3190 Max 31 4115 3315 4115 3390 150 Min 20 3930 3130 3855 3130 25C Typ 24 4055 3255 Max 31 4180 3380 4180 3455 150 Min 20 3990 3190 3915 3190 85C Typ 24 4115 3315 Max 31 4240 3440 4240 3515 150 Unit mA mV mV mV mV A
IIL Input LOW Current -150 -150 -150 A NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. 7. VCC = 5.0V, VEE = 0V, all other pins floating. 8. All loading with 50 ohms to VCC -2.0 volts. 9. Input and output parameters vary 1:1 with VCC.
http://onsemi.com
3
MC10EP01
AC CHARACTERISTICS (VCC = 3.0V to 5.5V; VEE = 0V) or (VCC = 0V; VEE = -3.0V to -5.5V)
-40C Symbol fmax tPLH, tPHL tSKEW tJITTER tr tf Characteristic Maximum Toggle Frequency (Note 10.) Propagation Delay Device Skew Part-to-Part (Note 11.) Cycle-to-Cycle Jitter Output Rise and Fall Times (20% - 80%) Q, Q 70 D ->Q, Q Q, Q 100 Min Typ 3.0 225 TBD TBD TBD 120 170 80 300 150 Max Min 25C Typ 3.0 200 TBD TBD TBD 130 180 100 250 200 Max Min 85C Typ 3.0 250 TBD TBD TBD 150 200 300 Max Unit GHz ps ps ps ps
10. Fmax guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only. 11. Skew is measured between outputs under identical transitions.
http://onsemi.com
4
MC10EP01
PACKAGE DIMENSIONS
SO-8 D SUFFIX PLASTIC SOIC PACKAGE CASE 751-06 ISSUE T
A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 B 0.25
M
CB
S
A
S
q
http://onsemi.com
5
MC10EP01
Notes
http://onsemi.com
6
MC10EP01
Notes
http://onsemi.com
7
MC10EP01
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
USA/EUROPE Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line*: 303-675-2167 800-344-3810 Toll Free USA/Canada
*To receive a Fax of our publications
ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5487-8345 Email: r14153@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
N. America Technical Support: 800-282-9855 Toll Free USA/Canada
http://onsemi.com
8
MC10EP01/D


▲Up To Search▲   

 
Price & Availability of MC10EP01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X