Part Number Hot Search : 
SMFB23L T2500 LBRD2 SC452 Y7C10 LT1935 1N5293 PB1000
Product Description
Full Text Search
 

To Download MC100LVEL51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Differential Clock D Flip Flop
The MC100LVEL51 is a differential clock D flip-flop with reset. The device is functionally equivalent to the EL51 device, but operates from a low voltage supply. With propagation delays and output transition times essentially equal to the EL51, the LVEL51 is ideally suited for those applications which require the ultimate in AC performance at 3.3V VCC. The reset input is an asynchronous, level triggered signal. Data enters the master portion of the flip-flop when the clock is LOW and is transferred to the slave, and thus the outputs, upon a positive transition of the clock. The differential clock inputs of the LVEL51 allow the device to be used as a negative edge triggered flip-flop. The differential input employs clamp circuitry to maintain stability under open input conditions. When left open, the CLK input will be pulled down to VEE and the CLK input will be biased at VCC/2.
MC100LVEL51
8 1
* * * * *
475ps Propagation Delay 2.8GHz Toggle Frequency Operates from -3.3V (or 3.3V) Supply 75k Internal Input Pulldown Resistors >2000V ESD Protection
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
R1 R D 2 D Flip-Flop CLK 3
8
VCC
D L
TRUTH TABLE R L L H CLK Z Z X Q L H L
7
Q
6
Q
H X
CLK
4
5
VEE
Z = LOW to HIGH Transition
8/96
(c) Motorola, Inc. 1996
4-1
REV 1
MC100LVEL51
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
-40C Symbol IEE VEE IIH IIL Characteristic Power Supply Current Power Supply Voltage Input HIGH Current Input LOW Current CLK Other -600 0.5 -3.0 Min Typ 30 -3.3 Max 35 -3.8 150 -600 0.5 -3.0 Min 0C Typ 30 -3.3 Max 35 -3.8 150 -600 0.5 -3.0 Min 25C Typ 30 -3.3 Max 35 -3.8 150 -600 0.5 -3.0 Min 85C Typ 32 -3.3 Max 37 -3.8 150 Unit mA V A A
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
-40C Symbol fMAX tPLH tPHL tS tH tRR tPW VPP VCMR Characteristic Maximum Toggle Frequency Propagation Delay to Output Setup Time Hold Time Reset Recovery Minimum Pulse Width CLK Reset CLK R Min 2.7 Typ Max Min 2.9 0C Typ Max Min 2.9 25C Typ Max Min 2.9 85C Typ Max Unit GHz ps 330 340 150 200 350 400 500 150 -2.0 -1.8 -0.4 -0.4 0 100 200 510 540 330 340 150 200 350 400 500 150 -2.1 -1.9 -0.4 -0.4 0 100 200 510 540 340 350 150 200 350 400 500 150 -2.1 -1.9 -0.4 -0.4 0 100 200 520 550 370 390 150 200 350 400 500 150 -2.1 -1.9 -0.4 -0.4 0 100 200 550 590 ps ps ps ps mV V
Minimum Input Swing1 Common Mode Range2 VPP < 500mV VPP 500mV
tr Output Rise/Fall Times Q 120 320 120 320 120 320 120 320 ps tf (20% - 80%) 1. Minimum input swing for which AC parameters are guaranteed. 2. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -3.3V. Note for PECL operation, the VCMR(min) will be fixed at 3.3V - |VCMR(min)|.
MOTOROLA
4-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100LVEL51
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05 ISSUE P
-A- B
M 8 5 X 45 _
J
1 4
4X
-B-
M_ G F
NOTES: 1. DIMENSIONS A AND B ARE DATUMS AND T IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. DIMENSIONS ARE IN MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 6. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
P
0.25 (0.010)
M
-T-
8X
C
SEATING PLANE
D 0.25 (0.010)
M
K
TB
S
A
S
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
R
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 3 4-3
*MC100LVEL51/D*
MC100LVEL51/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100LVEL51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X