|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA /2/4, /4/6 Clock MC100LVEL39 MC100EL39 Generation Chip The MC100LVEL39 is a low skew /2/4, /4/6 clock generation chip designed explicitly for low skew clock generation applications. The MC100EL39 is pin and functionally equivalent to the MC100LVEL39 but is specified for operation at the standard 100K ECL voltage supply. The internal dividers are synchronous to each other, therefore, the common output edges are all precisely aligned. The device can be driven by either a differential or single-ended LVECL or, if positive power supplies are used, LVPECL input signal. In addition, by using the VBB output, a sinusoidal source can be AC coupled into the device (see Interfacing section of the ECLinPSTM Data Book DL140/D). If a single-ended input is to be used, the VBB output should be connected to the CLK input and bypassed to ground via a 0.01F capacitor. The VBB output is designed to act as the switching reference for the input of the LVEL39 under single-ended input conditions, as a result, this pin can only source/sink up to 0.5mA of current. The common enable (EN) is synchronous so that the internal dividers will only be enabled/disabled when the internal clock is already in the LOW state. This avoids any chance of generating a runt clock pulse on the internal clock when the device is enabled/disabled as can happen with an asynchronous control. An internal runt pulse could lead to losing synchronization between the internal divider stages. The internal enable flip-flop is clocked on the falling edge of the input clock, therefore, all associated specification limits are referenced to the negative edge of the clock input. Upon startup, the internal flip-flops will attain a random state; therefore, for systems which utilize multiple LVEL39s, the master reset (MR) input must be asserted to ensure synchronization. For systems which only use one LVEL39, the MR pin need not be exercised as the internal divider design ensures synchronization between the /2/4 and the /4/6 outputs of a single device. 20 1 DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 PIN DESCRIPTION PIN CLK EN MR VBB Q0, Q1 Q2, Q3 DIVSEL FUNCTION Diff Clock Inputs Sync Enable Master Reset Reference Output Diff /2/4 Outputs Diff /4/6 Outputs Frequency Select Input FUNCTION TABLE CLK Z ZZ X EN L H X MR L L H FUNCTION Divide Hold Q0-3 Reset Q0-3 * * * * * * 50ps Output-to-Output Skew Synchronous Enable/Disable Master Reset for Synchronization 75k Internal Input Pulldown Resistors >2000V ESD Protection Low Voltage VEE Range of -3.0 to -3.8V Z = Low-to-High Transition ZZ = High-to-Low Transition DIVSELa Q3 12 VEE 11 0 1 DIVSELb 0 1 Q0, Q1 OUTPUTS Divide by 2 Divide by 4 Q2, Q3 OUTPUTS Divide by 4 Divide by 6 Pinout: 20-Lead SOIC (Top View) VCC 20 Q0 19 Q0 18 Q1 17 Q1 16 Q2 15 Q2 14 Q3 13 1 VCC 2 3 4 5 CLK 6 VBB 7 MR 8 VCC 9 10 EN DIVSELb CLK NC DIVSELa 3/96 (c) Motorola, Inc. 1996 4-1 REV 2 MC100LVEL39 MC100EL39 LOGIC DIAGRAM DIVSELa Q0 CLK CLK /2/4 R Q0 Q1 Q1 EN Q2 /4/6 R Q2 Q3 Q3 MR DIVSELb CLK Q (/2) Q (/4) Q (/6) Figure 1. Timing Diagrams MC100LVEL39 DC CHARACTERISTICS (VEE = -3.8V to -3.0; VCC = GND) -40C Symbol IEE VBB IIH 0C Max 59 -1.26 150 -1.38 25C Max 59 -1.26 150 -1.38 85C Max 59 -1.26 150 -1.38 Characteristic Power Supply Current Output Reference Voltage Input High Current Min Typ 50 Min Typ 50 Min Typ 50 Min Typ 54 Max 61 -1.26 150 Unit mA V -1.38 MC100LVEL39 AC CHARACTERISTICS (VEE = -3.8V to -3.0; VCC = GND) -40C Symbol fMAX tPLH tPHL tSKEW 0C Max Min 1000 960 1010 900 50 200 780 730 600 980 1030 900 50 200 250 400 100 150 250 400 100 150 25C Max Min 1000 800 750 610 1000 1050 910 50 200 250 400 100 150 85C Max Min 1000 850 800 630 1050 1100 930 50 200 ps ps Characteristic Maximum Toggle Frequency Propagation Delay to Output Within-Device Skew1 Part-to-Part CLK Q (Diff) CLK Q (S.E.) MR Q Q0 - Q3 Q0 - Q3 (Diff) EN CLK DIVSEL CLK CLK EN CLK Div_Sel Min 1000 760 710 600 Typ Typ Typ Typ Max Unit MHz ps ps tS tH Setup Time Hold Time 250 400 100 150 MOTOROLA 4-2 ECLinPS and ECLinPS Lite DL140 -- Rev 3 MC100LVEL39 MC100EL39 MC100LVEL39 (continued) AC CHARACTERISTICS (VEE = -3.8V to -3.0; VCC = GND) -40C Symbol VPP VCMR 0C Max Min 250 -0.4 -0.4 100 -2.1 -1.9 -0.4 -0.4 100 500 700 550 280 550 500 700 280 25C Max Min 250 -2.1 -1.9 -0.4 -0.4 100 500 700 550 280 85C Max Min 250 -2.1 -1.9 -0.4 -0.4 100 ps ps 550 ps Characteristic Minimum Input Swing CLK Min 250 Typ Typ Typ Typ Max Unit mV V Common Mode Range3 VPP < 500mV VPP 500mV Reset Recovery Time Minimum Pulse Width CLK MR -2.0 -1.8 tRR tPW tr, tf 500 700 280 Output Rise/Fall Times Q (20% - 80%) 1. Skew is measured between outputs under identical transitions. 2. Minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to 100mV. 3. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -3.3V. Note for PECL operation, the VCMR(min) will be fixed at 3.3V - |VCMR(min)|. MC100EL39 DC CHARACTERISTICS (VEE = -4.2V to -5.46; VCC = GND) -40C Symbol IEE VBB IIH 0C Max 59 -1.26 150 -1.38 25C Max 59 -1.26 150 -1.38 85C Max 59 -1.26 150 -1.38 Characteristic Power Supply Current Output Reference Voltage Input High Current Min Typ 50 Min Typ 50 Min Typ 50 Min Typ 54 Max 61 -1.26 150 Unit mA V -1.38 MC100EL39 AC CHARACTERISTICS (VEE = -4.2V to -5.46; VCC = GND) -40C Symbol fMAX tPLH tPHL tSKEW 0C Max Min 1000 960 1010 900 50 200 780 730 600 980 1030 900 50 200 250 400 100 150 250 -0.4 -0.4 100 -3.3 -3.1 -0.4 -0.4 100 500 700 550 280 550 500 700 280 250 400 100 150 250 -3.3 -3.1 25C Max Min 1000 800 750 610 1000 1050 910 50 200 250 400 100 150 250 -0.4 -0.4 100 500 700 550 280 -3.3 -3.1 85C Max Min 1000 850 800 630 1050 1100 930 50 200 ps ps mV V -0.4 -0.4 100 ps ps 550 ps Characteristic Maximum Toggle Frequency Propagation Delay to Output Within-Device Skew1 Part-to-Part CLK Q (Diff) CLK Q (S.E.) MR Q Q0 - Q3 Q0 - Q3 (Diff) EN CLK DIVSEL CLK CLK EN CLK Div_Sel CLK Min 1000 760 710 600 Typ Typ Typ Typ Max Unit MHz ps ps tS tH VPP VCMR Setup Time Hold Time Minimum Input Swing 250 400 100 150 250 -3.2 -3.0 Common Mode Range3 VPP < 500mV VPP 500mV Reset Recovery Time Minimum Pulse Width CLK MR tRR tPW tr, tf 500 700 280 Output Rise/Fall Times Q (20% - 80%) 1. Skew is measured between outputs under identical transitions. 2. Minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to 100mV. 3. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -4.5V. Note for PECL operation, the VCMR(min) will be fixed at 5.0V - |VCMR(min)|. ECLinPS and ECLinPS Lite DL140 -- Rev 3 4-3 MOTOROLA MC100LVEL39 MC100EL39 OUTLINE DIMENSIONS DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E -A - 20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0 7 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0 7 0.395 0.415 0.010 0.029 -B - 1 10 P 10 PL 0.010 (0.25) M B M D 20 PL J M 0.010 (0.25) T A S B S F R X 45 C -T G 18 PL SEATING - PLANE K M Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 MOTOROLA 4-4 *MC100LVEL39/D* MC100LVEL39/D ECLinPS and ECLinPS Lite DL140 -- Rev 3 |
Price & Availability of MC100LVEL39 |