Part Number Hot Search : 
2SK24G YAAMUA 1A12A 050FF 7S10G PPA0155 1616AG ML0131
Product Description
Full Text Search
 

To Download MC100LVEL37 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Product Preview
1:4
/1//2
ECL/PECL Clock
MC100LVEL37
Fanout Buffer
The MC100LVEL37 is a fully differential 1:4 fanout buffer. The device offers two outputs at /1 of the input frequrency, and two outputs at /2 of the input frequency. The Low Output-Output Skew of the device makes it ideal for distributing1x and 1/2x frequency synchronous signals. The differential inputs have special circuitry which ensures device stability under open input conditions. When both differential inputs are left open the D input will pull down to VEE, The D input will bias around VCC/2 and the Q output will go LOW.
* * * * * *
Differential Inputs and Outputs 20-Lead SOIC Packaging 700ps Typical Propagation Delays 50ps Output-Output Skews Low Voltage 100K ECL >2000V ESD Protection
DW SUFFIX 20-LEAD PLASTIC SOIC WIDE PACKAGE CASE 751D-04
NC 20
Q0 19
Q0 18
Q1 17
Q1 16
Q2 15
Q2 14
Q3 13
Q3 12
NC 11
PIN NAMES
Pins Qna, Qna CLKn, CLKn Clk_Sel MR Function Differential Clock Outputs Differential Clock Inputs Input Clock Selection `0' Selects CLK0; `1` Selects CLK1 Asynchronous Master Reset `1' Resets Dividers
/1 /2
1 NC
2
3
4
5
6
7
8 MR
9 VEE
10 NC
VCC CLK0 CLK0 Clk_Sel CLK1 CLK1
Figure 1. 20-Lead Pinout (Top View)
MC100LVEL37 DC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = GND)
-40C Symbol IEE IIH IINL Characteristic Power Supply Current Input HIGH Current Input LOW Current CLKn CLKn 0.5 -300 Min Typ 38 150 0.5 -300 Max Min 0C Typ 38 150 0.5 -300 Max Min 25C Typ 38 150 0.5 -300 Max Min 85C Typ 38 150 Max Unit mA A A
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice. 5/97
(c) Motorola, Inc. 1997
4-1
REV 0
MC100LVEL37
MC100LVEL37 AC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = GND)
-40C Symbol tPLH tPHL Characteristic Propagation Delay CLKQ/Q Clk_SelQ MRQ Output-Output Skew Duty Cycle Skew |tPLH-tPHL| Minimum Input Swing (Note 1.) Common Mode Range (Note 2.) VPP < 500mV VPP 500mV 150 Min Typ 700 800 800 50 50 1000 150 Max Min 0C Typ 700 800 800 50 50 1000 150 Max Min 25C Typ 700 800 800 50 50 1000 150 Max Min 85C Typ 700 800 800 50 50 1000 mV V -2.0 -1.8 -0.4 -0.4 -2.1 -1.9 -0.4 -0.4 -2.1 -1.9 -0.4 -0.4 -2.1 -1.9 -0.4 -0.4 ps ps Max Unit ps
tsk(O) tsk(DC) VPP VCMR
tr Output Rise/Fall Times Q 230 500 230 500 230 500 230 500 ps tf (20% - 80%) 1. Minimum input swing for which AC parameters guaranteed. The device has a DC gain of 40. 2. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -3.3V. Note for PECL operation, the VCMR(min) will be fixed at 3.3V - |VCMR(min)|.
MOTOROLA
4-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100LVEL37
OUTLINE DIMENSIONS
-A-
20 11
DW SUFFIX PLASTIC SOIC WIDE PACKAGE CASE 751D-04 ISSUE E
-B-
1 10
10X
P 0.010 (0.25)
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029
20X
D
M
0.010 (0.25)
TA
S
B
J
S
F R X 45 _ C -T-
18X SEATING PLANE
G
K
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
ECLinPS and ECLinPS Lite DL140 -- Rev 3 4-3
MC100LVEL37/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100LVEL37

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X