Part Number Hot Search : 
STK4703 PFW3502 BC846 PSAK75 1030A 1N651013 RA23181 D75AS09
Product Description
Full Text Search
 

To Download MC100LVE222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC100LVE222
Low Voltage 1:15 Differential
/1//2
ECL/PECL
Clock Driver
The MC100LVE222 is a low skew 1:15 differential /1//2 ECL fanout buffer designed with clock distribution in mind. The LVECL/LVPECL input signal pairs can be differential or used single-ended (with VBB output reference bypassed and connected to the unused input of a pair). Either of two fully differential clock inputs may be selected. Each of the four output banks of 2, 3, 4, and 6 differential pairs may be independently configured to fanout 1X or 1/2X of the input frequency. The LVE222 specifically guarantees low output to output skew. Optimal design, layout, and processing minimize skew within a device and from lot to lot. The fsel pins and CLK_Sel pin are asynchronous control inputs. Any changes may cause indeterminate output states requiring a MR pulse to resynchronize any 1/2X outputs. To ensure that the tight skew specification is realized, both sides of any differential output pair need to be terminated identically even if only one side is being used. When fewer than all fifteen pairs are used, identically terminate all the output pairs on the same package side whether used or unused. If no outputs on a side are used, then leave all these outputs open (unterminated). This will maintain minimum output skew. Failure to do this will result in a 10-20ps loss of skew margin (propagation delay) in the output(s) in use. The MC100LVE222, as with most ECL devices, can be operated from a positive VCC supply in PECL mode. This allows the LVE222 to be used for high performance clock distribution in +3.3V systems. Designers can take advantage of the LVE222's performance to distribute low skew clocks across the backplane or the board. In a PECL environment series or Thevenin line, terminations are typically used as they require no additional power supplies. All power supply pins must be connected. For more information on using PECL, designers should refer to Application Note AN1406/D. For a SPICE model, see Application Note AN1560/D. * 200ps Part-to-Part Skew * 50ps Output-to-Output Skew * Selectable 1x or 1/2x Frequency Outputs * Extended Power Supply Range of -3.0V to -5.25V (+3.0V to +5.25V) * 52-Lead TQFP Packaging * ESD > 2000V * Moisture Sensitivity Level 2, For Additional Information, See Application Note AND8003/D * Flammability Rating: UL-94 code V-0 @ 1/8", Oxygen Index 28 to 34 * Transistor Count = 684 devices
http://onsemi.com
TQFP FA SUFFIX CASE 848D
MARKING DIAGRAM*
MC100LVE 222 AWLYYWW 32 1
A WL YY WW
= Assembly Location = Wafer Lot = Year = Work Week
*For additional information, see Application Note AND8002/D
ORDERING INFORMATION
Device MC100LVE222FA MC100LVE222FAR2 Package TQFP TQFP Shipping 800 Units/Tray 1500 Tape & Reel
(c) Semiconductor Components Industries, LLC, 1999
1
February, 2000 - Rev. 2
Publication Order Number: MC100LVE222/D
MC100LVE222
Pinout: 52-Lead TQFP (Top View)
VCCO VCCO VCCO 27 26 25 24 23 22 21 Qd0 Qd0 Qd1 Qd1 Qd2 Qd2 Qd3 Qd3 Qd4 Qd4 Qd5 Qd5 VCCO 20 19 18 17 16 15 14 1 2 3 4 5 6 7 8 9 10 11 12 13 VEE Qc0 Qc0 Qc1 Qc1 Qc2 Qc2 Qc3 Qc3 NC 29 fselc NC 28 fseld
39 VCCO Qb2 Qb2 Qb1 Qb1 Qb0 Qb0 VCCO Qa1 Qa1 Qa0 Qa0 VCCO 40 41 42 43 44 45 46 47 48 49 50 51 52
38
37
36
35
34
33
32
31
30
MC100LVE222
CLK_Sel
CLK0
CLK0
CLK1
CLK1 Qa0:1 Qa0:1
VCC
MR
fsela
LOGIC SYMBOL
MR CLK0 CLK0 CLK1 CLK1 CLK_Sel VBB fsela 3 Qb0:2 Qb0:2 /1 /2 2
fselb
VBB
FUNCTION TABLE
Function Input MR CLK_Sel fseln 0 Active CLK0 /1 1 Reset CLK1 /2
fselb 4 Qc0:3 Qc0:3
fselc 6 Qd0:5 Qd0:5
fseld
http://onsemi.com
2
MC100LVE222
CLK
RESET
Q
Figure MAXIMUM RATINGS*
Symbol VEE VI Iout TA Power Supply (VCC = 0V) Input Voltage (VCC = 0V) Output Current Operating Temperature Range Parameter
1. Timing Diagram
Value -8.0 to 0 0 to -6.0 Continuous Surge 50 100 -40 to +85
Unit VDC VDC mA C
* Maximum Ratings are those values beyond which damage to the device may occur.
ECL DC CHARACTERISTICS
-40C Symbol VOH VOL VIH VIL VBB VEE IIH IIL IEE Characteristic Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Output Reference Voltage Power Supply Voltage Input HIGH Current Input CLK0, CLK1 LOW Current Others Power Supply Current -300 0.5 122 136 Min -1.085 -1.830 -1.165 -1.810 -1.38 -3.0 Typ -1.005 -1.695 Max -0.880 -1.555 -0.880 -1.475 -1.26 -5.25 150 -300 0.5 122 136 Min -1.025 -1.810 -1.165 -1.810 -1.38 -3.0 0C Typ -0.955 -1.705 Max -0.880 -1.620 -0.880 -1.475 -1.26 -5.25 150 -300 0.5 122 136 Min -1.025 -1.810 -1.165 -1.810 -1.38 -3.0 25C Typ -0.955 -1.705 Max -0.880 -1.620 -0.880 -1.475 -1.26 -5.25 150 -300 0.5 125 139 Min -1.025 -1.810 -1.165 -1.810 -1.38 -3.0 70C Typ -0.955 -1.705 Max -0.880 -1.620 -0.880 -1.475 -1.26 -5.25 150 Unit V V V V V V A A mA
PECL DC CHARACTERISTICS
-40C Symbol VOH VOL VIH VIL VBB VCC IIH IIL IEE Characteristic Output HIGH Voltage1. Output LOW Voltage1. Min 2.215 1.470 2.135 1.490 1.92 3.0 Typ 2.295 1.605 Max 2.420 1.745 2.420 1.825 2.04 5.25 150 -300 0.5 122 136 -300 0.5 122 136 Min 2.275 1.490 2.135 1.490 1.92 3.0 0C Typ 2.345 1.595 Max 2.420 1.680 2.420 1.825 2.04 5.25 150 -300 0.5 122 136 Min 2.275 1.490 2.135 1.490 1.92 3.0 25C Typ 2.345 1.595 Max 2.420 1.680 2.420 1.825 2.04 5.25 150 -300 0.5 125 139 Min 2.275 1.490 2.135 1.490 1.92 3.0 70C Typ 2.345 1.595 Max 2.420 1.680 2.420 1.825 2.04 5.25 150 Unit V V V V V V A A mA
Input HIGH Voltage1. Input LOW Voltage1. Output Reference Voltage1. Power Supply Voltage Input HIGH Current Input CLK0, CLK1 LOW Current Others Power Supply Current
1. These values are for VCC = 3.3V. Level Specifications will vary 1:1 with VCC.
http://onsemi.com
3
MC100LVE222
ECL AC CHARACTERISTICS (VEE = VEE (min) to VEE (max); VCC = VCCO = GND)
-40C Symbol tPLH tPHL Characteristic Propagation Delay to Output IN (differential) IN (single-ended) MR Within-Device Skew Part-to-Part Skew (Diff) Minimum Input Swing Common Mode Range VPP < 500mV VPP 500mV tr/tf Output Rise/Fall Time 400 VEE +1.3 VEE +1.6 200 -0.4 -0.4 600 Min
1040 990 1100
0C Max
1240 1290 1400
25C Max
1260 1310 1430
70C Max
1280 1330 1470
Typ
1140 1140 1250
Min
1060 1010 1130
Typ
1160 1160 1280
Min
1080 1030 1170
Typ
1180 1180 1320
Min
1120 1070 1220
Typ
1220 1220 1370
Max
1320 1370 1520
Unit ps
Condition Note 1. Note 2.
tskew VPP VCMR
50 200 400 VEE +1.2 VEE +1.5 200
50 200 400 -0.4 -0.4 600 VEE +1.2 VEE +1.5 200
50 200 400 -0.4 -0.4 600 VEE +1.2 VEE +1.5 200
50 200
ps mV V
Note 3. Note 4. Note 5.
-0.4 -0.4 600 ps 20%-80%
1. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the differential output signals. 2. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal. 3. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device. 4. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited for the LVE222. A differential input as low as 50 mV will still produce full ECL levels at the output. 5. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).
PECL AC CHARACTERISTICS (VEE = GND; VCC = VCCO = VCC (min) to VCC (max))
-40C Symbol tPLH tPHL Characteristic Propagation Delay to Output IN (differential) IN (single-ended) MR Within-Device Skew Part-to-Part Skew (Diff) Minimum Input Swing Common Mode Range VPP < 500mV VPP 500mV tr/tf Output Rise/Fall Time 400 1.3 1.6 200 VCC -0.4 VCC -0.4 600 Min
1040 990 1100
0C Max
1240 1290 1400
25C Max
1260 1310 1430
70C Max
1280 1330 1470
Typ
1140 1140 1250
Min
1060 1010 1130
Typ
1160 1160 1280
Min
1080 1030 1170
Typ
1180 1180 1320
Min
1120 1070 1220
Typ
1220 1220 1370
Max
1320 1370 1520
Unit ps
Condition Note 1. Note 2.
tskew VPP VCMR
50 200 400 1.2 1.5 200
50 200 400 VCC -0.4 VCC -0.4 600 1.2 1.5 200
50 200 400 VCC -0.4 VCC -0.4 600 1.2 1.5 200
50 200
ps mV V
Note 3. Note 4. Note 5.
VCC -0.4 VCC -0.4 600 ps 20%-80%
1. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the differential output signals. 2. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal. 3. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device. 4. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited for the LVE222. A differential input as low as 50 mV will still produce full ECL levels at the output. 5. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).
http://onsemi.com
4
MC100LVE222
PACKAGE DIMENSIONS
FA SUFFIX TQFP PACKAGE CASE 848D-03 ISSUE C
4X
-X- X=L, M, N
4X TIPS
0.20 (0.008) H L-M N
0.20 (0.008) T L-M N
C L AB G
52 1
40 39
AB VIEW Y -M- B V
PLATING
3X VIEW
Y
-L-
F
BASE METAL
B1
13 14 26 27
J V1
0.13 (0.005)
A1 S1 A S
-N-
SECTION AB-AB
ROTATED 90_ CLOCKWISE
C -H- -T-
SEATING PLANE
4X
2 0.10 (0.004) T
4X
3 VIEW AA
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DATUM PLANE -H- IS LOCATED AT BOTTOM OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE PLASTIC BODY AT THE BOTTOM OF THE PARTING LINE. 4. DATUMS -L-, -M- AND -N- TO BE DETERMINED AT DATUM PLANE -H-. 5. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE -T-. 6. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 (0.010) PER SIDE. DIMENSIONS A AND B DO INCLUDE MOLD MISMATCH AND ARE DETERMINED AT DATUM PLANE -H-. 7. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED 0.46 (0.018). MINIMUM SPACE BETWEEN PROTRUSION AND ADJACENT LEAD OR PROTRUSION 0.07 (0.003). MILLIMETERS MIN MAX 10.00 BSC 5.00 BSC 10.00 BSC 5.00 BSC --- 1.70 0.05 0.20 1.30 1.50 0.20 0.40 0.45 0.75 0.22 0.35 0.65 BSC 0.07 0.20 0.50 REF 0.08 0.20 12.00 BSC 6.00 BSC 0.09 0.16 12.00 BSC 6.00 BSC 0.20 REF 1.00 REF 0_ 7_ --- 0_ 12 _ REF 5_ 13 _ INCHES MIN MAX 0.394 BSC 0.197 BSC 0.394 BSC 0.197 BSC --- 0.067 0.002 0.008 0.051 0.059 0.008 0.016 0.018 0.030 0.009 0.014 0.026 BSC 0.003 0.008 0.020 REF 0.003 0.008 0.472 BSC 0.236 BSC 0.004 0.006 0.472 BSC 0.236 BSC 0.008 REF 0.039 REF 0_ 7_ --- 0_ 12 _ REF 5_ 13 _
0.05 (0.002)
S
W 1 C2
2 X R R1
0.25 (0.010)
GAGE PLANE
K C1 E Z
VIEW AA
DIM A A1 B B1 C C1 C2 D E F G J K R1 S S1 U V V1 W Z 1 2 3
http://onsemi.com
5
EEEE CCCC EEEE CCCC EEEE
M
U
D T L-M
S
N
S
MC100LVE222
Notes
http://onsemi.com
6
MC100LVE222
Notes
http://onsemi.com
7
MC100LVE222
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC100LVE222/D


▲Up To Search▲   

 
Price & Availability of MC100LVE222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X