Part Number Hot Search : 
TLE6250 CDLL969B V470M JM11403 N87C196K ACM1602 UPA1707 BZX79C30
Product Description
Full Text Search
 

To Download MC100H606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Registered Hex TTL/PECL Translator
The MC10/100H606 is a 6-bit, registered, single supply TTL to PECL translator. The device features differential PECL outputs as well as a choice between either a differential PECL clock input or a TTL clock input. The asynchronous master reset control is a PECL level input. With its differential PECL outputs and TTL inputs the H606 device is ideally suited for the transmit function of a HPPI bus type board-to-board interface application. The on chip registers simplify the task of synchronizing the data between the two boards. The device is available in either ECL standard: the MECLTM 10H device is compatible with MECL 10KH logic levels, with a VCC of +5 volts; while the 100H device is compatible with 100K logic levels, with a VCC of +5 volts. * * * * Differential 50 ECL Outputs Choice Between Differential PECL or TTL Clock Input Single Power Supply Multiple Power and Ground Pins to Minimize Noise
MC10H606 MC100H606
FN SUFFIX PLASTIC PACKAGE CASE 776-02
PIN NAMES
PIN FUNCTION TTL Data Inputs Differential PECL Clock Input TTL Clock Input PECL Master Reset Input True PECL Outputs Inverted PECL Outputs PECL VCC (+5.0V) TTL VCC (+5.0V) TTL/PECL Ground
LOGIC SYMBOL
1 OF 6 BITS Qn Qn
Dn
D
Q
D0-D5 CLK, CLK TCLK MR Q0-Q5 Q0-Q5 VCCE VCCT GND
TRUTH TABLE
Dn MR L L H TCLK/CLK Z Z X Qn+1 L H L
CLK R
L H X
Z = LOW to HIGH Transition
CLK CLK TCLK
*
Pinout: 28-Lead PLCC (Top View)
D1 D2 VCCT D3
25 24 23 22
D4
21
D5 VCCE
20 19 18 17 16 15
MR VBB
D0 TCLK VBB CLK
26 27 28
Q5 Q5 Q4 Q4 VCCE Q3 Q3
*
1. When using PECL inputs, TCLK must be tied to ground (0V). 2. When using only one PECL input, the unused PECL input must be tied to VBB, and TCLK must be tied to ground (0V). 3. When using TCLK, both PECL inputs must be tied to ground (0V).
CLK MR VCCE
2 3 4 5 6 7 8 9 10 11
14 13 12
Q0 Q0 GND Q1 Q1 Q2
Q2
MECL 10H is a trademark of Motorola, Inc.
9/96
(c) Motorola, Inc. 1996
2-311
REV 1
MC10H606 MC100H606
DC CHARACTERISTICS (VCCT = VCCE = 5.0V 5%)
Symbol ICCTL ICCTH IGND Characteristic Supply Current Supply Current Supply Current Min TA = 0C Typ Max 18 13 75 30 25 90 Min TA = + 25C Typ Max 18 13 75 30 25 90 Min TA = + 85C Typ Max 18 13 75 30 25 95 Unit mA mA mA Condition Outputs LOW Outputs HIGH
TTL DC CHARACTERISTICS (VCCT = VCCE = 5.0V 5%)
TA = 0C Symbol VIH VIL VIK IIH IIL Characteristic Input HIGH Voltage Input LOW Voltage Input Clamp Voltage Input HIGH Current Input LOW Current Min 2.0 0.8 -1.2 20 100 -0.6 Max TA = 25C Min 2.0 0.8 -1.2 20 100 -0.6 Max TA = 85C Min 2.0 0.8 -1.2 20 100 -0.6 Max Unit V V V V mA IIN = -18mA VIN = 2.7V VIN = 7.0V VIN = 0.5V Condition
10H PECL DC CHARACTERISTICS (VCCT = VCCE = 5.0V 5%)
TA = 0C Symbol IINH IINL VIH VIL VOH VOL Characteristic Input HIGH Current Input LOW Current Input HIGH Voltage (Note 1.) Input LOW Voltage (Note 1.) Output HIGH Voltage (Note 1.) Output LOW Voltage (Note 1.) 3830 3050 3980 3050 Min Max 255 0.5 4160 3520 4160 3370 3870 3050 4020 3050 TA = 25C Min Max 145 0.5 4190 3520 4190 3370 3930 3050 4080 3050 TA = 85C Min Max 145 0.5 4280 3555 4270 3400 Unit A A mV mV mV mV mV VCCT = 5.0V VCCT = 5.0V VCCT = 5.0V VCCT = 5.0V VCCT = 5.0V Condition
VBB Output Bias Voltage (Note 1.) 3600 3710 3630 3730 3670 3790 1. PECL VIL, VIH, VOL, VOH VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with the power supply.
100H PECL DC CHARACTERISTICS (VCCT = VCCE = 5.0V 5%)
TA = 0C Symbol IINH IINL VIH VIL VOH VOL Characteristic Input HIGH Current Input LOW Current Input HIGH Voltage (Note 1.) Input LOW Voltage (Note 1.) Output HIGH Voltage (Note 1.) Output LOW Voltage (Note 1.) 3835 3190 3975 3190 Min Max 255 0.5 4120 3525 4120 3380 3835 3190 3975 3190 TA = 25C Min Max 145 0.5 4120 3525 4120 3380 3835 3190 3975 3190 TA = 85C Min Max 145 0.5 4120 3525 4120 3380 Unit A A mV mV mV mV mV VCCT = 5.0V VCCT = 5.0V VCCT = 5.0V VCCT = 5.0V VCCT = 5.0V Condition
VBB Output Bias Voltage (Note 1.) 3600 3720 3600 3720 3600 3720 1. PECL VIL, VIH, VOL, VOH VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with the power supply.
MOTOROLA
2-312
MECL Data DL122 -- Rev 6
MC10H606 MC100H606
AC CHARACTERISTICS (VCCT = VCCE = 5.0V 5%)
Symbol tPD tPD tPD tPD tPD tSKEW Characteristic Propagation Delay TCLK++ Propagation Delay TCLK+- Propagation Delay CLK++ Propagation Delay CLK+- Propagation Delay MR+- Device Skew Part-to-Part Within Device Setup Time Hold Time Minimum Pulse Width CLK Minimum Pulse Width MR Rise Time Fall Time Reset/Recovery Time 2.5 2.0 1.5 1.5 1.5 1.5 2.0 2.0 2.5 0.5 0.5 Min 1.75 1.75 1.50 1.50 1.50 TA = 0C Typ Max 3.75 3.75 3.50 3.50 3.50 Min TA = + 25C Typ Max 3.00 3.00 2.50 2.50 2.50 3.75 3.75 3.50 3.50 3.50 Min TA = + 85C Typ Max 3.75 3.75 3.50 3.50 3.75 Unit ns ns ns ns ns ns 2.0 0.5 1.5 1.5 1.5 1.5 1.0 1.0 2.0 2.0 2.0 2.5 2.0 1.0 0.3 0.5 0.5 1.0 2.0 0.5 1.5 1.5 1.5 1.5 2.0 2.0 0.5 0.5 2.0 0.5 ns ns ns ns ns ns ns CL = 50pF CL = 50pF CL = 50pF CL = 50pF CL = 50pF CL = 50pF CL = 50pF Condition CL = 50pF CL = 50pF CL = 50pF CL = 50pF CL = 50pF CL = 50pF
1.75 1.75 1.50 1.50 1.50
1.75 1.75 1.50 1.50 1.75
tS tH tPW tPW tr tf tRES/REC
MECL Data DL122 -- Rev 6
2-313
MOTOROLA
MC10H606 MC100H606
OUTLINE DIMENSIONS
FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE D
B -N- Y BRK U D Z -L- -M- 0.007 (0.180)
M
0.007 (0.180)
M
T L-M
S
N
S S
T L-M
N
S
W
28 1
D
X VIEW D-D
G1
0.010 (0.250)
S
T L-M
S
N
S
V
A Z R C
0.007 (0.180) 0.007 (0.180)
M
T L-M T L-M
S
N N
S
H
0.007 (0.180)
M
T L-M
S
N
S
M
S
S
E 0.004 (0.100) G G1 0.010 (0.250)
S
K1
J
-T- VIEW S
SEATING PLANE
K F VIEW S 0.007 (0.180)
M
T L-M
S
N
S
T L-M
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10_ 0.410 0.430 0.040 ---
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10_ 10.42 10.92 1.02 ---
MOTOROLA
2-314
MECL Data DL122 -- Rev 6
MC10H606 MC100H606
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MECL Data DL122 -- Rev 6 2-315
*MC10H606/D*
MC10H606/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100H606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X