Part Number Hot Search : 
0B6TR 1N4741 2SD14 RT9361A 402ML TDA9105 2SD1902 MPC564
Product Description
Full Text Search
 

To Download MC100H603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
9-Bit Latch ECL/TTL Translator
The MC10H/100H603 is a 9-bit, dual supply ECL to TTL translator. Devices in the Motorola 9-bit translator series utilize the 28-lead PLCC for optimal power pinning, signal flow-through and electrical performance. The devices feature a 48 mA TTL output stage, and AC performance is specified into both a 50 pF and 200 pF load capacitance. Latching is controlled by Latch Enable (LEN), and Master Reset (MR) resets the latches. A HIGH on OEECL sends the outputs into the high impedance state. All control inputs are ECL level. The 10H version is compatible with MECL 10H ECL logic levels. The 100H version is compatible with 100K levels. * * * * * * * 9-Bit Ideal for Byte-Parity Applications 3-State TTL Outputs Flow-Through Configuration Extra TTL and ECL Power Pins to Minimize Switching Noise Dual Supply 6.0 ns Max Delay into 50 pF, 12 ns into 200 pF (all outputs switching) PNP TTL Inputs for Low Loading
MC10H603 MC100H603
FN SUFFIX PLASTIC PACKAGE CASE 776-02
PIN NAMES
PIN GND VCCE VCCT VEE D0 - D8 Q0 - Q8 OEECL LEN MR FUNCTION TTL Ground (0 V) ECL VCC (0 V) TTL Supply (+ 5.0 V) ECL Supply (- 5.2 / - 4.5 V) Data Inputs (ECL) Data Outputs (TTL) 3-State Control (ECL) Latch Enable (ECL) Master Reset (ECL)
LOGIC SYMBOL
OEECL D0 DQ EN DQ EN DQ EN DQ EN DQ EN DQ EN DQ EN DQ EN DQ EN Q0
TRUTH TABLE
D LEN L L H X X MR L L L H X OEECL L L L L H Q L H Q0 L Z
D1
Q1
D2
Q2
L H X X X
D3
Q3
Pinout: 28-Lead PLCC (Top View)
Q4 TTL
Q4 Q3
26 27 28
ECL
D4
Q5 GND VCCT Q6 GND Q7 Q8
25 24 23 22 21 20 19 18 17 16 15 2 3 4 5 6 7 8 9 10 11 14 13 12
D5
Q5
D8 D7 VCCE D6 D5 D4 D3
D6
Q6
VCCT Q2
D7
Q7
GND Q1
D8 LEN MR
Q8
Q0
MR LEN OEECL VEE D0 D1
D2
3/93
(c) Motorola, Inc. 1996
2-311
REV 5
MC10H603 MC100H603
DC CHARACTERISTICS: VCCT = 5.0 V 10%; VEE = - 5.2 V 5% (10H version); VEE = - 4.2 V to - 5.5 V (100H version)
0C Symbol S bl IEE ICCH ICCL ICCZ IOS IOZH IOZL Output Short Circuit Current Output Disable Current HIGH LOW Parameter P Power Supply Current ECL TTL Min - 45 80 80 80 -100 Max - 63 110 110 110 - 225 50 - 50 Min - 45 80 80 80 -100 25C Max - 64 110 110 110 - 225 50 - 50 Min - 45 80 80 80 -100 75C Max - 68 110 110 110 - 225 50 - 50 Unit Ui mA mA mA mA mA A A VOUT = 0 V VOUT = 2.7 V VOUT = 0.5 V Condition C di i
AC CHARACTERISTICS: VCCT = 5.0 V 10%; VEE = - 5.2 V 5% (10H version); VEE = - 4.2 V to - 5.5 V (100H version)
0C Symbol S bl tPLH tPHL Parameter P Propagation Delay to Output D LEN MR ts th tw(L) tPLZ tPHZ tPZL tPZH tR tF Set-Up Time, D to LEN Hold Time, D to LEN LEN Pulse Width, LOW Output Disable Time Output Enable Time Output Rise/Fall Time 1.0 V - 2.0 V Min 3.0 6.4 3.5 7.0 3.0 6.0 1.5 0.8 2.0 2.5 4.2 2.0 4.0 0.2 0.2 6.5 13 5.0 10 1.2 3.0 Max 6.0 12 6.5 13 6.0 12 Min 3.0 6.4 3.5 7.0 3.0 6.0 1.5 0.8 2.0 2.5 4.2 2.0 4.0 0.2 0.2 6.5 13 5.0 10 1.2 3.0 25C Max 6.0 12 6.5 13 6.0 12 Min 3.0 6.4 3.5 7.0 3.0 6.0 1.5 0.8 2.0 2.5 4.2 2.0 4.0 0.2 0.2 6.5 13 5.0 10 1.2 3.0 75C Max 6.0 12 6.5 13 6.0 12 Unit Ui ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns CL = 50 pF CL = 200 pF CL = 50 pF CL = 200 pF CL = 50 pF CL = 200 pF Condition C di i CL = 50 pF CL = 200 pF CL = 50 pF CL = 200 pF CL = 50 pF CL = 200 pF
MOTOROLA
2-312
MECL Data DL122 -- Rev 6
MC10H603 MC100H603
10H ECL DC CHARACTERISTICS: VCCT = 5.0 V 10%; VEE = - 5.2 V 5%
0C Symbol S bl IIH IIL VIH VIL Parameter P Input HIGH Current Input LOW Current Input HIGH Voltage Input LOW Voltage Min 0.5 -1170 -1950 - 840 -1480 Max 225 0.5 -1130 -1950 - 810 -1480 Min 25C Max 145 0.5 -1070 -1950 - 735 -1450 Min 75C Max 145 Unit Ui A A mV Condition C di i
100H ECL DC CHARACTERISTICS: VCCT = 5.0 V 10%; VEE = - 4.2 V to - 5.5 V
0C Symbol S bl IIH IIL VIH VIL Parameter P Input HIGH Current Input LOW Current Input HIGH Voltage Input LOW Voltage Min 0.5 -1165 -1810 - 880 -1475 Max 225 0.5 -1165 -1810 - 880 -1475 Min 25C Max 145 0.5 -1165 -1810 - 880 -1475 Min 75C Max 145 Unit Ui A A mV Condition C di i
TTL DC CHARACTERISTICS: VCCT = 5.0 V 10%; VEE = - 5.2 V 5% (10H version); VEE = - 4.2 V to - 5.5 V (100H version)
0C Symbol S bl VIH VIL IIH IIL VIK VOH VOL Parameter P Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Input Clamp Voltage Output HIGH Voltage Output LOW Voltage 2.5 2.0 0.55 Min 2.0 0.8 20 100 - 0.6 -1.2 2.5 2.0 0.55 Max Min 2.0 0.8 20 100 - 0.6 -1.2 2.5 2.0 0.55 25C Max Min 2.0 0.8 20 100 - 0.6 -1.2 75C Max Unit Ui V V A mA V V V V VIN = 2.7 V VIN = 7.0 V VIN = 0.5 V IIN = -18 mA IOH = - 3.0 mA IOH = -15 mA IOL = 48 mA Condition C di i
MECL Data DL122 -- Rev 6
2-313
MOTOROLA
MC10H603 MC100H603
OUTLINE DIMENSIONS
FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE D
B -N- Y BRK U D Z -L- -M- 0.007 (0.180)
M
0.007 (0.180)
M
T L-M
S
N
S S
T L-M
N
S
W
28 1
D
X VIEW D-D
G1
0.010 (0.250)
S
T L-M
S
N
S
V
A Z R C
0.007 (0.180) 0.007 (0.180)
M
T L-M T L-M
S
N N
S
H
0.007 (0.180)
M
T L-M
S
N
S
M
S
S
E 0.004 (0.100) G G1 0.010 (0.250)
S
K1
J
-T- VIEW S
SEATING PLANE
K F VIEW S 0.007 (0.180)
M
T L-M
S
N
S
T L-M
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10_ 0.410 0.430 0.040 ---
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10_ 10.42 10.92 1.02 ---
MOTOROLA
2-314
MECL Data DL122 -- Rev 6
MC10H603 MC100H603
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MECL Data DL122 -- Rev 6 2-315
*MC10H603/D*
MC10H603/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100H603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X