Part Number Hot Search : 
PCA9552 MBR690 RT9184 4026BEY OPB702 LD7710 MAX1586 MJD42
Product Description
Full Text Search
 

To Download MB15E03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
DS04-21340-2E
ASSP
Single Serial Input PLL Frequency Synthesizer
On-Chip 1.2 GHz Prescaler
MB15E03
s DESCRIPTION
The Fujitsu MB15E03 is serial input Phase Locked Loop (PLL) frequency synthesizer with a 1.2 GHz prescaler. A 64/65 or a 128/129 can be selected for the prescaler that enables pulse swallow operation. The latest BiCMOS process technology is used, resuItantly a supply current is limited as low as 3.5 mA typ. This operates with a supply voltage of 3.0 V (typ.). Furthermore, a super charger circuit is included to get a fast tuning as well as low noise performance. As a result of this, MB15E03 is ideally suitable for digital mobile communications, such as GSM (Global System for Mobile Communications).
s FEATURES
* * * * * * * High frequency operation: 1.2 GHz max Low power supply voltage: VCC = 2.7 to 3.6 V Very Low power supply current : ICC = 3.5 mA typ. (VCC = 3 V) Power saving function : IPS = 0.1 A typ. Pulse swallow function: 64/65 or 128/129 Serial input 14-bit programmable reference divider: R = 5 to 16,383 Serial input 18-bit programmable divider consisting of: - Binary 7-bit swallow counter: 0 to 127 - Binary 11-bit programmable counter: 5 to 2,047 * Wide operating temperature: Ta = -40 to 85C * Plastic 16-pin SSOP package (FPT-16P-M05) and 16-pin BCC package (LCC-16P-M02)
s PACKAGES
16-pin, Plastic SSOP 16-pin, Plastic BCC
(FPT-16P-M05)
(LCC-16P-M02)
This device contains circuitry to protect the inputs against damage due to high static voltages or electroc fields. However, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit.
MB15E03
s PIN ASSIGNMENTS
SSOP-16 pin
OSCin OSCout Vp Vcc Do GND Xfin fin
1 2 3 4
16 15 14
R P LD/fout ZC PS LE Data Clock
TOP 13 VIEW 5 12 6 7 8 11 10 9
(FPT-16P-M05) BCC-16 pin
OSCin OSCout VP VCC Do GND Xfin 1 2 3 4 5 6 7 fin 8 TOP VIEW 16 15
R 14 13 12 11 10 9 P LD/fout ZC PS LE Data
Clock
(LCC-16P-M02)
2
MB15E03
s PIN DESCRIPTIONS
Pin no. SSOP 1 BCC 16 Pin name I/O Descriptions Programmable reference divider input. Oscillator input. Connection for an crystal or a TCXO. TCXO should be connected with a coupling capacitor. Oscillator output. Connection for an external crystal. Power supply voltage input for the charge pump. Power supply voltage input. Charge pump output. Phase of the charge pump can be reversed by FC bit. Ground. Prescaler complementary input, and should be grounded via a capacitor. Prescaler input. Connection with an external VCO should be done with AC coupling. Clock input for the 19-bit shift register. Data is shifted into the shift register on the rising edge of the clock. (Open is prohibited.) Serial data input using binary code. The last bit of the data is a control bit. (Open is prohibited.) Control bit = "H" ; Data is transmitted to the programmable reference counter. Control bit = "L" ; Data is transmitted to the programmable counter. Load enable signal input (Open is prohibited.) When LE is high, the data in the shift register is transferred to a latch, according to the control bit in the serial data. Power saving mode control. This pin must be set at "L" at PowerON. (Open is prohibited.) PS = "H" ; Normal mode PS = "L" ; Power saving mode Forced high-impedance control for the charge pump (with internal pull up resistor.) ZC = "H" ; Normal Do output. ZC = "L" ; Do becomes high impedance. Lock detect signal output(LD)/phase comparator monitoring output (fout). The output signal is selected by LDS bit in the serial data. LDS = "H" ; outputs fout (fr/fp monitoring output) LDS = "L" ; outputs LD ("H" at locking, "L" at unlocking.) Phase comparator output for an external charge pump. Nch open drain output. Phase comparator output for an external charge pump. CMOS output. 3
OSCIN
I
2 3 4 5 6 7 8 9
1 2 3 4 5 6 7 8
OSCOUT VP VCC DO GND Xfin fin Clock
O - - O - I I I
10
9
Data
I
11
10
LE
I
12
11
PS
I
13
12
ZC
I
14
13
LD/fout
O
15 16
14 15
P R
O O
MB15E03
s BLOCK DIAGRAM
OSCIN 1
fr
Crystal Oscillator circuit
OSCOUT 2
fp
Programmable reference divider
Binary 14-bit reference counter fr LD
Phase comparator
16 R
15 P
Lock detector
PS 12
Intermittent mode control (power save)
LE
SW LDS
17-bit latch
FC
14-bit latch 1-bit control latch
3-bit latch
fp
LD/fr/fp selector
14 LD/fout
LE 11
19-bit shift register
Data 10
C N T
19-bit shift register
Charge pump
13 ZC 3 VP
Clock 9
Super charger
LE
5 DO
18-bit latch 7-bit latch 11-bit latch
SW
Programmable divider
XfIN 7 fIN 8
Prescaler 64/65, 128/129
Binary 7-bit swallow counter
Binary 11-bit programmable counter
fp
GND 6
VCC 4
MD
Control Cir-
Note: SSOP-16 pin
4
MB15E03
s ABSOLUTE MAXIMUM RATINGS
Parameter Power supply voltage Input voltage Output voltage Storage temperature Symbol VCC VP VI VO Tstg Rating -0.5 to +4.0 VCC to +6.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 -55 to +125 Unit V V V V C Remark
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
Parameter Power supply voltage Input voltage Operating temperature Symbol VCC VP VI Ta Value Min. 2.7 VCC GND -40 Typ. 3.0 - - - Max. 3.6 6.0 VCC +85 Unit V V V C Remark
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor device. All the device's electrical characteristics are warranted when operated within these ranges. Always yse semiconductor devices within the recommended operating conditions. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with repect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representative beforehand.
5
MB15E03
s ELECTRICAL CHARACTERISTICS
(VCC = 2.7 to 3.6 V, Ta = -40 to +85C) Value Unit Min. Typ. Max. - - 100 min. 500 mVp-p 50 system (Refer to the test circuit.) 3 -10 500 Vcc x 0.7 - -1.0 -1.0 -1.0 Pull up input -100 0 -100 Open drain output VCC = 3 V, IOH = -1 mA VCC = 3 V, IOL = 1 mA VCC = 3 V, IDOH = -1 mA VCC = 3 V, IDOL = 1 mA VCC = 3 V, Vp = 6 V Voop = GND to 6 V - Vcc - 0.4 - Vp - 0.4 - - 1.0 - 1.0 VCC = 3.0 V, Vp = 5 V, VDOH = 4.0 V Ta = 25C VCC = 3.0 V, Vp = 5 V, VDOL = 1.0 V Ta = 25C - 3.5 0.1*2 - - - - - - - - - - - - - - - - - - - - - -10.0 - 10 1200 40 +2 VCC - Vcc x 0.3 +1.0 +1.0 +1.0 0 +100 0 0.4 - 0.4 - 0.4 1.1 - -1.0 - - mA - 10.0 - mA A MHz MHz dBm mVp-p V A A A V V V A mA mA
Parameter Power supply current*1 Power saving current Operating frequency Crystal oscillator operating frequency Input sensitivity fin OSCin Input voltage Data, Clock, LE, PS, ZC Data, Clock, LE, PS Input current ZC OSCin P Output voltage R, LD/fout Do High impedance cutoff current Do P R, LD/fout
Symbol ICC Ips fin fOSC Vfin VOSC VIH VIL IIH IIL IIH IIL IIH IIL VOL VOH VOL VDOH VDOL IOFF IOL IOH IOL IDOH Do IDOL
Condition fin = 1200 MHz, fosc = 12 MHz PS = "L", ZC = "H" or open
Output current
*1: Conditions; VCC = 3.0 V, Ta = 25C, in locking state. *2: Conditions; VCC = 3.0 V, Ta = 25C, fOSC = 12 MHz (-2 dB)
6
MB15E03
s FUNCTION DESCRIPTIONS
Pulse Swallow Function
The divide ratio can be calculated using the following equation: fVCO = [(M x N) + A] x fOSC / R (A < N) fVCO : Output frequency of external voltage controlled oscillator (VCO) N : Preset divide ratio of binary 11-bit programmable counter (5 to 2,047) A : Preset divide ratio of binary 7-bit swallow counter (0 A 127) fOSC : Output frequency of the reference frequency oscillator R : Preset divide ratio of binary 14-bit programmable reference counter (5 to 16,383) M : Preset divide ratio of modules prescaler (64 or 128)
Serial Data Input
Serial data is processed using the Data, Clock, and LE pins. Serial data controls the programmable reference divider and the programmable divider separately. Binary serial data is entered through the Data pin. One bit of data is shifted into the shift register on the rising edge of the clock. When the load enable pin is high, stored data is latched according to the control bit data as follows:
Table.1 Control Bit
Control bit (CNT) H L Destination of serial data 17 bit latch (for the programmable reference divider) 18 bit latch (for the programmable divider)
Shift Register Configuration
Programmable Reference Counter LS
1 C N T 2 R 1 3 R 2 4 R 3 5 R 4 6 R 5 7 R 6
Data
8 R 7 9 R 8 10 R 9 11 R 10 12 R 11 13 R 12 14 R 13 15 16 17
MS
18
R 14 SW FC LDS
CNT : Control bit R1 to R14: Divide ratio setting bit for the programmable reference counter (5 to 16,383) SW : Divide ratio setting bit for the prescaler (64/65 or 128/129) FC : Phase control bit for the phase comparator LDS : LD/fout signal select bit Note: Start data input with MSB first
[Table. 1] [Table. 2] [Table. 5] [Table. 7] [Table. 6]
7
MB15E03
Programmable Reference Counter LS
1 C N T 2 A 1 3 A 2 4 A 3 5 A 4 6 A 5 7 A 6 8 A 7 9 N 1
Data
10 N 2 11 N 3 12 N 4 13 N 5 14 N 6 15 N 7 16 N 8 17 N 9 18 N 10
MS
19 N 11
CNT: Control bit N1 to N11: Divide ratio setting bits for the programmable counter (5 to 2,047) A1 to A7: Divide ratio setting bits for the swallow counter (0 to 127) Note: Start data input with MSB first
[Table. 1] [Table. 3] [Table. 4]
Table2. Binary 14-bit Programmable Reference Counter Data Setting
Divide ratio (R) 5 6 16383 R 14 0 0 1 R 13 0 0 1 R 12 0 0 1 R 11 0 0 1 R 10 0 0 1 R 9 0 0 1 R 8 0 0 1 R 7 0 0 1 R 6 0 0 1 R 5 0 0 1 R 4 0 0 1 R 3 1 1 1 R 2 0 1 1 R 1 1 0 1
Note: * Divide ratio less than 5 is prohibited.
Table.3 Binary 11-bit Programmable Counter Data Setting
Divide ratio (N) 5 6 2047 N 11 0 0 1 N 10 0 0 1 N 9 0 0 1 N 8 0 0 1 N 7 0 0 1 N 6 0 0 1 N 5 0 0 1 N 4 0 0 1 N 3 1 1 1 N 2 0 1 1 N 1 1 0 1
Note: * Divide ratio less than 5 is prohibited. * Divide ratio (N) range = 5 to 2,047
8
MB15E03
Table.4 Binary 7-bit Swallow Counter Data Setting
Divide ratio (A) 0 1 127 A 7 0 0 1 A 6 0 0 1 A 5 0 0 1 A 4 0 0 1 A 3 0 0 1 A 2 0 0 1 A 1 0 1 1
Note: * Divide ratio (A) range = 0 to 127
Table. 5 Prescaler Data Setting
SW H L Prescaler Divide ratio 64/65 128/129
Table. 6 LD/fout Output Select Data Setting
LDS H L fout signal LD signal LD/fout output signal
Relation between the FC input and phase characteristics
The FC bit changes the phase characteristics of the phase comparator. Both the internal charge pump output level (DO) and the phase comparator output (R, P) are reversed according to the FC bit. Also, the monitor pin (fOUT) output is controlled by the FC bit. The relationship between the FC bit and each of DO, R, and P is shown below.
Table. 7 FC Bit Data Setting (LDS = "H")
FC = High Do fr > fp fr < fp fr = fp H L Z* R L H L P L Z* Z* LD/fout (fr) (fr) (fr) Do L H Z* H L L FC = Low R P Z* L Z* LD/fout (fp) (fp) (fp)
* : High impedance
9
MB15E03
When designing a synthesizer, the FC pin setting depends on the VCO and LPF characteristics.
: When the LPF and VCO characteristics are
similar to (1), set FC bit high. : When the VCO characteristics are similar to (2), set FC bit low. VCO Output Frequency
(1)
PLL
LPF
VC
LPF Input Voltage
(2)
Power Saving Mode (Intermittent Mode Control Circuit)
Setting a PS pin to Low, the IC enters into power saving mode resultatly current sonsumption can be limited to 10A (max.). Setting PS pin to High, power saving mode is released so that the IC works normally. In addition, the intermittent operation control circuit is included which helps smooth start up from the power saving mode. In general, the power consumption can be saved by the intermittent operation that powering down or waking up the synthesizer. Such case, if the PLL is powered up uncontrolled, the resulting phase comparator output signal is unpredictable due to an undefined phase relation between reference frequency (fr) and comparison frequency (fp) and may in the worst case take longer time for lock up of the loop. To prevent this, the intermittent operation control circuit enforces a limited error signal output of the phase detector during power up, thus keeping the loop locked. During the power saving mode, the corresponding section except for indispensable circuit for the power saving function stops working, then current consumption is reduced to 10 A (max.). At that time, the Do and LD become the same state as when a loop is locking. That is, the Do becomes high impedance. A VCO control voltage is naturally kept at the locking voltage which defined by a LPF"s time constant. As a result of this, VCO's frequency is kept at the locking frequency. Note: * While the power saving mode is executed, ZC pin should be set at "H" or open. If ZC is set at "L" during power saving mode, approximately 10 A current flows. * PS pin must be set "L" at Power-ON. * The power saving mode can be released (PS : L H) 1s later after power supply remains stable. * During the power saving mode, it is possible to input the serial data.
Table.8 PS Pin Setting
PS pin H L Normal mode Power saving mode Status
10
MB15E03
ON V
CC
Clock Data LE
PS
i1j
i2j
i3j
(1) PS = L (power saving mode) at Power-ON. (2) Set serial data after power supply remains stable. (3) Release saving mode (PS: LfiH) after setting serial data.
Table.9 ZC Pin Setting
ZC pin H L Do output Normal output High impedance
11
MB15E03
s SERIAL DATA INPUT TIMING
Data
MSB
LSB
Clock
LE
t2 t1 t7
t3
t4 t5 t6
On rising edge of the clock, one bit of the data is transferred into the shift register.
Parameter t1 t2 t3 t4
Min.
20 20 30 30
Typ.
- - - -
Max.
- - - -
Unit ns ns ns ns
Parameter t5 t6 t7
Min.
100 20 100
Typ.
- - -
Max.
- - -
Unit ns ns ns
12
MB15E03
s PHASE COMPARATOR OUTPUT WAVEFORM
fr
fp tWU LD [ FC = "H" ] P tWL
R H Do Z L
[ FC = "L" ] P
R
H Do L Z
Notes: 1. Phase error detection range: -2 to +2 2. Pulses on Do output signal during locked state are output to prevent dead zone. 3. LD output becomes low when phase is tWU or more. LD output becomes high when phase error is tWL or less and continues to be so for three cysles or more. 4. tWU and tWL depend on OSCin input frequency.
tWU > 8/fosc (e. g. tWU > 625ns, foscin = 12.8 MHz) tWL < 16/fosc (e. g. tWL < 1250ns, foscin = 12.8 MHz)
5. LD becomes high during the power saving mode (PS = "L".)
13
MB15E03
s TEST CIRCUIT (FOR MEASURING INPUT SENSITIVITY FIN/OSCIN)
VCC
VP 0.1F
1000pF P*G 50 1000pF 87654321 9 10 11 12 13 14 15 16 0.1F
1000pF P*G 50
Oscilloscope Controller (setting divide ratio) Vcc
Note: SSOP-16 pin
14
MB15E03
s APPLICATION EXAMPLE
Output LPF 10k 12k 12k 10k To a lock detect. From a controller
PS LE Data Clock
VCO
R
P
LD/FOUT ZC
16
15
14
13
12
11
10
9
MB15E03 1 2 3 VP 4 VCC 5 DO 6 GND 7 XfIN 1000pF X' tal C1 C2 0.1F 0.1F 8 fIN 1000pF
OSCIN OSCOUT
C1, C2
:
Depend on the crystal parameters
Note: SSOP-16 pin
15
MB15E03
s TYPICAL CHARACTERISTICS
Do Output Current
[Ta = +25C] [VCC = 3 V, Vp =3 V, 5 V] 5.0 4.0 VOH (V) VOL (V) 3.0 2.0 1.0 0 0 -5 -10 IOH (mA) -15 -20
Vp = 3 V Vp = 5 V
[Ta = +25C] [VCC = 3 V, Vp =3 V, 5 V] 5.0 4.0 3.0 2.0 1.0 0 0 5 10 IOL (mA) 15 20
Vp = 3 V Vp = 5 V
fin Input Sensitivity
[Ta = +25C] +10 0
Main. counter div. ratio = 4104 Swallow="ON" VCC = Vp Xfin = 1000 pF pull down
SPEC
Vfin (dBm) -10 -20
VCC=2.7 V
-30 -40 0 500
VCC=3.0 V VCC=3.6 V
OSCin Input Characteristics
[Ta = +25C] +10
1000 fin (MHz)
1500
2000
Ref. counter div. ratio = 2048 VCC = Vp fin = 1.2 GHz (-10 dBm)
SPEC
0 Vfosc (dBm) -10 -20 -30 -40 0 50 100 150
VCC=2.7 V VCC=3.0 V VCC=3.6 V
fosc (MHz)
200
(Continued)
16
MB15E03
(Continued)
fin Input Impedance
4: 9.0039
-19.444 6.821 pF 1 200.000 000 MHz
1:
232.63 -556.66 100 MHz 22.031 -150.96 400 MHz 9.8965 -59.148 800 MHz
2: fin
1 4 2 3 START 100.000 000 MHZ
3:
STOP 1 200.000 000 MHZ
OSCin Input Impedance
2: 694.75
-5.339 k 2.981 pF 10.000 000 MHz
1:
4.094 k -15.619 k 3 MHz 437.5 -2.7839 k 20 MHz 163.81 -1.508 k 40 MHz
3: OSCin
2 3 1 4
4:
START
3.000 000 MHZ
STOP
40.000 000 MHZ
17
MB15E03
s REFERENCE INFORMATION
Typical plots measured with the test circuit are shown below. Each plot shows lock up time, phase noise and reference leakage.
Test Circuit S.G OSCin Do fin
LPF
* * * * *
fvco = 1018 MHz Kv = 20 MHz/v fr = 200 kHz fosc = 13 MHz LPF: 15 k
Spectrum Analyzer
2.2 k VCO 2000 pF 20000 pF 330 pF
PLL Lock Up Time = 440 s (1005.000 MHz 1031.000 MHz, within 1kHz)
MKr x : 439.89783 s y : 25.94979 MHz 30.00300 MHz REF 10dB/
PLL Phase Noise @ within loop band = 76.2 dBc/Hz
-10.0 dBm ATT 10 dB MKR 12.40 kHz -51.2 dB
1.000 kHz/div
RBW 300 Hz VBW 300 Hz 10.2702 s 1.9902702 ms SPAN 50.0 kHz CENTER 1.0180000 GHz
29.99800 MHz
PLL Lock Up Time = 400 s (1031.000 MHz 1005.000 MHz, within 1kHz)
MKr x : 400.00973 s y : -25.094747 MHz 30.00300 MHz REF 10dB/
PLL Reference Leakage
@ 200 kHz offset = 79.0 dBc
-10.0 dBm ATT 10 dB MKR 204 kHz -79.0 dB
1.00 kHz/div
RBW 10 kHz VBW 10 kHz 10.1432 s 1.9901432 ms SPAN 1.00 MHz CENTER 1.01800 GHz
29.99800 MHz
18
MB15E03
s ORDERING INFORMATION
Part number MB15E03 PFV1 MB15E03 PV Package 16 pin, Plastic SSOP (FPT-16P-M05) 16 pin, Plastic BCC (LCC-16P-M02) Remarks
19
MB15E03
s PACKAGE DIMENSIONS
16 pins, Plastic SSOP (FPT-16P-M05)
* 5.000.10(.197.004)
* : These dimensions do not include resin protrusion.
1.25 -0.10 +.008 .049 -.004
+0.20
0.10(.004)
INDEX
*4.400.10
(.173.004)
6.400.20 (.252.008)
5.40(.213) NOM
0.650.12 (.0256.0047)
0.22 -0.05 +.004 .009 -.002
+0.10
"A"
0.15 -0.02 +.002 .006 -.001
+0.05
Details of "A" part 0.100.10(.004.004) (STAND OFF)
4.55(.179)REF
0
10
0.500.20 (.020.008)
C
1994 FUJITSU LIMITED F16013S-2C-4
Dimensions in mm (inches).
(Continued)
20
MB15E03
16-pin, Plastic BCC (LCC-16P-M02)
14
4.550.10 (.179.004)
0.80(.032)MAX
9
3.40(.134)TYP
9
(Mounting height)
0.65(.026)TYP
14
0.400.10 (.016.004) 3.400.10 (.1339.0039) 45 2.45(.096) TYP "A" "B" 1.15(.045)TYP
0.80(.032) TYP
1
E-MARK
6
0.40(.016) 0.0850.04 (.003.002) (STAND OFF)
6
0.3250.10 (.013.004)
1.725(.068) TYP
1
Details of "A" part 0.05(.002) 0.750.10 (.030.004)
Details of "B" part 0.600.10 (.024.004)
0.400.10 (.016.004)
0.600.10 (.024.004)
C
1996 FUJITSU LIMITED C16013S-1C-1
Dimensions in mm (inches)
21
MB15E03
FUJITSU LIMITED
For further information please contact:
Japan FUJITSU LIMITED Corporate Global Business Support Division Electronic Devices KAWASAKI PLANT, 4-1-1, Kamikodanaka Nakahara-ku, Kawasaki-shi Kanagawa 211-88, Japan Tel: (044) 754-3763 Fax: (044) 754-3329 North and South America FUJITSU MICROELECTRONICS, INC. Semiconductor Division 3545 North First Street San Jose, CA 95134-1804, U.S.A. Tel: (408) 922-9000 Fax: (408) 432-9044/9045 Europe FUJITSU MIKROELEKTRONIK GmbH Am Siebenstein 6-10 63303 Dreieich-Buchschlag Germany Tel: (06103) 690-0 Fax: (06103) 690-122 Asia Pacific FUJITSU MICROELECTRONICS ASIA PTE. LIMITED #05-08, 151 Lorong Chuan New Tech Park Singapore 556741 Tel: (65) 281 0770 Fax: (65) 281 0220
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information and circuit diagrams in this document presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. Also, FUJITSU is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. FUJITSU semiconductor devices are intended for use in standard applications (computers, office automation and other office equipment, industrial, communications, and measurement equipment, personal or household devices, etc.). CAUTION: Customers considering the use of our products in special applications where failure or abnormal operation may directly affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support, etc.) are requested to consult with FUJITSU sales representatives before such use. The company will not be responsible for damages arising from such use without prior approval. Any semiconductor devices have inherently a certain rate of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Control Law of Japan, the prior authorization by Japanese government should be required for export of those products from Japan.
F9704 (c) FUJITSU LIMITED
Printed in Japan
22


▲Up To Search▲   

 
Price & Availability of MB15E03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X