Part Number Hot Search : 
N3906 1N5401 1N5820 473ML C1938R BU90T82 MA3Z080E 85EPS08
Product Description
Full Text Search
 

To Download M74HC244RM13TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M74HC244
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
s
s
s
s
s
s
s
HIGH SPEED: tPD = 10ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = V NIL = 28 % VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 6mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 244
DIP
SOP
TSSOP
ORDER CODES
PACKAGE DIP SOP TSSOP TUBE M74HC244B1R M74HC244M1R T&R M74HC244RM13TR M74HC244TTR
DESCRIPTION The 74HC244 is an advanced high-speed CMOS OCTAL BUS BUFFER (3-STATE) fabricated with silicon gate C2MOS technology. G control input governs four BUS BUFFERs.
This device is designed to be used with 3 state memory address drivers, etc. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
July 2001
1/10
M74HC244
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1 2, 4, 6, 8 9, 7, 5, 3 11, 13, 15, 17 18, 16, 14, 12 19 10 20 SYMBOL 1G 1A1 to 1A4 2Y1 to 2Y4 2A1 to 2A4 1Y1 to 1Y4 2G GND VCC NAME AND FUNCTION Output Enable Input Data Inputs Data Outputs Data Inputs Data Outputs Output Enable Input Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS G L L H
X : Don't Care Z : High Impedance
OUTPUT An L H X Yn L H Z
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 70 500(*) -65 to +150 300 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current PD Power Dissipation Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 C; derate to 300mW by 10mW/C from 65C to 85C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V 2/10 Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
M74HC244
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II IOZ Input Leakage Current High Impedance Output Leakage Current Quiescent Supply Current 6.0 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-6.0 mA IO=-7.8 mA IO=20 A IO=20 A IO=20 A IO=6.0 mA IO=7.8 mA VI = VCC or GND VI = VIH or VIL VO = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.5 4 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 5 40 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 10 80 A A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
ICC
3/10
M74HC244
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 CL (pF) TA = 25C Min. Typ. 25 7 6 36 12 10 51 17 14 48 16 14 63 21 18 32 15 14 Max. 60 12 10 90 18 15 130 26 22 125 25 21 165 33 28 125 25 21 Value -40 to 85C Min. Max. 75 19 13 115 23 20 165 33 28 155 31 25 205 41 35 155 31 26 -55 to 125C Min. Max. 90 18 15 135 27 23 195 39 33 190 38 32 250 50 43 190 38 32 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time
50
50
ns
150
ns
tPZL tPZH High Impedance Output Enable Time
50
RL = 1 K
ns
150
RL = 1 K
ns
tPLZ tPHZ High Impedance Output Disable Time
50
RL = 1 K
ns
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 5.0 TA = 25C Min. Typ. 5 10 33 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF Unit
CIN COUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = C PD x VCC x fIN + ICC/8 (per circuit)
4/10
M74HC244
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 50pF/150pF or equivalent (includes jig and probe capacitance) R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open VCC GND
WAVEFORM 1: PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
5/10
M74HC244
WAVEFORM 2 : OUTPUT ENABLE AND DISABLE TIMES (f=1MHz; 50% duty cycle)
6/10
M74HC244
Plastic DIP-20 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 TYP MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 TYP. MAX. inch
P001J
7/10
M74HC244
SO-20 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.020 13.00 10.65 0.35 0.23 0.5 45 (typ.) 0.496 0.393 0.050 0.450 0.300 0.050 0.029 0.512 0.419 0.1 TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. TYP. MAX. 0.104 0.008 0.096 0.019 0.012 inch
PO13L
8/10
M74HC244
TSSOP20 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 6.4 6.2 4.3 6.5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 6.6 6.6 4.48 0.002 0.031 0.007 0.004 0.252 0.244 0.169 0.256 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.260 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0087225C
9/10
M74HC244
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of M74HC244RM13TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X