Part Number Hot Search : 
TDA821 DG202D N03LS 1N3507A LXO108 IR3312 SMB43A E712545
Product Description
Full Text Search
 

To Download LM2903N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by LM393/D
LM393, LM393A, LM293, LM2903, LM2903V Low Offset Voltage Dual Comparators
The LM393 series are dual independent precision voltage comparators capable of single or split supply operation. These devices are designed to permit a common mode range-to-ground level with single supply operation. Input offset voltage specifications as low as 2.0 mV make this device an excellent selection for many applications in consumer automotive, and industrial electronics. * Wide Single-Supply Range: 2.0 Vdc to 36 Vdc
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
SEMICONDUCTOR TECHNICAL DATA
* * * * * * * * *
Split-Supply Range: 1.0 Vdc to 18 Vdc Very Low Current Drain Independent of Supply Voltage: 0.4 mA Low Input Bias Current: 25 nA Low Input Offset Current: 5.0 nA Low Input Offset Voltage: 2.0 mV (max) LM393A 5.0 mV (max) LM293/393 Input Common Mode Range to Ground Level Differential Input Voltage Range Equal to Power Supply Voltage Output Voltage Compatible with DTL, ECL, TTL, MOS, and CMOS Logic Levels ESD Clamps on the Inputs Increase the Ruggedness of the Device without Affecting Performance
8 1
N SUFFIX PLASTIC PACKAGE CASE 626
8 1
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
Representative Schematic Diagram
(Diagram shown is for 1 comparator)
PIN CONNECTIONS
Output A
1 2 8
VCC
+ Input
- Input
Output Inputs A Gnd
3 4
- +
7
VCC Output B Inputs B
- +5
6
R2 2.1 k Q3 F1 Device Q10 Q1 Q2 R1 4.6 k Q11 Q8 Q9 Q12 Q15 Q16 LM293D LM393D LM393AN,N LM2903D LM2903N LM2903VD LM2903VN R4 2.0 k Q4 Q5 Q6 Q14
(Top View)
ORDERING INFORMATION
Operating Temperature Range TA = -25 to +85C TA = 0 to +70C TA = -40 to +105C Package SO-8 SO-8 Plastic DIP SO-8 Plastic DIP SO-8 TA = -40 to +105C Plastic DIP
Rev 1
(c) Motorola, Inc. 1996
MOTOROLA ANALOG IC DEVICE DATA
1
LM393, LM393A, LM293, LM2903, LM2903V
MAXIMUM RATINGS
Rating Power Supply Voltage Input Differential Voltage Range Input Common Mode Voltage Range Output Short Circuit-to-Ground Output Sink Current (Note 1) Power Dissipation @ TA = 25C Derate above 25C Operating Ambient Temperature Range LM293 LM393, 393A LM2903 LM2903V Maximum Operating Junction Temperature LM393, 393A, 2903, LM2903V LM293 Storage Temperature Range Symbol VCC VIDR VICR ISC ISink PD 1/RJA TA -25 to +85 0 to +70 -40 to +105 -40 to +125 TJ(max) 125 150 Tstg -65 to +150 C C Value +36 or 18 36 -0.3 to +36 Continuous 20 570 5.7 Unit Vdc Vdc Vdc mA mW mW/C C
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, Tlow TA Thigh,* unless otherwise noted.)
LM393A Characteristic Ch ii Input Offset Voltage (Note 2) TA = 25C Tlow TA Thigh Input Offset Current TA = 25C Tlow TA Thigh Input Bias Current (Note 3) TA = 25C Tlow TA Thigh Input Common Mode Voltage Range (Note 4) TA = 25C Tlow TA Thigh Voltage Gain RL 15 k, VCC = 15 Vdc, TA = 25C Large Signal Response Time Vin = TTL Logic Swing, Vref = 1.4 Vdc VRL = 5.0 Vdc, RL = 5.1 k, TA = 25C Response Time (Note 5) VRL = 5.0 Vdc, RL = 5.1 k, TA = 25C Input Differential Voltage (Note 6) All Vin Gnd or V- Supply (if used) Output Sink Current Vin 1.0 Vdc, Vin+ = 0 Vdc, VO 1.5 Vdc, TA = 25C Output Saturation Voltage Vin 1.0 Vdc, Vin+ = 0 Vdc, ISink 4.0 mA, TA = 25C Tlow TA Thigh
* Tlow = 0C, Thigh = +70C for LM393/393A NOTES: 1. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC, output short circuits to VCC can cause excessive heating and eventual destruction. 2. At output switch point, VO Vdc, RS = 0 with VCC from 5.0 Vdc to 30 Vdc, and over the full input common mode range (0 V to VCC = -1.5 V). 3. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant, independent of the output state, there fore, no loading changes will exist on the input lines. 4. Input common mode of either input should not be permitted to go more than 0.3 V negative of ground or minus supply. The upper limit of common mode range is VCC -1.5 V. 5. Response time is specified with a 100 mV step and 5.0 mV of overdrive. With larger magnitudes of overdrive faster response times are obtainable. 6. The comparator will exhibit proper output state if one of the inputs becomes greater than VCC, the other input must remain within the common mode range. The low input state must not be less than -0.3 V of ground or minus supply.
Symbol S bl VIO
Min - -
Typ 1.0 - 50 - 25 - - - 200 300
Max 2.0 4.0
Unit Ui mV
IIO - - IIB - - VICR 0 0 AVOL - 50 -
nA 50 150 nA 250 400 V VCC -1.5 VCC -2.0 - - V/mV ns
tTLH VID ISink VOL
- - 6.0
1.3 - 16
- VCC -
s V mA mV
- -
150 -
400 700
]1.4
2
MOTOROLA ANALOG IC DEVICE DATA
LM393, LM393A, LM293, LM2903, LM2903V
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, Tlow TA Thigh,* unless otherwise noted.)
LM393A Characteristic Ch ii Output Leakage Current Vin- = 0 V, Vin+ 1.0 Vdc, VO = 5.0 Vdc, TA= 25C Vin- = 0 V, Vin+ 1.0 Vdc, VO = 30 Vdc, Tlow TA Thigh Supply Current RL = Both Comparators, TA = 25C RL = Both Comparators, VCC = 30 V Symbol S bl IOL - - ICC - - 0.4 1.0 1.0 2.5 0.1 - - 1.0 mA Min Typ Max Unit Ui A
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, Tlow TA Thigh, unless otherwise noted.)
LM392, LM393 Characteristic Ch ii Input Offset Voltage (Note 2) TA = 25C Tlow TA Thigh Input Offset Current TA = 25C Tlow TA Thigh Input Bias Current (Note 3) TA = 25C Tlow TA Thigh Input Common Mode Voltage Range (Note 3) TA = 25C Tlow TA Thigh Voltage Gain RL 15 k, VCC = 15 Vdc, TA = 25C Large Signal Response Time Vin = TTL Logic Swing, Vref = 1.4 Vdc VRL = 5.0 Vdc, RL = 5.1 k, TA = 25C Response Time (Note 5) VRL = 5.0 Vdc, RL = 5.1 k, TA = 25C Input Differential Voltage (Note 6) All Vin Gnd or V- Supply (if used) Output Sink Current Vin 1.0 Vdc, Vin+ = 0 Vdc, VO 1.5 Vdc TA = 25C Output Saturation Voltage Vin 1.0 Vdc, Vin+ = 0, ISink 4.0 mA, TA = 25C Tlow TA Thigh Output Leakage Current Vin- = 0 V, Vin+ 1.0 Vdc, VO = 5.0 Vdc, TA = 25C Vin- = 0 V, Vin+ 1.0 Vdc, VO = 30 Vdc, Tlow TA Thigh Supply Current RL = Both Comparators, TA = 25C RL = Both Comparators, VCC = 30 V
* Tlow = 0C, Thigh = +70C for LM393/393A LM293 Tlow = -25C, Thigh = +85C LM2903 Tlow = -40C, Thigh = +105C LM2903V Tlow = -40C, Thigh = +125C NOTES: 2. At output switch point, VO Vdc, RS = 0 with VCC from 5.0 Vdc to 30 Vdc, and over the full input common mode range (0 V to VCC = -1.5 V). 3. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant, independent of the output state, there fore, no loading changes will exist on the input lines. 5. Response time is specified with a 100 mV step and 5.0 mV of overdrive. With larger magnitudes of overdrive faster response times are obtainable. 6. The comparator will exhibit proper output state if one of the inputs becomes greater than VCC, the other input must remain within the common mode range. The low input state must not be less than -0.3 V of ground or minus supply.
LM2903, LM2903V Min - - - - - - 0 0 25 - Typ 2.0 9.0 5.0 50 25 200 - - 200 300 Max 7.0 15 nA 50 200 nA 250 500 V VCC -1.5 VCC -2.0 - - V/mV ns Unit Ui mV
Symbol S bl VIO
Min - -
Typ 1.0 - 5.0 - 25 - - - 200 300
Max 5.0 9.0 50 150 250 400 VCC -1.5 VCC -2.0 - -
IIO - - IIB - - VICR 0 0 AVOL - 50 -
tTLH VID ISink VOL
- - 6.0
1.3 - 16
- VCC -
- - 6.0
1.5 - 16
- VCC -
s V mA mV
- - IOL - - ICC - -
150 - 0.1 - 0.4 -
400 700 - 1000 1.0 2.5
- - - - - -
- 200 0.1 - 0.4 -
400 700 nA - 1000 mA 1.0 2.5
]1.4
MOTOROLA ANALOG IC DEVICE DATA
3
LM393, LM393A, LM293, LM2903, LM2903V
LM293/393,A Figure 1. Input Bias Current versus Power Supply Voltage
80 IIB , INPUT BIAS CURRENT (nA) IIB , INPUT BIAS CURRENT (nA) 70 60 TA = -55 C 50 TA = 0 C 40 30 20 10 0 0 5.0 10 15 20 25 30 VCC, SUPPLY VOLTAGE (Vdc) 35 40 TA = +25 C TA = +125C TA = +70 C 80 70 60 50 40 30 20 10 0 0 5.0 10 15 20 25 VCC, SUPPLY VOLTAGE (Vdc) 30 35 40 TA = +85 C TA = 0 C TA = +25 C TA = -40 C
LM2903 Figure 2. Input Bias Current versus Power Supply Voltage
Figure 3. Output Saturation Voltage versus Output Sink Current
10 VOL , SATURATION VOLTAGE (Vdc) VOL , SATURATION VOLTAGE (Vdc) Out of Saturation TA = +125C 0.1 10
Figure 4. Output Saturation Voltage versus Output Sink Current
Out of Saturation
1.0
1.0 TA = +85 C 0.1 TA = +25 C
TA = +25 C
TA = -55 C
0.01
0.01 TA = -40 C 0.1
TA = 0 C
0.001 0.01
0.1
1.0
10
100
0.001 0.01
1.0
10
100
ISink, OUTPUT SINK CURRENT (mA)
ISink, OUTPUT SINK CURRENT (mA)
Figure 5. Power Supply Current versus Power Supply Voltage
1.0 ICC , SUPPLY CURRENT (mA) 0.8 TA = 0 C TA = +25 C TA = +70 C 0.4 0.2 0 TA = +125C ICC , SUPPLY CURRENT (mA) TA = -55 C 1.2 1.0 0.8
Figure 6. Power Supply Current versus Power Supply Voltage
TA = -40 C TA = 0 C TA = +25 C
0.6
RL = 5.0 10 15 20 25
R
35 40
0.6 0.4 0 5.0 10 15 20 25 RL =
TA = +85 C
R
35 40
30
30
VCC, SUPPLY VOLTAGE (Vdc)
VCC, SUPPLY VOLTAGE (Vdc)
4
MOTOROLA ANALOG IC DEVICE DATA
LM393, LM393A, LM293, LM2903, LM2903V
APPLICATIONS INFORMATION
These dual comparators feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies if the outputs are capacitively coupled to the inputs via stray capacitance. This oscillation manifests itself during output transitions (VOL to VOH). To alleviate this situation, input resistors < 10 k should be used. The addition of positive feedback (< 10 mV) is also recommended. It is good design practice to ground all unused pins. Differential input voltages may be larger than supply voltage without damaging the comparator's inputs. Voltages more negative than -0.3 V should not be used.
Figure 7. Zero Crossing Detector (Single Supply)
+15 V R4 220 k 6.8 k R2 R5 220 k
Figure 8. Zero Crossing Detector (Split Supply)
Vin(min)
Vin
R1 8.2 k Vin R1 D1
* LM393 )
10 M
10 k +VCC 10 k VCC VO - VEE
15 k R3
Vin
* LM393 )
-VEE
D1 prevents input from going negative by more than 0.6 V. R1 + R2 = R3 R3 R5 for small error in zero crossing. 10 Vin(min)
[ 0.4 V peak for 1% phase distortion ().
Figure 9. Free-Running Square-Wave Oscillator
1.0 M VCC RL 10 k VO t
Figure 10. Time Delay Generator
VCC R - LM393 VC + - LM393 + + Vref
Vin 0 VO 0 VC 0 tO Vref
VCC RL
- VCC 51 k 0.001 F LM393 +
C
VO
51 k
51 k
VCC VO 0 t
``ON'' for t where:
tO + t
Vref ) n( VCC
t = RC
Vref
t
Figure 11. Comparator with Hysteresis
VCC RS = R1 | | R2 RS - LM393 + Vref R1 R2 RL Vth1 = Vref + (VCC -Vref) R1 R1 + R2 + RL (Vref -VO Low) R1 R1 + R2
Vth2 = Vref -
MOTOROLA ANALOG IC DEVICE DATA
5
LM393, LM393A, LM293, LM2903, LM2903V
OUTLINE DIMENSIONS
N SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M
H
G 0.13 (0.005) TA
M
B
M
A
8
D
5
D SUFFIX PLASTIC PACKAGE CASE 751-05 (SO-8) ISSUE R C H 0.25
M
E
1 4
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
B C
e h A
SEATING PLANE X 45 _
q
0.10 A1 0.25 B
M
L CB
S
A
S
q
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
MOTOROLA ANALOG IC DEVICE DATA LM393/D
*LM393/D*


▲Up To Search▲   

 
Price & Availability of LM2903N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X