Part Number Hot Search : 
B230NH OPI8014 AXX3225L LC4128 2N4172 AN8210NK 6KE350 MBR8150F
Product Description
Full Text Search
 

To Download LM117A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IP117, IP117A IP317, IP317A LM117, LM117A
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
FEATURES
* Output voltage range of: 1.25 to 40V for standard version 1.25 to 60V for HV version * Output voltage tolerance 1%
!
!
123
123
Pin 1 - ADJ. Pin 2 - VOUT Pin 3 - VIN Case - VOUT
Pin 1 - ADJ. Pin 2 - VOUT Pin 3 - VIN Case - Isolated
G Package - TO257
IG Package - TO257
* Load regulation 0.3% * Line regulation 0.01%/V * Complete series of protections: current limiting
Pin 1 - ADJ. Pin 2 - VOUT Pin 3 - VIN
Pin 1 - ADJ. Pin 2 - VOUT Pin 3 - VIN
thermal shutdown soa control * Also available in TO220 metal isolated package (1mm pins)
SMD1 CERAMIC SURFACE MOUNT
SMD05 CERAMIC SURFACE MOUNT
1
1 2
2
1
2
3
3 3
Pin 1 - ADJ. Pin 2 - VIN Case - VOUT
Pin 1 - ADJ. Pin 2 - VIN Case - VOUT
Pin 1 - ADJ. Pin 2 - VOUT Pin 3 - VIN
K Package - TO3
R Package - TO66
T Package - TO220 Plastic
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VI-O IO PD TJ TSTG Input - Output Differential Voltage Output Current Power Dissipation Operating Junction Temperature Range Storage Temperature
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
- Standard - HV Series
40V 60V Internally limited Internally limited See Table Above -65 to 150C
Prelim. 8/00
Semelab plc.
IP117, IP117A IP317, IP317A LM117, LM117A
IP117A , IP117AHV LM117A , LM117AHV Min. Typ. Max.
1.238 1.225 1.25 1.250 0.005 0.010 5 0.1 15 0.3 0.002 CADJ = 0 CADJ = 10mF TJ = -55 to +150C 66 65 80 50 0.2 100 5 66 VOUT 5V VOUT 5V IOUT = 10mA to IMAX TJ = -55 to +150C Thermal Regulation Ripple Rejection IADJ Adjust Pin Current tp = 20ms VOUT = 10V f = 120Hz VOUT 5V VOUT 5V 1.262 1.270 0.010 0.020 15 0.3 50 1 0.020 1.200 1.250 0.010 0.020 5 0.1 20 0.3 0.030 65 80 50 0.2 100 5 1.300 0.020 0.050 15 0.3 50 1 0.070
Parameter
VREF Reference Voltage
Test Conditions
IOUT = 10mA IOUT = 10mA to IMAX VIN - VOUT = 3V to VMAX P PMAX TJ = -55 to +150C TJ = -55 to +150C IOUT = 10mA to IMAX
IP117 , IP117HV LM117 , LM117HV Min. Typ. Max. Units
V V
DVOUT Line Regulation 1 DVIN DVOUT Load Regulation 1 DIOUT
VIN - VOUT = 3V to VMAX
%/V mV % mV % %/W dB dB
TJ = -55 to +150C IOUT = 10mA to IMAX TJ = -55 to +150C VIN - VOUT = 2.5V to VMAX VIN - VOUT = 40V TJ = -55 to +150C VIN - VOUT = 60V (HV SERIES) TJ = -55 to +150C VIN - VOUT 15V TJ = -55 to +150C VIN - VOUT = 40V VIN - VOUT = 60V (HV SERIES) 1.5 0.30
mA mA
DIADJ Adjust Pin Current
Change
IMIN
Minimum Load Current
3.5 3.5 2.2 0.50 0.10 1 t = 1000 Hrs 0.3 0.001 2.3 5 3
5 7 1.5 0.30
3.5 3.5 2.2 0.50 0.10
5 mA 7 A A % 1 % % 3 7 5 C/W
ICL
Current Limit
DVOUT Temperature DTEMP Stability DVOUT Long Term Stability DTIME
en RMS Output Noise (% of VOUT) RqJC Thermal Resistance Junction to Case
TJ = -55 to +150C TA = +125C f = 10 Hz to 10 kHz K Package R Package G, IG Packages
2 1
1 0.3 0.001
3 7 5
2.3 5 3
1) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating effects are covered under thermal regulation specifications. Load regulation is measured from the bottom of the package for the TO-3 and TO-66 packages, at the junction of the wide and narrow portion of the output lead for the TO-220 package, and 1/8" below the base of the package on the output pin of the TO-257 package. 2) Test Conditions unless othewise stated: VIN - VOUT = 5V , TJ = 25C , IOUT = 0.5A , IMAX = 1.5A. PMAX = 10W for SMD1, 20W for all other package styles. VMAX = 40V for standard series , 60V for HV series.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 8/00
IP117, IP117A IP317, IP317A LM117, LM117A
IP317A IP317AHV Min. Typ. Max.
1.238 1.225 1.25 1.25 0.005 0.010 5 0.1 15 0.3 0.002 CADJ = 0 CADJ = 10mF TJ = 0 to 125C 66 65 80 50 0.2 100 5 66 VOUT 5V VOUT 5V IOUT = 10mA to IMAX TJ = -55 to +150C Thermal Regulation Ripple Rejection IADJ Adjust Pin Current tp = 20ms VOUT = 10V f = 120Hz TJ = 0 to 125C IOUT = 10mA to IMAX TJ = 0 to 125C VIN - VOUT = 2.5V to VMAX VIN - VOUT = 40V IMIN Minimum Load Current TJ = 0 to 125C VIN - VOUT = 60V (HV SERIES) TJ = 0 to 125C VIN - VOUT 15V ICL Current Limit TJ = 0 to 125C VIN - VOUT = 40V VIN - VOUT = 60V (HV SERIES) 1.5 0.15 3.5 3.5 2.2 0.40 0.10 1 0.3 0.003 2.3 4 3 5 2 1 10 12 1.5 0.15 3.5 3.5 2.2 0.40 0.10 1 0.3 0.003 2.3 5 3 7 1 10 mA 12 A A % % % C/W 0.2 5 VOUT 5V VOUT 5V 1.262 1.270 0.010 0.020 25 0.5 50 1 0.020 1.200 1.250 0.010 0.020 5 0.1 20 0.3 0.030 65 80 50 100 1.300 0.040 0.070 25 0.5 70 1.5 0.070
Parameter
Test Conditions
IOUT = 10mA IOUT = 10mA to IMAX VIN - VOUT = 3V to VMAX P PMAX TJ = 0 to 125C TJ = 0 to 125C IOUT = 10mA to IMAX VIN - VOUT = 3V to VMAX
Min.
IP317 IP317HV Typ. Max. Units
V V
VREF
Reference Voltage
DVOUT Line Regulation 1 DVIN DVOUT Load Regulation 1 DIOUT
%/V mV % mV % %/W dB dB
mA mA
DIADJ Adjust Pin Current
Change
DVOUT Temperature DTEMP Stability DVOUT Long Term Stability DTIME
en RqJC RMS Output Noise (% of VOUT) Thermal Resistance Junction to Case
TJ = 0 to 125C t = 1000 Hrs f = 10 Hz to 10 kHz K Package T Package
1) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating effects are covered under thermal regulation specifications. Load regulation is measured from the bottom of the package for the TO-3 and TO-66 packages, at the junction of the wide and narrow portion of the output lead for the TO-220 package, and 1/8" below the base of the package on the output pin of the TO-257 package. 2) Test Conditions unless othewise stated: VIN - VOUT = 5V , TJ = 25C , IOUT = 0.5A , PMAX = 20W , IMAX = 1.5A VMAX = 40V for standard series , 60V for HV series.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 8/00
IP117, IP117A IP317, IP317A LM117, LM117A
APPLICATIONS INFORMATION
IP317A
VIN VIN ADJ VO U T R P (Max Drop 300mV) OUTPUT VIN VIN ADJ
IP 317A
VO U T
121
5V VO U T
VIN
7
1F
2
25 121
6 1
LM301A
3 8 4
1k
RL TTL
1k
2N3904
1k
383
5F
383 25
RETURN
RETURN
Remote Sensing
IP317A
+24V VIN ADJ
1F
5V Regulator with Shut Down
IP317A
VO U T
249 1%
To VPP
VIN
VIN ADJ
1F
VO U T
R1 121
5V
750 1%
R2 383
C1 10 F
READ
39k
3.24k 1%
C1 improves ripple rejection. XC should be small compared to R2.
WRITE To OE BYTE ERASE
18k
Improving Ripple Rejection
IP317A All gates 7406.
VIN 1N4001 VIN ADJ
243 10k
VO U T
CHIP ERASE
100k
READ WRITE BYTE 5V CHIP ERASE 12V
OE 0V
VPP 5V
2N3906
50
THERMALLY COUPLE
12V 20k
21V 21V
50k
2816 EEPROM Supply Programmer for Read/Write Control
Temperature Compensated Lead-Acid Battery Charger
Order Information
IG-Pack Part G-Pack Number (TO257) LM117 LM117HV LM117A LM117AHV IP117 IP117HV IP117A IP117AHV LM317 LM317HV IP317 IP317HV IP317A IP317AHV SMD1 SMD05 K-Pack (TO3) R-Pack (TO66) T-Pack (TO220) Temp. Range -55 to +150C " " " -55 to +150C " " " 0 to 125C " " " " "
Note: To order, add the package identifier to the part number. eg. IP117AHVK IP1175SMD05 IP317T

Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 8/00


▲Up To Search▲   

 
Price & Availability of LM117A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X