Part Number Hot Search : 
DDTA143 00266 4743A BZT03 89C52 633410 AT45DB02 SB340
Product Description
Full Text Search
 

To Download HMPSA92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6352 Issued Date : 1992.12.15 Revised Date : 2002.04.15 Page No. : 1/4
HMPSA92
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HMPSA92 is designed for application as a video output to drive color CRT, or as a dialer circuit in electronics telephone.
Absolute Maximum Ratings
TO-92
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ................................................................................ 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ...................................................................................... -300 V VCEO Collector to Emitter Voltage ................................................................................... -300 V VEBO Emitter to Base Voltage ............................................................................................. -5 V IC Collector Current ...................................................................................................... -500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat) *hFE1 *hFE2 *hFE3 *hFE4 fT Cob Min. -300 -300 -5 25 40 40 50 Typ. 100 Max. -100 -100 -350 -900 6 Unit V V V nA nA mV mV Test Conditions IC=-100uA, IE=0 IC=-1mA, IB=0 IE=-10uA, IC=0 VCB=-200V, IE=0 VEB=-3V, IC=0 IC=-20mA, IB=-2mA IC=-20mA, IB=-2mA IC=-1mA, VCE=-10V IC=-10mA, VCE=-10V IC=-30mA, VCE=-10V IC=-80mA, VCE=-10V IC=-10mA, VCE=-20V, f=100MHz VCB=-20V, f=1MHz, IE=0
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz pF
Classification Of hFE2 & VCE(sat)
Rank NS N hFE1 >60 >25 hFE2 >80 >40 hFE3 >80 >40 hFE4 >80 VCE(sat) <200mV <350mV
HMPSA92
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 10000
Spec. No. : HE6352 Issued Date : 1992.12.15 Revised Date : 2002.04.15 Page No. : 2/4
Saturation Voltage & Collector Current
125 C 100
o
VCE(sat) @ IC=10IB
Saturation Voltage (mV)
25 C
o
1000 75 C 125 C 100
o o
hFE
75 C
o
10 hFE @ VCE=10V
25 C
o
1 0.1 1 10 100 1000
10 0.1 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
1000 25 C
o
Capacitance & Reverse-Biased Voltage
100
Saturation Voltage (mV)
125 C
o
75 C
o
Capacitance (pF)
10 Cob
VCE(sat) @ IC=10IB
100 0.1 1 10 100 1000
1 0.1 1 10 100
Collector Current-IC (mA)
Reverse-Biased Voltage (V)
Cutoff Frequency & Collector Current
100 10000 PT=1ms VCE=20V PT=100ms
Safe Operating Area
Cutoff Frequency (MHz).. .
Collector Current-IC (mA)
1000 PT=1s
10
100
10
1 1 10 100
1 1 10 100 1000
Collector Current-IC (mA)
Forward Voltage-VCE (V)
HMPSA92
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6352 Issued Date : 1992.12.15 Revised Date : 2002.04.15 Page No. : 3/4
PD-Ta
700 600
Power Dissipation-PD (mW)
500 400 300 200 100 0 0 50 100
o
150
200
Ambient Temperature-Ta ( C)
HMPSA92
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Date Code
Spec. No. : HE6352 Issued Date : 1992.12.15 Revised Date : 2002.04.15 Page No. : 4/4
2
Marking:
H MP S A92 Rank Control Code
3
C
Style: Pin 1.Emitter 2.Base 3.Collector
D
H I E F
G
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HMPSA92
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HMPSA92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X