Part Number Hot Search : 
ATS03 Q6008VH3 SL50191 RUS1H21R 21000 1SMB5925 LM370 SA0205
Product Description
Full Text Search
 

To Download HD75173 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD75173
Quadruple Differential Line Receivers With 3 State Outputs
REJ03D0310-0200Z (Previous ADE-205-592 (Z)) Rev.2.00 Jul.16.2004
Description
The HD75173 is a quadruple differential line receiver with three state outputs. It is designed to satisfy the requirements of EIA standards RS-422A, RS-423A and several CCITT recommendations. Each receiver features an active high enable and an active low enable common to all four receivers. It also features differential input sensitivity of 200 mV.
Features
* Ordering Information
Part Name HD75173P Package Type DILP-16 pin Package Code DP-16E, -16FV P Package Abbreviation -- Taping Abbreviation (Quantity)
Function Table
Differential Inputs A-B VID 0.2 V -0.2 V < VID < 0.2 V VID -0.2 V X H L X ? Z H X H X H X L : : : : : High level Low level Irrelenant Indeterminate High impedance Enables G X L X L X L H G H H ? ? L L Z Output Y
Rev.2.00, Jul.16.2004, page 1 of 7
HD75173
Pin Arrangement
1B 1 1A 2 1Y 3 Enable 4 G 2Y 5 2A 6 2B 7 GND 8
16 VCC 15 4B 14 4A 13 4Y 12 Enable G
11 3Y 10 3A 9 3B
(Top view)
Absolute Maximum Ratings (Ta = 0 to 70C)
Item Supply Voltage Input Voltage, A or B Inputs Differential Input Voltage*1 Enable Input Voltage Output Current Power Dissipation (Ta = 25C) Operating temperature range VCC VIN VID VIE IOL PT Topr Symbol 7 25 25 7 50 1150 0 to 70 Rating V V V V mA mW C Unit
Storage Temperature Range Tstg -65 to +150 C Notes: 1. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting input 2. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply Voltage Common Mode Input Voltage Differential Input Voltage Output Current Operating Temperature Symbol VCC VIN VID VOH VOL Topr 4.75 -- -- -- -- 0 Min 5.00 -- -- -- -- -- Typ 5.25 12 12 -400 16 70 Max V V V A mA C Unit
Rev.2.00, Jul.16.2004, page 2 of 7
HD75173
DC Electrical Characteristics (Ta = 0 to 70C)
Item Differential Input High Threshold Voltage Differential Output Low Threshold Voltage Hysteresis Enable Input Voltage Enable Input Clamp Voltage Output Voltage Symbol VTH VTL Min -- -0.2*2 Typ *1 -- -- 50 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max 0.2 -- -- -- 0.8 -1.5 -- 0.45 0.5 -20 +20 1 -0.8 20 -100 -- -85 70 V V mV V V V V A mA A A k mA mA II = -18 mA VID = 200 mV, IOH = -400 A VID = -200 mV, IOL = 8 mA VID = -200 mV, IOL = 16 mA VO = 0.4 V VO = 2.4 V Other Input at 0 V*4 VIH = 2.7 V VIL = 0.4 V VI = 12 V VI = -7 V Unit Conditions VO = 2.7 V, IO = -0.4 mA VO = 0.5 V, IO = 16 mA
VT+ - VT- -- VIH 2 VIL VIK VOH VOL VOZ II IIH IIL ri IOS ICC -- -- 2.7 -- -- -- -- -- -- -- -- 12 -15 --
High Impedance State Output Current Line Input Current Enable Input Current Input Resistance Short Circuit Output Current*3 Supply Current Notes: 1. 2. 3. 4.
All Typical Values are at VCC = 5 V, Ta = 25C The algebraic convention is used in this data sheet for threshold voltage levels only. Not more than one output should be shorted at a time. Refer to EIA standards RS-422A and RS-423A for exact conditions.
Switching Characteristics (VCC = 5 V, Ta = 25C)
Item Propagation Delay Time Output Enable Time Output Disable Time Symbol tPLH tPHL tZH tZL tHZ tLZ Min -- -- -- -- -- -- Typ 20 22 17 20 21 30 Max 35 35 22 25 30 40 ns Unit Test Conditions CL = 15 pF CL = 15 pF CL = 5 pF
Rev.2.00, Jul.16.2004, page 3 of 7
HD75173
Switching Time Test Method
1. tPLH, tPHL
Pulse Generator See Note 1
50 CL 15 pF
Output
2V
2.5 V Input 0V 0V -2.5 V
t PLH
t PHL VOH
Output
1.3 V
1.3 V VOL
Rev.2.00, Jul.16.2004, page 4 of 7
HD75173 2. tZH, tZL
VCC Output 2 k S1 2.5 V
CL
5 k
See Note 3
Pulse Generator See Note 1
See Note 2
50 2V
3V Input 1.3 V 1.3 V 0V
S1 : Open t ZH Output
S1 : Closed t HZ 0.5 V VOH 1.4 V 0V
1.3 V
Rev.2.00, Jul.16.2004, page 5 of 7
HD75173 3. tZL, tLZ
VCC Output 2 k
-2.5 V
CL See Note 2 See Note 3
Pulse Generator See Note 1
50 2V
S2
3V Input 1.3 V 1.3 V 0V
S2 : Open t ZL Output
S2 : Closed t LZ VOH 1.4 V 0.5 V VOL
1.3 V
Notes:
1. The pulse generator has the following characteristics: PRR = 1 MHz, 50% duty cycle, tr = tf = 6 ns, Zout = 50 2. CL includes probe and jig capacitance. 3. All diodes are 1S2074(H). 4. To test the active low enable G, ground G and apply an inverted input waveform to G.
Rev.2.00, Jul.16.2004, page 6 of 7
HD75173
Package Dimensions
As of January, 2003
Unit: mm 19.2 20.32 Max
16
9
6.3 7.4 Max
1
0.89 1.3
8
2.54 Min 5.06 Max
7.62
0.51 Min
2.54 0.25
0.48 0.1
0.25 - 0.05 0 - 15
Package Code JEDEC JEITA Mass (reference value) DP-16E Conforms Conforms 1.05 g
+ 0.1
Unit: mm 19.2 20.32 Max
16
9
6.3 7.4 Max
1
0.89 1.3
8
2.54 Min 5.06 Max
7.62
0.51 Min
2.54 0.25
*0.48 0.08
*0.25 0.06 0 - 15
Package Code JEDEC JEITA Mass (reference value) DP-16FV Conforms Conforms 1.05 g
*NI/Pd/AU Plating
Rev.2.00, Jul.16.2004, page 7 of 7
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD75173

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X