Part Number Hot Search : 
EN2575E PTD3216 AX101 DCJ010 ECCM1 4AK22 PEB2023 1N914
Product Description
Full Text Search
 

To Download HCF4067B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4067B HCC/HCF4097B
ANALOG MULTIPLEXER/DEMULTIPLEXER
4067B-SINGLE 16-CHANNEL 4097B-DIFFERENTIAL 8-CHANNEL
.LOWONRESI .HI .MATCHED .VERY .BI .QUI .STANDARDI .5V,10VAND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
PIN CONNECTIONS 4067B
STANCE: 125 (typ.) OVER 15 Vp-p SIGNAL INPUT RANGE FOR VDD - VSS = 15V GH OFF RESISTANCE: CHANNEL LEAKAGE OF 10pA (typ.) @ VDD - VSS = 10V SWITCH CHARACTERISTICS: RON = 5 (typ.) FOR VDD - VSS = 15V LOW QUIESCENT POWER DISSIPATION UNDER A DIGITAL CONTROL INPUT AND SUPPLY CONDITIONS: 0.2W (typ.) @ VDD -VSS = 10V NARY ADDRESS DECODING ON CHIP ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE ZED SYMMETRICAL OUTPUT CHARACTERISTICS C RATINGS o NPUT CURRENT OF 100nA AT 18V AND 25 C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD No 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIE CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Package)
M1 (Micro Package)
C1 (Chip Carrier)
ORDER CODES : HCC40XXBF HCF40XXBM1 HCF40XXBEY HCF40XXBC1
4097B
September 1988
1/16
HCC/HCF4067B HCC/HCF4097B
DESCRIPTION The HCC4067B, HCC4097B (extended temperature range) and HCF4067B, HCF4097B (intermediate temperature range) are monolithic integrated circuits available in 24-lead dual in line plastic or ceramic package. The HCC/HCF4067B and HCC/HCF4097B COS/MOS analog multiplexers/demultiplexers are digitally controlled analog switches having low ON impedance, low OFF leakage current and internal address decoding. in addition, the ON resistance is relatively constant over the full input-signal range. The HCC/HCF4067B ia a 16-channel multiplexer with four binary control inputs A, B, C, D, and an inhibit input, arranged so that any combination of the inputs selects one switch. The HCC/HCF4097 is a differential 8-channel multiplexer having three binary control inputs A, B, C, and an inhibit input. The inputs permit selection of one
FUNCTIONAL DIAGRAM
For 4067B
For 4097B
2/16
HCC/HCF4067B HCC/HCF4097B
LOGIC DIAGRAM
For 4067B
3/16
HCC/HCF4067B HCC/HCF4097B
LOGIC DIAGRAM
For 4097B
4/16
HCC/HCF4067B HCC/HCF4097B
TRUTH TABLES FOR HCC/HCF4067B
A X 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 B X 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 C X 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D X 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 INH 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 SELECTED CHANNEL None 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
TRUTH TABLE FOR HCC/HCF4097B
A X 0 1 0 1 0 1 0 1 B X 0 0 1 1 0 0 1 1 C X 0 0 0 0 1 1 1 1 INH 1 0 0 0 0 0 0 0 0 SELECTED CHANNEL None 0X 0Y 1X 1Y 2X 2Y 3X 3Y 4X 4Y 5X 5Y 6X 6Y 7X 7Y
ABSOLUTE MAXIMUM RATING
Symbol VDD * Vi II Ptot Parameter Supply Voltage: HCC Types HCF Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package Temperature Range Operating Temperature: HCC Types HCF Types Storage Temperature Value -0.5 to +20 -0.5 to +18 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -40 to +85 -65 to +150 Unit V V V mA mW mW o C o C
o
Top Tstg
C
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress ratingonly and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Parameter Supply Voltage: HCC Types HCF Types Input Voltage Operating Temperature: HCC Types HCF Types Value 3 to 18 3 to 15 0 to VDD -55 to +125 -40 to +85 Unit V V V
o o
C C
5/16
HCC/HCF4067B HCC/HCF4097B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol IL Parameter Quiescent Supply Current Test Conditios VEE VSS VDD VIS (V) (V) (V) (V) 5 10 15 20 5 10 15 0 VI VDD 0 VI VDD 5 10 15 5 10 15 5 10 15 18 TLOW * Min. Max. 5 10 20 100 20 40 80 800 310 200 850 330 210 Value 25 oC Min. Typ. Max. 0.04 5 0.04 10 0.04 20 0.08 100 0.04 20 0.04 40 0.04 80 470 180 125 470 180 125 10 10 5 0.1 1050 400 240 1050 400 240 THIGH * Min. Max. 150 300 600 3000 150 300 600 1300 580 320 1200 520 300 Unit
HCC types
A
HCF types SWITCH On RON Resistance
HCC types HCF types
0
0
0
0
ON
Resistance RON (Between any two channels)
0
0
OFF (*) Channel Leakage Current
Any HCC Channel OFF types All Channel OFF HCC (common types OUT/IN) Any HCF Channel OFF types All Channel OFF HCF (common types OUT/IN) C Capacitance Input Output for 4067 Output for 4097 Feedthrough CONTROL Input Low V IL Voltage VIH Input High Voltage Input Leackage Current HCC types HCF types Input Capacitance
0
0
100
100
1000
0
0
18
100
0.1 0.1
100
1000 A
0
0
15
300
300
1000
0
0
15
300
0.1
300
1000
-5
5
5 55 35 0.2 1.5 3 4 3.5 7 11 0.1 0.3 3.5 7 11 10-3 10-3 5 0.1 0.3 7.5 1.5 3 4 3.5 7 11 1 1 1.5 3 4
pF
= VDD thru 1K
V EE=VSS RL =1K to VSS IIS < 2A (on all OFF channels)
5 10 15 5 10 15 18 15
V
V
IIH IIL
VI = 0/18V VI = 0/15V Any Address or Inhibit Input
A
CI
pF
* Determined by minimum feasible leakage measurement for automatic testing * TLOW = -55 oC for HCC device: -40 oC for HCF device. * THIGH = +125 oC for HCC device: +85 oC for HCF device. The Noise Margin for both "1" and "0" level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD = 15 V
6/16
HCC/HCF4067B HCC/HCF4097B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25 o C, C L = 50 pF, RL = 200 K, o typical temperature coefficent for all VDD values is 03 %/ C, all input rise and fall times= 20 ns)
Symbol Parameter VC (V) Test Conditions RL fi VI VSS VDD (K) (KHz) (V) (V) (V) 5 10 15 V O at Common OUT/IN 4067B 4097B Value Typ. Max. Unit
SWITCH Propagation Delay tpd Time (Signal Input to Output) Frequency Response Channel "ON" (Sine Wave Input) at VO 20 Log = - 3 dB VI Feedthrough (All Channels OFF) at VO 20 Log = - 40 dB VI Frequency Signal Crosstalk at VO(B) 20Log = -40dB VI(A)
= VDD
200
0
30 15 11 14 20 60 20 12
60 30 20
ns
= VDD
1
5 (*)
0
10
ns
V O at Any Channel V O at Common OUT/IN 4067B 4097B
= VSS
1
5 (*)
0
10
MHz 8 1 10 MHz 18
V O at Any Channel Between Any two (A and B) Channels Between Measured Sections on (A and B) common 4097B Measured only on Any Channel
VC(A)=VDD VC(B)=VSS 1 5 (*) 0 10
tW
Sine Wave Distortion (fis = 1KHz sine wave)
5 10 15
10 10 10
1 1 1
2 (*) 3 (*) 5 (*)
0 0 0 0 0 0 0 0 0
5 10 15 5 10 15 5 10 15
0.3 0.2 0.12 325 135 95 220 90 65 650 270 190 440 180 130
%
CONTROL (address or Inhibit) Propagation Delay tPLH tPHL Time: Address or Inhibit to Signal OUT (Channel Turning ON) tPLH tPHL Propagation Delay Time: Address or Inhibit to Signal OUT (Channel Turning OFF) Address or Inhibit to Signal Crosstalk
(*) Peak to peak voltage symmetrical about (*) Both ends of channel
1
ns
0.3
ns
10*
VDD - VSS 2
0
10
75
mV peak
7/16
HCC/HCF4067B HCC/HCF4097B
Typical ON Resistance vs Input Signal Voltage (All Types) Typical ON Resistance vs Input Signal Voltage (All Types)
Typical ON Resistance vs Input Signal Voltage (All Types)
Typical ON Resistance vs Input Signal Voltage (All Types)
TEST CIRCUITS OFF Channel Leakage Current Any Channel OFF
For 4067B For 4097B
8/16
HCC/HCF4067B HCC/HCF4097B
OFF Channel Leakage Current All Channels OFF
For 4067B For 4097B
Input Voltage Measure < 2 A an All OFF Channels (e.g. Channel 12)
For 4067B For 4097B
Quiescent Device Current
For 4067B For 4097B
9/16
HCC/HCF4067B HCC/HCF4097B
Turn-on and Turn-off Propagation Delay Address Select Input to Signal Output (e. g. Channel 0)
For 4067B For 4097B
Turn-on and Turn-off Propagation Delay-Inhibit Input to Signal Output (e. g. Channel 1)
For 4067B For 4097B
Channel ON Resistance Measurement Circuit
10/16
HCC/HCF4067B HCC/HCF4097B
Propagation Delay Waveform Channel Being Turned ON (RL = 10 K, CL = 50 pF) Propagation Delay Waveform Channel Being Turned OFF (RL = 300 , CL = 50 pF)
APPLICATIONS INFORMATION In applications where separate power sources are used to drive VDD and the signal inputs, the VDD current capability should exceed VDD/RL (RL = effective external load). This provision avoids permanent current flow or clamp action on the VDD supply when power is applied or removed from the HCC/HCF4067B or HCC/HCF4097B. When switching from one address to another, some of the ON periods of the channels of the multiplexers will overlap momentarily, which may be objectionable in certain applications. Also when a channel is turned ON or OFF by an address input, there is a momentary conductive path from the channel to VSS, which will drump some charge from any capacitor connected to the input or output of the channel. The inhibit input turning on a channel will similarly drump some charge to VSS. The amount of charge dumped is mostly a function of the signal level above VSS. Typically, ay VDD - VSS = 10V, a 100 pF capacitor connected to the input or output of the channel will lose 3-4% of its voltage at the moment the channel turns ON or OFF. This loss of voltage is essentially independent of the address or inhibit signal trnasition time, if the transition time is less than 1- 2 s. When the inhibit signal turns a channel off, there is no change dumping of VSS. Rather, there is a slight rise in the channel voltage level (65 mV typ.) due to the capacitance coupling from inhibit input to channel input or output. Address input also couple some voltage steps onto the channel signal levels. In certain applications, the external load-resistor current may include both VDD and signal line components. To avoid drawing VDD current when switch current flows into the transmission gate inputs, the voltage drop across the bidirectional switch must not exceed 0.8 V (calculated from RON values shown in ELECTRICAL CHARACTERISTICS CHART). No VDD current will flow through RL if the switch current flows into terminal 1 on the HCC/HCF4067B, terminals 1 and 17 on the HCC/HCF4097B.
11/16
HCC/HCF4067B HCC/HCF4097B
Plastic DIP24 (0.25) MECHANICAL DATA
mm MIN. a1 b b1 b2 D E e e3 F I L 4.445 3.3 15.2 2.54 27.94 14.1 0.175 0.130 0.23 1.27 32.2 16.68 0.598 0.100 1.100 0.555 TYP. 0.63 0.45 0.31 0.009 0.050 1.268 0.657 MAX. MIN. inch TYP. 0.025 0.018 0.012 MAX.
DIM.
P043A
12/16
HCC/HCF4067B HCC/HCF4097B
Ceramic DIP24 MECHANICAL DATA
mm MIN. A B C D E e3 F G I L M N1 P Q 2.29 0.4 1.17 0.22 1.52 13.05 3.9 3 0.5 27.94 2.79 0.55 1.52 0.31 2.49 0.090 0.016 0.046 0.009 0.060 1.78 TYP. MAX. 32.3 13.36 5.08 0.514 0.154 0.118 0.020 1.100 0.110 0.022 0.060 0.012 0.098 0.070 MIN. inch TYP. MAX. 1.272 0.526 0.200
DIM.
4 (min.), 15 (max.)
15.4 15.8 5.71 0.606 0.622 0.225
P058C
13/16
HCC/HCF4067B HCC/HCF4097B
SO24 MECHANICAL DATA
mm MIN. A a1 a2 b b1 C c1 D E e e3 F L S 7.40 0.50 15.20 10.00 1.27 13.97 7.60 1.27 8 (max.) 0.291 0.19 15.60 10.65 0.35 0.23 0.50 45 (typ.) 0.598 0.393 0.05 0.55 0.299 0.050 0.614 0.420 0.10 TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
DIM.
L C c1
a2
A
e3
E
D
24
13
1
12
14/16
F
a1
b
e
s
b1
HCC/HCF4067B HCC/HCF4097B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
15/16
HCC/HCF4067B HCC/HCF4097B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
16/16


▲Up To Search▲   

 
Price & Availability of HCF4067B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X