|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HA13557AFH Combo (Spindle & VCM) Driver ADE-207-234A (Z) 2nd. Edition July 1997 Description This COMBO Driver for HDD application consists of Sensorless Spindle Driver and BTL type VCM Driver. Bipolar Process is applied and a "Soft Switching Circuit" for less commutation noise and a "Booster Circuit" for smaller Saturation Voltage of Output Transistor are also implemented. Features * * * * Soft Switching Driver Small Surface Mount Package: FP-48T (QFP48 Pin) Low thermal resistance: 30C/W with 4 layer multi glass-epoxy board Low output saturation voltage Spindle 1.44 V Typ (@1.8 A) VCM 1.0 V Typ (@1.0 A) Functions * * * * * * * * * * 2.2 A Max/3-phase motor driver 1.5 A Max BTL VCM Driver Auto retract Soft Switching Matrix Start up circuit Booster Speed Discriminator Internal Protector (OTSD, LVI) POR Power monitor HA13557AFH Pin Arrangement RS RETON RETPOW Vpsv LVI2 GND GND OPIN(-) VCTL OPIN(+) RESINH VREF1 42 41 40 39 38 37 36 COMPOUT 35 NC* 34 NC* 33 GAIN 32 VCMENAB 31 GND TAB 48 47 46 45 44 43 VBST VCMP VCMN BC2 BC1 GND 1 2 3 4 5 6 TAB TAB GND W RNF PCOMP CT V 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 30 GND 29 POR 28 SPNENAB 27 READY 26 CLOCK 25 CNTSEL U C-PUMP CLREF R1 Vpss GND TAB *NC : No internal connection Please note that there is no isolation check between pin 34 and pin 35 at the testing of this IC. (Top View) 2 GND VSS LVI1 DELAY COMM POLSEL HA13557AFH Pin Description Pin Number Pin Name 1 2 3 4 5 6, TAB, 7 8 9 10 11 12 13 14 15 16 17 18, TAB, 19 20 21 22 23 24 25 26 27 28 29 30, TAB, 31 32 33 VBST VCMP VCMN BC2 BC1 GND W RNF PCOMP CT V U C-PUMP CLREF R1 Vpss GND VSS LVI1 DELAY COMM POLSEL CNTSEL CLOCK READY SPNENAB POR GND VCMENAB GAIN Function Boosted voltage output to realize the low output saturation voltage Output terminal on VCM driver Output terminal on VCM driver To be attached the external capacitor for booster circuitry ditto Ground pins W phase output terminal on spindle motor driver Sensing input for output current on spindle motor driver To be attached the external capacitor for phase compensation of spindle motor driver To be attached the center tap of the spindle motor for B-EMF sensing V phase output terminal on spindle motor driver U phase output terminal on spindle motor driver To be attached the external integral constants for speed control of spindle motor Reference voltage input for current limiter of spindle motor driver To be attached the external resistor for setting up the oscillation frequency of start-up circuitry and the gain of speed control loop of spindle motor driver Power supply for spindle motor driver Ground pins Power supply for small signal block Sensing input for power monitor circuitry To be attached the external capacitor to generate the delay time for power on reset signal To be attached the external capacitor for setting up the oscillation frequency To be selected the input status corresponding to the pole number of spindle motor To select the count Number of Speed Discriminator Master clock input for this IC Output of speed lock detector for spindle motor To select the status of spindle motor driver Output of power on reset signal for HDD system Ground pins To select the status of VCM driver To select the Transfer conductance gm of VCM driver 3 HA13557AFH Pin Description (cont) Pin Number Pin Name 34 35 36 37 38 39 40 41 42, TAB, 43 44 45 46 47 48 NC NC COMPOUT VREF1 RESINH OPIN (+) VCTL OPIN (-) GND LVI2 Vpsv RETPOW RETON RS Function No function No function Comparator output to detect the direction of output current on VCM driver Regulated voltage output to be used as reference of peripheral ICs Used for inhibiting the restart function of the spindle motor driver after power down Non inverted input of OP.Amp. to be used for filtering the signal on PWMOUT OP.Amp. output, this signal is used as control signal for VCM driver output Inverted input of OP.Amp. to be used for filtering the signal on PWMOUT Ground pins Sensing input for power monitor circuitry Power supply for VCM driver Power supply for retract circuitry To be attached the base terminal of external transistor for retracting Sensing input for output current on VCM driver 4 HA13557AFH Block Diagram VSS (+5V) VSS C102 20 Vps(+12V) C101 17 11 SOFT SWITCHING MATRIX VBST U SPINDLE DRIVER V W CHARGE PUMP CURRENT CONTROL 13 12 8 9 PCOMP Vpsv (D1) CLOCK 26 (5MHz Typ) CNTSEL 25 READY 27 VCTL 40 OPIN(-) 41 OPIN(+) 39 Vref1 37 NC 34 NC 35 GAIN 33 VCM ENAB 32 BC1 5 C104 4 BC2 1 C105 VBST Vref1 (=4.6V) Vpss CT B-EMF AMP. RESINH 38 C103 COMM 23 C-PUMP D2 U V W D3 D4 START-UP CIRCUIT COMMUTATION LOGIC 14 C2 CLREF C1 15 RNF C110 C111 C109 R112 R113 Qret1 C112 R109 R110 R111 R1 R1b 16 R1a 28 SPNENAB POLSEL 24 10 45 46 47 1/32 SPEED DISCRI. (CNT) SPEED READY RETPOW RETON VBST RETRACT DRIVER P Qret2 - + OPAMP. + VCM DRIVER N - OTSD - + VCMP 2 RS 3 VCMN 48 CX RX RL D1 RS COMP 36 OUT R105 Vss(+5V) 29 POR (L:RESET) VBST BOOSTER Vss Vps POWER MONITOR COMPARATOR POR Delay 22 GND TAB 6, 7, 18, 19, 30, 31, 42, 43 Vss (+5V) R101 R102 LVI1 21 44 LVI2 R103 R104 Vps (+12V) DELAY C106 5 HA13557AFH Truth Table Table 1 SPNENAB H Open L Truth Table (1) Spindle Driver ON Cut off Braking Table 2 VCMENAB H L Truth Table (2) VCM Driver ON Cut off Table 3 OTSD not Active Active Truth Table (3) Spindle Driver See table 1 Cut off VCM Driver See table 2 Cut off Retract Driver Cut off ON POR X L Table 4 POLSEL H Open L Truth Table (4) (D1) -- 1/12 1/18 Comment Test Mode for 8 poles motor for 12 poles motor Table 5 CNTSEL H Open L Truth Table (5) CNT 2605 2084 1736 Rotation Speed (at CLOCK = 5 MHz) 3,600 rpm 4,500 rpm 5,400 rpm 6 HA13557AFH Table 6 RESINH H L Truth Table (6) Spindle Driver Inhibiting the restart after power down Not inhibiting the restart after power down Table 7 GAIN H L Truth Table (7) VCM Driver High Gain Mode Low Gain Mode 7 HA13557AFH Timing Chart 1. Power on reset (1) Vhys Vsd Vps and VSS t POR tDLY 1.0V MAX 0 Note: 1. t How to determine the threshold voltage Vsd and the delay time t DLY both are shown in the external components table. 8 HA13557AFH 2. Power on reset (2) VPS or VSS tpor POR Spindle Driver ON OFF ON OFF VCM Driver Retract Driver Note: 2. Retract driver need B-EMF voltage or another power supply. ,,,, ,,,, ,,,, tpor <1s <1s Retract 9 HA13557AFH 3. Motor start-up seaquence (a) Timing chart of start-up seaquence SPNENAB Rotation Speed Internal READY ,,, , ,, Open No Synchronous Driving Driving by B-EMF sensing 0 Switching tdelay*2 Soft Switching*3 t *3. The turning point of driving mode from switching synchronize to the turning point of READY output from Low to High. Motor on Synchronous driving Driving by B-EMF sensing (not stop) Motor stop detector No+No*1 No-No*1 READY (Pin 27) Note *1. Speed lock detection range No is as follows. No =1.2% when CNTSEL=H =1.5% when CNTSEL=Open =1.8% when CNTSEL=L *2. READY output goes to High, if the rotation speed error keeps to be less than No longer time than tdelay. 250 * 107 tdelay= [ms] fclk [Hz] (b) Retry circuitry for misstart-up (Motor stop) (Motor off) The HA13557FH has the motor stop detector as shown hatching block. This function is monitoring the situation of the motor while the motor is running by B-EMF sensing. If the motor will be caused a misstarting up, the motor will be automatically restarted within 200 ms after the motor stopped. This function increase the reliability for the motor starting up. ,, ,, 10 HA13557AFH 4. Braking & Shut down the Spindle Driver SPNENAB Note: The SPNENAB should be selected the open state after braking to reduce the supply current from Vps and V SS . ,, Open ON > 20s CUT OFF BRAKING ,, Open CUT OFF 5. Start-up of the Spindle motor Open SPNENAB COMM GND , 2TCOMM tCOMM (see External Components Table) Vth1 Vth2 IU SOURCE 0 SINK IV SOURCE 0 SINK SOURCE IW 0 SINK 10TCOMM 12TCOMM 14TCOMM 16TCOMM 16TCOMM 4TCOMM 4TCOMM 4TCOMM 4TCOMM 4TCOMM 6TCOMM 8TCOMM Driving by B-EMF sensing Synchronous Driving for motor start up not detecting the B-EMF detecting the B-EMF 11 HA13557AFH 6. Acceleration and Running the spindle motor + UBEMF 0 - + VBEMF 0 - + WBEMF 0 - (1) Acceleration(switching mode) SOURCE Iu 0 SINK SOURCE Iv 0 SINK SOURCE Iw 0 SINK (2) Running (soft switching mode) SOURCE Iu 0 SINK SOURCE 0 SINK SOURCE Iw 0 SINK Iv 12 HA13557AFH Application VPS (+12V) Vpss 17 C101 CT 11 D2 23 COMM 15 CLREF R1b C2 R1a 16 R1 R2 14 C-PUMP C1 24 POLSEL 25 CNTSEL 27 READY 26 CLOCK 28 SPNENAB 32 VCMENAB 33 GAIN 38 RESINH RETPOW 46 RETON 47 R8 R7 R3 C3 R4 VSS (+5V) R105 R101 C102 R5 C5 R6 40 VCTL 39 OPIN(+) C4 36 COMPOUT 20 VSS RS 48 LVl2 44 29 POR R102 LVl1 21 VCMN 3 CX RX RL 37 VREF1 41 OPIN(-) VCMP 2 Qret2 R110 R112 Qret1 Qret3 5 BC1 C104 4 BC2 C105 1 VBST C103 U 13 HA13557AFH V 12 D3 W8 RNF 9 PCOMP 10 Vpsv 45 C109 R113 R104 R103 D4 RNF C110 C111 R109 C112 PWMIN D1 RS R111 22 DELAY GND 6 7 18 19 30 31 42 43 TAB C106 13 HA13557AFH External Components Parts No. R1a R1b R2 R3 to R8 R101, R102 R103, R104 R105 R109, R110 R111, R112, R113 RS Rnf RX C1, C2 C3 to C6 CX C101 C102 C103 C104 C105 C106 C109 C110, C111 C112 Qret1, Qret2, Qret3 D1 D2, D3, D4 Recommended Value (R1a + R1b) 10 k (R1a + R1b) 10 k -- -- -- -- 5.6 k (R109 + R110) 10 k -- 1.0 -- -- -- -- -- 0.1 F 0.1 F -- 0.22 F 2.2 F 0.33 F 0.1 F 0.22 F -- -- TBD Si * Diode Integral constant PWM filter Setting of LVI1 voltage Setting of LVI2 voltage Pull up Retout voltage adjust Retract Driver Current sensing for VCM Driver Current sensing for Spindle Driver Reduction for gain peaking Integral constant PWM filter Reduction for gain peaking Power supply by passing Power supply by passing Oscillation for start-up for booster for booster Delay for POR Power supply by passing Phase compensation Phase compensation for Retract Retract Driver Prevent of counter current for rectification 12 8 6 10 1 11 3 9 11 3 9 7 7 Purpose V/I converter Note 1, 4, 6 14 HA13557AFH Notes: 1. Output maximum current on spindle motor driver Ispnmax is determined by following equation. R1b V Ispnmax = * R1 [A] R1a + R1b RNF (1) where, V R1: Reference Voltage on Pin 16 [V] (= 1.17) 2. Input clock frequency fclk on pin 26 is determined by following equation. 4 [Hz] fclk = * NO * P * D1 * (CNT - 0.5) 5 where, NO: Standard rotation speed [rpm] P: Number of pole D1: Dividing ratio on divider 1 D1 = 1/12 (when Pin 24 = Open) for 8 pole motor = 1/18 (when Pin 24 = Low) for 12 pole motor CNT:Count number on speed discriminator CNT = 2605 (when Pin 25 = High) = 2084 (when Pin 25 = Open) = 1736 (when Pin 25 = Low) 3. Integral constants R2, C1 and C2 can be designed as follows. 1 NO O = *2** [rad/s] 10 60 R2 = 1 Rnf * J * O * NO * (R1a + R1b) * 9.55 VR1 * KT * Gctl 1 10 * O * R2 [F] [F] (5) (6) [] (4) (2) (3) C1 = C2 = 10 * C1 where, J: Moment of inertia [kg*cm*s2] KT: Torque constant [kg*cm/A] Gctl: Current control amp gain from pin 14 to pin 9 (= 0.794) 4. It is notice that rotation speed error Nerror is caused by leak current Icer2 on pin 14 and this error depend on R1a and R1b as following equation. (R1a + R1b) Nerror = Icer2 * * 100 [%] VR1 (7) where, Icer2: Ieak current on pin 14 [A] 5. Oscillation period tCOMM on pin 23 which period determine the start up characteristics, is should be chosen as following equation. J J 1 1 tCOMM = * to * [s] P * KT * Ispnmax P * KT * Ispnmax 8 4 (8) 15 HA13557AFH 6. The capacitor C103 on pin 23 can be determined by tCOMM and following equation. 1 VR1 tCOMM C103 = * * [F] VthH - VthL R1a + R1b 4 (9) where, Vth H : Threshold voltage on start up circuit [V] (= 2.0) Vth L: Threshold voltage on start up circuit [V] (= 0.5) 7. LVI operatig voltage Vsd1, Vsd2 and its hysteresis voltage Vhys1, Vhys2 can be determined by following equations. for VSS Vsd1 = 1 + R101 * Vth4 R102 R101 R102 [V] (10) [V] (11) Vhys1 = 1 + * Vhyspm for Vps Vsd2 = 1 + R103 * Vth3 R104 R103 R104 [V] (12) [V] (13) Vhys2 = 1 + * Vhyspm where, Vth3, Vth4: Threshold voltage on pin 21 and pin 44 [V] (= 1.39) Vhyspm: Hysteresis voltage on pin 21 and pin 44 [mV] (= 40) Shut down voltage Vsd1, Vsd2 can be designed by the following range. Vsd1 4.25 [V], Vsd2 10 [V] 8. The delay time tDLY of POR for power on reset is determined as follows. C106 * Vth5 tDLY = [s] ICH3 (14) where, Vth5: Threshold voltage on pin 22 [V] (= 1.4) I CH3: Charge current on pin 22 [A] (= 6) 9. The differential voltage (Vctl - V REF1) using for control of VCM driver depend on PWMDAC input PWMIN as follows. D - 50 R6 Vctl - VREF1 = 2 * VREF1 * PWM * * HFLT(s) 100 R5 (15) Duty cycle on PWMIN [%] Normalized transfer function from PWMIN to pin 40 (Vctl) as shown in equation (17) To be satisfied with above equation (15), it is notice that the ratio of R6 to R7 must be choosen as shown below. R8 R6 1 =2* * R7 R5 1 - R6 R5 (16) where, DPWM: HFLT(S): 16 HA13557AFH HFLT(s) = 1 1 + s * C5 * R// - C3 * (R// + R3) * R6 + C4 * (R// + R3 + R4) R5 + s2 * C5 * C4 * R// * (R3 + R4) - C5 * C3 * R// * R3 * R6 + C3 * C4 * R4 * (R// + R3) R5 + s3 * C3 * C4 * C5 * R// * R3 * R4 (17) R// = where, R7 * R8 R7 + R8 (18) If you choose the R// << R3, then equation (17) can be simplified as following equation. 1 1 HFLT(s) = * 2 1+ s 1 +2 * * s + s O n n (19) where, O = 1 C5 * R// 1 C3 * C4 * R3 * R4 (20) n = (21) = R6 C4 * (R3 + R4) - C3 * R3 * R5 2 * C3 * C4 * R3 * R4 (22) 10. The relationship between the output current Ivcm and the input voltage (Vctl - V REF1) on VCM driver is as follows. Ivcm(s) = Vctl - VREF1 * Kvcm * where, Vctl: VREF1: Kvcm: 1 * Hvcm(s) Rs (23) Input control voltage for VCM driver on pin 40 [V] Reference voltage on pin 37 [V] (= 4.6) DC gain of VCM driver (= 1.74 for High gain mode) (= 0.44 for Low gain mode) Hvcm(s): Transfer function of VCM driver as shown following equation 1 Hvcm(s) = s s2 1 + 2 * VCM * + VCM VCM (24) where, VCM = P * Rs Lm (25) 17 HA13557AFH VCM = 1 2 * 1+ RL Rs * 1 P * Rs Lm (26) where, p: Bandwidth of internal power amplifiers for VCM driver [rad/s] (= 3**106) Lm: Inductance of the VCM coil [H] RL: Resistance of the VCM coil [] and from above equations the -3 dB bandwidth f VCMC of VCM driver is as following equation. fVCMC = VCM 2* * 1 - 2 * VCM2 + 2 * VCM2 - 1 2 +1 (27) 11. The frequency response of VCM driver maybe have a gain peaking because of the resonation of the motor coil impedance. If you want to tune up for this characteristics, you can reduce the peaking by additional snubber circuit R X and CX as follows. BTL Driver + - R3 RS - + R3 P RS N RX CX Coil 1/2 VPS Figure 1 VCM Driver Block Diagram 20 10 Normal IO (dB) 0 -10 -20 CX = 0.22F RX = 560 100 1k 10k 100k Frequency (Hz) (for example) RL = 14.7 , RS = 1 , L = 1.7 mH, Gain = L 18 HA13557AFH 12. The Qret3 collector voltage Vret is determined by R109 R109 Vret = VRT ( + 1) (Vretpow VRT ( + 1)) R110 R110 . Vret - VF(D1) - VsatVL Iret = . RL + Rs where, Vretpow: VRT : VF (D1): VsatVL: Applied voltage on pin 46 [V] Reference voltage of Retract (toward voltage of Qret2) [V] Foward voltage of D1 [V] Saturation voltage on pin 3 at retracting [V] (See electrical characteristics) (28) 19 HA13557AFH Absolute Maximum Ratings (Ta = 25C) Item Power supply voltage Signal supply voltage Input voltage Output current-Spindle Symbol Vps VSS VIN Iospn (Peak) Iospn (DC) Output current-VCM Iovcm (Peak) Iovcm (DC) Power dissipation Junction temperature Storage temperature Notes: 1. 2. 3. 4. 5. PT Tj Tstg Rating +15 +7 VSS 2.2 1.8 1.5 1.0 5 +150 -55 to +125 Unit V V V A A A A W C C 4 5, 6 Notes 1 2 3 Operating voltage range is 10.2 V to 13.8 V. Operating voltage range is 4.25 V to 5.75 V. Applied to Pin 24, 25, 26, 28, 32, 33 and pin 38 Operating junction temperature range is Tjop = 0C to +125C. ASO of upper and lower power transistor are shown below. Operating locus must be within the ASO. 6. The OTSD (Over Temperature Shut Down) function is built in this IC to avoid same damages by over heat of this chip. However, please note that if the junction temperature of this IC becomes higher than the operating maximum junction temperature (Tjopmax = 125C), the reliability of this IC often goes down. 7. Thermal resistance: j-a 30C/W with 4 layer multi glass-epoxy board 10 2.2 IC (A) 1 t=10ms t=50ms t=100ms 0.1 1 15 10 VCE (V) 100 Figure 2 ASO of Output Stages (Spindle) 20 HA13557AFH 10 IC (A) 1.5 1 t=10ms t=50ms t=100ms 0.1 1 15 10 VCE (V) 100 Figure 3 ASO of Output Stages (VCM) 21 HA13557AFH Electrical Characteristics (Ta = 25C, Vps = 12 V, VSS = 5 V) Item Supply current for VSS Symbol Min I SS0 I SS1 for Vps Ips0 Ips1 Logic input 1 Input low voltage VIL1 (GAIN) (RESINH) Input high voltage VIH1 -- -- -- -- -- Typ 5.8 21 1.7 19 -- Max 7.0 27 2.2 24 0.8 Unit mA mA mA mA V Test Conditions Applicable Pins Note SPNENAB = Open 20 VCMENAB = L SPNENAB = H VCMENAB = H 20 SPNENAB = Open 17, 45 VCMENAB = L SPNENAB = H VCMENAB = H 17, 45 33, 38 2.0 -- -- -- 3.5 -- -- -- 2.0 -- -- -- 2.0 3.9 -- -- -- -- -- -180 230 -- -- -- -- -- -- -- -- 10 10 0.8 -- -260 330 0.8 -- 10 330 1.0 3.1 -- V A A V V A A V V A A V V V Input = GND Input = 5.0 V 28 Input = GND Input = 5.0 V 32 Input = GND Input = 5.0 V 26 Input low current I IL1 Input high current I IH1 Logic input 2 Input low voltage VIL2 (CLOCK) Input high voltage VIH2 Input low current I IL2 Input high current I IH2 Logic input 3 Input low voltage VIL3 (VCMENAB) Input high voltage VIH3 Input low current I IL3 Input high current I IH3 Logic input 4 Input low voltage VIL4 (SPNENB) Input middle voltage Input high voltage VIM4 VIH4 22 HA13557AFH Electrical Characteristics (Ta = 25C, Vps = 12 V, VSS = 5 V) (cont) Item Symbol Min -75 75 10 -- Typ -105 105 -- -- Max -150 150 -- 1.0 Unit A A A V 24, 25 Test Conditions Input = GND Input = 5.0V Applicable Pins Note 28 Logic input 4 Input low current I IL4 (SPNENB) Input high current Input dead current I IH4 I DEAD Logic input 5 Input low voltage VIL5 (POLSEL) (CONTSEL) Input middle voltage Input high voltage VIM5 VIH5 2.0 3.9 -38 38 -- -- -53 53 1.44 -- -- -- 480 3.1 -- -75 75 2.0 0.75 0.7 2.0 530 V V A A V V V mA mV Input = GND Input = 5.0V Ispn = 1.8A Ispn = 0.6A Ibreak = 0.6A SPNENAB=Open VCLREF = 500mV RNF = 1.0 RNF = 1.0 Idf = 0.5A 9 8, 12, 13 Input low current I IL5 Input high current Spindle driver I IH5 Total saturation Vsatspn -- voltage -- Saturation at braking Leak current Current limiter reference voltage Control amp gain Clamp diode forward voltage Vbreak Icer1 VOCL -- -- 430 Gctl Vdf Vmin VR1 I CH1 I DIS1 Icer2 -- 1.6 60 1.06 40 -40 -- -2 1.9 90 1.17 45 -45 -- 2 2.2 125 1.28 50 -50 50 dB V mVp-p V A A nA 9, 14 8, 12, 13 8, 12, 13 1 B-EMF amp. Input sensitivity Charge pump Reference voltage Charge current Discharge current Leak current R1a+R1b = 24k C - PUMP = 1.0V 14, 16 23 HA13557AFH Electrical Characteristics (Ta = 25C, Vps = 12 V, VSS = 5 V) (cont) Item Speed discri Operating frequency Start up circuit Threshold voltage Symbol Min fclk Vth H Vth L Charge current Discharge current READY Output high voltage Output low voltage VCM driver I CH2 I DIS2 Vohr Volr -- 1.6 0.3 21 -19 VSS - 0.4 -- Typ -- 1.8 0.5 23 -22 -- -- 1.0 0.5 -- -- -- 6.0 Max 8.0 2.0 0.7 26 -25 VSS 0.4 1.38 0.69 2.0 20 10 6.4 Unit MHz V V A A V V V V mA mV mV V RL = 14 , RS = 1.0 RS = 1.0 , RL = 28 RS = 1.0 , RL = 14 Higain-mode RS = 1.0 , RL = 14 Logain-mode RS = 1.0 , RL = 14 2, 34, 48 2, 3 R1a + R1b = 24 k COMM = 1 V I O = -1 mA I O = 1 mA Ivcm = 1.0 A Ivcm = 0.5 A Vce = 15 V VCTL = OP (-) VREF = OP (+) 2, 48 2, 3 27 Test Conditions Applicable Pins Note 26 16, 23 Total saturation Vsatvcm -- voltage -- Output leak current Total output offset voltage Icer3 Voff(H) Voff(L) Output quiescent voltage Total gain bandwidth Vqvcm -- -- -- 5.6 B -- -- 26 50 1.74 -- -- 5% kHz kHz A/V 2, 3 1 Transfer gain gm (H) -- gm (L) -- 0.44 5% A/V 24 HA13557AFH Electrical Characteristics (Ta = 25C, Vps = 12 V, VSS = 5 V) (cont) Item Retract driver Symbol Min Typ -- 8 -- 0.33 Max -- -- 10 0.45 Unit V mA A V Test Conditions Ireton = 0.1 mA Vretpow = 4.0 V Vreton = 15 V, Vretpow = 15 V Iret = 0.1 A 37 3 Applicable Pins Note 46 Retpow voltage Vretpow 0.8 Retout sink current Output leak current Low side saturation voltage Ireton Icer4 VsatVL 5 -- 0.2 OP Amp Input current Input offset voltage Common mode input voltage range Output high voltage Output low voltage Iinop Vosop Vcmop -- -- 0 -- -- -- 500 (7) nA mV 39, 41 1 Vps V - 0.2 -- 1.1 -- 0.4 VSS 3% 5.0 +3% 55 +3% 55 V V mV V V V V mV V mV I O = 1 mA I O = 1 mA I O = 20 mA I O = 20 mA VSS = 5 V VSS = 5 V VSS = 4 V VSS = 4 V 21 2 44 2 37 Iout = 1.0 mA Iout = 1.0 mA 2, 3, 36 36 1 40 Vohop Volop Vmin2 Volcp Vohcp Vref1 Ro1 Vth3 Vps - 1.3 -- 9 -- VSS - 1.8 -- -- -2% -- -- 0 -- -- 4.0 -- 1.39 40 1.38 40 Comparator Input sensitivity Output low voltage Output high voltage Vref1 Output voltage Output resistance Power monitor Threshold voltage Hysteresis Threshold voltage Hysteresis Vhyspm1 25 Vth4 -2% Vhyspm2 25 25 HA13557AFH Electrical Characteristics (Ta = 25C, Vps = 12 V, VSS = 5 V) (cont) Item POR Output low voltage Symbol Min VOL2 VOL3 Output leak current Threshold voltage Charge current Discharge current OTSD Operating temperature Hysteresis Icer5 Vth5 I CH3 I DIS3 Tsd Thys -- -- -- -- -- 40 125 -- Typ -- -- -- 1.4 6 -- 150 25 Max 0.4 0.4 10 5% Unit V V A V Test Conditions I O = 1 mA I O = 1 mA VSS = Vps = 1.0 V Vpor = 7 V 22 Applicable Pins Note 29 25% A -- -- -- mA C C 1 1 Notes: 1. Design guide only. 2. Variations of threshold voltage Vth3 and Vth4 depending on the power supply VSS are shown in figure 4. Threshold voltage Vth3, Vth4 (V) 1.42 1.41 1.40 1.39 1.38 1.37 1.36 1.35 1.34 1.33 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 5.6 5.8 6.0 Power supply VSS (V) Test condition of Vth4 Test condition of Vth3 Figure 4 26 HA13557AFH Package Dimensions Unit: mm 17.2 0.2 14 36 37 17.2 0.2 25 24 0.65 13 2.425 3.05 Max 2.925 2.925 48 1 4.85 2.925 2.925 12 2.425 0.13 M 0.17 0.05 0.3 0.05 4.85 2.7 1.6 0.1 0.1 0 - 10 0.825 0.8 0.3 0.825 0.1 Hitachi code EIAJ code JEDEC code FP-48T -- -- 27 Cautions 1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products. Hitachi, Ltd. Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109 URL NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to: Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan. |
Price & Availability of HA13557AFH |