Part Number Hot Search : 
DS135 MUR160 FLM14 ISL66 H681K GD54HC34 EPC1091P UT364
Product Description
Full Text Search
 

To Download FR104G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
FR101G - FR107G
FAST GPP DIODES
Maximum Average Maximum Rectified Current Forward Peak @ Half-Wave Surge Current @ Resistive Load 60Hz 8.3ms Superimposed I O@ T L A AV C I FM (Surge) A PK Maximum Reverse Current @ PRV @ TA=25C I
R
TYPE
Maximum Peak Reverse Voltage PRV V PK
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Maximum Reverse Recovery Time Trr ns
Package Dimensions
Adc
FR101G FR102G FR103G FR104G FR105G FR106G FR107G
50 100 200 400 600 800 1000
1.0
75
25
5.0
1.0
1.3
150 150 250 250 500
DO - 41
Trr I F = 0.5A, I R = 1.0A, I RR = 0.25A Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
1.0(25.4) MIN
.205(5.2) .166(4.2)
1.0(25.4) MIN
.034(0.9) .028(0.7)
DIA .107(2.7) DIA .080(2.0)
DO - 41
38A-1/2
LESHAN RADIO COMPANY, LTD.
FR101G-FR107G GPP RATING & CHARACTERISTIC CURVES OF FAST GPP DIODE
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE D.U.T. (-) PULSE G E N E R AT O R (NOTE 2) (+) 0 -0.25A
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
1.25 1.00 0.75 0.50 0.25 0 25 50 75 100 125 150 175 Single Phase Half Wave 60Hz Resistive or Inductive Load
+0.5A
Trr
(+) 25Vdc (APPROX) (-)
1
NON. INDUCTIVE
OSCILLOSCOPE (NOTE 1)
NOTES:1.Rise Time=7ns max. Input Impedance=1megohm.22pF. 2.Rise Time=10ns max. Source Impedance=50 ohms.
-1.0A
SET TIME BASE FOR 50/100ns/cm
1cm
AMBIENT TEMPER ATURE, (C)
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT, (A)
10
TJ =25C
1.0
Pulse Width=300s 1% Duty Cycle 0 .4 .6 .8 1.0 1.2 1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG. 4 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
50 8.3ms Single Half Sine-Wave (JEDEC Method)
JUNCTION CAPACITANCE,(pF)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200 100 60 40 20 10 6 4 2 1 TJ =25C
PEAK FORWARD SURGE CURRENT,(A)
40
30
20
10
0 1 5 10 50 100
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE,(V) NUMBER OF CYCLES AT 60Hz
38A-2/2


▲Up To Search▲   

 
Price & Availability of FR104G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X