Part Number Hot Search : 
21M50 M37710 HIRF830 FN4482 E005211 PMEG20 1SM5937B LB11972V
Product Description
Full Text Search
 

To Download FM4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FM4001 THRU FM4007
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FEATURES
* * * * * * Glass passivated device Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.057 gram
DO-214AC
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0
0.067 (1.70) 0.051 (1.29) 0.180(4.57) 0.160(4.06) 0.110 (2.79) 0.086 (2.18)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
0.091 (2.31) 0.067 (1.70) 0.059 (1.50) 0.035 (0.89) 0.209 (5.31) 0.185 (4.70)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75o C Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Thermal Resistance Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage at 1.0A DC Maximum Full Load Reverse Current, Full cycle Average at TA = 75oC Maximum DC Average Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA = 125 o C SYMBOL VF FM4001 FM4002 FM4003 FM4004 FM4005 FM4006 FM4007 UNITS 1.1 30 IR 5.0 50 Volts uAmps uAmps uAmps 1998-8 SYMBOL VRRM VRMS VDC IO IFSM (Note 2) RJL (Note 3) RJA CJ TJ, TSTG FM4001 FM4002 FM4003 FM4004 FM4005 FM4006 FM4007 UNITS 50 35 50 100 70 100 200 140 200 400 280 400 1.0 30 60 100 15 -65 to + 175 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps
0 0
C/ W C/ W pF 0 C
NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC 2. Thermal resistance junction to terminal 6.0mm2 coppeer pads to each terminal. 3. Thermal resistance junction to ambient, 6.0mm2 coppeer pads to each terminal.
RATING AND CHARACTERISTIC CURVES ( FM4001 THRU FM4007 )
PEAK FORWARD SURGE CURRENT, (A) AVERAGE FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 1.0 .8 .6 .4 .2 0
Single Phase Half Wave 60Hz Resistive or Inductive Load
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 50 40 30 20 10 0 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave (JEDED Method)
0
25 50 75 100 125 150 175 AMBIENT TEMPERATURE, ( ) FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, (uA)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 4
TJ = 100
10
1.0
1.0 .4
TJ = 25
.1
.1 .04
TJ = 25
Pulse Width = 300us 1% Duty Cycle
.01 .4 .6 .8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
JUNCTION CAPACITANCE, (pF)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 REVERSE VOLTAGE, ( V ) 100
TJ = 25
RECTRON


▲Up To Search▲   

 
Price & Availability of FM4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X