Part Number Hot Search : 
D12NF ADN2849 HAT3006R BD00HC0 C0603X C4010 F1603 PWR35MM
Product Description
Full Text Search
 

To Download DM74ALS244A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74ALS244A Octal 3-STATE Bus Driver
September 1986 Revised February 2000
DM74ALS244A Octal 3-STATE Bus Driver
General Description
This octal 3-STATE bus driver is designed to provide the designer with flexibility in implementing a bus interface with memory, microprocessor, or communication systems. This device offers 64-extended temperature Grade product guaranteeing performance from -40C to +85C. The output 3-STATE gating control is organized into two separate groups of four buffers, and both control inputs enable the respective outputs when set logic LOW. The 3-STATE circuitry contains a feature that maintains the buffer outputs in 3-STATE (high impedance state) during power supply ramp-up or ramp-down. This eliminates bus glitching problems that arise during power-up and power-down.
Features
s Advanced low power Schottky TTL process oxide-isolated ion-implanted s Functional and pin compatible with the 74LS counterpart s Improved switching performance with less power dissipation compared with the 74LS counterpart s Switching response specified into 500 and 50 pF load s Switching response specifications guaranteed over full temperature and VCC supply range s PNP input design reduces input loading
Ordering Code:
Order Number DM74ALS244AWM DM74ALS244ASJ DM74ALS244AMSA DM74ALS244AN Package Number M20B M20D MSA20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Logic Diagram
Function Table
Input G L L H A L H X Output Y L H Z
H = HIGH Level Logic State L = LOW Level Logic State X = Don't Care (Either LOW or HIGH Level Logic State) Z = High Impedance (OFF) State
(c) 2000 Fairchild Semiconductor Corporation
DS006212
www.fairchildsemi.com
DM74ALS244A
Absolute Maximum Ratings(Note 1)
Supply Voltage, VCC Input Voltage Voltage Applied to Disabled Output Operating Free Air Temperature Range Storage Temperature Range Typical JA N Package M Package 60.5C/W 79.8C/W 7V 7V 5.5V 0C to +70C -65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Operating Free-Air Temperature 0 Parameter Min 4.5 2 0.8 -15 24 70 Typ 5 Max 5.5 Units V V V mA mA C
Electrical Characteristics
over recommended operating free air temperature (unless otherwise specified) Symbol VIK VOH Parameter Input Clamp Voltage HIGH Level Output Voltage VOL II IIH IIL IO IOZH IOZL ICC LOW Level Output Voltage Input Current at Maximum Input Voltage HIGH Level Input Current LOW Level Input Current Output Drive Current HIGH Level 3-STATE Output Current LOW Level 3-STATE Output Current Supply Current Conditions VCC = 4.5V, II = -18 mA VCC = 4.5V to 5.5V VCC = 4.5V VCC = 4.5V IOL = 24 mA VCC = 5.5V, VI = 7V VCC = 5.5V, VI = 2.7V VCC = 5.5V, VIL = 0.4V VCC = 5.5V, VO = 2.25V VCC = 5.5V, VO = 2.7V VCC = 5.5V, VO = 0.4V VCC = 5.5V Outputs HIGH Outputs LOW Outputs 3-STATE 9 15 17 -30 IOH = -0.4 mA IOH = -3 mA IOH = Max VCC-2 2.4 2 0.35 0.5 0.1 20 -0.1 -112 20 -20 15 24 27 Min Typ Max -1.5 Units V V V V V mA A mA mA A A mA mA mA
Switching Characteristics
over recommended operating free-air temperature range Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Output Enable Time to HIGH Level Output Output Enable Time to LOW Level Output Output Disable Time from HIGH Level Output Output Disable Time from LOW Level Output Conditions VCC = 4.5V to 5.5V, CL = 50 pF, R1 = 500, R2 = 500, TA = Min to Max From (Input) A A G G G G To (Output) Y Y Y Y Y Y Min 3 3 3 3 2 1 Max 10 10 20 20 10 13 Units ns ns ns ns ns ns
www.fairchildsemi.com
2
DM74ALS244A
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M20B
3
www.fairchildsemi.com
DM74ALS244A
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M20D
www.fairchildsemi.com
4
DM74ALS244A
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide Package Number MSA20
5
www.fairchildsemi.com
DM74ALS244A Octal 3-STATE Bus Driver
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74ALS244A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X