Part Number Hot Search : 
AN801 1C474M0 2N5046 F1210 XR2203 S2301 MTP4435 FS4000
Product Description
Full Text Search
 

To Download DLFR107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
DLFR106 THRU DLFR107
1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
Fast Switching Speed Low Leakage Current Metalurgically Bonded Construction Surface Mount Applications
Maximum Ratings
l l
Operating & Storage Temperature: -65 C to +150 C Maximum Thermal Resistance; 30 C/W Junction To Lead
o
o
o
MELF
Cathode Mark
MCC Catalog Number DLFR106 DLFR107
Device Marking ---------
Maximum Maximum Reccurrent RMS Peak Reverse Voltage Voltage 800V 1000V 560V 700V
Maximum DC Blocking Voltage 800V 1000V
A B
C
o Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Times DLFR106 DLFR107 Typical Junction Capacitance
I F(AV) IFSM VF
1.0A 30A 1.3V
T J=55 o C 8.3ms half sine I FM=1.0A T A=25 oC
DIM A B C DIMENSIONS INCHES MIN .190 --.095 MM MIN 4.80 --2.40
MAX .205 .022 .105
MAX 5.20 .55 2.67
NOTE Nominal
IR
5.0uA T J=25 o C 100uA T =125 oC J I F=0.5A, 250ns I R=1.0A, 500ns I rr=0.25A 15pF Measured at 1.0MHz, V R=4.0V
SUGGESTED SOLDER PAD LAYOUT
.220"
t rr
.115"
Cj
.035"
Pulse test: Pulse width 300 usec, duty cycle 1%.
www.mccsemi.com
DLFR106 thru DLFR107
Figure 1 Typical Forward Characteristics 20 10 6 4 1.0 2 Amps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 .2 Amps .4 .8 1.2
MCC
Figure 2 Forward Derating Curve
.6
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C 125 150 175
Average Forward Rectified Current - Amperes/ersus Ambient Temperature -oC
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
DLFR106 thru DLFR107
Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 T =100C A 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 6 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 100 120 140 TA=25C Amps 60 50 40 30 20 10 5 0
MCC
Figure 5 Peak Forward Surge Current
1
2
4
6
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
trr +0.5A
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of DLFR107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X