Part Number Hot Search : 
HIP6301 HMC98012 DTC124E 104M1 CFR10XSA CDBF0340 XHXXX YB18T5
Product Description
Full Text Search
 

To Download CXP740000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXP740000
CMOS 8-bit Single Chip Microcomputer
Description The CXP740000 is a CMOS 8-bit single chip microcomputer of piggyback/evaluator combined type, which is developed for evaluating the function of the CXP740056/740096/740010.
Piggy/evaluation chip
100 pin PQFP (Ceramic)
Features * A wide instruction set (211 instructions) which LQFP supported QFP supported covers various types of data. --16-bit operation/multiplication and division/ Boolean bit operation instructions * Minimum instruction cycle 167ns at 24MHz operation (4.5 to 5.5V) 333ns at 12MHz operation (2.7 to 5.5V) 122s at 32kHz operation (2.7 to 5.5V) * Applicable EPROM CXP27C702K (Maximum 120K bytes are available.) * Incorporated RAM capacity 4096 bytes * Peripheral functions -- A/D converter 8 bits, 8 channels, successive approximation method (Conversion time of 10.3s/24MHz) -- Serial interface Start-stop sync type (UART), 1 channel Incorporated buffer RAM (Auto transfer for 1 to 32 bytes), 2 channels 8-bit clock sync type (MSB/LSB first selectable), 1 channel -- Timer 8-bit timer, 2 channels 8-bit timer/counter, 2 chennels 19-bit time-base timer, 16-bit capture timer/counter 32kHz timer/counter -- Remote control unit receive circuit Internal noise elimination circuit Internal 8-bit, 6-stage FIFO for measured data -- PWM output 12 bits, 12 channels * Interruption 24 factors, 15 vectors, multi-interruption possible * Standby mode Sleep/stop * Package 100-pin ceramic PQFP Note) Mask option depends on the type of the CXP740000. Refer to the Products List for details. Structure Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E98429-PS
CXP740000
Pin Assignment in Piggyback Mode (QFP package)
PI3/TO0/ADJ PI4/INT1/CS1
PK2/TEX
PI1/RMC
PC7
PA0
PA3
PA5
PA2
PA7
VDD
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 PC5 PC4 PC3 PC2 PC1 PC0 PB7/SI2 PB6/SO2 PB5/SCK2 PB4/TO2 PB3 PB2 PB1 PB0 PJ7 PJ6 PJ5 PJ4 PJ3 PJ2 PJ1 PJ0 PD7 PD6 PD5 PD4 PD3 PD2 PD1 PD0 1 2 3 4 5 6 7 80 79 78 77 76 75 74 PI6/SO1 PI7/SI1 PE0/INT0 PE1/INT2 PE2/PWM0 PE3/PWM1 PE4 PE5 PE6 PE7 PG0/TxD PG1/RxD PG2/EC0 PG3/EC1 PG4/EC2 PG5/INT3 PG6/INT4 PG7/CINT AN0 AN1 AN2 AN3 PF0/AN4 PF1/AN5 PF2/AN6 PF3/AN7 AVDD AVREF AVSS PF4/AN8
NC
A12
A15
A14
A13
VDD
PK1/TX
PI2/NMI
PC6
PA1
PA4
PA6
PI5/SCK1
73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
9 10 11 12 13 14 15 16 17 18 19 20 21 4 A6 A5 A4 A3 A2 A1 A0 NC D0 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 3 2 1 32 31 30 29 28 27 26 25 24 23 22 21 A8 A9 A11 NC OE A10 CE D7 D6
D1
D2
GND
D3
D4 XTAL
23 24 25 26 27 28 29 30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PH7
PH4
A16
D5
22
A7
8
NC
VSS
PF7/AN11
PF6/AN10
PH2
PH0
PK6/CS0
PK5/SI0
PH5
PK4/SO0
EXTAL
PH6
RST
PH3
PH1
VSS
Note) 1. NC (Pin 90) is left open. 2. VSS (Pins 41 and 88) are both connected to GND. -2-
PK3/SCK0
PK7/TO1
PF5/AN9
CXP740000
Pin Assignment in Piggyback Mode (LQFP package)
PI3/TO0/ADJ
PI4/INT1/CS1
PI5/SCK1
PK2/TEX
PI1/RMC
PK1/TX
PI6/SO1
PC7
PA3
PA5
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 NC D0 D1 D2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 VDD A14 A13 A8 A9 A11 OE A10 CE D7 D6 D5 D4 D3 A16 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 PE1/INT2 PE2/PWM0 PE3/PWM1 PE4 PE5 PE6 PE7 PG0/TxD PG1/RxD PG2/EC0 PG3/EC1 PG4/EC2 PG5/INT3 PG6/INT4 PG7/CINT AN0 AN1 AN2 AN3 PF0/AN4 PF1/AN5 PF2/AN6 PF3/AN7 AVDD AVREF
PC3 PC2 PC1 PC0 PB7/SI2 PB6/SO2 PB5/SCK2 PB4/TO2 PB3 PB2 PB1 PB0 PJ7 PJ6 PJ5 PJ4 PJ3 PJ2 PJ1 PJ0 PD7 PD6 PD5 PD4 PD3
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
VSS
NC
PI7/SI1 PF4/AN8
PC4
PC5
PA1
PA0
PA7
VDD
PK7/TO1
EXTAL
PK3/SCK0
Note) 1. NC (Pin 88) is left open. 2. VSS (Pins 39 and 86) are both connected to GND. -3-
PF7/AN11
PF6/AN10
PK6/CS0
PK4/SO0
PF5/AN9
XTAL
PK5/SI0
AVSS
PH7
PD0
PH4
PH3
PH0
RST
PD1
PH5
PH1
PD2
PH6
PH2
VSS
PE0/INT0
PA2
PA4
PA6
PI2/NMI
PC6
CXP740000
Pin Assignment in Evaluator Mode (QFP package)
PI4/INT1/CS1 PI3/TO0/ADJ
PK2/TEX
PI1/RMC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 PC5 PC4 PC3 PC2 PC1 PC0 PB7/SI2 PB6/SO2 PB5/SCK2 PB4/TO2 PB3 PB2 PB1 PB0 PJ7 PJ6 PJ5 PJ4 PJ3 PJ2 PJ1 PJ0 PD7 PD6 PD5 PD4 PD3 PD2 PD1 PD0 1 2 3 4 5 6 80 79 78 77 76 75 PI6/SO1 PI7/SI1 PE0/INT0 PE1/INT2 PE2/PWM0 PE3/PWM1 PE4 PE5 PE6 PE7 PG0/TxD PG1/RxD PG2/EC0 PG3/EC1 PG4/EC2 PG5/INT3 PG6/INT4 PG7/CINT AN0 AN1 AN2 AN3 PF0/AN4 PF1/AN5 PF2/AN6 PF3/AN7 AVDD AVREF AVSS PF4/AN8
PI2/NMI
PC6
PA1
PA4
PA6
PI5/SCK1
74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
PC7
PA0
PA3
PA5
PA2
PA7
VDD
A7/D7
7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
A12
A15
4 A6/D6 A5/D5 A4/D4 A3/D3 A2/D2 A1/D1 A0/D0 NC RD 5 6 7 8 9 10 11 12 13
3
2
1
32 31 30 29 28 27 26 25 24 23 22 21 A8 A9 A11 NC HALT A10 E/P I/T MON
14 15 16 17 18 19 20
SYNC
WR
GND
C2
23 24 25 26 27 28 29 30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
RST
A16
C1
22
A14
A13
NC
VDD
VSS
NC
PK1/TX
PK4/SO0
EXTAL
PH6
RST
PH3
PH1
VSS
PK3/SCK0
PK7/TO1
Note) 1. NC (Pin 90) is left open. 2. VSS (Pins 41 and 88) are both connected to GND. -4-
PF7/AN11
PF6/AN10
PK6/CS0
PF5/AN9
PH4
XTAL
PH7
PH2
PH0
PK5/SI0
PH5
CXP740000
Pin Assignment in Evaluator Mode (LQFP package)
PI3/TO0/ADJ
PI4/INT1/CS1
PI5/SCK1
PK2/TEX
PI1/RMC
PK1/TX
PI6/SO1
PC7
PA3
PA5
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 A15 A12 A7/D7 A6/D6 A5/D5 A4/D4 A3/D3 A2/D2 A1/D1 A0/D0 NC RD WR SYNC GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 VDD A14 A13 A8 A9 A11 HALT A10 E/P I/T MON RST C1 C2 A16 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 PE1/INT2 PE2/PWM0 PE3/PWM1 PE4 PE5 PE6 PE7 PG0/TxD PG1/RxD PG2/EC0 PG3/EC1 PG4/EC2 PG5/INT3 PG6/INT4 PG7/CINT AN0 AN1 AN2 AN3 PF0/AN4 PF1/AN5 PF2/AN6 PF3/AN7 AVDD AVREF
PC3 PC2 PC1 PC0 PB7/SI2 PB6/SO2 PB5/SCK2 PB4/TO2 PB3 PB2 PB1 PB0 PJ7 PJ6 PJ5 PJ4 PJ3 PJ2 PJ1 PJ0 PD7 PD6 PD5 PD4 PD3
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PH5
PH1
VSS
VSS
NC
PF7/AN11
PF6/AN10
PD2
PH6
PH2
PK6/CS0
PK4/SO0
PI7/SI1 PF4/AN8
PC4
PC5
PA1
PA0
PA7
VDD
PK7/TO1
EXTAL
Note) 1. NC (Pin 88) is left open. 2. VSS (Pins 39 and 86) are both connected to GND. -5-
PK3/SCK0
PF5/AN9
XTAL
PK5/SI0
AVSS
PH7
PD0
PH4
PH3
PH0
RST
PD1
PE0/INT0
PA2
PA4
PA6
PI2/NMI
PC6
CXP740000
EPROM Read Timing (Ta = -20 to +75C, VDD = 2.7 to 5.5V, Vss = 0V reference) Item Address data input delay time Address data hold time Symbol Pin A0 to A15 D0 to D7 A0 to A15 D0 to D7 0 Min. Max. 1001 502 Unit ns ns
tACC tIH
1 At 12MHz operation (VDD = 4.5 to 5.5V) 2 At 12MHz operation (VDD = 2.7 to 5.5V), at 24MHz operation (VDD = 4.5 to 5.5V)
0.8VDD A0 to A15 Address data 0.2VDD tACC tIH 0.8VDD Input data 0.2VDD
D0 to D7
Products List Products Option item Mask ROM CXP740056 CXP740096 CXP740010 Package ROM capacity Pull-up resistor for reset pin 100-pin plastic QFP/LQFP 56K bytes 96K bytes 120K bytes Piggy/evaluation chip CXP740000-U01Q CXP740000-U01R 100-pin ceramic PQFP EPROM 120K bytes Existent
Existent/Non-existent
-6-
CXP740000
Piggyback mode/evaluator mode can be switched as shown below.
Piggyback mode
Piggy/evaluation chip
Evaluator mode
Pin 1 marking
LCC type EPROM Pin 1 marking
Pin 1 index
Note) CPU probe
EPROM adaptor Pin 1 marking
Note) Evaluation cap should be connected to CPU probe.
Pin 1 index
-7-
CXP740000
Package Outline
Unit: mm
100PIN PQFP (CERAMIC)
PIN NO. 1 INDEX INDEX 100 18.7 16.3 0.2 81 81 100 PIN No. 1 INDEX
1
80
80
1 0.65 0.05
4.5 1.27 0.13
22.3 0.25
18.12 0.2
12.02
14.22
24.7
6.0
0.3
1.0
0.7
30
51
51
30
31 9.48 11.66 15.58 0.2
50
1.3 0.3
50 0.45
31
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE PQFP-100C-L01 AQFP100-C-0000-A LEAD TREATMENT LEAD MATERIAL PACKAGE WEIGHT CERAMIC GOLD PLATING 42 ALLOY 5.7g
3.57 0.36
JEDEC CODE
+ 0.05 0.15 - 0.02
100PIN PQFP(CERAMIC)
16.0 0.5
0.50 0.25
10.44 MAX
0.5 0.05
14.0 0.2 75 76 51 50
12.4
12.0 0.15
+ 0.08 0.18 - 0.03
100 1 INDEX 25
26
1.5
3.2 0.2
0.8 0.1
INDEX
3.32
+ 0.05 0.127 - 0.02
+ 0.15 0.2 - 0.13
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE PQFP-100C-L05 AQFP100-C-0000 LEAD TREATMENT LEAD MATERIAL PACKAGE MASS CERAMIC GOLD PLATING 42 ALLOY 2.4g
-8-
6.9
0.3 0.08


▲Up To Search▲   

 
Price & Availability of CXP740000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X