Part Number Hot Search : 
KSD5072 0603681 00600 APL5913 AEXXXX 40106 SMCJ16 PL5002JP
Product Description
Full Text Search
 

To Download CD22103A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD22103A
Data Sheet January 1997 File Number
1310.3
CMOS HDB3 (High Density Bipolar 3) Transcoder for 2.048/8.448Mb/s Transmission Applications
The CD22103A is an LSI SOS integrated circuit which performs the HDB3 transmission coding and reception decoding functions with error detection. It is used in 2.048Mb/s and 8.448Mb/s transmission applications. The CD22103A performs HDB3 coding and decoding for data rates from 50Kb/s to 10Mb/s in a manner consistent with CCITT G703 recommendations. HDB3 transmission coding/reception decoding with code error detection is performed in independent coder and decoder sections. All transmitter and receiver inputs/outputs are TTL compatible. The HDB3 transmitter coder codes an NRZ binary unipolar input signal (NRZ-IN) and a synchronous transmission clock (CTX) into two HDB3 binary unipolar RZ output signals (+HDB3 OUT, -HDB3 OUT). The TTL compatible output signals +HDB3 OUT, -HDB3 OUT are externally mixed to generate ternary bipolar HDB3 signals for driving transmission lines. The receiver decoder converts binary unipolar inputs (+HDB3 IN, -HDB3 IN), which were externally split from ternary bipolar HDB3 signals, and a synchronous clock signal (CRX) into binary unipolar NRZ signals (NRZ-OUT). The CD22103A operates with a 5V 10% power supply voltage over the full military temperature range at data rates from 50Kb/s up to 10Mb/s.
Features
* HDB3 Coding and Decoding for Data Rates from 50Kb/s to 10Mb/s in a Manner Consistent with CCITT G703 Recommendations * HDB3/AMI Transmission Coding/Reception Decoding with Code Error Detection is Performed in Independent Coder and Decoder Sections * All Transmitter and Receiver Inputs/Outputs are TTL Compatible * Internal Loop Test Capability * Pin and Functionally Compatible with Type MJ1471
Ordering Information
PART NUMBER CD22103AD CD22103AE TEMP. RANGE (oC) -55 to 125 -40 to 85 PACKAGE 16 Ld SBDIP 16 Ld PDIP PKG. NO. D16.3 E16.3
Pinout
CD22103A (PDIP, SBDIP) TOP VIEW
NRZ-IN 1 CTX 2 HDB3/AMI 3 NRZ-OUT 4 CRX 5 RAIS 6 AIS 7 VSS 8 16 VDD 15 +HDB3 OUT 14 -HDB3 OUT 13 +HDB3 IN 12 LTE 11 -HDB3 IN 10 CKR 9 ERR
Block Diagram
HDB3/AMI CTX NRZ-IN ENCODER IN LTE +HDB3 IN -HDB3 IN CRX REQUIRES CLOCK RECOVERY CIRCUIT RECEIVER DECODER NRZ-OUT TRANSMITTER CODER +HDB3 OUT -HDB3 OUT CKR
DECODER
ERROR DETECT AIS DETECT
ERR
AIS
RAIS
68
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
CD22103A
Absolute Maximum Ratings
Supply Voltage (VDD) (Voltages referenced to VSS Terminal) . . . . . . . . . . . . . -0.5 to 8V Supply Voltage Range For TA = Full Package Temperature Range . . . . . . . . . . . . 4.5V to 5.5V Input Voltage (All Inputs) . . . . . . . . . . . . . . . . . . . -0.5 to VDD +0.5V Input Current (Any One Input) . . . . . . . . . . . . . . . . . . . . . . . . . . .10mA Power Dissipation For TA = -40oC to 60oC (Package Type E). . . . . . . . . . . . .500mW For TA = 60oC to 85oC (Package Type E) . . . . . . . . Derate Linearly 12mW/oC to 200mW For TA = -55oC to 100oC (Package Type D). . . . . . . . . . . .500mW For TA = 100oC to 125oC (Package Type D) . . . . . . . . Derate Linearly 12mW/oC to 200mW Device Dissipation per Output Transistor For TA = Full Package Temperature Range (All Types) . . . . . 100mW
Thermal Information
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .175oC Maximum Junction Temperature (Plastic Package) . . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . -65oC TA 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
Operating Conditions
Temperature Range Package Type D . . . . . . . . . . . . . . . . . . . . . . . -55oC TA 125oC Package Type E . . . . . . . . . . . . . . . . . . . . . . . . -40oC TA 85oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
PARAMETER STATIC SPECIFICATIONS Quiescent Device Current Operating Device Current HDB3 Output Low (Sink) Current
VDD = 5V 10%, TA = 25oC SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
IDD fCL = 10MHz IOL1 IOH1 IOL2 IOH2 IIL IIH VIL VIH IIN VOL = 0.5V VOH = 2.8V VOL = 0.5V VOH = 2.8V
1.6 -10 1.6 -1.6 2 -
-
100 8 -1 1 0.8 5
A mA mA mA mA mA A A V V pF
HDB3 Output High (Source) Current All Other Outputs Low (Sink) Current All Other Outputs High (Source) Current Input Low Current Input High Current Input Low Voltage Input High Voltage Input Capacitance
Electrical Specifications
PARAMETER DYNAMIC INPUT CTX, CRX Input Frequency CTX, CRX Input Rise Time Fall Time NRZ-IN to CTX Data Setup Time Data Hold Time HDB3 IN to CRX Data Setup Time Data Hold Time
TA = -40oC to 85oC for Plastic Package; -55oC to 125oC for Ceramic Package; VDD = 4.5V to 5.5V; CL = 15pF SYMBOL FIGURE MIN TYP MAX UNITS
fCTX, fCRX tRCL tFCL 3 3
0.05 -
-
10 1 1
MHz s s
tS tH
3 3
15 15
-
-
ns ns
tS tH
4 3
15 0
-
-
ns ns
69
CD22103A
Electrical Specifications
PARAMETER CRX to CKR (CRX = 8.448MHz) Pretrigger Delay DYNAMIC OUTPUT Transmitter Coder, CTX to HDB3 OUT: Data Propagation Delay Time Handling Delay Time HDB3 OUT Output Pulse Width (Clock duty cycle = 50%) fCL = 2.048MHz fCL = 8.448MHz Receiver Decoder CRX to NRZ OUT: Data Propagation Delay Times Handling Delay Time HDB3 IN to CKR HDB3 Propagation Delay Time LTE = 0 LTE = 1 tIN CKR 4 4 65 30 ns ns tDD tHD 4 2 4 90 ns Clock Period tW tW 3 3 238 53 260 65 ns tDD tHD 3 1 4 90 ns Clock Period tP tD 5 5 20 20 ns ns TA = -40oC to 85oC for Plastic Package; -55oC to 125oC for Ceramic Package; VDD = 4.5V to 5.5V; CL = 15pF (Continued) SYMBOL FIGURE MIN TYP MAX UNITS
Functional Description
The CD22103A is designed to code and decode HDB3 signals which are coded as binary digital signals (NRZ-lN) and (+HDB3 IN, -HDB3 IN), accompanied by sampling clocks (CTX) and (CRX). The two binary coded HDB3 outputs, (+HDB3 OUT, -HDB3 OUT) may be externally mixed to create the ternary HDB3 signals (See Figure 1). The two binary HDB3 input signals have been split from the input ternary HDB3 in an external line receiver. The receiver decoder converts binary unipolar inputs (+HDB3 IN, -HDB3 IN), which were externally split from ternary bipolar HDB3 signals, and a synchronous clock signal (CRX) into binary unipolar NRZ signals (NRZ-OUT). Received signals not consistent with HDB3 coding rules are detected as errors. The receiver error output (ERR) is active high during one CRX period of each bit of received data that is inconsistent with HDB3 coding rules. An input string consisting of all ones (or marks) is detected and signaled by a high level at the Alarm Signal (AIS) output. The AIS output is set to a high level when less than three zeros are received during two consecutive periods of the Reset Alarm Inhibit Signal (RAIS). The AIS output is subsequently reset to a low level when three or more zeros are received during two periods of the reset signal (RAIS). A diagnostic Loop-Test Mode may be entered by driving the Loop Test Enable Input (LTE) high. In this mode the HDB3 transmitter outputs (+HDB3 OUT, -HDB3 OUT) are internally connected to the HDB3 receiver inputs, and the external HDB3 receiver inputs, and the external HDB3 receiver inputs (+HDB3 IN, -HDB3 IN) are disabled. The NRZ binary output signal (NRZ - OUT) corresponds to the NRZ binary input signal (NRZ - IN) delayed by approximately 8 clock periods. The Clock Receiver Output (CKR) is the product of the two HDB3 input signals or-ed together. The CRX clock signal may be derived from the CKR signal with external clock extraction circuitry. In the Loop Test Mode (LTE = 1) CKR is the product of the +HDB3 OUT and -HDB3 OUT signals or-ed together. The CD22103A may also be used to perform the AMI to NRZ coding/decoding function. To use the CD22103A in this mode, the HDB3/AMI control input is driven low. Error Detection Received HDB3/AMl binary input signals are checked for coding violations, and an error signal (ERR) is generated as described below. * HDB3 Signals HDB3/AMl = High The error signal (ERR) is flagged high for one CTX period if a violation pulse (V) is received of the same polarity as the last received violation pulse. A violation pulse (V) is considered a reception error and does not cause replacement of the last string of 4 bits to zeros, if:
70
CD22103A
The received 4 data bits previous to reception of the violation pulse have not been the sequence BX00 (where X = don't care). The error signal (ERR) remains low.
NOTES: 1. The data sequences B000V and BB00V are valid HDB3 codings of the NRZ binary sequence 10000. 2. The error signal (ERR) count, is the accurate number of all single bit errors.
Transcoder Operation
Transmitter Coder (See Figure 1) The HDB3/AMI transmitter coder operates on 4-bit serial strings of NRZ binary data and a synchronous transmitter clock (CTX). NRZ binary data is serially clocked into the transmitter on the negative transition of the (CTX) clock. HDB3/AMI coding is performed on the 4-bit string, and HDB3/AMI binary output data is clocked out to the (+HDB3 OUT, -HDB3 OUT) outputs on the positive transition of the transmitter clock (CTX) 3 1/2 clock pulses after the data appeared at the (NRZ-IN) input. Receiver Decoder (See Figure 2) The HDB3/AMI receiver decoder operates on 4-bit serial strings of binary coded HDB3/AMI signals, and a synchronous receiver clock (CRX), HDB3/AMI binary data is serially clocked into the receiver on the positive transition of the (CRX) clock. HDB3/AMI decoding is performed on the 4-bit string, and NRZ binary output data is clocked out to the (NRZ-OUT) output on the positive transition of the receiver clock (CRX) 4 clock pulses after the data appeared at the (+HDB3 IN, -HDB3 IN) inputs.
* AMl Signals HDB3/AMl = Low - A coding error (ERR) is signaled when a violation pulse (+V) is received. * In Either the HDB3 or AMI Mode - When high levels appear simultaneously on both HDB3 inputs (+ HDB3 IN, -HDB3 IN) a logical one is assumed in the HDB3/AMl input stream and the error signal (ERR) goes high for the duration of the violation. Alarm Inhibit Signal - The alarm output (AIS) is set high if, in two successive periods of the external Reset Alarm Signal (RAlS), less than three zeros are received. - The alarm output (AlS) is reset low when three or more zeros are received during two Reset Alarm Signal periods.
HANDLING DELAY CTX
NRZ - IN
+HDB3 OUT HDB3 CODED -HDB3 OUT
EXTERNAL GENERATED TERNERY HDB3
+HDB3 OUT AMI CODED -HDB3 OUT
EXTERNAL GENERATED AMI
FIGURE 1. TRANSMITTER CODER OPERATION TIMING WAVEFORMS - NRZ TO HDB3/AMI CODING
71
CD22103A
HDB3 RECEIVED SIGNAL
+HDB3 IN EXTERNALLY SPLIT -HDB3 IN CKR
EXTERNALLY GENERATED
CRX HANDLING DELAY
NRZ - OUT
FIGURE 2. RECEIVER DECODER OPERATION TIMING WAVEFORMS - HDB3 TO NRZ DECODING
tRCL 90%
tFCL 50%
tWCL
CTX
10% tS
tH
NRZ - IN
tDD +HDB3 OUT OR -HDB3 OUT tW
FIGURE 3. TRANSMITTER CODER TIMING WAVEFORMS
tFCL CRX 10% tS 90% 50%
tRCL 50%
tWCL 50% tH 50%
+HDB3 IN -HDB3 IN
tINCKR 50%
CKR tDD
tW
50% NRZ - OUT
FIGURE 4. INPUT REQUIREMENTS AND OUTPUT CHARACTERISTICS
72
CD22103A
50% CKR
50% CRX tP tD
FIGURE 5. CRX RECONSTRUCTION REQUIREMENTS
CRX NRZ - OUT DATA RAIS
AIS
FIGURE 6. RECEIVER ALARM-INHIBIT-SIGNALS TIMING WAVEFORMS
CRX
+HDB3 IN -HDB3 IN
ERR
FIGURE 7. RECEIVER ERROR-SIGNALS TIMING WAVEFORMS
Definition of HDB3 Code Used in CD22103A HDB3 Transcoder (As Per CCITRT G703 Annex Recommendations) and Error Detection
Coding Of A Binary Signal Into An HDB3 Signal Is Done According To The Following Rules: 1. HDB3 signal is pseudoternary; the three states are denoted B+, B-, and 0. 2. Spaces (zeros) in the binary NRZ signal are coded as spaces in the HDB3 signal. For strings of four spaces, however, special rules apply (See Item 4 below). 3. Marks (ones) in the binary signal are coded alternately as B+ and B- in the HDB3 signal (alternate mark inversion). Violations of the rule of alternate mark inversion are introduced when coding strings of four spaces (See Item 4 below). 4. Strings of four spaces in the binary signal are coded according to the followinq rules:
A. The first space of a string is coded as a space if the polarity of the preceding mark of the HDB3 signal has a polarity opposite to the preceding violation and is not a violation by itself; it is coded as a mark, i.e., not a violation (i.e., B+ or B-), if the preceding mark of the HDB3 signal has the same polarity as that of the preceding violation or is by itself a violation. This rule ensures that successive violations are of alternate polarity so that no DC component is introduced. B. The second and third spaces of a string are always coded as spaces. C. The last space of a string of four is always coded as a mark, the polarity of which is such that it violates the rule of alternate mark inversion. Such violations are denoted V+ or V- according to their polarity.
73
CD22103A
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
74


▲Up To Search▲   

 
Price & Availability of CD22103A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X