Part Number Hot Search : 
MOB73DR EMP202 74HC03DB F1621 BD488 PC2508 TC1306 LVDS3
Product Description
Full Text Search
 

To Download BSM100GB170DN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSM 100 GB 170 DN2
IGBT Power Module Preliminary data * Half-bridge * Including fast free-wheeling diodes * Package with insulated metal base plate * RG on,min = 15 Ohm Type BSM 100 GB 170 DN2 Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage Symbol Values 1700 1700 Unit V
VCE
IC
Package HALF-BRIDGE 2
Ordering Code C67070-A2703-A67
1700V 145A
VCE VCGR VGE IC
RGE = 20 k
Gate-emitter voltage DC collector current
20 A 145 100
TC = 25 C TC = 80 C
Pulsed collector current, tp = 1 ms
ICpuls
290 200
TC = 25 C TC = 80 C
Power dissipation per IGBT
Ptot
1000
W + 150 -55 ... + 150 0.13 0.4 4000 20 11 F 55 / 150 / 56 Vac mm K/W C
TC = 25 C
Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Insulation test voltage, t = 1min. Creepage distance Clearance DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJCD Vis
-
Semiconductor Group
1
Aug-01-1996
BSM 100 GB 170 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage Values typ. max. Unit
VGE(th)
4.8 5.5 3.4 4.5 0.8 3.2 6.2 3.9 5.3
V
VGE = VCE, IC = 8 mA
Collector-emitter saturation voltage
VCE(sat)
-
VGE = 15 V, IC = 100 A, Tj = 25 C VGE = 15 V, IC = 100 A, Tj = 125 C
Zero gate voltage collector current
ICES
1 -
mA
VCE = 1700 V, VGE = 0 V, Tj = 25 C VCE = 1700 V, VGE = 0 V, Tj = 125 C
Gate-emitter leakage current
IGES
320
nA
VGE = 20 V, VCE = 0 V
AC Characteristics Transconductance
gfs
36 16 1.3 0.5 -
S nF -
VCE = 20 V, IC = 100 A
Input capacitance
Ciss Coss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Semiconductor Group
2
Aug-01-1996
BSM 100 GB 170 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time Values typ. max. Unit
td(on)
450 900
ns
VCC = 1200 V, VGE = 15 V, IC = 100 A RGon = 15
Rise time
tr
200 400
VCC = 1200 V, VGE = 15 V, IC = 100 A RGon = 15
Turn-off delay time
td(off)
850 1200
VCC = 1200 V, VGE = -15 V, IC = 100 A RGoff = 15
Fall time
tf
110 160
VCC = 1200 V, VGE = -15 V, IC = 100 A RGoff = 15
Free-Wheel Diode Diode forward voltage
VF
2.3 2.1 2.8 -
V
IF = 100 A, VGE = 0 V, Tj = 25 C IF = 100 A, VGE = 0 V, Tj = 125 C
Reverse recovery time
trr
0.5 -
s
IF = 100 A, VR = -1200 V, VGE = 0 V diF/dt = -1000 A/s, Tj = 125 C
Reverse recovery charge
Qrr
C
IF = 100 A, VR = -1200 V, VGE = 0 V diF/dt = -1000 A/s Tj = 25 C Tj = 125 C
8 25 -
Semiconductor Group
3
Aug-01-1996
BSM 100 GB 170 DN2
Power dissipation Ptot = (TC) parameter: Tj 150 C
1100 W
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 3
tp = 1.8s
A
Ptot
900 800 700 600 500 400 300 200 100 0 0 20 40 60 80 100 120 C 160
IC
10 2
10 s
100 s
10 1
1 ms
10 ms
10 0 DC
10 -1 0 10
10
1
10
2
10
3
V
TC
VCE
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
170 A
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
IGBT
K/W
IC
140
ZthJC
10 -1
120 100
80
-2
D = 0.50 0.20
60
10
0.10 0.05
40
0.02 0.01
20 single pulse 0 0 20 40 60 80 100 120 C 160 10 -3 -5 10 10
-4
10
-3
10
-2
10
-1
s 10
0
TC
tp
Semiconductor Group
4
Aug-01-1996
BSM 100 GB 170 DN2
Typ. output characteristics
Typ. output characteristics
IC = f (VCE)
parameter: tp = 80 s, Tj = 25 C
200 A
IC = f (VCE)
parameter: tp = 80 s, Tj = 125 C
200 A 17V 15V 13V 11V 9V 7V
IC
160 140 120 100 80 60 40 20 0 0.0
IC
160 140 120 100 80 60 40 20 0 0.0
17V 15V 13V 11V 9V 7V
1.0
2.0
3.0
4.0
V
6.0
1.0
2.0
3.0
4.0
V
6.0
VCE
VCE
Typ. transfer characteristics
IC = f (VGE)
parameter: tp = 80 s, VCE = 20 V
400
A
IC
300
250
200
150
100
50 0 0
2
4
6
8
10
V 14 VGE
Semiconductor Group
5
Aug-01-1996
BSM 100 GB 170 DN2
Typ. gate charge VGE = (QGate) parameter: IC puls = 100 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0, f = 1 MHz
10 2
nF
VGE
16 14 12 10 8
C Ciss 10 1
800 V
1200 V
10 0 6 4 2 0 0.0 10 -1 0
Coss
Crss
0.2
0.4
0.6
0.8
1.0
1.2
1.4 C 1.7
5
10
15
20
25
30
QGate
V 40 VCE
Reverse biased safe operating area
Short circuit safe operating area
ICpuls = f(VCE) , Tj = 150C parameter: VGE = 15 V
2.5
ICsc = f(VCE) , Tj = 150C parameter: VGE = 15 V, tSC 10 s, L < 25 nH
12
ICpuls/IC
ICsc/IC
8 1.5 6 1.0 4
0.5 2
0.0 0 250 500 750 1000 1250 1500 V 2000 VCE
0 0 250 500 750 1000 1250 1500 V 2000 VCE
Semiconductor Group
6
Aug-01-1996
BSM 100 GB 170 DN2
Typ. switching time
Typ. switching time
I = f (IC) , inductive load , Tj = 125C
par.: VCE = 1200 V, VGE = 15 V, RG = 15
10 4
t = f (RG) , inductive load , Tj = 125C
par.: VCE = 1200 V, VGE = 15 V, IC = 100 A
10 4
ns t 10 3 t
ns
tdoff
tdoff tdon tr
10 3 tdon tr
10 2
tf
10 2
tf
10 1 0
50
100
150
A
250
10 1 0
20
40
60
80
IC
120
RG
Typ. switching losses
Typ. switching losses
E = f (IC) , inductive load , Tj = 125C
par.: VCE = 1200 V, VGE = 15 V, RG = 15
200 mWs E 160 140 120 100 80 60 Eoff 40 20 0 0 Eon
E = f (RG) , inductive load , Tj = 125C
par.: VCE = 1200 V, VGE = 15 V, IC = 100 A
200 mWs E 160 140 120 Eon 100 80 60 40 Eoff 20 0 0
50
100
150
A
250
20
40
60
80
IC
120
RG
Semiconductor Group
7
Aug-01-1996
BSM 100 GB 170 DN2
Forward characteristics of fast recovery reverse diode IF = f(VF) parameter: Tj
200 A
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
Diode
Tj=125C
K/W
IF
160 140 120 100 80 60 40 20 0 0.0
Tj=25C ZthJC
10 -1
10 -2 D = 0.50 0.20 0.10 10 -3 single pulse 0.05 0.02 0.01
0.5
1.0
1.5
2.0
2.5
V VF
3.5
10 -4 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
tp
Semiconductor Group
8
Aug-01-1996
BSM 100 GB 170 DN2
Circuit Diagram
Package Outlines Dimensions in mm Weight: 420 g
Semiconductor Group
9
Aug-01-1996


▲Up To Search▲   

 
Price & Availability of BSM100GB170DN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X