Part Number Hot Search : 
2N6660X MURS340S HA1630 X941806 2SK130 CA024 PSDT175 PRODUCTS
Product Description
Full Text Search
 

To Download BC857BT-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC857AT, BT, CT
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Epitaxial Die Construction Complementary NPN Types Available (BC847AT, BT, CT) Ultra-Small Surface Mount Package
SOT-523
A C
Dim A B C
BC E
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
Mechanical Data
* * * * * * * * Case: SOT-523, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Weight: 0.002 grams (approx.) Marking Codes (See Table Below & Diagrams on Page 2) Ordering & Date Code Information: See Page 2
Type BC857AT BC857BT BC857CT Marking 3V 3W 3G @ TA = 25C unless otherwise specified
B
TOP VIEW
D G H J
M
G H K
K L M a N a
J
D
L
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation (Note 1)
Characteristic
Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG
Value -50 -45 -5.0 -100 150 833 -55 to +150
Unit V V V mA mW C/W C
Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage Temperature Range Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on ourwebsite at http://www.diodes.com/datasheets/ap02001.pdf.
DS30275 Rev. 2 - 2
1 of 2
BC857AT, BT, CT
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO Current Gain A B C hFE VCE(SAT) VBE(SAT) VBE(ON) ICBO fT COB NF Min -50 -45 -5 125 220 420 -- -- -- -600 -- -- -- 100 -- -- Typ -- -- -- -- 290 520 -- -- -700 -900 -- -- -- -- -- -- -- Max -- -- -- 250 475 800 -300 -650 -- -- -750 -820 -15 -4.0 -- 4.5 10 Unit V V V -- mV mV mV NA A MHz pF dB Test Condition IC = 10mA, IB = 0 IC = 10mA, IB = 0 IE = 1mA, IC = 0 VCE = -5.0V, IC = -2.0mA IC = -10mA, IB = -0.5mA IC = -100mA, IB = -5.0mA IC = -10mA, IB = -0.5mA IC = -100mA, IB = -5.0mA VCE = -5.0V, IC = -2.0mA VCE = -5.0V, IC = -10mA VCB = -30V VCB = -30V, TA = 150C VCE = -5.0V, IC = -10mA, f = 100MHz VCB = -10V, f = 1.0MHz IC = -0.2mA, VCE = -5.0Vdc, RS = 2.0KW, f = 1.0KHz, BW = 200Hz
NEW PRODUCT
Characteristic Collector-Base Breakdown Voltage (Note 2) Collector-Emitter Breakdown Voltage (Note 2) Emitter-Base Breakdown Voltage (Note 2) DC Current Gain (Note 2)
Collector-Emitter Saturation Voltage (Note 2) Base-Emitter Saturation Voltage (Note 2) Base-Emitter Voltage (Note 2) Collector-Cutoff Current (Note 2) Gain Bandwidth Product Output Capacitance Noise Figure
Ordering Information
Device BC857AT-7 BC857BT-7 BC857CT-7 Notes:
(Note 3) Packaging SOT-523 SOT-523 SOT-523 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
2. Short duration pulse test used to minimize self-heating effect. 3. For Packaging Details: go to ourwebsite at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX = Product Type Marking Code (See Page 1), e.g. 3V = BC857AT YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
XXYM
Date Code Key Year Code Month Code 1998 J Jan 1 Feb 2 1999 K March 3 2000 L Apr 4
2001 M May 5 Jun 6
2002 N Jul 7 Aug 8
2003 P Sep 9 Oct O
2004 R Nov N Dec D
DS30275 Rev. 2 - 2
2 of 2
BC857AT, BT, CT


▲Up To Search▲   

 
Price & Availability of BC857BT-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X