Part Number Hot Search : 
G1000 P0300EA MCM2128 FF600 BR13003 ES9008S LG3630 1N756D
Product Description
Full Text Search
 

To Download ASI10711 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VHB1-12T
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI VHB1-12T is Designed for
PACKAGE STYLE TO-39
B OA 45 C
FEATURES:
* * * OmnigoldTM Metalization System
OD E
MAXIMUM RATINGS
IC VCBO VCEO VCER VEBO PDISS TJ TSTG JC
O
F
400 mA (MAX) 40 V 20 V 40 V 2.0 V 3.5 W @ TC = 25 OC -65 C to +200 C -65 OC to +200 OC 20 OC/W
O
DIM A B C D E F G H
G
H
MINIMUM
inches / mm
MAXIMUM
inches / mm
.200 / 5.080 .029 / 0.740 .028 / 0.720 .335 / 8.510 .305 / 7.750 .240 / 6.100 .500 / 12.700 .016 / 0.407 .020 / 0.508 .045 / 1.140 .034 / 0.860 .370 / 9.370 .335 / 8.500 .260 / 6.600
ORDER CODE: ASI10711
CHARACTERISTICS
SYMBOL
BVCEO BVCER BVEBO ICEO hFE VCE(SAT) COB PG C
TC = 25 C
O
NONETEST CONDITIONS
IC = 5.0 mA IC = 5.0 mA IE = 100 A VCE = 12 V VCE = 5.0 V IC = 100 mA VCB = 12.5 V VCE = 12.5 V POUT = 1.0 W IC = 100 mA IB = 20 mA f = 1.0 MHz f = 175 MHz RBE = 10
MINIMUM TYPICAL MAXIMUM
20 40 2.0 0.2 10 200 0.5 4.0 10 60
UNITS
V V V mA --Vdc pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10711

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X