Part Number Hot Search : 
1E104 010012TD BBAP05A PQ600 9112GA LQ11S44T MMBFJ271 RW7S0
Product Description
Full Text Search
 

To Download AP1118T33L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Features
maximum dropout at full load current transient response *Output current limiting *Built-in thermal shutdown *Packages: TO220-5, TO252-5, TO263-5, SOP8 *Good noise rejection *Fixed Output 1.5V, 1.8V, 2.5V, 3.3V, 5.0V, 9.0V, 12V *Enable function
*1.4V *Fast
General Description
AP1118 is a low dropout positive fixed-mode regulator with minimum of 1A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. AP1118 is also well suited for other applications such as VGA cards. AP1118 is guaranteed to have <1.4V dropout at full load current making it ideal to provide well regulated outputs of 1.25 to 12V with up to 18V input supply. The AP1118 offers a TTL - Logic compatible enable pin.
Applications
* * *
PC peripheral Communication CDROM..
Ordering Information
AP 1118 X XX X X
Low Dropout Regulator
Package
D : TO252-5L T : TO220-5L K : TO263-5L S : SOP-8L
Vout
15 : 1.5V 18 : 1.8V 25 : 2.5V 33 : 3.3V 50 : 5.0V 90 : 9.0V 12 : 12V
Lead Free
Blank : Normal L : Lead Free Package
Packing
Blank : Tube A : Taping
Typical Circuit
5V C1 100uF Vin EN Tab is Vout Vout NC GND C2 100uF 3.3V/1A
( 5V/3.3V fixed output )
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 1.1 1/10
Feb. 15, 2005
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Connection Diagram
5 PIN TO220 5 PIN TO252/TO263 ( Top View ) 5 Vin EN Vout NC GND Tab is Vout 4 3 2 1 Vin EN Vout NC GND
5 4 3 2 1 Tab is Vout
SOP-8L ( Top View ) Vout Vout Vout Vout 5 6 7 8 4 3 2 1 Vin EN Vout GND
Pin Descriptions
NAME GND Vout Ground. The output of the regulator. A minimum of 10uF capacitor must be connected from this pin to ground to insure stability. The input pin of regulator. Typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load transient response. This pin must always be 1.3V higher than Vout in order for the device to regulate properly. The input pin of regulator. TTL/CMOS compatible input Logic high = disable output, Logic Low or open = output enable. (internal pull-down resistor~100 K). No connection. FUNCTION
Vin
EN NC
Anachip Corp. www.anachip.com.tw 2/10
Rev.1.1
Feb. 15, 2005
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Absolute Maximum Ratings
Characteristics DC Supply Voltage Enable Pin Voltage Power Dissipation Storage Temperature Operating Junction Temperature Range Symbol Vin VEN PD TST TOP. Values -0.3 to 18 7 Internally Limited -65 to +150 0 to +150 oC oC Unit V V
Electrical Characteristics (Under Operating Conditions)
PARAMETER AP1118-1.5 AP1118-1.8 AP1118-2.5 Output Voltage AP1118-3.3 AP1118-5.0 AP1118-9.0 AP1118-12.0 Line Regulation AP1118-XXX AP1118-1.5 AP1118-1.8 AP1118-2.5 Load Regulation AP1118-3.3 AP1118-5.0 AP1118-9.0 AP1118-12.0 Dropout Voltage (VIN-VOUT) AP1118- 1.5/1.8 2.5/3.3/5.0/9.0/12 CONDITIONS IOUT = 10mA, TJ = 25 C, 3VVIN15V o IOUT = 10mA, TJ = 25 C, 3.3VVIN15V o IOUT = 10mA, TJ = 25 C, 4VVIN15V IOUT = 10mA, TJ = 25oC, 4.8VVIN15V IOUT = 10mA, TJ = 25oC, 6.5VVIN15V o IOUT = 10mA, TJ = 25 C, 10.5VVIN18V o IOUT = 10mA, TJ = 25 C, 13.5VVIN18V IO=10mA,VOUT+1.5Vo
MIN 1.470 1.764 2.450 3.235 4.900 8.820 11.760
TYP 1.500 1.800 2.500 3.300 5.000 9.000 12.000
MAX 1.530 1.836 2.550 3.365 5.100 9.180 12.240 0.2
UNIT V V V V V V V % mV mV mV mV mV mV mV V
12 15 20 26 40 70 100 1.3
15 18 25 33 50 90 120 1.4
Anachip Corp. www.anachip.com.tw 3/10
Rev.1.1
Feb. 15, 2005
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Electrical Characteristics(Continued)
PARAMETER Current Limit Minimum Load Current VEN IEN Thermal Regulation Ripple Rejection Temperature Stability AP1118- 1.5/1.8 2.5/3.3/5.0/9.1/12 AP1118-XXX Enable Input Voltage Enable Input Current TA=25 OC, 30ms pulse F=120Hz,COUT=25uF Tantalum, IOUT=1A AP1118-XXX IO=10mA VIN=VOUT+3V CONDITIONS (VIN-VOUT) = 5V 0 CTj125 C Logic Low (ON) Logic High (OFF) VEN = 0.8V VEN = 2.0V
o o
(Under Operating Conditions)
MIN 1. 1 5 1.6 10 80 0.008 60 0.5 150 102 85 90 25 15 0.65/2.7 3.5 0.04 70 10 0.8 TYP MAX UNIT A mA V A %/W dB %
JA Thermal Resistance SOP-8L
Junction-to-Ambient(No heat sink ;No air flow)
TO-252-5L TO-220-5L TO263-5L SOP-8L
O
C/W
JC Thermal Resistance TO-252-5L
Junction-to-Case TO-220-5L TO263-5L
: Control Circuitry/Power Transistor
O
C/W
Note1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18" from the package. Note2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range. Note3: Quiescent current is defined as the minimum output current required to maintain regulation. At 12V input/output differential the device is guaranteed to regulate if the output current is greater than 10mA.
Anachip Corp. www.anachip.com.tw 4/10
Rev.1.1
Feb. 15, 2005
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Typical Performance Characteristics
2. 0 1. 8 0.20
Output Voltage Deviation (%)
1. 6
0 I load=800mA
Dropout Voltage (V)
1. 4 1. 2 1. 0 0. 8 0. 6 0. 4 0. 2 0 0 Tj = 125 oC Tj = 25 oC
-0.20
-0.40
-0.80
Dropout Voltage vs Output Current
2 1.5 1
Output Current (mA)
250
500
750
1000
-1
-25
0
Load Regulation vs Temperature
Temperature ( oC)
25
50
75
100
125
Output Voltage Change (%)
1 0. 5 0 -0.5 -1 -1.5 -2 -50 -25 0 25 50 75 100 125 150
0.8
Output Voltage Deviation (%)
0.6
0.4
0.2
0
Percent Change in Output Voltage vs Temperature
Output Voltage Deviation (mV) Input Voltage (V) Load Current (A) Output Voltage Deviation (mV) 7.5 6.5 5.5 40 20 0 -20 -40 Cin=1uF Cout=10uF Tantalum 30 20 10 0 -10 -20 2 1 0 -1 0 10 20
Temperature ( oC)
2
4
Line Regulation
C in = 1uF C out = 10 uF Tantalum Preload = 100mA
Input Voltage (V)
6
8
10
12
0
20
40
60
TIME (us)
80
100 120 140 160 180 200
30
Line Transient Response
Load Transient Response
TIME (us)
40
50
60
70
80
90
100
Anachip Corp. www.anachip.com.tw 5/10
Rev.1.1
Feb. 15, 2005
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Marking Information
(1) TO220-5L
( Top view )
1118-XX: Voltage 1118-15: 1.5V 1118-18: 1.8V 1118-25: 2.5V 1118-33: 3.3V 1118-50: 5.0V 1118-90: 9.0V 1118-12: 12V
Logo
1118-XX XX XX X X
Blank: normal L: Lead Free Package ID code Xth week: 01~52 Year: "01" = 2001 "02" = 2002
~
(2) TO252/TO263-5L
(Top view) 1118-XX: Voltage 1118-15: 1.5V 1118-18: 1.8V 1118-25: 2.5V 1118-33: 3.3V 1118-50: 5.0V 1118-90: 9.0V 1118-12: 12V Logo
1118- XX XXXX XX
Blank: normal L: Lead Free Package ID Code Xth Week: 01~52 Year: "01" = 2001 "02" = 2002
~
(3) SOP-8L
(Top view) Logo 1118-XX: Voltage 1118-15: 1.5V 1118-18: 1.8V 1118-25: 2.5V 1118-33: 3.3V 1118-50: 5.0V 1118-50: 9.0V 1118-12: 12V
1118 -XX XX XX X X
Blank: normal L: Lead Free Package ID Code Xth week: 01~52 Year: "1" = 2001 "2" = 2002
~
Anachip Corp. www.anachip.com.tw 6/10
Rev.1.1
Feb. 15, 2005
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Package Dimension
(1) TO220-5
E P H1 Q
A
F
L
D
e e1
b
C J1
Symbol A b C D E e e1 F H1 J1 L Op Q
Dimensions In Millimeters Min. Nom. Max. 4.07 4.45 4.82 0.76 0.89 1.02 0.36 0.50 0.64 14.22 14.86 15.50 9.78 10.16 10.54 1.57 1.71 1.85 6.68 6.81 6.93 1.14 1.27 1.40 5.46 6.16 6.86 2.29 2.74 3.18 13.21 13.97 14.73 3.68 3.81 3.94 2.54 2.73 2.92
Dimensions In Inches Min. Nom. Max. 0.160 0.030 0.014 0.560 0.385 0.062 0.263 0.045 0.215 0.090 0.520 0.145 0.100 0.175 0.035 0.020 0.585 0.400 0.067 0.268 0.050 0.243 0.108 0.550 0.150 0.107 0.190 0.040 0.025 0.610 0.415 0.073 0.273 0.055 0.270 0.125 0.580 0.155 0.115
Anachip Corp. www.anachip.com.tw 7/10
Rev.1.1
Feb. 15, 2005
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
(2) TO252-5
5.6
A B 5.6 C 11.0 M
D
2.0
7.2 1.27 0.6 L
P(TYP.) S
G
Land Pattern Recommendation (Unit: mm)
K
Symbol A B C D P S G H J K L M
Dimensions In Millimeters Min. Nom. Max. 6.35 6.60 6.85 5.20 5.35 5.50 6.80 7.00 7.30 2.20 2.50 2.80 1.27 REF. 0.50 0.65 0.80 0.40 0.50 0.63 2.20 2.30 2.40 0.45 0.52 0.58 0.00 0.08 0.15 0.90 1.20 1.63 5.40 5.80 6.20
Dimensions In Inches Min. Nom. Max. 0.250 0.260 0.270 0.205 0.211 0.217 0.268 0.276 0.287 0.087 0.098 0.110 0.050 REF. 0.020 0.026 0.031 0.016 0.020 0.025 0.087 0.091 0.094 0.018 0.020 0.023 0.000 0.003 0.006 0.035 0.047 0.064 0.213 0.228 0.244
Anachip Corp. www.anachip.com.tw 8/10
J
H
Rev.1.1
Feb. 15, 2005
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
(3) TO263-5
E L2
10.9
9.1
L
1.0 1.7 e B
Land Pattern Recommendation (Unit: mm)
2.5 C L1
Symbol A B C C2 D E e L L1 L2
Dimensions In Millimeters Min. Nom. Max. 4.07 4.46 4.85 0.66 0.84 1.02 0.36 0.50 0.64 1.14 1.27 1.40 8.65 9.15 9.65 9.78 10.16 10.54 1.57 1.71 1.85 14.61 15.24 15.88 2.29 2.54 2.79 2.92
Dimensions In Inches Min. Nom. Max. 0.160 0.176 0.191 0.026 0.033 0.040 0.014 0.020 0.025 0.045 0.050 0.055 0.341 0.360 0.380 0.385 0.400 0.415 0.062 0.068 0.073 0.575 0.600 0.625 0.090 0.100 0.110 0.115
Anachip Corp. www.anachip.com.tw 9/10
C2
Rev.1.1
A
15.7
D
Feb. 15, 2005
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
(4) SOP-8
E
H
L VIEW "A"
D 7 (4X) A2 A
0.015x45
7 (4X)
A1
e
B y
C
VIEW "A"
Symbol A A1 A2 B C D E e H L y
Dimensions In Millimeters Min. Nom. Max. 1.40 1.60 1.75 0.10 0.25 1.30 1.45 1.50 0.33 0.41 0.51 0.19 0.20 0.25 4.80 5.05 5.30 3.70 3.90 4.10 1.27 5.79 5.99 6.20 0.38 0.71 1.27 0.10 O 0 8O
Dimensions In Inches Min. Nom. Max. 0.055 0.063 0.069 0.040 0.100 0.051 0.057 0.059 0.013 0.016 0.020 0.0075 0.008 0.010 0.189 0.199 0.209 0.146 0.154 0.161 0.050 0.228 0.236 0.244 0.015 0.028 0.050 0.004 O 0 8O
Anachip Corp. www.anachip.com.tw 10/10
Rev.1.1
Feb. 15, 2005


▲Up To Search▲   

 
Price & Availability of AP1118T33L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X