|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Low Noise, High Speed Amplifier for 16-Bit Systems AD8021 FEATURES Low Noise 2.1 nV/Hz Input Voltage Noise 2.1 pA/Hz Input Current Noise Custom Compensation Constant Bandwidth from G = -1 to G = -10 High Speed 200 MHz (G = -1) 190 MHz (G = -10) Low Power 34 mW or 6.7 mA Typ for 5 V Supply Output Disable Feature, 1.3 mA Low Distortion -93 dB Second Harmonic, fC = 1 MHz -108 dB Third Harmonic, fC = 1 MHz DC Precision 1 mV Max Input Offset Voltage 0.5 V/ C Input Offset Voltage Drift Wide Supply Range, 5 V to 24 V Low Price Small Packaging Available in SOIC-8 and MSOP-8 APPLICATIONS ADC Preamp and Driver Instrumentation Preamp Active Filters Portable Instrumentation Line Receivers Precision Instruments Ultrasound Signal Processing High Gain Circuits CONNECTION DIAGRAM SOIC-8 (R-8) MSOP-8 (RM-8) AD8021 1 2 3 4 8 7 6 5 LOGIC REFERENCE -IN +IN -VS DISABLE +VS VOUT CCOMP The AD8021 allows the user to choose the gain bandwidth product that best suits the application. With a single capacitor, the user can compensate the AD8021 for the desired gain with little trade-off in bandwidth. The AD8021 is a very well behaved amplifier that settles to 0.01% in 23 ns for a 1 V step. It has a fast overload recovery of 50 ns. The AD8021 is stable over temperature with low input offset voltage drift and input bias current drift, 0.5 V/C and 10 nA/C, respectively. The AD8021 is also capable of driving a 75 line with 3 V video signals. The AD8021 is not only technically superior, but also priced considerably less than comparable amps drawing much higher quiescent current. The AD8021 is a high speed, general-purpose amplifier, ideal for a wide variety of gain configurations, and can be used throughout a signal processing chain and in control loops. The AD8021 is available in both standard 8-lead SOIC and MSOP packages in the industrial temperature range of -40C to +85C. 24 VOUT = 50mV p-p PRODUCT DESCRIPTION 21 18 G = -10, RF = 1k , RG = 100 , RIN = 100 , C C = 0pF G = -5, RF = 1k , RG = 200 , RIN = 66.5 , C C = 1.5pF The AD8021 is a very high performance, high speed voltage feedback amplifier that can be used in 16-bit resolution systems. It is designed to have low voltage and current noise (2.1 nV/Hz typ and 2.1 pA/Hz typ) while operating at the lowest quiescent supply current (7 mA @ 5 V) among today's high speed, low noise op amps. The AD8021 operates over a wide range of supply voltages from 2.5 V to 12 V, as well as from single 5 V supplies, making it ideal for high speed, low power instruments. An output disable pin allows further reduction of the quiescent supply current to 1.3 mA. CLOSED-LOOP GAIN - dB 15 12 9 6 3 0 -3 -6 0.1M 1M 10M FREQUENCY - Hz 100M 1G G = -2, RF = 499 , RG = 249 , RIN = 63.4 , C C = 4pF G = -1, RF = 499 , RG = 499 , RIN = 56.2 , C C = 7pF Figure 1. Small Signal Frequency Response REV. D Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2003 Analog Devices, Inc. All rights reserved. AD8021-SPECIFICATIONS VS = 5 V Parameter DYNAMIC PERFORMANCE -3 dB Small Signal Bandwidth (@ TA = 25 C, VS = 5 V, RL = 1 k , Gain = +2, unless otherwise noted.) Conditions G = +1, CC = 10 pF, VO = 0.05 V p-p G = +2, CC = 7 pF, VO = 0.05 V p-p G = +5, CC = 2 pF, VO = 0.05 V p-p G = +10, CC = 0 pF, VO = 0.05 V p-p G = +1, CC = 10 pF G = +2, CC = 7 pF G = +5, CC = 2 pF G = +10, CC = 0 pF VO = 1 V Step, RL = 500 Min 355 160 150 110 95 120 250 380 AD8021AR/AD8021ARM Typ Max 490 205 185 150 120 150 300 420 23 Unit MHz MHz MHz MHz V/s V/s V/s V/s ns Slew Rate, 1 V Step Settling Time to 0.01% Overload Recovery (50%) DISTORTION/NOISE PERFORMANCE f = 1 MHz HD2 HD3 f = 5 MHz HD2 HD3 Input Voltage Noise Input Current Noise Differential Gain Error 2.5 V Input Step, G = +2 50 ns VO = 2 V p-p VO = 2 V p-p VO = 2 V p-p VO = 2 V p-p f = 50 kHz f = 50 kHz NTSC, RL = 150 -93 -108 -70 -80 2.1 2.1 0.03 dBc dBc dBc dBc nV/Hz pA/Hz % 2.6 Differential Phase Error DC PERFORMANCE Input Offset Voltage Input Offset Voltage Drift Input Bias Current Input Bias Current Drift Input Offset Current NTSC, RL = 150 0.04 0.4 0.5 7.5 10 0.1 1.0 10.5 0.5 Degrees mV V/C A nA/C A TMIN to TMAX +Input or -Input Open-Loop Gain INPUT CHARACTERISTICS Input Resistance Common-Mode Input Capacitance Input Common-Mode Voltage Range 82 86 10 1 -4.1 to +4.6 dB M pF V Common-Mode Rejection Ratio OUTPUT CHARACTERISTICS Output Voltage Swing Linear Output Current Short-Circuit Current VCM = 4 V -86 -3.5 to +3.2 -98 -3.8 to +3.4 60 75 dB V mA mA Capacitive Load Drive for 30% Overshoot DISABLE CHARACTERISTICS Off Isolation Turn-On Time Turn-Off Time VO = 50 mV p-p/1 V p-p f = 10 MHz VO = 0 V to 2 V, 50% Logic to 50% Output VO = 0 V to 2 V, 50% Logic to 50% Output 15/120 -40 45 50 pF dB ns ns DISABLE Voltage--Off/On Enabled Leakage Current Disabled Leakage Current POWER SUPPLY Operating Range Quiescent Current +Power Supply Rejection Ratio -Power Supply Rejection Ratio Specifications subject to change without notice. VDISABLE - VLOGIC REFERENCE Logic Ref = 0.4 V DISABLE = 4.0 V Logic Ref = 0.4 V DISABLE = 0.4 V 2.25 Output Enabled Output Disabled VCC = +4 V to +6 V, VEE = -5 V VCC = +5 V, VEE = -6 V to -4 V -86 -86 1.75/1.90 70 2 30 33 5 7.0 1.3 -95 12.0 7.7 1.6 V A A A A V mA mA dB -95 dB -2- REV. D AD8021 VS = 12 V(@ T = 25 C, R = 1 k A L , Gain = +2, unless otherwise noted.) Conditions G = +1, CC = 10 pF, VO = 0.05 V p-p G = +2, CC = 7 pF, VO = 0.05 V p-p G = +5, CC = 2 pF, VO = 0.05 V p-p G = +10, CC = 0 pF, VO = 0.05 V p-p G = +1, CC = 10 pF G = +2, CC = 7 pF G = +5, CC = 2 pF G = +10, CC = 0 pF VO = 1 V Step, RL = 500 6 V Input Step, G = +2 Parameter DYNAMIC PERFORMANCE -3 dB Small Signal Bandwidth Min 520 175 170 125 105 140 265 400 AD8021AR/AD8021ARM Typ Max 560 220 200 165 130 170 340 460 21 90 Unit MHz MHz MHz MHz V/s V/s V/s V/s ns ns Slew Rate, 1 V Step Settling Time to 0.01% Overload Recovery (50%) DISTORTION/NOISE PERFORMANCE f = 1 MHz HD2 HD3 f = 5 MHz HD2 HD3 Input Voltage Noise Input Current Noise Differential Gain Error Differential Phase Error DC PERFORMANCE Input Offset Voltage Input Offset Voltage Drift Input Bias Current Input Bias Current Drift Input Offset Current Open-Loop Gain INPUT CHARACTERISTICS Input Resistance Common-Mode Input Capacitance Input Common-Mode Voltage Range Common-Mode Rejection Ratio VO = 2 V p-p VO = 2 V p-p VO = 2 V p-p VO = 2 V p-p f = 50 kHz f = 50 kHz NTSC, RL = 150 NTSC, RL = 150 -95 -116 -71 -83 2.1 2.1 0.03 0.04 0.4 0.2 8 10 0.1 88 10 1 -11.1 to +11.6 -96 -10.6 to +10.2 70 115 15/120 -40 45 50 1.80/1.95 70 2 30 33 2.25 5 7.8 1.7 -96 -100 dBc dBc dBc dBc nV/Hz pA/Hz % Degrees mV V/C A nA/C A dB M pF V dB V mA mA pF dB ns ns V A A A A 12.0 V 8.6 mA 2.0 mA dB dB 2.6 1.0 11.3 0.5 TMIN to TMAX +Input or -Input 84 VCM = 10 V -86 -10.2 to +9.8 OUTPUT CHARACTERISTICS Output Voltage Swing Linear Output Current Short-Circuit Current Capacitive Load Drive for 30% Overshoot VO = 50 mV p-p/1 V p-p DISABLE CHARACTERISTICS Off Isolation Turn-On Time Turn-Off Time DISABLE Voltage--Off/On Enabled Leakage Current Disabled Leakage Current POWER SUPPLY Operating Range Quiescent Current +Power Supply Rejection Ratio -Power Supply Rejection Ratio Specifications subject to change without notice. f = 10 MHz VO = 0 V to 2 V, 50% Logic to 50% Output VO = 0 V to 2 V, 50% Logic to 50% Output VDISABLE - VLOGIC REFERENCE Logic Ref = 0.4 V DISABLE = 4.0 V Logic Ref = 0.4 V DISABLE= 0.4 V Output Enabled Output Disabled VCC = +11 V to +13 V, VEE = -12 V VCC = +12 V, VEE = -13 V to -11 V -86 -86 REV. D -3- AD8021 VS = 5 V (@ T = 25 C, R = 1 k A L , Gain = +2, unless otherwise noted.) Conditions G = +1, CC = 10 pF, VO = 0.05 V p-p G = +2, CC = 7 pF, VO = 0.05 V p-p G = +5, CC = 2 pF, VO = 0.05 V p-p G = +10, CC = 0 pF, VO = 0.05 V p-p G = +1, CC = 10 pF G = +2, CC = 7 pF G = +5, CC = 2 pF G = +10, CC = 0 pF VO = 1 V Step, RL = 500 0 V to 2.5 V Input Step, G = +2 Parameter DYNAMIC PERFORMANCE -3 dB Small Signal Bandwidth AD8021AR/AD8021ARM Min Typ Max 270 155 135 95 80 110 210 290 305 190 165 130 110 140 280 390 28 40 Unit MHz MHz MHz MHz V/s V/s V/s V/s ns ns Slew Rate, 1 V Step Settling Time to 0.01% Overload Recovery (50%) DISTORTION/NOISE PERFORMANCE f = 1 MHz HD2 HD3 f = 5 MHz HD2 HD3 Input Voltage Noise Input Current Noise DC PERFORMANCE Input Offset Voltage Input Offset Voltage Drift Input Bias Current Input Bias Current Drift Input Offset Current Open-Loop Gain INPUT CHARACTERISTICS Input Resistance Common-Mode Input Capacitance Input Common-Mode Voltage Range Common-Mode Rejection Ratio OUTPUT CHARACTERISTICS Output Voltage Swing Linear Output Current Short-Circuit Current Capacitive Load Drive for 30% Overshoot DISABLE CHARACTERISTICS Off Isolation Turn-On Time Turn-Off Time DISABLE Voltage--Off/On Enabled Leakage Current Disabled Leakage Current POWER SUPPLY Operating Range Quiescent Current +Power Supply Rejection Ratio -Power Supply Rejection Ratio Specifications subject to change without notice. VO = 2 V p-p VO = 2 V p-p VO = 2 V p-p VO = 2 V p-p f = 50 kHz f = 50 kHz -84 -91 -68 -81 2.1 2.1 0.4 0.8 7.5 10 0.1 76 10 1 0.9 to 4.6 -98 1.10 to 3.60 30 50 10/120 -40 45 50 1.55/1.70 70 2 30 33 2.25 5 6.7 1.2 -82 -84 dBc dBc dBc dBc nV/Hz pA/Hz mV V/C A nA/C A dB M pF V dB V mA mA pF dB ns ns V A A A A 12.0 V 7.5 mA 1.5 mA dB dB 2.6 1.0 10.3 0.5 TMIN to TMAX +Input or -Input 72 1.5 V to 3.5 V -84 1.25 to 3.38 VO = 50 mV p-p/1 V p-p f = 10 MHz VO = 0 V to 1 V, 50% Logic to 50% Output VO = 0 V to 1 V, 50% Logic to 50% Output VDISABLE - VLOGIC REFERENCE Logic Ref = 0.4 V DISABLE = 4.0 V Logic Ref = 0.4 V DISABLE = 0.4 V Output Enabled Output Disabled VCC = 4.5 V to 5.5 V, VEE = 0 V VCC = +5 V, VEE = -0.5 V to +0.5 V -74 -76 -4- REV. 0 AD8021 ABSOLUTE MAXIMUM RATINGS 1 MAXIMUM POWER DISSIPATION (mW) 2.0 Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26.4 V Power Dissipation . . . . . . . . Observed Power Derating Curves Input Voltage (Common-Mode) . . . . . . . . . . . . . . . VS 1 V Differential Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . 0.8 V Differential Input Current . . . . . . . . . . . . . . . . . . . . . 10 mA Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . Observed Power Derating Curves Storage Temperature . . . . . . . . . . . . . . . . . . -65C to +125C Operating Temperature Range . . . . . . . . . . . -40C to +85C Lead Temperature Range (Soldering, 10 sec) . . . . . . . . 300C NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 The AD8021 inputs are protected by diodes. Current-limiting resistors are not used in order to preserve the low noise. If a differential input exceeds 0.8 V, the input current should be limited to 10 mA. 1.5 8-LEAD SOIC 1.0 8-LEAD MSOP 0.5 0.01 -55 -45 -35 -25 -15 -5 5 15 25 35 45 55 65 75 85 AMBIENT TEMPERATURE ( C) Figure 2. Maximum Power Dissipation vs. Temperature* *Specification is for device in free air: 8-Lead SOIC: JA = 125C/W 8-Lead MSOP: JA = 145C/W MAXIMUM POWER DISSIPATION The maximum power that can be safely dissipated by the AD8021 is limited by the associated rise in junction temperature. The maximum safe junction temperature for plastic encapsulated devices is determined by the glass transition temperature of the plastic, approximately 150C. Temporarily exceeding this limit may cause a shift in parametric performance due to a change in the stresses exerted on the die by the package. Exceeding a junction temperature of 175C for an extended period can result in device failure. While the AD8021 is internally short-circuit protected, this may not be sufficient to guarantee that the maximum junction temperature (150C) is not exceeded under all conditions. To ensure proper operation, it is necessary to observe the maximum power derating curves. PIN CONFIGURATION LOGIC REFERENCE -IN +IN -VS 1 2 3 4 PIN FUNCTION DESCRIPTIONS Pin No. Mnemonic 1 2 3 4 5 6 7 8 Function LOGIC REFERENCE Reference for Pin 8* Voltage Level. Connect to logic low supply. -IN Inverting Input +IN Noninverting Input Negative Supply Voltage -VS Compensation Capacitor. Tie CCOMP to -VS. (See the Applications section for value.) Output VOUT Positive Supply Voltage +VS DISABLE Disable, Active Low* AD8021 8 7 6 5 DISABLE +VS VOUT CCOMP *When Pin 8 (DISABLE) is about 2 V or more higher than Pin 1 (LOGIC REFERENCE), the part is enabled. When Pin 8 is brought down to within about 1.5 V of Pin 1, the part is disabled. (See the Specification tables for exact disable and enable voltage levels.) If the disable feature is not going to be used, Pin 8 can be tied to +VS or a logic high source, and Pin 1 can be tied to ground or logic low. Alternatively, if Pin 1 and Pin 8 are not connected, the part will be in an enabled state. ORDERING GUIDE Model AD8021AR AD8021AR-REEL AD8021AR-REEL7 AD8021ARM AD8021ARM-REEL AD8021ARM-REEL7 AD8021ARZ* AD8021ARZ-REEL* AD8021ARZ-REEL7* *Z = Lead Free Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C Package Description 8-Lead SOIC 8-Lead SOIC 8-Lead SOIC 8-Lead MSOP 8-Lead MSOP 8-Lead MSOP 8-Lead SOIC 8-Lead SOIC 8-Lead SOIC Package Outline R-8 R-8 R-8 RM-8 RM-8 RM-8 R-8 R-8 R-8 Branding HNA HNA HNA CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8021 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. REV. D -5- AD8021-Typical Performance Characteristics (TA = 25 C, VS = 5 V, RL = 1 k , G = +2, RF = RG = 499 Freq = 1 MHz, unless otherwise noted.) 24 21 18 CLOSED-LOOP GAIN - dB 15 12 9 6 3 0 -3 -6 0.1M G = 1, RF = 75 , C C = 10pF G = 2, RF = RG = 499 , C C = 7pF G = 5, RF = 1k , RG = 249 , C C = 2pF GAIN - dB G = 10, RF = 1k , RG = 110 , C C = 0pF , RS = 49.9 , RO = 976 9 , RD = 53.6 G=2 , CC = 7 pF, CL = 0, CF = 0, VOUT = 2 V p-p, 8 7 6 5 4 3 2 VS = 2.5V 5V 12V VS = 1 0 2.5V 1M 10M FREQUENCY - Hz 100M 1G -1 1M 10M 100M FREQUENCY - Hz 1G TPC 1. Small Signal Frequency Response vs. Frequency and Gain, VOUT = 50 mV p-p, Noninverting. See Test Circuit 1. 24 21 18 15 G = -10, RF = 1k , RG = 100 , RIN = 100 , C C = 0pF G = -5, RF = 1k , RG = 200 , RIN = 66.5 , C C = 1.5pF TPC 4. Small Signal Frequency Response vs. Frequency and Supply, VOUT = 50 mV p-p, Noninverting. See Test Circuit 1. 3 G = -1 2 1 0 GAIN - dB VS = 2.5V 5V GAIN - dB 12 9 6 3 0 -3 -6 0.1M -1 -2 -3 -4 -5 VS = 12V G = -2, RF = 499 , RG = 249 , RIN = 63.4 , C C = 4pF G = -1, RF = 499 , RG = 499 , RIN = 56.2 , C C = 7pF 1M 10M FREQUENCY - Hz 100M 1G VS = -6 -7 1M 2.5V 10M 100M FREQUENCY - Hz 1G TPC 2. Small Signal Frequency Response vs. Frequency and Gain, VOUT = 50 mV p-p, Inverting. See Test Circuit 1. TPC 5. Small Signal Frequency Response vs. Frequency and Supply, VOUT = 50 mV p-p, Inverting. See Test Circuit 3. 9 G=2 8 7 6 GAIN - dB GAIN - dB 9 CC = 5pF G=2 8 7 6 5 4 VOUT = 4V p-p 3 2 1V p-p VOUT = 0.1V AND 50mV p-p 7pF 5 9pF 4 3 2 1 0 -1 0.1M 1M 10M FREQUENCY - Hz 100M 1G 7pF 9pF 1 0 -1 1M 10M 100M FREQUENCY - Hz 1G TPC 3. Small Signal Frequency Response vs. Frequency and Compensation Capacitor, VOUT = 50 mV p-p. See Test Circuit 1. TPC 6. Frequency Response vs. Frequency and VOUT, Noninverting. See Test Circuit 1. -6- REV. D AD8021 10 G=2 9 8 7 GAIN - dB GAIN - dB 10 9 8 7 6 5 4 3 RF = 150 RF = 75 RF = 1k 1M AND CF = 2.2pF 100M 1G RF = 250 G=2 RF = RG RF = 1k RF = 499 6 5 4 3 2 1 0 0.1M 1M 10M FREQUENCY - Hz 100M 1G RL = 100 1k 2 1 0 0.1M 10M FREQUENCY - Hz TPC 7. Large Signal Frequency Response vs. Frequency and Load, Noninverting. See Test Circuit 2. 9 G=2 8 +25 C 7 6 +85 C TPC 10. Small Signal Frequency Response vs. Frequency and RF, Noninverting, VOUT = 50 mV p-p. See Test Circuit 1. 15 G=2 12 9 6 GAIN - dB GAIN - dB 5 +85 C 4 3 2 1 0 -1 1M +25 C VOUT = 2V p-p -40 C VOUT = 50mV p-p 3 RS = 49.9 0 -3 -6 -9 RS = 100 -40 C -12 RS = 249 10M 100M FREQUENCY - Hz 1G -15 0.1M 1M 10M FREQUENCY - Hz 100M 1G TPC 8. Frequency Response vs. Frequency, Temperature and VOUT, Noninverting. See Test Circuit 1. TPC 11. Small Signal Frequency Response vs. Frequency and RS, Noninverting, VOUT = 50 mV p-p. See Test Circuit 1. 18 G=2 15 12 100 50pF 30pF 20pF 90 80 OPEN-LOOP GAIN - dB 9 10pF GAIN - dB 70 60 50 40 30 20 10 180 135 90 45 0 -45 -90 -135 1G 6 3 0pF 0 -3 -6 -9 -12 1M 10M 100M FREQUENCY - Hz 1G 0 10k 100k 1M 10M FREQUENCY - Hz 100M TPC 9. Small Signal Frequency Response vs. Frequency and Capacitive Load, Noninverting, VOUT = 50 mV p-p. See Test Circuit 2 and Figure 16. TPC 12. Open-Loop Gain and Phase vs. Frequency, RG =100 , RF = 1 k, RO = 976 , RD = 53.6 , CC = 0 pF. See Test Circuit 3. REV. D -7- PHASE - Degrees AD8021 6.4 G=2 -30 6.2 VS = 2.5V -50 -40 -20 f1 f = 0.2MHz f2 POUT 976 53.6 50 POUT - dBm GAIN - dB 6.0 5V 5.8 12V -60 -70 -80 -90 5.6 -100 -110 5.4 1M 10M FREQUENCY - Hz 100M -120 9.5 9.7 10.0 FREQUENCY - MHz 10.3 10.5 TPC 13. 0.1 dB Flatness vs. Frequency and Supply, VOUT = 1 V p-p, RL = 150 , Noninverting. See Test Circuit 2. TPC 16. Intermodulation Distortion vs. Frequency -20 -30 THIRD-ORDER INTERCEPT - dBm 50 -40 -50 DISTORTION - dBc 45 SECOND -60 -70 -80 -90 -100 -110 -120 -130 0.1M THIRD 1M FREQUENCY - Hz 10M 20M RL = 100 RL = 1k 40 VS = VS = 30 2.5V 5V 35 25 20 0 5 10 FREQUENCY - MHz 15 20 TPC 14. Second and Third Harmonic Distortion vs. Frequency and RL TPC 17. Third-Order Intercept vs. Frequency and Supply Voltage -30 -40 -50 -60 -50 DISTORTION - dBc DISTORTION - dBc -60 -70 -80 -90 -100 -110 -120 SECOND VS = SECOND 5V VS = 12V VS = THIRD 2.5V SECOND -70 SECOND -80 -90 -100 -110 THIRD 10M 20M RL = 100 THIRD SECOND RL = 1k THIRD -130 100k 1M FREQUENCY - Hz -120 1 2 4 3 VOUT - V p-p 5 6 TPC 15. Second and Third Harmonic Distortion vs. Frequency and VS TPC 18. Second and Third Harmonic Distortion vs. VOUT and RL REV. D -8- AD8021 -50 -60 SECOND -70 POSITIVE OUTPUT VOLTAGE - V 3.5 3.4 POSITIVE OUTPUT 3.3 3.2 3.1 3.0 2.9 THIRD -3.1 -3.2 -3.3 -3.4 -3.5 -3.6 -3.7 -3.8 2000 NEGATIVE OUTPUT VOLTAGE - V DISTORTION - dBc fC = 5MHz -80 THIRD -90 -100 -110 -120 1 2 3 4 VOUT - V p-p 5 6 SECOND fC = 1MHz NEGATIVE OUTPUT 2.8 0 400 800 1200 LOAD - 1600 TPC 19. Second and Third Harmonic Distortion vs. VOUT and Fundamental Frequency (fC), G = +2 TPC 22. DC Output Voltage vs. Load. See Test Circuit 1. -40 -50 120 fC = 5MHz -60 DISTORTION - dBc SECOND SHORT-CIRCUIT CURRENT - mA 100 VS = 12 80 VS = 5.0 -70 THIRD -80 SECOND -90 -100 -110 1 2 3 4 VOUT - V p-p 5 6 THIRD 60 VS = 40 2.5 fC = 1MHz 20 0 -50 -30 -10 10 30 50 TEMPERATURE - C 70 90 110 TPC 20. Second and Third Harmonic Distortion vs. VOUT and Fundamental Frequency (fC), G = +10 TPC 23. Short-Circuit Current to Ground vs. Temperature -70 50 fC = 1MHz RL = 1k -80 DISTORTION - dBc G=2 40 30 20 RL = 1k , 150 SECOND VOUT - mV -90 10 -100 -10 -20 THIRD -110 -30 -40 -120 0 200 400 600 FEEDBACK RESISTANCE - 800 1000 -50 0 40 80 120 TIME - ns 160 200 TPC 21. Second and Third Harmonic Distortion vs. Feedback Resistor (RF) TPC 24. Small Signal Transient Response vs. RL, VO = 50 mV p-p. See Test Circuit 2, Noninverting. REV. D -9- AD8021 2.0 VO = 4V p-p G=2 2.0 VO = 2V p-p G=2 RL = 1k 1.0 1.0 VOUT - V RL = 150 VOUT - V VS = 2.5V -1.0 -1.0 VS = 5V -2.0 -2.0 0 40 80 120 TIME - ns 160 200 0 40 80 120 TIME - ns 160 200 TPC 25. Large Signal Transient Response vs. RL. See Test Circuit 2, Noninverting. TPC 28. Large Signal Transient Response vs. VS. See Test Circuit 1. 5 4 3 2 1 VOLTS VO = 4V p-p G = -1 VIN = 3V G = +2 VIN = 1V/DIV VOUT = 2V/DIV VOUT, RL = 1k VIN RL = 150 -1 -2 -3 -4 -5 0 50 100 150 TIME - ns 200 250 0 VIN 100 200 300 TIME - ns 400 500 VOUT TPC 26. Large Signal Transient Response. See Test Circuit 3, Inverting. TPC 29. Overdrive Recovery vs. RL. See Test Circuit 2. 2.0 CL = 50pF G=2 VO = 4V p-p G=2 1.0 VOUT - V CL = 10pF, 0pF OUTPUT SETTLING +0.01% -0.01% 25ns -1.0 -2.0 VERT = 0.2mV/DIV HOR = 5ns/DIV 0 40 80 120 TIME - ns 160 200 TPC 27. Large Signal Transient Response vs. CL. See Test Circuit 1. TPC 30. 0.01% Settling Time, 2 V Step REV. D -10- AD8021 100 80 60 40 SETTLING - V INPUT CURRENT NOISE - pA/ Hz 100 PULSEWIDTH = 120ns 20 0 -20 PULSEWIDTH = 300 s -40 -60 -80 -100 0 4 5V 0V 10 t1 8 12 16 TIME - s 20 24 28 32 1 10 100 1k 10k 100k FREQUENCY - Hz 1M 10M TPC 31. Long-Term Settling, 0 V to 5 V, VS = 12 V, G = +13 TPC 34. Input Current Noise vs. Frequency 50 40 30 20 G= 1 0.48 0.44 VOLTAGE OFFSET - mV 0.40 VOUT - mV 10 0.36 -10 -20 -30 -40 -50 0 40 80 120 TIME - ns 160 200 0.32 0.28 0.24 -50 -25 0 25 50 TEMPERATURE - C 75 100 TPC 32. Small Signal Transient Response, VO = 50 mV p-p. G = +1. See Test Circuit 1. 100 8.4 TPC 35. VOS vs. Temperature 8.0 INPUT BIAS CURRENT - A VOLTAGE NOISE - nV/ Hz 7.6 10 7.2 6.8 2.1nV/ Hz 6.4 1 10 100 1k 10k 100k FREQUENCY - Hz 1M 10M 6.0 -50 -25 25 50 0 TEMPERATURE - C 75 100 TPC 33. Input Voltage Noise vs. Frequency TPC 36. Input Bias Current vs. Temperature REV. D -11- AD8021 -20 -30 -40 -50 CMRR - dB -60 -70 -80 -90 -100 -110 -120 10k 100k 1M FREQUENCY - Hz 10M 100M DISABLED ISOLATION - dB 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 0.1M 1M 10M FREQUENCY - Hz 100M 1G TPC 37. CMRR vs. Frequency. See Test Circuit 4. TPC 40. Input to Output Isolation, Chip Disabled. See Test Circuit 7. 300 100 30 300k 100k 30k OUTPUT IMPEDANCE - OUTPUT IMPEDANCE - 10 3 1 0.3 0.1 0.03 0.01 10k 3k 1k 300 100 30 10 3 10k 0.003 10k 100k 1M 10M FREQUENCY - Hz 100M 1G 100k 1M 10M FREQUENCY - Hz 100M 1G TPC 38. Output Impedance vs. Frequency, Chip Enabled. See Test Circuit 5. TPC 41. Output Impedance vs. Frequency, Chip Disabled. See Test Circuit 8. 0 DISABLE 4V 2V -10 -20 -30 -PSRR VOUTPUT 2V PSRR - dB -40 -50 -60 -70 VS = 2.5V +PSRR VS = 12V tEN = 45ns 1V tDIS = 50ns -80 -90 VS = 5V 0 100 200 300 TIME - ns 400 500 -100 10k 100k 1M 10M FREQUENCY - Hz 100M 500M TPC 39. Enable (tEN)/Disable (tDIS) Time vs. VOUT. See Test Circuit 6. TPC 42. PSRR vs. Frequency and Supply Voltage. See Test Circuits 9 and 10. REV. D -12- AD8021 8.5 8.0 SUPPLY CURRENT - mA 7.5 7.0 6.5 6.0 5.5 -50 -25 0 25 50 TEMPERATURE - C 75 100 TPC 43. Quiescent Supply Current vs. Temperature Test Circuits 50 +VS RO 5 RIN 49.9 CC -VS RG RF RD 50 CABLE HP8753D NETWORK ANALYZER 50 50 50 CABLE AD8021 499 499 CC -VS 55.6 499 7pF 499 +VS 5 RS 49.9 CF Test Circuit 1. Noninverting Gain FET PROBE Test Circuit 4. CMRR AD8021 +VS HP8753D NETWORK ANALYZER 5 CC RL 50 50 CABLE +VS RS 5 RIN 49.9 -VS RG CC RF 100 CL 50 7pF -VS RG 499 RF 499 CF Test Circuit 2. Noninverting Gain with FET Probe Test Circuit 5. Output Impedance, Chip Enabled AD8021 +VS RO 49.9 CC 50 50 CABLE RIN 49.9 RG -VS RF 5 RD 50 CABLE 49.9 1.0V 49.9 1 +VS 976 5 53.6 LOGIC REF 8 DISABLE 4V 49.9 -VS 499 499 CC 7pF Test Circuit 3. Inverting Gain Test Circuit 6. Enable/Disable REV. D -13- AD8021 HP8753D NETWORK ANALYZER BIAS BNC 50 50 50 50 +VS 49.9 49.9 1 CABLE +VS 249 5 1k -VS 499 CC 7pF 499 49.9 , 5W 976 5 53.6 +VS HP8753D NETWORK ANALYZER 50 50 CABLE AD8021 LOGIC REF 8 DISABLE CC 7pF FET PROBE -VS 499 499 Test Circuit 7. Input to Output Isolation, Chip Disabled Test Circuit 9. Positive PSRR BIAS BNC HP8753D NETWORK ANALYZER 50 50 50 +VS 976 CABLE -VS 249 5 CC 7pF AD8021 1 8 100 +VS 50 HP8753D NETWORK ANALYZER -VS 49.9 5W 53.6 5 CC 7pF -VS 499 499 Test Circuit 8. Output Impedance, Chip Disabled Test Circuit 10. Negative PSRR REV. D -14- AD8021 APPLICATIONS COMPENSATION CAPACITANCE - pF The typical voltage feedback op amp is frequency stabilized with a fixed internal capacitor, CINTERNAL, using dominant pole compensation. To a first-order approximation, voltage feedback op amps have a fixed gain bandwidth product. For example, if its -3 dB bandwidth for G = +1 is 200 MHz, at a gain of G = +10 its bandwidth will be only about 20 MHz. The AD8021 is a voltage feedback op amp with a minimal CINTERNAL of about 1.5 pF. By adding an external compensation capacitor, CC, the user can circumvent the fixed gain bandwidth limitation of other voltage feedback op amps. Unlike the typical op amp with fixed compensation, the AD8021 allows the user to 1. Maximize the amplifier bandwidth for closed-loop gains between 1 and 10, avoiding the usual loss of bandwidth and slew rate. Optimize the trade-off between bandwidth and phase margin for a particular application. Match bandwidth in gain blocks with different noise gains, such as when designing differential amplifiers (as shown in Figure 10). 110 100 90 86 80 70 60 50 40 30 20 10 0 (A) -10 1k 10k 100k 1M 10M 100M FREQUENCY - Hz 1G 10G (B) (C) CC = 10pF 180 135 90 CC = 0pF (B) (A) (C) 45 bandwidth is degraded to about 20 MHz and the phase margin increases to 90 (Arrow B). However, by reducing CC to zero, the bandwidth and phase margin return to about 200 MHz and 60 (Arrow C), respectively. In addition, the slew rate is dramatically increased, as it roughly varies with the inverse of CC. 10 9 8 7 6 5 4 3 2 1 0 1 2 3 4 5 6 7 NOISE GAIN - V/V 8 9 10 11 2. 3. Figure 4. Suggested Compensation Capacitance vs. Gain for Maintaining 1 dB Peaking OPEN-LOOP GAIN - dB PHASE - Degrees 0 Table I and Figure 4 provide recommended values of compensation capacitance at various gains and the corresponding slew rate, bandwidth, and noise. Note that the value of the compensation capacitor depends on the circuit noise gain, not the voltage gain. As shown in Figure 5, the noise gain, GN, of an op amp gain block is equal to its noninverting voltage gain, regardless of whether it is actually used for inverting or noninverting gain. Thus, Noninverting GN = RF / RG + 1 Inverting GN = RF / RG + 1 RG 200 6 5 RF 800 3+ -VS RG 200 CCOMP INVERTING 2 RF 800 1 RS 3 + Figure 3. Simplified Diagram of Open-Loop Gain and Phase Response AD8021 2- -VS CCOMP G = GN = 5 - AD8021 5 6 Figure 3 is the AD8021 gain and phase plot that has been simplified for instructional purposes. If the desired closed-loop gain is G = +1 and CC = 10 pF is chosen, Arrow A of the figure shows that the bandwidth is about 200 MHz and the phase margin is about 60. If the gain is changed to G = +10 and CC is fixed at 10 pF, then (as expected for a typical op amp) the G = -4 GN = 5 NONINVERTING Figure 5. The Noise Gain of Both Is 5 Table I. Recommended Component Values. See Test Circuit 2. C F = CL = 0, RL = 1 k , RIN = 49.9 Noise Gain (Noninverting Gain) 1 2 5 10 20 RS () 75 49.9 49.9 49.9 49.9 RF () 75 499 1k 1k 1k RG () NA 499 249 110 52.3 CCOMP (pF) 10 7 2 0 0 Slew Rate (V/ s) 120 150 300 420 200 -3 dB SS BW (MHz) 490 205 185 150 42 Output Noise (AD8021 Only) (nV/Hz) 2.1 4.3 10.7 21.2 42.2 Output Noise (AD8021 with Resistors) (nV/Hz) 2.8 8.2 15.5 27.9 52.7 100 REV. D 49.9 1k 10 0 34 -15- 6 211.1 264.1 AD8021 With the AD8021, a variety of trade-offs can be made to fine-tune its dynamic performance. Sometimes more bandwidth or slew rate is needed at a particular gain. Reducing the compensation capacitance, as illustrated in TPC 3, will increase the bandwidth and peaking due to a decrease in phase margin. On the other hand, if more stability is needed, increasing the compensation cap will decrease the bandwidth while increasing the phase margin. As with all high speed amplifiers, parasitic capacitance and inductance around the amplifier can affect its dynamic response. Often, the input capacitance (due to the op amp itself, as well as the PC board) could have a significant effect. The feedback resistance, together with the input capacitance, may contribute to a loss of phase margin, thereby affecting the high frequency response, as shown in TPC 10. Furthermore, a capacitor (CF) in parallel with the feedback resistor can compensate for this phase loss. Additionally, any resistance in series with the source will create a pole with the input capacitance (as well as dampen high frequency resonance due to package and board inductance and capacitance), the effect of which is shown in TPC 11. It must also be noted that increasing resistor values will increase the overall noise of the amplifier, and that reducing the feedback resistor value will increase the load on the output stage, thus increasing distortion (TPC 18). Using the Disable Feature this high impedance with a current gain of 5,000, so that the AD8021 can maintain a high open-loop gain even when driving heavy loads. Two internal diode clamps across the inputs (Pins 2 and 3) protect the input transistors from large voltages that could otherwise cause emitter-base breakdown, which would result in degradation of offset voltage and input bias current. +VS OUTPUT +IN CINTERNAL 1.5pF -IN -VS CCOMP CC Figure 6. Simplified Schematic PCB LAYOUT CONSIDERATIONS When Pin 8 (DISABLE) is approximately 2 V or more higher than Pin 1 (LOGIC REFERENCE), the part is enabled. When Pin 8 is brought down to within about 1.5 V of Pin 1, the part is disabled. See the Specification tables for exact disable and enable voltage levels. If the disable feature is not going to be used, Pin 8 can be tied to VS or a logic high source, and Pin 1 can be tied to ground or logic low. Alternatively, if Pin 1 and Pin 8 are not connected, the part will be in an enabled state. THEORY OF OPERATION As with all high speed op amps, achieving optimum performance from the AD8021 requires careful attention to PC board layout. Particular care must be exercised to minimize lead lengths between the ground leads of the bypass capacitors and between the compensation capacitor and the negative supply. Otherwise, lead inductance can influence the frequency response and even cause high frequency oscillations. Use of a multilayer printed circuit board, with an internal ground plane, will reduce ground noise and enable a compact component arrangement. Due to the relatively high impedance of Pin 5 and low values of the compensation capacitor, a guard ring is recommended. The guard ring is simply a PC trace that encircles Pin 5 and is connected to the output, Pin 6, which is at the same potential as Pin 5. This serves two functions. It shields Pin 5 from any local circuit noise generated by surrounding circuitry. It also minimizes stray capacitance, which would tend to otherwise reduce the bandwidth. An example of a guard ring layout may be seen in Figure 7. Also shown in Figure 7, the compensation capacitor is located immediately adjacent to the edge of the AD8021 package, spanning Pin 4 and Pin 5. This capacitor must be a high quality surfacemount COG or NPO ceramic. The use of leaded capacitors is not recommended. The high frequency bypass capacitor(s) should be located immediately adjacent to the supplies, Pins 4 and 7. To achieve the shortest possible lead length at the inverting input, the feedback resistor RF is located beneath the board and just spans the distance from the output, Pin 6, to inverting input Pin 2. The return node of resistor RG should be situated as closely as possible to the return node of the negative supply bypass capacitor connected to Pin 4. The AD8021 is fabricated on the second generation of Analog Devices' proprietary High Voltage eXtra-Fast Complementary Bipolar (XFCB) process, which enables the construction of PNP and NPN transistors with similar fTs in the 3 GHz region. The transistors are dielectrically isolated from the substrate (and each other), eliminating the parasitic and latch-up problems caused by junction isolation. It also reduces nonlinear capacitance (a source of distortion) and allows a higher transistor fT for a given quiescent current. The supply current is trimmed, which results in less part-to-part variation of bandwidth, slew rate, distortion, and settling time. As shown in Figure 6, the AD8021 input stage consists of an NPN differential pair in which each transistor operates at 0.8 mA collector current. This allows the input devices a high transconductance; thus, the AD8021 has a low input noise of 2.1 nV/Hz @ 50 kHz. The input stage drives a folded cascode that consists of a pair of PNP transistors. The folded cascode and current mirror provide a differential to single-ended conversion of signal current. This current then drives the high impedance node (Pin 5), where the CC external capacitor is connected. The output stage preserves REV. D -16- AD8021 (TOP VIEW) LOGIC REFERENCE 1 8 +VS 7 VOUT GROUND PLANE -VS METAL BYPASS CAPACITOR COMPENSATION CAPACITOR GROUND PLANE 50 50 2 50 4 5 CCOMP DISABLE BYPASS CAPACITOR Table II. Summary of ADC Driver Performance, fC = 65 kHz, VOUT = 10 V p-p Parameter Second Harmonic Distortion Third Harmonic Distortion THD SFDR +12V Measurement -101.3 -109.5 -100.0 100.3 Unit dB dB dB dB -IN 2 +IN 3 6 5V 3+ 6 5 - CC RF 750 IN HI AD8021 Figure 7. Recommended Location of Critical Components and Guard Ring DRIVING 16-BIT ADCS -12V RG 82.5 AD7665 570kSPS ADC OPTIONAL CF IN LO Low noise and adjustable compensation make the AD8021 especially suitable as a buffer/driver for high resolution analogto-digital converters. As seen in TPC 15, the harmonic distortion is better than 90 dB at frequencies between 100 kHz and 1 MHz. This is a real advantage for complex waveforms that contain high frequency information, as the phase and gain integrity of the sampled waveform can be preserved throughout the conversion process. The increase in loop gain results in improved output regulation and lower noise when the converter input changes state during a sample. This advantage is particularly apparent when using 16-bit high resolution ADCs with high sampling rates. Figure 8 shows a typical ADC driver configuration. The AD8021 is in an inverting gain of -7.5, fC is 65 kHz, and its output voltage is 10 V p-p. The results are listed in Table II. +12V 3 590 2 RG 200 50 65kHz 5V + 6 5 - CC 10pF -12V RF 1.5k 56pF IN HI Figure 9. Noninverting ADC Driver, Gain = 10, fC = 100 kHz Table III. Summary of ADC Driver Performance, fC = 100 kHz, VOUT = 20 V p-p Parameter Second Harmonic Distortion Third Harmonic Distortion THD SFDR Measurement -92.6 -86.4 -84.4 5.4 Unit dB dB dB dB Figure 9 shows another ADC driver connection. The circuit was tested with a noninverting gain of 10.1 and an output voltage of approximately 20 V p-p for optimum resolution and noise performance. No filtering was used. An FFT was performed using Analog Devices' evaluation software for the AD7665 16-bit converter. The results are listed in Table III. DIFFERENTIAL DRIVER AD8021 AD7665 570kSPS IN LO The AD8021 is uniquely suited as a low noise differential driver for many ADCs, balanced lines, and other applications requiring differential drive. If pairs of internally compensated op amps are configured as inverter and follower, the noise gain of the inverter will be higher than that of the follower section, resulting in an imbalance in the frequency response (see Figure 11). A better solution takes advantage of the external compensation feature of the AD8021. By reducing the CCOMP value of the inverter, its bandwidth may be increased to match that of the follower, avoiding compromises in gain bandwidth and phase delay. The inverting and noninverting bandwidths can be closely matched using the compensation feature, thus minimizing distortion. Figure 8. Inverting ADC Driver, Gain = -7.5, fC = 65 kHz REV. D 16 BITS -17- 16 BITS AD8021 Figure 10 illustrates an inverter-follower driver circuit operating at a gain of 2, using individually compensated AD8021s. The values of feedback and load resistors were selected to provide a total load of less than 1 k, and the equivalent resistances seen at each op amp's inputs were matched to minimize offset voltage and drift. Figure 12 is a plot of the resulting ac responses of driver halves. VIN 49.9 249 3+ G = +2 6 5 - -VS 499 7pF 499 1k 232 3+ G = -2 6 5 - -VS 332 5pF 664 VIN USING THE AD8021 IN ACTIVE FILTERS AD8021 2 The low noise and high gain bandwidth of the AD8021 make it an excellent choice in active filter circuits. Most active filter literature provides resistor and capacitor values for various filters but neglects the effect of the op amp's finite bandwidth on filter performance; ideal filter response with infinite loop gain is implied. Unfortunately, real filters do not behave in this manner. Instead, they exhibit finite limits of attenuation, depending on the gain bandwidth of the active device. Good low-pass filter performance requires an op amp with high gain bandwidth for attenuation at high frequencies, and low noise and high dc gain for low frequency, pass-band performance. Figure 13 shows the schematic of a 2-pole, low-pass active filter, and Table IV lists typical component values for filters having a Bessel-type response with gains of 2 and 5. Figure 14 is a network analyzer plot of this filter's performance. C1 +VS R1 R2 3 2 CC -VS RG RF VOUT1 AD8021 2 VOUT2 1k AD8021 6 5 VOUT C2 Figure 10. Differential Amplifier 12 9 6 3 GAIN - dB 0 -3 -6 -9 G = -2 G = +2 Figure 13. Schematic of a Second-Order Low-Pass Active Filter Table IV. Typical Component Values for Second-Order Low-Pass Filter of Figure 13 Gain R1 ( ) R2 ( ) RF ( ) RS ( ) C1 2 5 1M 10M FREQUENCY - Hz 100M 1G C2 10 nF 10 nF CC 7 pF 2 pF -12 -15 -18 100k 71.5 44.2 50 40 30 20 GAIN - dB 215 365 499 90.9 499 365 10 nF 10 nF Figure 11. AC Response of Two Identically Compensated High Speed Op Amps Configured for Gains of +2 and -2 12 9 6 3 G= GAIN - dB G=5 10 0 G=2 -10 -20 2 0 -3 -6 -9 -30 -40 -50 1k 10k 100k FREQUENCY - Hz 1M 10M -12 -15 -18 100k 1M 10M FREQUENCY - Hz 100M 1G Figure 14. Frequency Response of the Filter Circuit of Figure 13 for Two Different Gains Figure12. AC Response of Two Dissimilarly Compensated AD8021 Op Amps (Figure 11) Configured for Gains of +2 and -2. Note the Close Gain Match. REV. D -18- AD8021 Driving Capacitive Loads 20 18 16 14 12 RSNUB - When the AD8021 drives a capacitive load, the high frequency response may show excessive peaking before it rolls off. Two techniques can be used to improve stability at high frequency and reduce peaking. The first technique is to increase the compensation capacitor, CC, which reduces the peaking while maintaining gain flatness at low frequencies. The second technique is to add a resistor, RSNUB, in series between the output pin of the AD8021 and the capacitive load, CL. Figure 15 shows the response of the AD8021 when both CC and RSNUB are used to reduce peaking. For a given CL, Figure 16 can be used to determine the value of RSNUB that maintains 2 dB of peaking in the frequency response. Note, however, that using RSNUB attenuates the low frequency output by a factor of RLOAD/(RSNUB + RLOAD). 18 +VS 16 14 12 GAIN - dB 10 8 6 4 2 0 0 5 10 15 20 25 30 35 CAPACITIVE LOAD - pF 40 45 50 49.9 49.9 -VS 499 CC 499 FET PROBE 5 RSNUB 6 33pF RL 1k CC = 7pF; RSNUB = 0 CC = 8pF; RSNUB = 0 Figure 16. Relationship of RSNUB vs. CL for 2 dB Peaking at a Gain of +2 10 8 6 4 2 0 0.1 CC = 8pF; RSNUB = 17.4 1.0 10 FREQUENCY - MHz 100 1000 Figure 15. Peaking vs. RSNUB and CC for CL = 33 pF REV. D -19- AD8021 OUTLINE DIMENSIONS 8-Lead Standard Small Outline Package [SOIC] (R-8) Dimensions shown in millimeters and (inches) 5.00 (0.1968) 4.80 (0.1890) 8 5 4 4.00 (0.1574) 3.80 (0.1497) 1 6.20 (0.2440) 5.80 (0.2284) 1.27 (0.0500) BSC 0.25 (0.0098) 0.10 (0.0040) COPLANARITY SEATING 0.10 PLANE 1.75 (0.0688) 1.35 (0.0532) 8 0.25 (0.0098) 0 0.17 (0.0067) 0.50 (0.0196) 0.25 (0.0099) 45 0.51 (0.0201) 0.31 (0.0122) 1.27 (0.0500) 0.40 (0.0157) COMPLIANT TO JEDEC STANDARDS MS-012AA CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN 8-Lead Mini Small Outline Package [MSOP] (RM-8) Dimensions shown in millimeters 3.00 BSC 8 5 3.00 BSC 1 4 4.90 BSC PIN 1 0.65 BSC 0.15 0.00 0.38 0.22 COPLANARITY 0.10 1.10 MAX 8 0 0.80 0.60 0.40 0.23 0.08 SEATING PLANE COMPLIANT TO JEDEC STANDARDS MO-187AA Revision History Location 10/03--Data Sheet changed from REV. C to REV. D. Page Edits to SPECIFICATIONS heading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Changes to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 7/03--Data Sheet changed from REV. B to REV. C. Deleted all references to evaluation board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Universal Replaced Figure 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 2/03--Data Sheet changed from REV. A to REV. B. Edits to Evaluation Board Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Edits to Figure 17 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 6/02--Data Sheet changed from REV. 0 to REV. A. Edits to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 -20- REV. D C01888-0-10/03(D) |
Price & Availability of AD8021 |