Part Number Hot Search : 
MKW2622 01700 BR310 EG01GE 1415924 MLL5921D 28AT3 TE4935
Product Description
Full Text Search
 

To Download 74ABT162827A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74ABT162827A 74ABTH162827A 20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
Product specification Supersedes data of 1997 Feb 26 IC23 Data Handbook 1998 Feb 27
Philips Semiconductors
Philips Semiconductors
Product specification
20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
74ABT162827A 74ABTH162827A
FEATURES
* Multiple VCC and GND pins minimize switching noise * Live insertion/extraction permitted * 3-State output buffers * Power-up 3-State * 74ABTH162827A incorporates bus-hold data inputs which
eliminate the need for external pull-up resistors to hold unused inputs
DESCRIPTION
The 74ABT162827A high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive. The 74ABT162827A 20-bit buffers provide high performance bus interface buffering for wide data/address paths or buses carrying parity. They have NOR Output Enables (nOE1, nOE2) for maximum control flexibility. The 74ABT162827A is designed with 30W series resistance in both the pull-up and pull-down output structures. This design reduces line noise in applications such as memory address drivers, clock drivers and bus receivers/transmitters. Two options are available, 74ABT162827A which does not have the bus-hold feature and 74ABTH162827A which incorporates the bus-hold feature.
* Output capability: +64mA/-32mA * Latch-up protection exceeds 500mA per Jedec Std 17 * ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
QUICK REFERENCE DATA
SYMBOL tPLH tPHL CIN COUT ICCZ ICCL PARAMETER Propagation delay nAx to nYx Input capacitance Output capacitance Quiescent su ly current supply CONDITIONS Tamb = 25C; GND = 0V CL = 50pF; VCC = 5V VI = 0V or VCC VO = 0V or VCC; 3-State Outputs disabled; VCC = 5.5V Outputs Low; VCC = 5.5V TYPICAL 1.8 1.9 4 6 500 9 UNIT ns pF pF A mA
ORDERING INFORMATION
PACKAGES 56-Pin Plastic SSOP Type III 56-Pin Plastic TSSOP Type II 56-Pin Plastic SSOP Type III 56-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74ABT162827A DL 74ABT162827A DGG 74ABTH162827A DL 74ABTH162827A DGG NORTH AMERICA BT162827A DL BT162827A DGG BH162827A DL BH162827A DGG DWG NUMBER SOT371-1 SOT364-1 SOT371-1 SOT364-1
PIN DESCRIPTION
PIN NUMBER 55, 54, 52, 51, 49, 48, 47, 45, 44, 43, 42, 41, 40, 38, 37, 36, 34, 33, 31, 30 2, 3, 5, 6, 8, 9, 10, 12, 13, 14, 15, 16, 17, 19, 20, 21, 23, 24, 26, 27 1, 56, 28, 29 4, 11, 18, 25, 32, 39, 46, 53 7, 22, 35, 50 SYMBOL 1A0 - 1A9 2A0 - 2A9 1Y0 - 1Y9 2Y0 - 2Y9 1OE0, 1OE1 2OE0, 2OE1 GND VCC Data inputs Data outputs Output enable inputs (active-Low) Ground (0V) Positive supply voltage FUNCTION
1998 Feb 27
2
853-1928 19025
Philips Semiconductors
Product specification
20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
74ABT162827A 74ABTH162827A
PIN CONFIGURATION
1OE0 1Y0 1Y1 GND 1Y2 1Y3 VCC 1Y4 1Y5 1Y6 GND 1Y7 1Y8 1Y9 2Y0 2Y1 2Y2 GND 2Y3 2Y4 2Y5 VCC 2Y6 2Y7 GND 2Y8 2Y9 2OE0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1OE1 1A0 1A1 GND 1A2 1A3 VCC 1A4 1A5 1A6 GND 1A7 1A8 1A9 2A0 2A1 2A2 GND 2A3 2A4 2A5 VCC 2A6 2A7 GND 2A8 2A9 2OE1
LOGIC SYMBOL (IEEE/IEC)
1 56 28 29 55 54 52 51 49 48 47 45 44 43 42 41 40 38 37 36 34 33 31 30 1 2 & EN2 & EN1
1
1
2 3 5 6 8 9 10 12 13 14 15 16 17 19 20 21 23 24 26 27
SH00012
FUNCTION TABLE
INPUTS nOEx L L nAx L H OUTPUTS OPERATING MODE nYx L H Transparent Transparent High impedance
SH00010
LOGIC SYMBOL
55 54 52 51 49 48 47 45 44 43
1A0 1A1 1A2 1A3 1A4 1A5 1A6 1 56 1OE0 1OE1 1Y0 1Y1 1Y2 1Y3 1Y4 1Y5 1Y6
1A7 1A8
1A9
X Z H L
H = = = =
X Z Don't care High impedance "off " state High voltage level Low voltage level
1Y7 1Y8
1Y9
2 42
3 41
5 40
6 38
8 37
9 36
10 34
12 33
13 31
14 30
2A0 2A1 2A2 2A3 2A4 2A5 2A6 28 29 2OE0 2OE1 2Y0 2Y1 2Y2 2Y3 2Y4 2Y5 2Y6
2A7 2A8
2A9
2Y7 2Y8
2Y9
15
16
17
19
20
21
23
24
26
27
SH00011
1998 Feb 27
3
Philips Semiconductors
Product specification
20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
74ABT162827A 74ABTH162827A
SCHEMATIC OF Y OUTPUTS
VCC
27
OUTPUT
27
GND
SA00042
LOGIC DIAGRAM
nA0 nA1 nA2 nA3 nA4 nA5 nA6 nA7 nA8 nA9
nOE0 nOE1 nY0 nY1 nY2 nY3 nY4 nY5 nY6 nY7 nY8 nY9
SH00013
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI IOK VOUT IO OUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 DC output diode current DC output voltage3 VO < 0 Output in Off or High state Output in Low state DC output current Output in High state Storage temperature range -64 -65 to 150 mA C VI < 0 CONDITIONS RATING -0.5 to +7.0 -18 -1.2 to +7.0 -50 -0.5 to +5.5 128 UNIT V mA V mA V mA
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 1998 Feb 27 4
Philips Semiconductors
Product specification
20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
74ABT162827A 74ABTH162827A
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage High-level input voltage Low-level Input voltage High-level output current Low-level output current Input transition rise or fall rate Operating free-air temperature range 0 -40 PARAMETER MIN 4.5 0 2.0 0.8 -32 12 10 +85 LIMITS MAX 5.5 VCC V V V V mA mA ns/V C UNIT
DC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITIONS Tamb = +25C MIN VIK VOH Input clamp voltage High-level output voltage VCC = 4.5V; IIK = -18mA VCC = 4.5V; IOH = -3mA; VI = VIL or VIH VCC = 5.0V; IOH = -3mA; VI = VIL or VIH VCC = 4.5V; IOH = -32mA; VI = VIL or VIH VO OL II Low-level Low level output voltage Input leakage current VCC = 4.5V; IOH = 8mA; Vl = VIL or VIN VCC = 4.5V; IOL = 12mA; VI = VIL VCC = 5.5V; VI = GND or 5.5V VCC = 5.5V; VI = 5.5V II Input leakage current 74ABTH162827A VCC = 5.5V; VI = VCC or GND VCC = 5.5V; VI = VCC VCC = 5.5V; VI = 0 IHOLD IOFF IPU/IPD IOZH IOZL ICEX IO ICCH ICCL ICCZ ICC Additional supply current per input pin2 Quiescent supply current Bus Hold B H ld current A inputs5 ti t 74ABTH162827A Power-off leakage current Power-up/down 3-State output current3 3-State output High current 3-State output Low current Output High leakage current Output current1 VCC = 4.5V; VI = 0.8V VCC = 4.5V; VI = 2.0V VCC = 5.5V; VI = 0 to 5.5V VCC = 0.0V; VO = 4.5V; VI = 0V or 5.5V VCC = 2.1V; VO = 0.5V; VI = GND or VCC; V OE = Don't care VCC = 5.5V; VO = 2.7V; VI = VIL or VIH VCC = 5.5V; VO = 0.5V; VI = VIL or VIH VCC = 5.5V; VO = 5.5V; VI = GND or VCC VCC = 5.5V; VO = 2.5V VCC = 5.5V; Outputs High, VI = GND or VCC VCC = 5.5V; Outputs Low, VI = GND or VCC VCC = 5.5V; Outputs 3-State; VI = GND or VCC VCC = 5.5V; one input at 3.4V, other inputs at VCC or GND -50 Control pins Data pins4 35 -75 800 5.0 5.0 1.0 -1.0 1.0 -70 0.5 9 0.5 0.2 100 50 10 -10 50 -180 1 19 1 1 -50 100 50 10 -10 50 -180 1 19 1 1 A A A A A mA mA mA mA mA 0.01 0.01 0.01 0.01 -1 2.5 3.0 2.0 TYP -0.9 3.1 3.6 2.7 0.65 0.80 1.0 1 1 1 -3 35 -75 A MAX -1.2 2.5 3.0 2.0 0.65 0.80 1.0 1 1 1 -5 Tamb = -40C to +85C MIN MAX -1.2 V V V V V V A A A A A UNIT
NOTES: 1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second. 2. This is the increase in supply current for each input at 3.4V. 3. This parameter is valid for any VCC between 0V and 2.1V with a transition time of up to 10msec. From VCC = 2.1V to VCC = 5V 10% a transition time of up to 100sec is permitted. 4. Unused pins at VCC or GND. 5. This is the bus hold overdrive current required to force the input to the opposite logic state. 1998 Feb 27 5
Philips Semiconductors
Product specification
20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
74ABT162827A 74ABTH162827A
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500 LIMITS SYMBOL PARAMETER WAVEFORM MIN tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation delay nAx to nYx Output enable time to High and Low level Output disable time from High and Low level 1 2 2 1.0 1.0 1.5 2.0 2.0 1.5 Tamb = +25oC VCC = +5.0V TYP 1.8 1.4 3.0 3.6 3.4 2.8 MAX 2.6 2.6 4.2 4.9 4.8 4.0 Tamb = -40 to +85oC VCC = +5.0V 0.5V MIN 1.0 1.0 1.5 2.0 2.0 1.5 MAX 2.9 2.9 5.2 6.0 5.4 4.3 ns ns ns UNIT
AC WAVEFORMS
3.0V or VCC whichever is less nAx INPUT VM VM 0V tPLH tPHL VOH nYx OUTPUT VM VM VOL
nOEx INPUT
VM
VM
tPZL
tPLZ
3.5V
nYx OUTPUT
VM
VOL + 0.3V VOL tPHZ VOH VOH - 0.3V
tPZH
nYx OUTPUT
VM 0V
SA00016
SA00071
Waveform 1. Input (nAx) to Output (nYx) Propagation Delays
Waveform 2. 3-State Output Enable and Disable Times
1998 Feb 27
6
Philips Semiconductors
Product specification
20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
74ABT162827A 74ABTH162827A
TEST CIRCUIT AND WAVEFORM
VCC 7.0V RL 90% NEGATIVE PULSE VM 10% tTHL (tF) CL RL POSITIVE PULSE 10% tW tTLH (tR) 90% 90% VM 10% 0V 10% 0V tTLH (tR) tTHL (tF) AMP (V) tW VM 90% AMP (V)
PULSE GENERATOR
VIN D.U.T. RT
VOUT
Test Circuit for 3-State Outputs
VM
SWITCH POSITION
TEST tPLZ tPZL All other SWITCH closed closed open
VM = 1.5V Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
INPUT PULSE REQUIREMENTS FAMILY Amplitude 74ABT/H16 3.0V Rep. Rate 1MHz tW 500ns tR 2.5ns tF 2.5ns
SA00018
1998 Feb 27
7
Philips Semiconductors
Product specification
20-bit buffer/line driver, non-inverting (3-State)
74ABT16827A 74ABTH16827A
SSOP56: plastic shrink small outline package; 56 leads; body width 7.5 mm
SOT371-1
1998 Feb 27
8
Philips Semiconductors
Product specification
20-bit buffer/line driver, non-inverting (3-State)
74ABT16827A 74ABTH16827A
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1mm
SOT364-1
1998 Feb 27
9
Philips Semiconductors
Product specification
20-bit buffer/line driver, non-inverting (3-State)
74ABT16827A 74ABTH16827A
NOTES
1998 Feb 27
10
Philips Semiconductors
Product specification
20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
74ABT162827A 74ABTH162827A
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-03505
Philips Semiconductors
yyyy mmm dd 11


▲Up To Search▲   

 
Price & Availability of 74ABT162827A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X