Part Number Hot Search : 
MGD633 39162 TLHP4405 1778667 TPCP8303 P6SMB 60M35X5 FDS66
Product Description
Full Text Search
 

To Download 74ABT162240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74ABT162240 74ABTH162240 16-bit inverting buffer/driver with 30W series termination resistors
Product specification Supersedes data of 1998 Jan 16 IC23 Data Handbook 1998 Feb 25
Philips Semiconductors
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 series termination resistors (3-State)
74ABT162240 74ABTH162240
FEATURES
* 16-bit bus interface * 3-State buffers * Output capability: +12mA/-32mA * TTL input and output switching levels * Bus-hold data inputs eliminate the need for external pull-up * Live insertion/extraction permitted * Power-up 3-State * 74ABTH162240 incorporates bus hold data inputs which eliminate * Latch-up protection exceeds 500mA per JEDEC Std 17 * ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model the need for external pull up resistors to hold unused inputs resistors to hold unused inputs
DESCRIPTION
The 74ABT162240 is a high-performance BiCMOS device which combines low static and dynamic power dissipation with high speed. This device is an inverting 16-bit buffer that is ideal for driving bus lines. The device features four Output Enables (1OE, 2OE, 3OE, 4OE), each controlling four of the 3-State outputs. Two options are available, 74ABT162240 which does not have the bus hold feature and 74ABTH162240 which incorporates the bus hold feature.
QUICK REFERENCE DATA
SYMBOL tPLH tPHL CIN COUT ICCZ ICCL PARAMETER Propagation delay nAx to nYx Input capacitance nOE Output capacitance Quiescent supply current su ly CL = 50pF; VCC = VI = 0V or 3.0V Outputs disabled; VO = 0V or Outputs disabled; VCC = Outputs low; VCC = 5.5V OUTSIDE NORTH AMERICA 74ABT162240 DL 74ABT162240 DGG 74ABTH162240 DL 74ABTH162240 DGG CONDITIONS Tamb = 25C TYPICAL 2.7 2.6 4 6 500 8 UNIT ns pF pF A mA
ORDERING INFORMATION
PACKAGES 48-Pin Plastic SSOP Type III 48-Pin Plastic TSSOP Type II 48-Pin Plastic SSOP Type III 48-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C NORTH AMERICA BT162240 DL BT162240 DGG BH162240 DL BH162240 DGG DWG NUMBER SOT370-1 SOT362-1 SOT370-1 SOT362-1
LOGIC SYMBOL
47 46 44 43 1 41 40 38 37 48 1A0 1A1 1A2 1A3 1OE 2A0 2A1 2A2 2A3 2OE 2Y0 2Y1 2Y2 2Y3 1Y0 1Y1 1Y2 1Y3 2 3 5 6 36 35 33 32 25 8 9 11 12 30 29 27 26 24 3A0 3A1 3A2 3A3 3OE 4A0 4A1 4A2 4A3 4OE 4Y0 4Y1 4Y2 4Y3 3Y0 3Y1 3Y2 3Y3 13 14 16 17
19 20 22 23
SH00090
1998 Feb 25
2
853-1825 19019
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 series termination resistors (3-State)
74ABT162240 74ABTH162240
LOGIC SYMBOL (IEEE/IEC)
1OE 2OE 3OE 4OE 1A1 1A2 1A3 1A4 2A1 2A2 2A3 2A4 3A1 3A2 3A3 3A4 4A1 4A2 4A3 4A4 1 48 25 24 47 46 44 43 41 1 40 38 37 36 35 33 32 30 29 27 26 1 4 1 3 2 EN1 EN2 EN3 EN4 1 1 2 3 5 6 8 9 11 12 13 14 16 17 19 20 22 23 1Y1 1Y2 1Y3 1Y4 2Y1 2Y2 2Y3 2Y4 3Y1 3Y2 3Y3 3Y4 4Y1 4Y2 4Y3 4Y4
PIN CONFIGURATION
1OE 1Y0 1Y1 GND 1Y2 1Y3 VCC 2Y0 2Y1 GND 2Y2 2Y3 3Y0 3Y1 GND 3Y2 3Y4 VCC 4Y0 4Y1 GND 4Y2 4Y3 4OE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 2OE 1A0 1A1 GND 1A2 1A3 VCC 2A0 2A1 GND 2A2 2A3 3A0 3A1 GND 3A2 3A3 VCC 4A0 4A1 GND 4A2 4A3 3OE
SH00085
SA00013
FUNCTION TABLE
Inputs nOE L L H nAx L H X Outputs nYx H L Z
H = High voltage level L = Low voltage level X = Don't care Z = High Impedance "off " state
1998 Feb 25
3
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 series termination resistors (3-State)
74ABT162240 74ABTH162240
SCHEMATIC OF Y OUTPUTS
VCC
27
OUTPUT
27
GND
SA00042
PIN DESCRIPTION
PIN NUMBER 47, 46, 44, 43, 41, 40, 38, 37, 36, 35, 33, 32, 30, 29, 27, 26 2, 3, 5, 6, 8, 9, 11, 12, 13, 14, 16, 17, 19, 20, 22, 23 1, 48, 25, 24 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 SYMBOL 1A0-1A3 2A0-2A3 3A0-3A3 4A0-4A3 1Y0-1Y3 2Y0-2Y3 3Y0-3Y3 4Y0-4Y3 1OE, 2OE, 3OE, 4OE GND VCC NAME AND FUNCTION Data inputs
Data outputs
Output enables Ground (0V) Positive supply voltage
1998 Feb 25
4
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 series termination resistors (3-State)
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI IOK VOUT IOUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 DC output diode current DC output voltage3 DC output current out ut Storage temperature range VO < 0 Output in Off or High state Output in Low state Output in High state VI < 0 CONDITIONS
74ABT162240 74ABTH162240
RATING -0.5 to +7.0 -18 -1.2 to +7.0 -50 -0.5 to +5.5 128 -64 -65 to +150
UNIT V mA V mA V mA C
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage High-level input voltage Input voltage High-level output current Low-level output current Low-level output current; current duty cycle 50%; f 1kHz Input transition rise or fall rate; Outputs enabled Operating free-air temperature range 0 -40 PARAMETER LIMITS MIN 4.5 0 2.0 0.8 -32 32 12 10 +85 ns/V C MAX 5.5 VCC UNIT V V V V mA mA
1998 Feb 25
5
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 series termination resistors (3-State)
74ABT162240 74ABTH162240
DC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITIONS Tamb = +25C Min VIK VOH Input clamp voltage High-level output voltage VCC = 4.5V; IIK = -18mA VCC = 4.5V; IOH = -3mA; VI = VIL or VIH VCC = 5.0V; IOH = -3mA; VI = VIL or VIH VCC = 4.5V; IOH = -32mA; VI = VIL or VIH VOL II Low-level out ut voltage output Input leakage current In ut Input leakage current 74ABTH162240 VCC = 4.5V; IOL = 8mA; VI = VIL or VIH VCC = 4.5V; IOL = 12mA; VI = VIL or VIH VCC = 5.5V; VI = GND or 5.5V VCC = 5.5V; VI = VCC or GND II VCC = 5.5V; VI = VCC VCC = 5.5V; VI = 0 IHOLD IOFF IPU/IPD IOZH IOZL ICEX IO ICCH ICCL ICCZ ICC Additional supply current per input pin2 74ABT162240 Additional supply current per input pin2 74ABTH162240 Quiescent supply current su ly Bus Hold current A inputs3 74ABTH162240 Power-off leakage current Power-up/down 3-State output current 3-State output High current 3-State output Low current Output high leakage current Output current1 VCC = 4.5V; VI = 0.8V VCC = 4.5V; VI = 2.0V VCC = 5.5V; VI = 0 to 5.5V VCC = 0.0V; VO or VI 4.5V VCC = 2.0V; VO = 0.5V; VI = GND or VCC; VOE = VCC VCC = 5.5V; VO = 2.7V; VI = VIL or VIH VCC = 5.5V; VO = 0.5V; VI = VIL or VIH VCC = 5.5V; VO = 5.5V; VI = GND or VCC VCC = 5.5V; VO = 2.5V VCC = 5.5V; Outputs High, VI = GND or VCC VCC = 5.5V; Outputs Low, VI = GND or VCC VCC = 5.5V; Outputs 3-State; VI = GND or VCC Outputs enabled, one input at 3.4V, other inputs at VCC or GND; VCC = 5.5V Outputs enabled, one input at 3.4V, other inputs at VCC or GND; VCC = 5.5V -50 Control pins Data pins ins 50 -75 500 5.0 5.0 1.0 -1.0 1.0 -70 0.5 8 0.5 10 100 50 10 -10 50 -180 1.0 19 1.0 200 -50 100 50 10 -10 50 -180 1.0 19 1.0 200 A A A A A mA mA mA mA A 0.01 0.01 0.01 -2 2.5 3.0 2.0 Typ -0.9 2.9 3.4 2.4 0.65 0.80 1.0 1 1 -3 50 -75 A Max -1.2 2.5 3.0 2.0 0.65 0.80 1.0 1 1 -5 Tamb = -40C to +85C Min Max -1.2 V V V V V V A A A A UNIT
ICC
0.2
1.0
1.0
mA
NOTES: 1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second. 2. This is the increase in supply current for each input at 3.4V. 3. This is the bus hold overdrive current required to force the input to the opposite logic state.
1998 Feb 25
6
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 series termination resistors (3-State)
74ABT162240 74ABTH162240
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL PARAMETER WAVEFORM Min tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation delay nAx to nYx Output enable time to High and Low level Output disable time from High and Low level 1 2 2 1.0 1.0 1.2 1.0 1.6 1.4 Tamb = +25C VCC = +5.0V Typ 2.7 2.6 2.3 2.9 3.0 2.8 Max 3.8 3.2 3.2 3.8 4.1 3.8 Tamb = -40C to +85C VCC = +5.0V 0.5V Min 1.0 1.0 1.2 1.0 1.6 1.4 Max 4.2 3.7 4.0 4.7 4.7 4.0 ns ns ns UNIT
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
nOE INPUT
VM
VM 0V
nAx INPUT
VM
VM 0
tPZL
tPLZ
3.5V
tPHL
tPLH VOH
nYx OUTPUT
VM VOL + 0.3V tPZH tPHZ VOL VOH
nYx OUTPUT
VM
VM VOL nYx OUTPUT VM
VOH - 0.3V
0V
SH00091
SH00092
Waveform 1. Input (nAx) to Output (nYx) Propagation Delays
Waveform 2. 3-State Output Enable and Disable Times
1998 Feb 25
7
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 series termination resistors (3-State)
74ABT162240 74ABTH162240
TEST CIRCUIT AND WAVEFORMS
VCC 7.0V OPEN RL GND 90% NEGATIVE PULSE VM 10% tTHL (tF) CL RL POSITIVE PULSE 10% tW tTLH (tR) 90% 90% VM 10% 0V 10% 0V tTLH (tR) tTHL (tF) AMP (V) tW VM 90% AMP (V)
PULSE GENERATOR
VIN D.U.T. RT
VOUT
Test Circuit for 3-State Outputs
VM
SWITCH POSITION
TEST tPLZ tPZL All other SWITCH closed 7V open
VM = 1.5V Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
INPUT PULSE REQUIREMENTS FAMILY Amplitude 74ABT16 3.0V Rep. Rate 1MHz tW 500ns tR 2.5ns tF 2.5ns
SH00093
1998 Feb 25
8
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 Series Termination Resistors (3-State)
74ABT162240 74ABTH162240
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
1998 Feb 25
9
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 Series Termination Resistors (3-State)
74ABT162240 74ABTH162240
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1mm
SOT362-1
1998 Feb 25
10
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 Series Termination Resistors (3-State)
74ABT162240 74ABTH162240
NOTES
1998 Feb 25
11
Philips Semiconductors
Product specification
16-bit inverting buffer/driver with 30 W series termination resistors (3-State)
74ABT162240 74ABTH162240
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-03482
Philips Semiconductors
yyyy mmm dd 12


▲Up To Search▲   

 
Price & Availability of 74ABT162240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X