Part Number Hot Search : 
000MT 000MT CDRH4 CFR105 1N5937B DT5C143E N80C3 01089
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148W, 1N4448W
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volts
POWER
410 - 500 mW
FEATURES
* Fast switching Speed * Electrically Identical to Standard JEDEC * High Conductance * Surface Mount Package Ideally Suited for Automatic Insertion * Flat package SOD-123 in stead mini-MELF package.
MECHANICAL DATA
Case: SOD-123, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight:0.01 gram
SOD-123
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
PARAMETER Reverse Voltage Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current at Ta=25OC Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Power Dissipation Derate Above 25OC Maximum Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage TJ= 25OC Typical Junction Capacitance( Notes1) Maximum Reverse Recovery (Notes2) Maximum Thermal Resistance Storage Temperature Range SYMBOL 1N4148W 75 100 50 75 150 2.0 410 1.0 2.5 4.0 4.0 450 -55 TO +125 1N4448W 75 100 50 75 150 4.0 500 1.0 0.72 2.5 4.0 4.0 450
O
UNITS V V V V mA A mW V A pF ns C/W
O
VR VRM VRMS VDC IAV IFSM PTOT @I F=10 mA @I F=5 mA VF IR CJ TRR RJA TJ
C
NOTE: 1. CJ at VR=0, f=1MHZ 2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
Part Number: 1N4148W, 1N4448W
PAGE 1
RATING and CHARACTERISTIC CURVES
100
10
TA=150 C
O
REVERSE CURRENT, mA
FORWARD CURRENT, mA
1.0
TA=125 C
O
10
0.1
TA=85 C
O
1.0
TA=55OC
0.01
TA=25 C
0.1 0.2 0.001 0.4 0.6 0.8 1.0 1.2 0 10 20 30 40 50
O
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
FORWARD VOLTAGE
LEAKAGE CURRENT
6.0
DIODE CAPACITANCE, pF
4.5
3.5
60 W
VRF=2V
2nF
5k W
Vo
1.5
0
0
2
4
6
8
RECTIFICATION EFFCIENCY MEASUREMENT CIRCUIT
REVERSE VOLTAGE, Volts
TYPICAL CAPATICANCE
Part Number: 1N4148W, 1N4448W
PAGE 2
OUTLINE DRAWING
SOD-123
.154 (3.90) .141 (3.60)
.028 (0.70) .019 (0.50)
.005 (.12) MAX.
.008 (.20) MAX.
.016 (.40) MIN.
Dimensions in inches and (millimeters)
Suggested Mounting Pad Layout
3.7
0.7
1.2
2.5 4.9
Dimensions in (millimeters)
(c) Copyright PanjIt International Inc. 2001 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. PanJit Internatioal Inc. TEL:886-7-6213121 Fax:886-7-6213129 Internet: http://www.panjit.com.tw email: sales@panjit.com.tw
Part Number: 1N4148W, 1N4448W
.053 (1.35) .037 (.95)
.071 (1.80) .055 (1.40)
.110 (2.80) .098 (2.50)
PAGE 3


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X