Part Number Hot Search : 
FZT956 Z5230 101A1 PEMB2 485CN 00ETTS X1286 SP9500JS
Product Description
Full Text Search
 

To Download 1N4148UR-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINI-MELF-SMD
Applications
1N4148UR-1
Silicon Diode
Switching
Used in general purpose applications, where a low current controlled forward characteristic and fast switching speed are important.
Features
Six sigma quality Metallurgically bonded BKC's Sigma BondTM plating for problem free solderability Available in DO-35 package Approved to Mil-S-19500/116
Maximum Ratings Peak Inverse Voltage Average Rectified Current Continuous Forward Current Peak Surge Current (tpeak = 1 sec.) Power Dissipation @ Endcap Temp. = 25 C Storage & Operating Temperature Range Electrical Characteristics @ 25 oC* Forward Voltage Drop @ IF = 10 mA Reverse Leakage Current @ VR = 20 V Breakdown Voltage @ IR = 5 A Breakdown Voltage @ IR = 100A Reverse Leakage Current @ VR = 20 V Reverse Leakage (Vr =20 V, 150 oC) Capacitance @ VR = 0 V, f = 1mHz Reverse Recovery Time (note 1)
o
LL-34/35 MINI MELF
Surface Mount Package DO-213AA
0.10"REF 2.54 mmREF
Both End Caps
0.016-.022" 0.41-0.55 mm
Length
0.13-0.146" 3.30-3.70 mm
Dia.
.063-.067" 1.6-1.7mm
Symbol PIV IAvg IFdc Ipeak Ptot TSt & Op Symbol VF IR PIV PIV IR IR CT trr
Value 100 (Min.) 200 400 0.5 500 -65 to +200
Unit Volts mAmps mAmps Amp mWatts
o
C Unit Volts
Absolute Limits 1.0 0.025 75 (MIN) 100 (MIN) 0.025 (MAX) 50 (MAX) 4.0 (MAX) 4.0 (MAX)
A Volts Volts A A pF nSecs
Note 1: IF = 10 mA, RL = 100 Ohms, Vr = 6.0 Volts , Irr =1.0 mA *UNLESS OTHERWISE SPECIFIED
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135


▲Up To Search▲   

 
Price & Availability of 1N4148UR-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X