Part Number Hot Search : 
NCP81039 EFY3864X DG444DJ RS803 TVR20390 SM6S11A 6N1136 AQW212A
Product Description
Full Text Search
 

To Download 1N4148-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
1N4148 / LL4148
FAST SWITCHING DIODE
Features
! ! ! ! Fast Switching Speed A B C LL4148 Glass Package Version for High Reliability A B A High Conductance Available in Both Through-Hole and Surface Mount Versions C D 1N4148
Mechanical Data
! ! ! ! ! Case: DO-35, MiniMELF Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: DO-35 0.13 grams MiniMELF 0.05 grams Marking: Cathode Band Only
DO-35 Dim Min Max A 25.40 -- B -- 4.00 C -- 0.60 D -- 2.00 All Dimensions in mm MiniMELF Dim A B C MIn 3.30 1.30 0.28 Max 3.70 1.60 0.50
All Dimensions in mm
Maximum Ratings @TA=25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Rectified Current (Average), Half Wave Rectification with Resistive Load and f 50MHz (Note 1) Non-Repetitive Peak Forward Surge Current @ t = 1.0s @ t = 1.0s Symbol VRM VRRM VRWM VR VR(RMS) IFM IO Value 100 Unit V
75
V
53 300 150 1.0 2.0 500 1.68 300 -65 to +175
V mA mA
IFSM
A mW mW/C K/W C
Power Dissipation (Note 1) Derate Above 25C Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Pd RJA Tj, TSTG
1N4148 / LL4148
1 of 3
(c) 2002 Won-Top Electronics
Electrical Characteristics
Characteristic Maximum Forward Voltage
@TA=25C unless otherwise specified
Symbol VFM
Min --
Max 1.0 5.0 50 30 25 4.0 4.0
Unit V A A A nA pF ns
Test Condition IF = 10mA VR = 75V VR = 70V, Tj = 150C VR = 20V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = 10mA to IR = 1.0mA VR = 6.0V, RL = 100
Maximum Peak Reverse Current
IRM
--
Capacitance Reverse Recovery Time
Cj trr
-- --
Note: 1. Diode on Ceramic Substrate 10mm x 8mm x 0.7mm.
1N4148 / LL4148
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
1N4148-T3 1N4148-TB 1N4148 LL4148-T1 LL4148-T3
Package Type
DO-35 DO-35 DO-35 MiniMELF MiniMELF
Shipping Quantity
10000/Tape & Reel 5000/Tape & Box 1000 Units/Box 2500/Tape & Reel 10000/Tape & Reel
Products listed in bold are WTE Preferred devices. ! T1 suffix refers to a 7" reel. T3 suffix refers to a 13" reel. TB suffix refers to Ammo Pack. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT (MiniMELF)
0.043 MIN (1.10 MIN)
0.067 MIN (1.70 MIN)
0.106 MIN (2.70 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
1N4148 / LL4148
3 of 3


▲Up To Search▲   

 
Price & Availability of 1N4148-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X