Part Number Hot Search : 
SC162 MP1080 29517 1C5C1 MAE25003 FSS35 CGRA4002 XXXLXX
Product Description
Full Text Search
 

To Download 1N4148-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Switching Diode
Applications
1N4148 or 1N4148-1
DO-35 Glass Package
Used in general purpose applications,where a controlled forward characteristic and fast switching speed are important.
Features
DO-35 Glass Package La dDa . e i
0. 1 - . 2 " 0 80 0 2 Six sigma quality 0. 5 - . 5 m m 4 80 5 8 Metallurgically bonded BKC's Sigma BondTM plating Dia. 1.0" Length for problem free solderability 25.4 mm mm (Min.) LL-34/35 MELF SMD available 15 - . 8m m . 322 Hermetic Glass Body Available up to JANTXV-1 levels "S" level screening available to Source Control Drawings0.120-.200" 3.05-5.080.06-0.09"
i
Maximum Ratings Peak Inverse Voltage @ 5A & 0.1A @ -55oC Average Rectified Current Continuous Forward Current Peak Surge Current (tpeak = 1 sec.) BKC Power Dissipation TL=50 oC, L = 3/8" from body Operating Temperature Range Storage Temperature Range Electrical Characteristics @ 25 C* Forward Voltage Drop @ IF = 10 mA Breakdown Voltage @ IR = 5 A Breakdown Voltage @ IR = 100A
o
Symbol PIV Iavg IFdc Ipeak Ptot TOp TSt Minimum *** 75 100
Value 100 (Min). 200 300 1.0 500 -65 to +200 -65 to +200 Maximum 1.00
Unit Volts mAmps mAmps Amp mWatts o C
o
C
Symbol VF PIV PIV
Unit Volts Volts Volts
Reverse Leakage Current @ VR = 75 V Capacitance @ VR = 0 V, f = 1mHz Reverse Recovery time (note 1)
IR CT trr
5 (100 @ 150 oC) 4.0 4.0
A pF nSecs
Note 1: Per Method 4031-A with IF = 10 mA,Vr = 6 V, RL = 100 Ohms. * UNLESS OTHERWISE SPECIFIED
6 Lake Street - Lawrence, MA 01841 Tel: 978-681-0392 - Fax: 978-681-9135


▲Up To Search▲   

 
Price & Availability of 1N4148-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X