Part Number Hot Search : 
0M25X4 SMF107A SGM8141 SC441 UM9007 UL1621 FPF1048 55C100B
Product Description
Full Text Search
 

To Download ZRT062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6.2V LOW POWER PRECISION REFERENCE SOURCE
ISSUE 1 - OCTOBER 1995 DEVICE DESCRIPTION
The ZRT062 is a monolithic integrated circuit providing a precise stable reference voltage of 6.17V at 500A. The circuit features a knee current of 150A and operation over a wide range of temperatures and currents. The ZRT062 is available in a 3-pin metal can package for through hole applications as well as SOT223 and SO8 packages for surface mount applications. Each package option offers a trim facility whereby the output voltage can be adjusted as shown in F i g . 1 . Th i s f a c i l i t y i s use d w he n compensating for system errors or setting the reference output to a particular value. When the trim facility is not used, the pin should be left open circuit.
ZRT062
FEATURES
* * * * * * * * *
Trimmable output Excellent temperature stability Low output noise figure Available in two temperature ranges 1 and 2% initial voltage tolerance versions available No external stabilising capacitor required in most cases Low slope resistance TO18 package SOT223 and SO8 small outline packages
SCHEMATIC DIAGRAM
R VCC VR
R=VCC-VR IR
RT=100k
(Optional trim facility)
Gnd
Gnd
Figure 1: This circuit will allow the reference to be trimmed over a wide range. The device is specified over a 5% trim range.
4-291
ZRT062
ABSOLUTE MAXIMUM RATING
Reverse Current Operating Temperature A grade C grade Storage Temperature TO18 SO8, SOT223 50mA o -55C to 125C 0C to 70C -55 C to 175 C -55 C to 125 C Power Dissipation (Tamb=25C) TO18 300mW SO8 625mW SOT223 2W o Above 25C this figure should be linearly derated to 10mA at 125C
TEMPERATURE DEPENDENT ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER INITIAL GRADE A VOLTAGE -55C TO 125C TOLERANCE TYP MAX % 15.0 40.0 GRADE C 0C TO 70C TYP 6.5 MAX 22.0 mV UNITS
VR
Output voltage 1&2 change over relevant temperature range (See note (a)) Output voltage temperature coefficient (See note (b)) 1&2
TCVR
15.0
40.0
15.0
50.0
ppm/C
ELECTRICAL CHARACTERISTICS ( at Tamb =25C and Trim pin o/c unless otherwise stated)
SYMBOL PARAMETER VR Output voltage 1% tolerance (A1,C1) 2% tolerance (C2) Output voltage adjustment range MIN. 6.11 6.05 TYP. MAX. UNITS 6.17 6.17 5 5.0 0.15 250 0.3 50 1.4 3.0 50 6.23 6.29 V % ppm/C/% mA s V See note (c) RL=1k Peak to peak measurement IR = 0.5mA to 5mA See note (d) COMMENTS
IR=500A RT=100k
VTRIM
TC VTRIM Change in TCVR with output adjustment IR ton toff enp-p RS Operating current range Turn-on time Turn-off time Output voltage noise (over the range 0.1 to 10Hz) Slope resistance
4-292
ZRT062
TYPICAL CHARACTERISTICS
NOTES
(a) Output change with temperature (VR) The absolute maximum difference between the maximum output voltage and the minimum output voltage over the specified temperature range
(c) Operating current (IR) Maximum operating current must be derated as indicated in maximum ratings. (d) Slope resistance (RS) The slope resistance is defined as :
VR = Vmax - Vmin
(b) Output temperature coefficient (TCVR) The ratio of the output change with temperature to the specified temperature range expressed in ppm/C
RS =
changein VR specifiedcurrentrange
I = 5 - 0.5 = 4.5mA (typically) (e) Line regulation The ratio of change in output voltage to the change in input voltage producing it.
VR x 106 TcVR = ppm C VR x T
T= Full temperature range
RS x 100 %V VR x Rsource
4-293
ZRT062
CONNECTION DIAGRAMS
SOT223 Package Suffix - G TO18 Package Suffix - None
Top View Pin 4 floating or connected to pin 2
Bottom View - Case is internally connected to pin 3
SO8 Package Suffix - N8
Top View
ORDERING INFORMATION
Part No ZRT062C2 ZRT062C1 ZRT062A1 ZRT062GC2 ZRT062GC1 ZRT062GA1 ZRT062N8C2 ZRT062N8C1 ZRT062N8A1 Tol% Operating Temp.(C) 2 1 1 2 1 1 2 1 1 0 to 70 0 to 70 -55 to 125 0 to 70 0 to 70 -55 to 125 0 to 70 0 to 70 -55 to 125 Package TO18 TO18 TO18 SOT223 SOT223 SOT223 SO8 SO8 SO8 Partmark ZRT062C2 ZRT062C1 ZRT062A1 ZRT062C2 ZRT062C1 ZRT062A1 ZRT062C2 ZRT062C1 ZRT062A1
4-294


▲Up To Search▲   

 
Price & Availability of ZRT062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X