Part Number Hot Search : 
SMCJ6 22261 V8ZA2 2405E DTC11 CXD3152R F1020 DA1908
Product Description
Full Text Search
 

To Download ZDT758 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM-8 DUAL PNP MEDIUM POWER TRANSISTORS
ISSUE 1 - NOVEMBER 1995
ZDT758
C1 C1 C2 C2 PARTMARKING DETAIL T758
B1 E1 B2 E2 SM-8 (8 LEAD SOT223)
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC Tj:Tstg VALUE -400 -400 -5 -1 -0.5 -55 to +150 UNIT V V V A A C
THERMAL CHARACTERISTICS
PARAMETER Total Power Dissipation at Tamb = 25C* Any single die on Both die on equally Derate above 25C* Any single die on Both die on equally Thermal Resistance - Junction to Ambient* Any single die on Both die on equally SYMBOL Ptot VALUE 2.25 2.75 18 22 55.6 45.5 UNIT W W mW/ C mW/ C C/ W C/ W
* The power which can be dissipated assuming the device is mounted in a typical manner on a PCB with copper equal to 2 inches square.
3 - 354
ZDT758
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn On Voltage SYMBOL V(BR)CBO VCEO(SUS) V(BR)EBO ICBO ICES IEBO VCE(sat) MIN. -400 -400 -5 -100 -100 -100 -0.30 -0.25 -0.50 -0.9 -0.9 50 50 40 50 20 140 2000 MHz pF ns ns TYP. MAX. UNIT V V V nA nA nA V V V V V CONDITIONS. IC=-100A IC=-10mA* IE=-100A VCB=-320V VCE=-320V VEB=-4V IC=-20mA, IB=-1mA IC=-50mA, IB=-5mA* IC=-100mA, IB=-10mA* IC=-100mA, IB=-10mA* IC=-100mA, VCE=-5V* IC=-1mA, VCE=-5V IC=-100mA, VCE=-5V* IC=-200mA, VCE=-10V* IC=-20mA, VCE=-20V f=20MHz VCB=-20V, f=1MHz IC=-100mA, VC=-100V IB1=10mA, IB2=-20mA
VBE(sat) VBE(on)
Static Forward Current hFE Transfer Ratio Transition Frequency Output Capacitance Switching times fT Cobo t on toff
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
3 - 355
ZDT758
TYPICAL CHARACTERISTICS
1.6 IC/IB=10 IC/IB=20 IC/IB=50 Tamb=25C 1.6
-55C +25C +100C +175C
IC/IB=10
- (Volts)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001
- (Volts) V
0.01 0.1 1 10 20
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001
V
I+ - Collector Current (Amps)
0.01 0.1 1 I+ - Collector Current (Amps)
10 20
VCE(sat) v IC
VCE(sat) v IC
1.6
- Normalised Gain
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001
+100C +25C -55C
VCE=10V 300
1.6 1.4
-55C +25C +100C +175C
IC/IB=10
- (Volts) V
200 100
- Typical Gain
1.2 1.0 0.8 0.6 0.4 0.2 0 0.001 0.01 0.1 1 10 20
h
0.01
0.1
1
10 20
I+ - Collector Current (Amps)
h
I+ - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
1.6 1.4
-55C +25C +100C +175C
VCE=10V
- (Volts) V
1.2 1.0 0.8 0.6 0.4 0.2 0 0.001 0.01 0.1 1 10 20
I+ - Collector Current (Amps)
VBE(on) v IC
3 - 356


▲Up To Search▲   

 
Price & Availability of ZDT758

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X