Part Number Hot Search : 
ZM39B 1236A GC1512 5KE11A 2N681 FC101 CMPT3410 GC1512
Product Description
Full Text Search
 

To Download VT98000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Information
VT98000 Multifrequency Synthesizer
Applications
*= Set-top boxes *= MPEG Video clock source
General Description
The Vaishali VT98000 is a single-chip, integrated multiple Phase Locked Loop (PLL) clock synthesizer. The device uses an analog Phase Locked Loop (PLL) to accept a 27 MHz crystal input to produce multiple outputs. Selection pins are used to provide various outputs.
Features
*= *= *= *= 24.576 MHz for Firewire IEEE1394 or video digitizer 24.576 MHz / 28.224 MHz for software or hardware modem 27 MHz buffered output clock 6.000MHz buffered output clock *= *= *= *= *= 18.432 MHz for audio processor 2kHz standby clock Zero ppm synthesis error in all clocks (except the 2 kHz standby clock) 5V tolerant inputs 20-pin, 150 mil SSOP (QSOP)
Figure 1. Functional Block Diagram
VDD1
VDD2
VDD3
VDD4
ROM Table 24.576/ 28.224 MHz
X2
Buffer
osc
27 MHz Crystal
Select 24/28 MHz
PLL Multiplier
X1
Buffer
24.576 MHz MODE 18.432MHz/ 6.000MHz
Divider /PD Buffer Buffer Buffer
Buffer
2kHz
27 MHz
27 MHz
GND1 GND2 GND3 GND4 GND5
2001-04-17 Vaishali Semiconductor
Page 1 www.vaishali.com 1300 White Oaks Road Ste. 200 Campbell CA 95008
MDST-0013-00 Ph. 408.377.6060 Fax 408.377.6063
VT98000
Advance Information
Figure 2. Pin Configuration
VT98000
Select 24/28MHz X2 X1 VDD1 VDD2 GND1 GND2 24.576MHz MODE 24.576MHz/28.224MHz 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 GND5 27MHz 27MHz VDD4 VDD3 GND4 GND3 18.432MHz/6.000MHz /PD 2kHz
Table 1. Pin Description Name
Select 24/28 MHz X2 X1 VDD1 VDD2 GND1 GND2 24.576 MHz MODE 24.576 MHz/ 28.224MHz 2 kHz /PD
(1)
Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18,19 20
Type
I(PU) O I P P P P O I(PU) O O I(PU) O P P P P O P
Description
Select 24.576 MHz or 28.224 MHz output Crystal connection. Connect to a 27 MHz crystal Crystal connection. Connect to a 27 MHz crystal Connect to 3.3V Connect to VDD Connect to ground Connect to ground Clock output, 24.576 MHz Mode control. See Table 2 Clock output, 24.576 MHz or 28.224 MHz Clock output, 2 kHz Powerdown control. When LOW, all clocks are disabled except 2kHz standby clock Clock output, 18.432 MHz or 6.000 MHz Connect to ground Connect to ground Connect to VDD Connect to VDD 27 MHz buffered clock outputs Connect to ground
18.432MHz/6.000MHz GND3 GND4 VDD3 VDD4 27 MHz GND5
Legend: I = Input O = Output P = Power supply connection I(PU) = Input with a 250k ohm pull up
Note (1). All disabled clock outputs are tristated (high impedance).
2001-04-17 Vaishali Semiconductor
Page 2 www.vaishali.com 1300 White Oaks Road, Ste. 200 Campbell
MDST-0013-00 CA 95008 Ph. 408.377.6060 Fax 408.377.6063
VT98000
Advance Information
(1,2)
Table 2. Mode Control and Frequency Selection Table (/PD = HIGH) Control
Pin 9 Mode 0 0 1 1
(3)
Outputs
Pin 10 (24.576 MHz / 28.224 MHz) High Impedance Pin 13 (18.43 MHz / 6 MHz) 18.432 MHz
Pin 1 (Select 24/28MHz). 0 1 0 1
24.576 MHz 6 MHz 28.224 MHz
Notes: 1. 27MHz (Pins 18 &19) and 24.576 MHz (Pin 8) are active, unless /PD = LOW
2. 2 kHz standby clock is always active, independent of /PD logic state 3. 0 = Low, 1 = HIGH
Table 3. Recommended Crystal Specification
Frequency accuracy is directly proportional to the capacitive load (CL) of the crystal.
Parameter
Frequency at CL, FL Total accuracy: includes initial accuracy @ 25C, aging, and temperature drift (25C to 70C) Load Capacitance CL C1 C0 ESR
Definition
Defines the series resonant frequency at CL Maximum deviation from nominal frequency @ 25C, taking in to account aging, and temperature drift Capacitive load for nominal frequency FL Motional capacitance of the crystal Shunt capacitance of the crystal Equivalent Series Resistance of the crystal
Min
Typ
27.000
Max
Units
MHz
40
ppm
20 TBD 7 40
pf pf pf ohms
Table 4. Operating Conditions Parameter
Power Supply Voltage, VDD Input High Voltage, VIH Input Low Voltage, VIL Operating Temperature,TA 0 25
Conditions
Min
3.0 2.0
Typ
3.3
Max
3.6 VDD 0.8 70
Units
V V V C
Table 5. Electrical Characteristics Parameter
Output voltage high IOH = -8 mA Output voltage low IOL = 8 mA Maximum input capacitance (X1,X2) Power consumption (operating) Power consumption (powerdown)
Symbol
VOH VOL Cin Idd1 Idd2
Min
2.7
Typ
Max
0.4 3
Units
V V pF mA mA
2001-04-17 Vaishali Semiconductor
Page 3 www.vaishali.com 1300 White Oaks Road, Ste. 200 Campbell
MDST-0013-00 CA 95008 Ph. 408.377.6060 Fax 408.377.6063
VT98000
Advance Information
Table 6. Phase Noise Requirements (Crystal phase noise must be less than -130 dBc/Hz @ 10kHz) Parameter
27 MHz 24.576 MHz 24.576/28.224 MHz 18.432/6.000 MHz
Symbol
Min
-120 -100 -100 -100
Typ
Max
Units
dBc/Hz @ 10 kHz dBc/Hz @ 10 kHz dBc/Hz @ 10 kHz dBc/Hz @ 10 kHz
Table 7. Output Accuracies (Excluding crystal accuracy) Parameter
24.576/28.224 MHz 2kHz 18.432/6.000 MHz 27 MHz
Symbol
Min
Typ
Max
0 50 0 0
Units
ppm % ppm ppm
Table 8 AC Characteristics
All @Cload = 20 pF, VDD = 3.0V to 3.6V
Parameter
Duty Cycle @ VDD/2 Rise time ( measured between 0.8V and 2.0V) Fall time ( measured between 0.8V and 2.0V) PLL lock time Time to clock outputs after VDD is available
Symbol
Tr Tf Tlock Tst
Min
1 1
Typ
Max
45/55 2.5 2.5
Units
% ns ns ms
50
ms
Ordering Information
Part Number VT98000Q VT98000QX Marking VT98000Q VT98000Q Shipping/Packaging Tubes Tape & Reel No. of Pins 20 20 Package QSOP QSOP Temperature 0C to +70C 0C to +70C
2001-04-17 Vaishali Semiconductor
Page 4 www.vaishali.com 1300 White Oaks Road, Ste. 200 Campbell
MDST-0013-00 CA 95008 Ph. 408.377.6060 Fax 408.377.6063


▲Up To Search▲   

 
Price & Availability of VT98000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X