Part Number Hot Search : 
NTE30100 0512S DS3930 A1225 5Q1265 M100S A1225 TDE17980
Product Description
Full Text Search
 

To Download TEST2600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEST2600
Vishay Telefunken
Silicon NPN Phototransistor
Description
TEST2600 is a high sensitive silicon NPN epitaxial planar phototransistor in a miniature side view plastic package with cylindrical lens. Its epoxy casting is designed as a infrared filter to spectrally match to GaAs IR emitters (lp=950nm).
Features
D D D D D
High radiant sensitivity (2.5 mA) Miniature side view package with cylindrical lens Very wide viewing angle = 30/ 60 Suitable for near IR radiation Matches with TSSS2600 IR emitter
94 8673
Applications
Optical switches Counters and sorters Interrupters Tape and card readers Encoders Position sensors
Absolute Maximum Ratings
Tamb = 25_C Parameter Collector Emitter Voltage Emitter Collector Voltage Collector Current Peak Collector Current Total Power Dissipation Junction Temperature Storage Temperature Range Soldering Temperature Thermal Resistance Junction/Ambient Test Conditions Symbol VCEO VECO IC ICM Ptot Tj Tstg Tsd RthJA Value 70 5 50 100 100 100 -55...+100 260 450 Unit V V mA mA mW C C C K/W
tp/T = 0.5, tp 10 ms Tamb 55 C
x
x
t
x 3 s, 2 mm from case
Document Number 81562 Rev. 2, 20-May-99
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
TEST2600
Vishay Telefunken Basic Characteristics
Tamb = 25_C Parameter Collector Emitter Breakdown Voltage Collector Dark Current Collector Emitter Capacitance Collector Light Current Angle of Half Sensitivity g y Test Conditions IC = 1 mA VCE = 20 V, E = 0 VCE = 5 V, f = 1 MHz, E=0 Ee = 1 mW/cm2, l = 950 nm, VCE = 5 V horizontal vertical Symbol V(BR)CE
O
Min 70
Typ
Max
Unit V nA pF mA deg deg nm nm V
ICEO CCEO Ica 1 2 lp l0.5 VCEsat ton toff fc
1
1 6 2.5 30 60 920 850...980
100
Wavelength of Peak Sensitivity Range of Spectral Bandwidth Collector Emitter Saturation Ee = 1 mW/cm2, Voltage l = 950 nm, IC = 0.1 mA Turn-On Time VS = 5 V, IC = 5 mA, RL = 100 W Turn-Off Time VS = 5 V, IC = 5 mA, RL = 100 W Cut-Off Frequency VS = 5 V, IC = 5 mA, RL = 100 W
0.3 6 5 110
ms ms
kHz
Typical Characteristics (Tamb = 25_C unless otherwise specified)
125 P tot - Total Power Dissipation ( mW ) 100 I CEO - Collector Dark Current ( nA ) 104
103 VCE = 10V 102
75 RthJA 50
25 0 0 20 40 60 80 100
101
100 20
94 8249
40
60
80
100
94 8308
Tamb - Ambient Temperature ( C )
Tamb - Ambient Temperature ( C )
Figure 1. Total Power Dissipation vs. Ambient Temperature
Figure 2. Collector Dark Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 81562 Rev. 2, 20-May-99
TEST2600
Vishay Telefunken
2.0 I ca rel - Relative Collector Current 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0
94 8239
C CEO - Collector Emitter Capacitance ( pF )
20 16 f=1MHz
VCE=5V Ee=1mW/cm2 l=950nm
12
8
4 0 0.1 1 10 100 VCE - Collector Emitter Voltage ( V )
20
40
60
80
100
94 8247
Tamb - Ambient Temperature ( C )
Figure 3. Relative Collector Current vs. Ambient Temperature
t on / t off - Turn on / Turn off Time ( m s ) 10 Ica - Collector Light Current ( mA )
Figure 6. Collector Emitter Capacitance vs. Collector Emitter Voltage
12 10 8 6 4 2 0 ton VCE=5V RL=100W
1
l=950nm
0.1
VCE=5V l=950nm
toff
0.01 0.01
94 8268
0.1 Ee - Irradiance (
1 mW / cm2 )
10
94 8253
0
4
8
12
16
IC - Collector Current ( mA )
Figure 4. Collector Light Current vs. Irradiance
10 Ica - Collector Light Current ( mA )
l=950nm
Figure 7. Turn On/Turn Off Time vs. Collector Current
S ( l ) rel - Relative Spectral Sensitivity
1.0 0.8 0.6 0.4 0.2 0 700
Ee=1 mW/cm2 0.5 mW/cm2 1 0.2 mW/cm2 0.1 mW/cm2 0.05 mW/cm2 0.1 0.1 1 10 100
800
94 8269
VCE - Collector Emitter Voltage ( V )
94 8270
l - Wavelength ( nm )
900
1000
1100
Figure 5. Collector Light Current vs. Collector Emitter Voltage
Figure 8. Relative Spectral Sensitivity vs. Wavelength
Document Number 81562 Rev. 2, 20-May-99
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
TEST2600
Vishay Telefunken
0 10 20 0 30 S rel - Relative Sensitivity 10 20 30
S rel - Relative Sensitivity
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
94 8273
94 8274
Figure 9. Relative Radiant Sensitivity vs. Angular Displacement
Figure 10. Relative Radiant Sensitivity vs. Angular Displacement
Dimensions in mm
95 11487
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 81562 Rev. 2, 20-May-99
TEST2600
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 81562 Rev. 2, 20-May-99
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of TEST2600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X