Part Number Hot Search : 
104KE RFZ34 S1T8501 PSA4132 56163 ISL4245E STW12 C705SP7S
Product Description
Full Text Search
 

To Download TES225YG-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
TES SERIES - 225 WATT
DESCRIPTION TES single output DC/DC converters provide up to 225 Watts of output power at up to 45 Amperes of output current in an industry standard "3/4 brick" package. The TES converters feature open-frame packaging, along with planar magnetics and a high efficiency topology, to provide maximum useable power density. The TES converters use 100% surfacemount construction and are fully compatible with production board washing processes. FEATURES * * * * 45A "3/4 Brick" Very High Efficiency Open-Frame Packaging 100C Baseplate Operation * * * * Planar Magnetics Low Voltage Outputs 1500V Isolation Synchronous Rectification
TECHNICAL SPECIFICATIONS
Input Voltage Range 24 VDC Nominal 48 VDC Nominal Output Setpoint Accuracy Line Regulation Vin Min. - Vin Max., Iout Rated Load Regulation Iout Min. - Iout Max., Vin Nom. Remote Sense Headroom Minimum Output Current Dynamic Regulation, Loadstep Pk Deviation Settling Time Voltage Trim Range Current Limit Type Current Limit Threshold Range, % of Iout Rated Short Circuit Threshold Range, % of Iout Rated OVP Trip Range UVP Trip Range OVP/UVP Type General Turn-On Time Remote Shutdown Remote Shutdown Reference Switching Frequency 5V out / 3.3V & 2.5Vout Isolation Input - Output Input - Case Output - Case Temperature Coefficient Case Temperature Operating Range Storage Range Thermal Shutdown Range Vibration, 3 Axes, 5 Min Each MTBF (Bellcore TR-NWT-000332) Safety Weight (Approx.) 10 ms Positive Logic Vin Negative 300 kHz / 200 kHz 1500 VDC 1050 VDC 500 VDC 0.02%/C
18 - 36 VDC 36 - 72 VDC
1% 0.2% Vout 0.5% Vout 0.5 VDC 10 % Iout Rated 25% Iout 4% Vout 500 s 10% Latch 110 - 140% 200% 115 - 140% Vout Nom. 70 - 90% Vout Nom. Latch
Efficiency vs. Load (48V Input)
95 90
EFFICIENCY %
85 80 TES150ZE-A 75 70 65 60 55 10 20 30 40 50 60 70 80 90 100
LOAD %
EFF. (36v) EFF. (48v) EFF. (75v)
Notes
MTBF predictions may vary slightly from model to model.
-40 To +100C -40 To +125C 105 to 115C 5 g, 10 - 55 Hz 1.0 X 106 hrs UL, CUL, TUV 3.3 oz
Specifications typically at 25C, normal line, and full load, unless otherwise stated. Soldering Conditions: I/O pins, 260C, ten seconds; fully compatible with commercial wave-soldering equipment. Safety: Agency approvals may vary from model to model. Please consult factory for specific model information.
C-52
TES SERIES - 225 WATT
MODELS - (See the last page of this file for options.)
Vin (Volts) 24 24 24 48 48 48 Vin Range (Volts) 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 Iin Max.* (Amps) 8.0 10.2 14.6 4.0 5.1 7.2 Vout (Volts) 2.5 3.3 5 2.5 3.3 5 Iout Rated (Amps) 45 45 45 45 45 45 Ripple & Noise Pk-Pk (mV) 100 100 100 100 100 100 Efficiency Typ. ** 79% 82% 82% 80% 83% 82% Model
TES113YD-A TES150YE-A TES225YG-A TES113ZD-A TES150ZE-A TES225ZG-A
Denotes advanced product release. Consult factory for product availability. * Maximum input current at minimum input voltage, maximum rated output power. ** At nominal Vin, rated output.
MECHANICAL DRAWING
Thermal Impedance
2.40" MOUNTING INSERTS M3X.5 THROUGH 4PL 2.650"(67.3mm) 7 2.250"(57.2mm) 1 8 2.100"(53.3mm) 2.400"(61.0mm) (61.0mm)
Natural Convection 100 LFM 200 LFM 300 LFM 400 LFM
5.7 3.9 2.6 1.9 1.7
C/W C/W C/W C/W C/W
1.500"(38.1mm)
2
Note: Thermal impedance data is dependent on many environmental factors. The exact thermal performance should be validated for specific application.
BOTTOM VIEW
9 0.750"(19.1mm) 3 10 11 12 13 -0.400"(-10.2mm) -0.60"(-15.2mm) 5 6 0.600"(15.2) 0.900"(22.9)
3.45" (87.6mm)
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13
Function -Vin Enable Case +Vin CN2 (opt.) CN1 (opt.) +V out +V out -V out -V out -Sense Trim +Sense Tolerances
0.350"(8.9mm) 0.100"(2.5mm) -0.150"(-3.8mm)
0
4
-0.20" (-5.1mm)
0
1.000" (25.4mm)
1.200" (30.5mm)
2.000" (50.8mm)
DIA 0.040" (1.0mm) 0.18"(4.6mm)
DIA 0.080" (2.0mm)
Inches: .XX 0.020 .XXX 0.010 Pin: 0.002
(Millimeters) .X 0.5 .XX 0.25
0.50" (12.7mm)
.025" (0.6mm)
0.05
( Dimensions as listed unless otherwise specified.)
C-53
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table.
OPTION Negative Logic Lucent Compatible Trim Terminal Strip Trim Enable Trim and Enable Current Share Headerless SUFFIX N T TS 1 2 3 4 Y APPLICABLE SERIES HAS, HBD, HBS, HES, LES, QBS, QES, TES, TQD HAS, HBD, HBS, HES, QBS, QES XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS REMARKS TTL "Low" Turns Module ON TTL "High" Turns Module OFF
PIN LENGTH AND HEATSINK OPTIONS 0.110" (2.8mm) Pin Length 0.150" (3.8mm) Pin Length 0.24" (6.1mm) Horizontal Heatsink 0.24" (6.1mm) Vertical Heatsink 0.45" (11.4mm) Horizontal Heatsink 0.45" (11.4mm) Vertical Heatsink 0.95" (24.1mm) Horizontal Heatsink 0.95" (24.1mm) Vertical Heatsink 8 9 1H 1V 2H 2V 3H 3V All Units (Except SMS) All Units (Except SMS) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages)
Standard Pin Length is 0.180" (4.6mm)
Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad
Example Options:HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and 0.95" vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110" pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
C105


▲Up To Search▲   

 
Price & Availability of TES225YG-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X