Part Number Hot Search : 
TA143 16681 2SD94 H20EC1 LB1941 ST150 AL16L AI9943
Product Description
Full Text Search
 

To Download TD-8030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE NOISE TUBES & NOISE SOURCES
TD/TN Series
DESCRIPTION
CP Clare's TD Series of gas discharge microwave noise tubes and TN Series of gas discharge microwave noise sources are the element in a microwave RF system that allows accurate measurements of the noise figure of the receiver or its components. The requirements of a device used for making such noise figure measurements include broad bandwidth inherent in the active element, stability, ease of operation, and long life. In general, the range of usefulness of these noise sources permits measurements of noise figures from about 2 to 30dB. The PS-237 through PS-240 current-regulated power supplies can be used to operate many of the noise sources described herein.
FEATURES
s s s s s
APPLICATIONS
s Noise figure measurement
Excess noise ratios (ENR): up to 20dB Broad bandwidth Excellent long term stability Life up to 20,000 hours AC, DC, or pulsed operation
SPECIFICATION RANGES
Parameter Frequency ENR Operating Current Starting Voltage Range 0.2 - 220.0 8.8 - 20.1 30 - 250 0.9 - 7.0 Units GHz dB mA kV
(See detailed specifications for more data. Contact CP Clare for TD and TN part numbers or for other requirements not listed.)
www.cpclare.com
571
MICROWAVE NOISE TUBES & NOISE SOURCES
TD/TN Series
TD SERIES GAS DISCHARGE NOISE SOURCE TUBES with Filamentary or Hollow Cathodes
All characteristics at 25C. FREQUENCY BAND WAVERANGE GUIDE (GHz) 1.12-1.70 (1.20-1.40 only) L WR-650 PART # / EIA TYPE NUMBER TD-21/6881 TD-29/7101 TD-33/7147 TD-49 TD-62/7992 TD-75 TD-91 TD-12/6358 TD-22/6782 TD-31 TD-32 TD-34/7148 TD-38/8151 TD-56/8286 TD-82 TD-24 TD-30 TD-10/6356 TD-39/7999 TD-43/8287 TD-48/7989 TD-83 TD-10/6356 TD-39/7999 TD-43/8287 TD-48/7989 TD-67/8288 TD-11/6357 TD-23/6882 TD-40/8152 TD-44/7988 TD-58/8293 TD-72/8059 TD-73 TD-93B TD-114 TD-18/6684 TD-41/8030 TD-46 TD-54/7991 TD-55/8290 TD-92 TD-13/6359 TD-42/8031 TD-50/7990 TD-51/8291 TD-81 TD-76/7993 TD-77/8292 PACKAGE OUTLINE MOUNT TYPE RECOMMENDED MODE OF OPERATION(1) DC AC,DC AC,DC pulse DC pulse DC DC AC,DC AC,DC AC,DC DC pulse pulse DC AC,DC AC,DC DC pulse pulse DC DC DC pulse pulse DC pulse DC DC pulse pulse pulse pulse DC pulse DC DC pulse AC,DC DC pulse pulse pulse DC pulse DC DC DC pulse MINIMUM STARTING VOLTAGE SPIKE (kV) 1 1a 1a 1 1 1 special 2 special 2a 2a 2 2 2 special special special 3 3 3 3 special 3 3 3 3 3 4 4 4 4 4 4 special special special 5 5 special 5 5 5 6 6 6 6 special special special 90H 90H 90H 90H 90H 90H 10E 10E 90H 10E 10E 10E 10E 10E 90E 10E 10E 10E 10E 10E 10E 90E 10E 10E 10E 10E 15E 10E 10E 10E 10E 10E 10E 90E 90E 10E 10E 10E 20E 10E 10E 10E 10E 10E 10E 10E 10E 10E 10E 4.0 4.5 4.0 4.0 4.5 4.5 7.0 2.7 2.0 2.7 2.7 2.7 3.3 3.5 0.9 2.5 2.5 3.1 3.5 3.5 2.7 0.9 3.1 3.5 3.5 2.7 3.5 2.7 2.7 3.3 3.5 3.5 3.3 0.9 0.9 1.5 2.7 3.3 ~1.2 2.7 3.5 3.5 2.7 3.3 2.7 3.5 3.3 2.7 3.0 DC ANODE STARTING CURRENT (mA) 250 250 250 200 250 200 250 250 250 250 250 250 200 200 75 250 250 250 175 175 250 100 250 175 175 250 150 200 200 175 175 175 175 100 100 200 200 175 100 200 175 175 200 175 200 175 150 125 100 65 130 75 125 ~145 235 230 80 45 90 170 160 145 265 55 60 110 70 140 210 135 55 75 140 210 135 225 75 115 125 205 208 133 54 165 90 70 130 35 130 230 125 68 125 157 260 148 130 175 TUBE DROP (VDC) TUBE-IN MOUNT ENR (dB) 15.20(2) 18.00(2) 15.20(2) 15.20(2) 18.00(2) 18.00(2) 15.20(2) 15.20 8.85 15.20 17.80 17.75 15.27 17.90 18 15.30 1 15.32 15.50 17.85 17.70 18.90 15.65 15.50 17.90 17.75 18.00 15.60 18.00 15.60 18.00 17.75 15.56 14.50 14.50 15.30 15.80 15.85 15.20(2) 18.00 17.85 15.65 15.90 16.00 18.05 17.90 16.15 16.0 16.0
2.60-3.95
S
WR-284
3.30-4.90 3.95-5.85
S C(G)
WR-229 WR-187
5.85-8.20
X(J)
WR-137
8.20-12.40
X
WR-90
12.40-18.00
Ku
WR-62
18.00-26.50
K
WR-42
26.50-40.00
(1)
Ka
WR-28
DC operation -- cathode at one end only. AC,DC operation -- cathodes at both ends. Pulse operation -- cathode at one end specially designed for pulse operation. If the anode current during the "on" time of a square wavepulse (>100s duration) is nominally the same as the rated DC anode current, the tube drop during this period will be approximately the same as the rated DC tube drop. (2) Excess noise ratio of tube only. North America: 1-800-CPCLARE Europe: 32-11-300868 Asia: 886-2-2523-6368 Japan: 81-3-3980-2212
572
MICROWAVE NOISE TUBES & NOISE SOURCES
TD/TN Series
TD SERIES GAS DISCHARGE NOISE SOURCE TUBES with Indirectly-Heated Cathodes
All characteristics at 25C. FREQUENCY RANGE (GHZ) 3.4-3.6 2.9-3.1 2.7-2.9 8.2-12.4 BAND PART NUMBER/ EIA TYPE NUMBER TD-124 TD-129 TD-121 TD-126 MINIMUM STARTING VOLTAGE SPIKE (kV) S 0.60 0.45 0.45 1.50 75 75 75 100 40 35 35 90 DC ANODE CURRENT (mA) TUBE DROP (VDC) TUBE-INMOUNT ENR (dB) 18.30 18.50 18.50 15.6 TN-65 TN-71 TN-72 TN-130 USED IN MOUNT
X
OUTLINE DRAWINGS (Noise Source Tubes with Filamentary or Hollow Cathodes)
C A 0.74 0.08 (0.292 0.032) 0.24 TYP. (0.097) E B F D
C A 0.74 0.08 (0.292 0.032) 0.24 TYP. (0.097) E B ALT. - A D
DIMENSION (INCHES) OUTLINE NUMBER 1/1a(3) 2/2a(3) 3/3a(3) A various 16.937-17.437 13.875-14.375 B 0.500 max 0.310-0.360 0.270-0.320 C 14.625-15.000 17.625-18.000 14.375-15.000 D 1.350-1.435 0.990 max 0.555 max E 1.475-1.550 0.975-1.050 0.547-0.579 F 0.188 max 0.305-0.325 0.245-0.265
C 0.74 0.08 (0.292 0.032) 0.24 TYP. (0.097) 0.48 MAX. DIA. (0.188) 6.98 MAX. (2.750) E D A 1.27 MAX. (0.500) 1.41 DIA. MAX. (0.555)
DIMENSION (INCHES) OUTLINE NUMBER 4 5 6
(3) (4)
A 8.625 min 7.375 min 6.187 min
B 1.500 max 1.250 max 1.250 max
C 11.937-12.250 10.875-11.250 9.687-10.000
D 0.370-0.380 0.235-0.265 0.160-0.194
E 0.550 max 0.500 max 0.500 max
F 0.3804 0.2654 0.1944
The "a" suffix indicates using the bi-pin termination depicted in the inset labelled "ALT.-A". The diameter of the tube shall not exceed this value over the length of the tube denoted in the figure by "B".
www.cpclare.com
573
MICROWAVE NOISE TUBES & NOISE SOURCES
TD/TN Series
TD SERIES GAS DISCHARGE NOISE SOURCE TUBES with Indirectly-Heated Cathodes(5)
All characteristics at 25C. BAND PART NUMBER FREQUENCY RANGE (GHz) 0.2-0.25 0.56-0.64 0.34-0.51 1.0-2.0 1.0-2.0 1.0-2.0 1.25-1.55 1.28-1.35 2.0-4.0 2.7-2.9 3.4-3.6 2.9-3.1 2.7-2.9 2.7-2.9 2.7-2.9 3.1-3.5 5.3-6.0 5.3-6.0 5.45-5.82 5.3-6.0 7.5-8.6 7.5-8.6 8.9-9.1 8.5-9.6 8.5-9.6 8.5-9.6 8.2-12.4 15.0-16.5 12.4-18.0 15.0-16.6 12.0-14.0 18.0-26.5 22.0-23.0 26.5-40.0 34.0-36.0 31.0-32.0 50.0-75.0 ENR (dB) TUBE DROP (VDC) 200 325 75 200 200 200 200 225 200 35 40 35 35 35 35 40 60 60 60 60 60 55 50 50 50 50 50 60 140 95 50 175 65 140 140 75 230 DC ANODE CURRENT (mA) 30 50 50 50 50 50 50 50 60 75 75 75 75 60 75 150 150 150 150 75 100 60 100 75 100 50 40 50 50 50 50 50 40 35 50 30 MINIMUM STARTING VOLTAGE SPIKE (kV) VHF UHF L TN-46 TN-47 TN-48 TN-51 TN-52 TN-54 TN-55 TN-57 TN-60 TN-64 TN-65 TN-71 TN-72 TN-73 TN-74 TN-75 TN-76 TN-77 TN-78 TN-82 TN-83 TN-84 TN-94 TN-95 TN-97 TN-101 TN-124 TN-102 TN-103 TN-104 TN-128 TN-106 TN-125 TN-107 TN-109 TN-126 TN-111 18.5 20.3 18.5 20.1 20.1 20.5 20.1 20.5 18.5 18.5 18.3 18.5 18.5 18.5 18.5 18.3 18.5 13.5 18.5 13.5 18.5 15.0 18.5 14.5 18.5 14.5 12.5 18.5 18.5 12.3 13.5 18.5 12.5 18.0 18.0 13.3 18.0 1.5 2.0 2.0 1.9 1.9 1.9 1.9 1.9 1.9 0.45 0.6 0.45 0.45 0.45 0.45 0.6 0.7 0.7 0.7 0.7 0.8 0.8 0.95 0.95 0.95 0.95 1.00 1.2 2.0 1.0 1.0 1.9 1.5 2.5 2.5 1.5 2.5 15.50 16.5 10.0 8.94 10.38 17.31 9.56 12.56 10.38 3.75 2.50 3.63 3.09 3.09 3.75 2.63 2.00 3.50 2.75 3.56 1.56 2.50 1.63 2.50 1.63 2.25 2.50 1.50 7.50 1.63 2.00 6.44 2.25 5.13 7.38 2.25 4.63 Helical Coupling Direct Coupling Helical Coupling Direct Coupling Direct Coupling Direct Coupling Direct Coupling Direct Coupling Direct Coupling 90E 90E 90E 90E 90E 90E 90E 90E 90E 90E 90E 90E 90E 90E 90E 90E 90E 90E 90E 0E 90E 90E 0E 90E 0E 0E 90E 0E 7/8" coax 7/8" coax Type N 7/8" coax 7/8" coax Type N 7/8" coax 7/8" coax 7/8" coax RG-75/U RG-75/U RG-75/U RG-75/U RG-75/U RG-75/U RG-75/U RG-49/U RG-49/U RG-95/U RG-49/U RG-51/U RG-51/U RG-67/U RG-67/U RG-67/U RG-52/U RG-52/U RG-67/U RG-107/U RG-91/U RG-91/U RG-66/U RG-53/U RG-96/U RG-96/U RG-96/U RG-98/U CIRCUIT LENGTH (INCHES) MOUNTING CIRCUIT
S
C
H X
Ku(K)
K(P) Ka(Q)
R
(5)
CP Clare can usually refurbish noise sources (depending on condition of waveguide) and install replacement tubes.
North America: 1-800-CPCLARE
Europe: 32-11-300868
Asia: 886-2-2523-6368
Japan: 81-3-3980-2212
574
MICROWAVE NOISE TUBES & NOISE SOURCES
TD/TN Series
TD SERIES GAS DISCHARGE NOISE SOURCE TUBES with Filamentary Cathode Noise Tubes(5)
All characteristics at 25C WAVE-GUIDE PART NUMBER (GHz) FREQUENCY RANGE (dB) APPROX. ENR (VDC) TUBE DROP (mA) DC ANODE CURRENT VOLTAGE SPIKE (kV) WR-42 WR-28 WR-22 WR-19 WR-15 WR-12 WR-10 WR-8 WR-6 WR-5
(5)
MINIMUM STARTING
REPLACEMENT TUBE
MOUNTING MATE
FLANGE
TN-170 TN-162 TN-172 TN-163 TN-164 TN-171 TN-165 TN-167 TN-166A TN-173
18.0-26.5 26.5-40.0 33.0-50.0 40.0-60.0 50.0-75.0 60.0-90.0 75.0-110.0 90.0-140.0 110.0-170.0 140.0-220.0
15.0 15.4 15.4 15.4 15.0 15.0 14.2 13.0 13.0 9.0
170 170 170 170 170 210 225 225 225 225
120 120 120 120 120 100 75 75 50 50
2.0 2.0 2.0 2.0 2.0 2.5 3.0 3.0 3.0 3.0
TD-170 TD-162 TD-172 TD-163 TD-164 TD-171 TD-165 TD-167 TD-166A TD-173
7E 7E 7E 7E 7E 7E 7E 7E 7E 7E
UG-595/U UG-599/U UG-599/U UG-385/U UG-385/U UG-385/U UG-385/U UG-385/U UG-385/U UG-385/U
CP Clare can usually refurbish noise sources (depending on condition of waveguide) and install replacement tubes.
NOISE SOURCE POWER SUPPLIES with Current Regulation
PART NUMBER FOR NOISE TUBES(6) AC INPUT DC STARTING VOLTAGE (kV) PS-237 PS-238 PS-239 PS-240
(6)
DC OPERATING CURRENT (mA) 150 150 120 75
TN-162 thru TN-172 except TN-166A TN-173, TN-166A
115VAC, 60Hz 220VAC, 50Hz 115VAC, 60Hz 220VAC, 50Hz
5.0 5.0 5.0 5.0
These power supplies, though designed for the TN-162 through TN-173, are capable of operating many other noise sources made by CP Clare.
ORDERING INFORMATION
A complete part number is represented by the information in the Part Number column of the specification table.
www.cpclare.com
575


▲Up To Search▲   

 
Price & Availability of TD-8030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X