Part Number Hot Search : 
SF5008 74AVC1 10182 R16V2 C100L SW12401 BZX70C33 BAT854CW
Product Description
Full Text Search
 

To Download TCP072E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCP072E thru TCP120E
SANTA ANA DIVISION
TRIPOLAR PROTECTION FOR ISDN INTERFACES
PRODUCT PREVIEW
DESCRIPTION
KEY FEATURES !" BIDIRECTIONAL TRIPLE CROWBAR PROTECTION !" PEAK PULSE CURRENT: IPP = 30 A, 10/1000 s !" BREAKDOWN VOLTAGE: TCP072E: 60 V TCP080E: 80 V TCP082E: 70 V TCP7120E: 120 V * AVAILABLE IN SO8 PACKAGES * LOW DYNAMIC BREAKOVER VOLTAGE: TCP072E: 80 V TCP080E: 150 V TCP082E: 90 V TCP120E: 200 V
W W W .Microsemi .COM
This Thyristor Surge Suppressor dedicated devices for SLIC interface and high speed data telecom line protection. Equivalent to a Tripolar TSPD with low capacitance. These devices provide : - low capacitance from lines to ground, allowing high speed transmission without signal attenuation. - good capacitance balance between lines in order to ensure longitudinal balance. - fixed breakdown voltage in both common and differential modes. - the same surge current capability in both common and differential modes. - A particular attention has been given to the internal wire bonding.The"4-point" configuration ensures a reliable protection, eliminating overvoltages introduced by the parasitic inductances of the wiring (Ldi/dt), especially for very fast transient overvoltages.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPLICATIONS/BENEFITS APPLICATIONS/BENEFITS !"
COMPLIES WITH THE FOLLOWING STANDARDS:
CCITT K17 - K20 VDE 0433 VDE 0878 CNET 10/700 s 5/310 s 10/700 s 5/310 s 1.2/50 s s 1/20 0.5/700 s 0.2/310 s 1.5 38 2 50 1.5 40 1.5 38 KV A KV A KV A KV A
UL94V-0
TCPxx packages comply with requirements of UL94V-0
TCP072E thur TCP120E
Copyright 2000 MSC1621.PDF 2000-11-28
Microsemi
Santa Ana Division 2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 1
TCP072E thru TCP120E
SANTA ANA DIVISION
TRIPOLAR PROTECTION FOR ISDN INTERFACES
PRODUCT PREVIEW
W W W .Microsemi .COM
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Symbol
IPP
Parameter
Peak pulse current (see note 1)
Value 10/1000 s 5/320 s 2/10 s tp = 10 ms
30 40 90 8 3.5
Unit
A
ITSM Tstg Tj TL
Non repetitive surge peak on-state t=1s current (F = 50 Hz). Storage temperature range Maximum junction temperature Maximum lead temperature for soldering during 10s
A C C
-55 to + 150
150 260
Note 1 : Pulse waveform : 10/1000s tr=10s tp=1000s 5/310s tr=5s tp=310s 2/10s tr=2s tp=10s
THERMAL RESISTANCES
Symbol
Rth (j-a) Junction to ambient
Parameter
SO 8
Value
170
Unit
C/W
ELECTRICALS ELECTRICALS
Copyright 2000 MSC1621.PDF 2000-11-28
Microsemi
Santa Ana Division 2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 2
TCP072E thru TCP120E
SANTA ANA DIVISION
TRIPOLAR PROTECTION FOR ISDN INTERFACES
PRODUCT PREVIEW
W W W .Microsemi .COM
ELECTRICAL CHARACTERISTICS (Tamb= 25C)
Symbol
VRM IRM VBR VBO IH IBO IPP VF C
Parameter
Stand-off voltage Leakage current Breakdown voltage Breakover voltage Holding current Breakover current Peak pulse current Forward Voltage Drop Capacitance
Types
IRM @ VRM
max A 10 10 10 10 V 56 70 66 105
IR @
VBR
min
VBO
max note 1 V 72 120 82 180
VBO
dyn typ
IBO
max note 1 mA 800 800 800 800
IH
min mA 150 150 150 150
TCP072E TCP080E TCP082E TCP120E
mA 1 1 1 1
V 60 80 70 120
V 80 150 90 200
Note 1 : Surge test according to CCITT 1.5kV,10/700 ms between Tip or Ring and ground.
TCPxx
ELECTRICALS ELECTRICALS
50 30
30 50
20 20
Copyright 2000 MSC1621.PDF 2000-11-28
Microsemi
Santa Ana Division 2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 3
TCP072E thru TCP120E
SANTA ANA DIVISION
TRIPOLAR PROTECTION FOR ISDN INTERFACES
PRODUCT PREVIEW
W W W .Microsemi .COM
NOTES NOTES
Copyright 2000 MSC1621.PDF 2000-11-28
Microsemi
Santa Ana Division 2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 4


▲Up To Search▲   

 
Price & Availability of TCP072E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X