Part Number Hot Search : 
LDH3601 HC4P55 1H472J HYS64 2SA16 805SR IRL8113L 1N749C
Product Description
Full Text Search
 

To Download TCP058A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCP058A thru TCP120A
SANTA ANA DIVISION
DUAL ASYMETRICAL TRANSIENT SUPPRESSOR
PRODUCT PREVIEW
DESCRIPTION
KEY FEATURES !" DUAL ASYMETRICAL TRANSIENT SUPPRESSOR !" PEAK PULSE CURRENT: IPP=40A,10/1000s !" HOLDING CURRENT:150mA min. !" BREAKDOWN VOLTAGE: TCP058A: 58 V TCP065A: 65 V TCP072A: 60 V TCP082A: 70 V TCP080A: 80 V TCP120A: 120 V !" LOW DYNAMIC CHARACTERISTICS !" STAND CCITT K20 AND LSSGR APPLICATIONS/BENEFITS APPLICATIONS/BENEFIT S !"
W W W .Microsemi .COM
This Thyristor Surge Suppressor device has been especially designed to protect subscriber line cards against overvoltage. Two diodes clamp positive overloads while negative surges are suppressed by two protection thyristors. Particular attention has been given to the internal wire bonding. The "4point" configuration ensures a reliable protection, eliminating overvoltages introduced by the parasitic inductances of the wiring (Ldi/dt), especially for very fast transient overvoltages.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
COMPLIES WITH THE FOLLOWING STANDARDS:
CCITT K20: VDE 0433: VDE 0878: I3124: FCC part 68: BELLCORE TR-NWT-001089: 10/700 5/310 10/700 5/310 1.2/50 1/20 0.5/700 0.2/310 02/10 02/10 s s s s s s s s s s 1 kV 38 A 2 kV 50 A 1.5 kV 40 A 1 Kv 38 A 2.5 kv 125 A (*) 2.5 kv 125 A (*) 1 kV 40 A (*)
02/10 s 02/10 s 10/1000 s 10/1000 s
(*) with series resistors or PTC.
UL94V-0
TCPxx packages comply with requirements of UL94V-0
TCP072A thru TCP120A TCP072A thru TCP120A
Copyright 2000 MSC1630.PDF 2000-11-30
Microsemi
Santa Ana Division 2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 1
TCP058A thru TCP120A
SANTA ANA DIVISION
DUAL ASYMETRICAL TRANSIENT SUPPRESSOR
PRODUCT PREVIEW
ABSOLUTE MAXIMUM RATINGS (Tamb = 25C)
Symbol
IPP ITSM ITSM Tstg Tj TL
10/1000 s 5/310 s 2/10 s
Parameter
Peak pulse current (see note 1) 10/1000 s 5/310 s 2/10 s t = 300 ms t=1s t=5s
Value
40 50 125 10 50 1 1 -55 to + 150 150 260
Unit
A
W W W .Microsemi .COM
Non repetitive surge peak on-state current F = 50 Hz F=50Hz, 60x1s, 2mn between pulse Storage temperature range Maximum junction temperature Maximum lead temperature for soldering during 10s
tr = 10 s tr = 5s tr = 2s tp = 1000 s tp = 310 s tp = 10 s
A
A C C
Note 1: Pulse waveform:
THERMAL RESISTANCES
Symbol
Rth (j-a)
Parameter
Junction to ambient
Value
170
Unit
C/W
Symbol VRM IRM VBR VBO IH VF VFP IBO IPP C T
ELECTRICAL CHARACTERISTICS (Tamb= 25C) Parameter Stand-off voltage Leakage current at stand-offvoltage Breakdown voltage Breakover voltage Holding current Forward voltage drop
ELECTRICALS ELECTRICALS
Peak forward voltage Breakover current Peak pulse current Capacitance Temperature coefficient
Copyright 2000 MSC1630.PDF 2000-11-30
Microsemi
Santa Ana Division 2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 2
TCP058A thru TCP120A
SANTA ANA DIVISION
DUAL ASYMETRICAL TRANSIENT SUPPRESSOR
PRODUCT PREVIEW
W W W .Microsemi .COM
1 - PARAMETERS RELATED TO DIODE LINE / GND
Symbol
VF IF=1A
Test Conditions
tp=100 s
Min
Typ
Max
2
Unit
V
2 - PARAMETERS RELATED TO PROTECTION THYRISTOR
Types
IRM @ VRM
max
IR
@
VBR
min
VBO
max V 80 85 72 82 120 180 min V 100 100 100 100 100 100
IBO
max mA 400 400 400 400 400 400
IH
min mA 150 150 150 150 150 150
C
max pF 100 100 100 100 100 100
TCP058A TCP065A TCP072A TCP082A TCP080A TCP120A
A 10 10 10 10 10 10
V 56 63 56 66 70 105
mA 1 1 1 1 1 1
V 58 65 60 70 80 120
ELECTRICALS ELECTRICALS
Copyright 2000 MSC1630.PDF 2000-11-30
Microsemi
Santa Ana Division 2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 3
TCP058A thru TCP120A
SANTA ANA DIVISION
DUAL ASYMETRICAL TRANSIENT SUPPRESSOR
PRODUCT PREVIEW
W W W .Microsemi .COM
NOTES NOTES
Copyright 2000 MSC1630.PDF 2000-11-30
Microsemi
Santa Ana Division 2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 4


▲Up To Search▲   

 
Price & Availability of TCP058A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X