Part Number Hot Search : 
01344 350CJB BDT29AF LL2012 EC100 M1785 AM70N AK4220
Product Description
Full Text Search
 

To Download TCA505B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCA 505 BG
IC for Inductive Proximity Switches with Short-Circuit Protection
Preliminary Data Features
q q q q q q q q q q
TCA 505 BG
Bipolar IC
Wide supply voltage of 3.1 to 4.5 V and 4 to 40 V Low current consumption of less than 0.8 mA Integrated output stage for up to 60 mA output current Short-circuit and overload protection of output stages and external components Temperature response of the IC compensates that of the coil High noise immunity High switching frequencies up to 5 kHz Useful extra functions Suitable for two-wire AC proximity switches Temperature range - 40 to 110 C
P-DSO-16-1
Type
Ordering Code
Package P-DSO-16-1 (SMD) Chip
TCA 505 BG Q67000-A8341 TCA 505 B Q67000-A8342
Besides its basic functions (oscillator, demodulator and threshold switch), the bipolar monolithic IC TCA 505 B includes a number of useful extra functions that enable high-grade, inductive proximity switches to be designed for an attractive price/performance ratio and with space savings. Compared to earlier ICs for inductive proximity switches temperature drift, noise immunity and the switching frequency of the IC have been improved.
Semiconductor Group
1
01.96
TCA 505 BG
TCA 505 BG
Pin Configurations (top view) Pin Definitions and Functions Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol LC RDi N.C. CI RHy SC GND Q4 Q3 Q2 Q1 VS VREF B CD VT Function Oscillator Distance Not connected Integrating capacitance Hysteresis Short-circuit detector Ground Output Output Output Output Supply voltage Reference voltage Base Output Transistors Turn-ON delay / Short-circuit delay Two-wire regulator 2
Semiconductor Group
TCA 505 BG
Functional Description and Application
Operation Schematic
Block Diagram Semiconductor Group 3
TCA 505 BG
Functional Description This circuit is used to design inductive proximity switches. The resonant circuit of the LC oscillator is implemented with an open half-pot ferrite and a capacitor in parallel (pin LC). If a metallic target is moved closer to the open side of the half-pot ferrite, energy is drawn from the resonant circuit and the amplitude of the oscillation is reduced accordingly. This change in amplitude is transmitted to a threshold switch by means of a demodulator and triggers the outputs (see operation schematic). By means of an external distance resistor on the oscillator (pin RDi) it is possible to set the switching distance within wide limits, the optimal distances being 0.1 to 0.6 of the diameter of the half-pot ferrite, although both of these parameters can be exceeded. The circuit also enables the setting of a path hysteresis by switching of the external distance resistor via pin RHy (see application circuit 1). There are two antiphase output stages (Q1 / Q2 and Q3 / Q4) for max. 50 mA. The output transistors are driven in a floating state thus providing the user with optimal flexibility for evaluation of the output signals. It is therefore possible to use the output transistors either as emitter follower, open-collector, as a current source or in push-pull operation. When pin B is connected to VREF, Q2 and Q4 can be used between 0 V and VREF. The maximum base voltage of the output transistors can be set on pin B. If B is connected to VREF, any constant current up to 50 mA can be set on the outputs by means of resistors on Q2 or Q4 (see application circuits 2 and 3). Q1 through Q4 and also additional external output transistors can be protected against destruction by short-circuit or overload. This is the purpose of pin SC which turns off the output transistors periodically in the presence of overload. By means of a capacitor on CD it is possible to set the response delay and the turn-OFF time of short-circuit protection. The same capacitor also defines the turn-ON delay of the output stages when the supply voltage is applied, whereby the output stages are inhibited during buildup of the oscillator. Finally CD produces a turn-OFF delay of the output stages to prevent the turn-ON delay from running its full length at brief voltage dips on VS. A switching regulator is incorporated for the voltage supply of the circuit when it is used as a two-wire AC proximity switch, and this is activated when pin VT is connected to VS. The circuit has a stabilized voltage of approx. 2.9 V that is brought out on pin VREF. Supply-voltage range: The operating range in normal operation is between 4 and 40 V. If pin VREF is connected to VS, the circuit is operating between 3.1 and 4.5 V. In this case, however, VREF is no longer internally stabilized, i.e. the analog IC functions depend on the operating voltage.
Semiconductor Group
4
TCA 505 BG
Circuit Diagram (simplified)
Semiconductor Group
5
TCA 505 BG
Pin Functions Pin 1; LC The resonant circuit of the proximity switch is connected between LC and ground. Pin 2; RDi A resistor between this pin and ground sets the current in the oscillator circuit. The greater the value of the resistor, the smaller is the current feed from the oscillator into the resonant circuit and the greater therefore is the switching distance. The greater the Q of the resonant circuit, the greater is the value of the distance resistor necessary for setting a certain switching distance. Pin 4; CI
CI can remain open; if high noise immunity is to be achieved however, this pin should be
provided with a series RC element (RI, CI). If pin CD is not used, a correctly dimensioned RC element on this pin will also prevent any erroneous pulses on the output when the supply voltage is turned on (see application circuit 1). Pin 5; RHy Depending on the status of the circuit, RHy will be high-impedance or low-impedance to ground (open collector). If the distance resistance (see RDi) is split into two resistors RDi and RHy, a distance hysteresis can be set by means of RHy. If series hysteresis is applied, RHy is connected in series with RDi or shorted. If parallel hysteresis is applied, RHy is connected in parallel with RDi or made high-impedance (see application circuit 1). Pin 6; SC SC serves for short-circuit sensing in the output circuit that is to be protected. The current can be sensed referred to ground or VS. The current sensing is made by a dedicated resistor in the output circuit. For a voltage drop 0.3 V across VS and SC or across ground and SC, all outputs are turned off after the turn-OFF delay (brief glitches on the outputs or the charging of line capacitances therefore do not trigger the short-circuit protection). After a pause about 200 times the turn-off delay, the outputs turn-ON again. If the short-circuit is still present, the turnOFF cycle will start up anew.
Semiconductor Group
6
TCA 505 BG
Both the internal output stages and externally connected output stages can be protected against sustained short-circuits or overload. A limiting of the output current is an externally connected output stage during the turn-off delay must be ensured. Normally the current limiting by the of the output transistor is sufficient, meaning that no further circuit devices are called for (see application circuits). The outputs Q1 to Q4 are already internally protected against overcurrent so that, in the case of a shortcircuit, the current will not exceed 250 mA. In order to prevent thermal overloads, the current-conducting output is to be connected to pin SC (see application circuit 4). Pins 8, 9, 10, 11; Outputs Q1, Q2, Q3, Q4 Q1 is the open collector, Q2 the open emitter of one output transistor, Q3 the open collector and Q4 the open emitter of the second output transistor in antiphase with the first output transistor (see operation schematic). Q1 and Q3 or Q2 and Q4 can be connected in parallel as required. The function of the outputs is ensured when the emitter potential of the output transistors (Q2, Q4) is between 0 V and the voltage on pin B. If B is not connected, the operating range of Q2 and Q4 extends to approx. VS - 2 V. For current setting on the outputs, see pin B. Pin 12; VS Outputs Q1 through Q4 are inhibited as long as the voltage on VS is below approx. 3.6 V. They are enabled between approx. 3.6 and 4 V, the basic function of the circuit is then ensured. During the turn-ON and turn-OFF of VS there are consequently no undesirable static states. The operating data and characteristics apply upwards from 4 V. See pin CD for the avoidance of erroneous pulses during oscillator buildup. Pin 13; VREF The internal stabilized voltage of the IC of approx. 2.9 V appears on this pin. A capacitor can be connected between VREF and ground to improve the noise immunity of the overall circuit function. If VREF is connected to VS, it is possible to operate the circuit in a supply- voltage range of 3.1 through 4.5 V. In this case VREF is no longer stabilized. The analog functions of the circuit e.g. switching distance, however, are then dependent on the supply voltage.
Semiconductor Group
7
TCA 505 BG
Pin 14; B This pin serves for limiting the base voltage of the internal output-stage transistors. If this pin is connected to VREF for example, it is possible to set a constant output current (IQ = VREF / external resistor) that is independent of the supply voltage by means of an external resistor across Q2 (or Q4) and ground (watch out for power dissipation!). Pin 15; CD A capacitor on this pin delays the activation of the outputs after the supply voltage is applied (turn-ON delay). In this way erroneous pulses are prevented on the output during buildup of the oscillator. If VS falls to less than 3.6 to 4 V, the outputs are not inhibited until after a turn-OFF delay time, this also being determined by CD. In this way the delayed turn-ON operation described above is suppressed if there are just short glitches (voltage dips) on VS. This is of particular advantage for large core diameters, because in such cases a relativity long turn-ON delay has to be selected and the delayed twin-on operation would otherwise be activated each time there was a brief voltage dip. The capacitor CD also sets the turn-off delay and the pause duration in short-circuit operation. The sample / pause ratio is approx. 1:200 (see pin SC). If these functions can be dispensed with, CD can remain open. Pin 16; VT If this pin is connected to + VS, the supply voltage of the IC (when used as a two-wire proximity switch) can be generated by switching the outputs. The quiescent current can then be kept low. This mode is primarily suitable for AC switches with power supply by phase-control. The switching of the outputs is made in a VS range of 6 to 8 V. At 8 V the outputs are turned on, until VS falls to 6 V. At 6 V the outputs are inhibited, until VS again reaches 8 V. In this mode VS should not exceed 14 V or fall below 4 V.
Semiconductor Group
8
TCA 505 BG
Absolute Maximum Ratings TA = - 40 to 110 C Parameter Supply voltage Output voltages B open B connected Output currents Voltage on VT Current on VREF Voltage on SC Current from RDi Current to RHys Voltage on B Storage temperature Thermal resistance (system - air) Junction temperature Capacitor
Symbol VS VQ1; VQ3 VQ2; VQ4 VQ2; VQ4 IQ1; IQ3 - IQ2; - IQ4 VT - IREF VSC - IRDi IRHy VSB Tstg Rth SA Tj Tj CV
Limit Values min. - 0.3 -1 -1 -1 0 0 - 0.3 0 0 0 0 - 0.3 - 55 max. 42 41 VS + 1 VB 60 60 14 100 VS 2 2 VS 110 110 110 150 50
Unit V V V V mA mA V
A
Test Condition
VQ2; VQ4 VS VQ2; VQ1; VQ4 < VQ3 does not apply to shortcircuit
V mA mA V C K/W C C nF P-DSO-16-1
max. 70.000 h applies to shortcircuit at the TCA 505 B only
Operating Range Supply voltage Ambient temperature Distance and Hysteresis resistance RDi and RHy in series RDi and RHy parallel Output voltage on Q2, Q4 B open B connected VS TA 4 3.1 - 40 40 4.5 110 V V C VREF = VS
RDi RHy RDi/RHy
300 0 300

VQ2; VQ4 VQ2; VQ4
- 0.3 - 0.3
VS - 2 VB
V V
Only the circuitry provided for passive components may be connected to pins LC, RDi, CI, CD Semiconductor Group 9
TCA 505 BG
Characteristics 4 V VS 40 V; TA = - 40 to 110 C Parameter Symbol Limit Values min. Power Supply (VS) Current consumption Normal mode (S1 = S2 = OFF) Two-wire operation S1 = ON, S2 = OFF 4 V VS 12 V Turn-ON threshold (outputs active) S1 = OFF Turn-OFF threshold (outputs disabled) S1 = OFF Hysteresis VTON1 - VTOFF1 S1 = OFF Oscillator (LC, RDi) Oscillator frequency Oscillator amplitude fOSC AOSC 0.8 3 MHz Vpp 1 1 IS IS 550 625 740 840
A A
Unit
typ.
max.
Test Circuit
1 1
VTON1
3.64
4
V
1
VTOFF1
3.0
3.6
V
1
VHy1
40
mV
1
Demodulator, Threshold Switch (CI, RHy) Threshold on CI Hysteresis on CI Current in CI Current from CI Switching frequency CI < 50 pF VCI VHyCI ICI - ICI fS 2 0.8 7 6 5 V V
A A
1 1 1 1 1 (L = 70 H)
kHz
Reference Voltage (VREF); Base Output Transistors Reference voltage IREF = 0 to 100 A Offset voltage VB = VQ2, 4 VB = VREF; IQ2, 4 = 5 mA VREF 2.65 2.9 3.10 V
VOB
110
155
mV
1
Semiconductor Group
10
TCA 505 BG
Characteristics (cont'd) 4 V VS 40 V; TA = - 40 to 110 C Parameter Symbol min. Two-Wire Regulator (VT) Turn-ON threshold (outputs active) S1 = ON Turn-ON threshold (outputs disabled) S1 = ON Hysteresis VTON2 - VTOFF2, S1 = ON VTON2 VTOFF2
Hy
2
Limit Values typ. max.
Unit
Test Circuit
6.7 5.0 1.6
8 6 2
9.3 7.0 2.4
V V V
1 1 1
Turn-ON, Turn-OFF and Short-Circuit Delay (CD) Turn-ON delay S1 = OFF Turn-OFF delay S1 = OFF; VS 3.6 V Shortcircuit turn-off delay S1 = OFF Shortcircuit pause S1 = OFF Outputs (Q1, Q2, Q3, Q4) Residual voltage Q1-Q2, Q3-Q4 SQ2 0-1 = ON, SQ4 0-1 = ON S1 = OFF IQ = 5 mA IQ = 60 mA IQ = 60 mA Reverse current on Q1, 3 Residual current on Q2, 4*) Q2, 4 conducting but Q1, 3 open In case of short-circuit output current Shortcircuit Detector (SC) Trigger level ref. to VS, S1 = OFF Trigger current S1 = OFF Trigger level ref. to ground S1 = OFF Trigger current S1 = OFF VSCS ISCS VSCO - ISCO 0.255 0.3 0.255 0.3 0.345 30 0.345 6 V
A
tDON tVA tSC tP
0.49 17.0 1.70 0.36
0.65 25 2.5 0.5
0.82 34.0 3.40 0.65
ms/nF 2
s/nF s/nF
2 2
ms/nF 2
VQRes
VQR VQR VQR IQR IQres IQSC
0.10 0.14 0.5 0.99 VS - 2.2 VS -1.8 10 50 300 500
V V V
A A
1 1 1 1 1
mA
1 1 1 1
V
A
Semiconductor Group
11
TCA 505 BG
Diagrams Temperature Response of Switching Point
Resistor RLC is set in each case so that the TCA 505 B just switches from D2 to D1. In this way the TCA 505 B, together with a suitably dimensioned resonant circuit, can form a proximity switch that exhibits a very good temperature coefficient ( 2.5 %) over the entire temperature range and without any kind of extra external wiring.
Semiconductor Group
12
TCA 505 BG
Diagrams Reference Voltage versus Junction Temperature Tj
Current Consumption versus Junction Temperature Tj
Switching Amplitude versus Frequency f
Semiconductor Group
13
TCA 505 BG
Test Circuit 1
Test Circuit 2
Semiconductor Group
14
TCA 505 BG
For explanation see under "Pin Function"
Application Circuit 1 Input Circuitry (Use of pins LC, RDi, RHy, CI)
Semiconductor Group
15
TCA 505 BG
Application Circuit 2 Output Circuitry (Use of pins VREF, B, SC, Q1 through Q4, CD)
P-switch, short-circuit-proof, LED indicator, configurable as normally closed or normally open Short-circuit-current sampling: RSC = 0.3 V max. load current 2.9 V - VLED max. base current
Constant base current: 1)
RQ
=
For dimensioning of CD see characteristics. CD is usually between 1 and 10 nF. Filtering of VREF is for noise immunity. CREF can be 10 nF for example.
1)
When IQ > 10 mA, a resistor RREF on pin VREF will improve the constant current operation.
Semiconductor Group
16
TCA 505 BG
Application Circuit 3 Output Circuitry (Use of pins VREF, B, SC, Q1 through Q4, CD)
N-switch, short-circuit-proof, LED indicator, configurable as normally closed or normally open Short-circuit-current sampling: RSC = 0.3 V max. load current 2V max. base current + IRR
Constant base current: 1)
RQ
=
For dimensioning of CD see characteristics. CD is usually between 1 and 10 nF. Filtering of VREF is for noise immunity. CREF can be 10 nF for example. RREF serves for discharging residual current of outputs Q2, 4.
1)
When IQ > 10 mA, a resistor RREF on pin VREF will improve the constant current operation.
Semiconductor Group
17
TCA 505 BG
Application Circuit 4 Output Circuitry (Use of pins SC, Q1 to Q4, CD)
P-switch, short-circuit-proof, configurable as normally closed or normally open
Short-circuit-current sampling:
RSC =
0.3 V max. load current
During the sampling time, the short-circuit current within the IC is limited to a maximum of 250 mA. For dimensioning of CV, see characteristics. CD is usually between 1 and 10 nF.
Semiconductor Group
18


▲Up To Search▲   

 
Price & Availability of TCA505B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X