Part Number Hot Search : 
APM3007N 100GP MCF5307 C5000 29F400BT RS804 FN4724 24008
Product Description
Full Text Search
 

To Download TC647 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M
Features
* Temperature Proportional Fan Speed for Acoustic Control and Longer Fan Life * Efficient PWM Fan Drive * 3.0V to 5.5V Supply Range: - Fan Voltage Independent of TC647 Supply Voltage - Supports any Fan Voltage * FanSenseTM Technology Fault Detection Circuits Protect Against Fan Failure and Aid System Testing * Shutdown Mode for "Green" Systems * Supports Low Cost NTC/PTC Thermistors * Space Saving 8-Pin MSOP Package
TC647
Package Types
SOIC/PDIP/MSOP
VIN CF VMIN GND 1 2 3 4 8 VDD VOUT FAULT SENSE
PWM Fan Speed Controller with FanSenseTM Technology
TC647
7 6 5
General Description
The TC647 is a switch mode, fan speed controller for use with brushless DC fans. Temperature proportional speed control is accomplished using pulse width modulation (PWM). A thermistor (or other voltage output temperature sensor) connected to VIN furnishes the required control voltage of 1.25V to 2.65V (typical) for 0% to 100% PWM duty cycle. Minimum fan speed is set by a simple resistor divider on the VMIN input. An integrated Start-up Timer ensures reliable motor startup at turn-on, coming out of shutdown mode or following a transient fault. A logic low applied to V MIN (Pin 3) causes fan shutdown. The TC647 also features Microchip Technology's proprietary FanSenseTM technology for increasing system reliability. In normal fan operation, a pulse train is present at SENSE (Pin 5). A missing pulse detector monitors this pin during fan operation. A stalled, open or unconnected fan causes the TC647 to trigger its Start-up Timer once. If the fault persists, the FAULT output goes low and the device is latched in its shutdown mode. The TC647 is available in the 8-pin plastic DIP, SOIC and MSOP packages and is available in the industrial and extended commercial temperature ranges.
Applications
* * * * * * Power Supplies Personal Computers File Servers Telecom Equipment UPSs, Power Amps General Purpose Fan Speed Control
Available Tools
* Fan Controller Demonstration Board (TC642DEMO) * Fan Controller Evaluation Kit (TC642EV)
2002 Microchip Technology Inc.
DS21447C-page 1
TC647
Functional Block Diagram
VIN
-
VDD
+ - + SHDN
Control Logic
VOUT
CF 3 x TPWM Timer Clock Generator VMIN VSHDN Start-up Timer FAULT
+ -
Missing Pulse Detect.
TC647
+ GND 70mV (typ.)
DS21447C-page 2
-
10k
SENSE
2002 Microchip Technology Inc.
TC647
1.0 ELECTRICAL CHARACTERISTICS
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings*
Supply Voltage ......................................................... 6V Input Voltage, Any Pin.... (GND - 0.3V) to (VDD +0.3V) Package Thermal Resistance: PDIP (RJA)............................................. 125C/W SOIC (RJA) ............................................ 155C/W MSOP (R JA) .......................................... 200C/W Specified Temperature Range ........... -40C to +125C Storage Temperature Range.............. -65C to +150C
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise specified, TMIN < TA < TMAX, VDD = 3.0V to 5.5V. Symbol VDD IDD IDD(SHDN) IIN VOUT Output tR tF tSHDN IOL IOH VIN , VMIN Inputs VC(MAX) VC(SPAN) VSHDN VREL Input Voltage at VIN or VMIN for 100% PWM Duty Cycle VC(MAX) - VC(MIN) Voltage Applied to VMIN to Ensure Shutdown Mode Voltage Applied to VMIN to Release Shutdown Mode 2.5 1.3 -- VDD x 0.19 2.65 1.4 -- -- 2.8 1.5 VDD x 0.13 -- V V V V VDD = 5V VOUT Rise Time VOUT Fall Time Pulse Width (On VMIN ) to Clear Fault Mode Sink Current at VOUT Output Source Current at VOUT Output -- -- 30 1.0 5.0 -- -- -- -- -- 50 50 -- -- -- sec sec sec mA mA IOH = 5 mA, Note 1 IOL = 1 mA, Note 1 VSHDN, VHYST Specifications, Note 1 VOL = 10% of VDD VOH = 80% of VDD Parameter Supply Voltage Supply Current, Operating Supply Current, Shutdown Mode VIN , VMIN Input Leakage Min 3.0 -- -- - 1.0 Typ -- 0.5 25 -- Max 5.5 1 -- +1.0 Units V mA A A Pins 6, 7 Open, CF = 1 F, VIN = VC(MAX) Pins 6, 7 Open, CF = 1 F, VMIN = 0.35V Note 1 Test Conditions
Pulse Width Modulator FPWM SENSE Input VTH(SENSE) FAULT Output VOL tMP tSTARTUP tDIAG Output Low Voltage Missing Pulse Detector Timer Start-up Timer Diagnostic Timer -- -- -- -- -- 32/F 32/F 3/F 0.3 -- -- -- V Sec Sec Sec IOL = 2.5 mA SENSE Input Threshold Voltage with Respect to GND 50 70 90 mV Note 1 PWM Frequency 26 30 34 Hz CF = 1.0 F
Note 1: Ensured by design, not tested.
2002 Microchip Technology Inc.
DS21447C-page 3
TC647
2.0 PIN DESCRIPTIONS
2.3 Analog Input (VMIN)
The descriptions of the pins are listed in Table 2-1. An external resistor divider connected to the V MIN input sets the minimum fan speed by fixing the minimum PWM duty cycle (1.25V to 2.65V = 0% to 100%, typical). The TC647 enters shutdown mode when VMIN VSHDN. During shutdown, the FAULT output is inactive and supply current falls to 25 A (typical). The TC647 exits shutdown mode when VMIN VREL. See Section 5.0, "Typical Applications", for more details.
TABLE 2-1:
Pin No. 1 2 3 4 5 6 7 8 VIN CF VMIN GND
PIN FUNCTION TABLE
Description Analog Input Analog Output Analog Input Ground Terminal Analog Input Digital (Open Collector) Output Digital Output Power Supply Input
Symbol
2.4 2.5
Ground (GND) Analog Input (SENSE)
SENSE FAULT VOUT VDD
GND denotes the ground terminal.
2.1
Analog Input (VIN)
Pulses are detected at the SENSE pin as fan rotation chops the current through a sense resistor. The absence of pulses indicates a fault.
The thermistor network (or other temperature sensor) connects to the VIN input. A voltage range of 1.25V to 2.65V (typical) on this pin drives an active duty cycle of 0% to 100% on the VOUT pin.
2.6
Digital Output (FAULT)
2.2
Analog Output (CF)
CF is the positive terminal for the PWM ramp generator timing capacitor. The recommended CF is 1 F for 30 Hz PWM operation.
The FAULT line goes low to indicate a fault condition. When FAULT goes low due to a fan fault condition, the device is latched in shutdown mode until deliberately cleared or until power is cycled. FAULT may be connected to VMIN if a hard shutdown is desired.
2.7
Digital Output (VOUT)
VOUT is an active high complimentary output that drives the base of an external NPN transistor (via an appropriate base resistor) or the gate of an N-channel MOSFET. This output has asymmetrical drive (see Section 1.0, "Electrical Characteristics").
2.8
Power Supply Input (VDD)
VDD may be independent of the fan's power supply (see Section 1.0, "Electrical Characteristics").
DS21447C-page 4
2002 Microchip Technology Inc.
TC647
3.0
3.1
DETAILED DESCRIPTION
PWM
The PWM circuit consists of a ramp generator and threshold detector. The frequency of the PWM is determined by the value of the capacitor connected to the CF input. A frequency of 30 Hz is recommended (CF = 1 F). The PWM is also the time base for the Start-up Timer (see Section 3.3, "Start-Up Timer"). The PWM voltage control range is 1.25V to 2.65V (typical) for 0% to 100% output duty cycle.
CAUTION: Shutdown mode is unconditional. That is, the fan will not be activated regardless of the voltage at VIN. The fan should not be shut down until all heat producing activity in the system is at a negligible level.
3.5
SENSE Input (FanSenseTM Technology)
3.2
VOUT Output
The V OUT pin is designed to drive a low cost transistor or MOSFET as the low side power switching element in the system. Various examples of driver circuits will be shown throughout this data sheet. This output has an asymmetric complimentary drive and is optimized for driving NPN transistors or N-channel MOSFETs. Since the system relies on PWM rather than linear control, the power dissipation in the power switch is kept to a minimum. Generally, very small devices (TO-92 or SOT packages) will suffice.
The SENSE input (Pin 5) is connected to a low value current sensing resistor in the ground return leg of the fan circuit. During normal fan operation, commutation occurs as each pole of the fan is energized. This causes brief interruptions in the fan current, seen as pulses across the sense resistor. If the device is not in shutdown mode, and pulses are not appearing at the SENSE input, a fault exists. The short, rapid change in fan current (high dI/dt) causes a corresponding dV/dt across the sense resistor, RSENSE. The waveform on R SENSE is differentiated and converted to a logic-level, pulse-train by CSENSE and the internal signal processing circuitry. The presence and frequency of this pulse-train is a direct indication of fan operation. See Section 5.0, "Typical Applications", for more details.
3.3
Start-Up Timer
To ensure reliable fan start-up, the Start-up Timer turns the VOUT output on for 32 cycles of the PWM whenever the fan is started from the off state. This occurs at power up and when coming out of shutdown mode. If the PWM frequency is 30 Hz (CF = 1 F), the resulting start-up time will be approximately one second. If a fault is detected, the Diagnostic Timer is triggered once, followed by the Start-up Timer. If the fault persists, the device is shut down (see Section 3.6, "FAULT Output").
3.6
FAULT Output
3.4
Shutdown Control (Optional)
If VMIN (Pin 3) is pulled below VSHDN, the TC647 will go into shutdown mode. This can be accomplished by driving VMIN with an open-drain logic signal or using an external transistor, as shown in Figure 3-1. All functions are suspended until the voltage on V MIN becomes higher than V REL (0.85V @ V DD = 5.0V). Pulling V MIN below VSHDN will always result in complete device shutdown and reset. The FAULT output is unconditionally inactive in shutdown mode. A small amount of hysteresis, typically one percent of VDD (50 mV at VDD = 5.0V), is designed into the VSHDN/ VREL threshold. The levels specified for VSHDN and VREL in Section 1.0, "Electrical Characteristics", include this hysteresis plus adequate margin to account for normal variations in the absolute value of the threshold and hysteresis.
Pulses appearing at SENSE due to the PWM turning on are blanked with the remaining pulses being filtered by a missing pulse detector. If consecutive pulses are not detected for 32 PWM cycles (1 Sec if CF = 1 F), the Diagnostic Timer is activated and VOUT is driven high continuously for three PWM cycles (100 msec if CF = 1 F). If a pulse is not detected within this window, the Start-up Timer is triggered (see Section 3.3, "StartUp Timer"). This should clear a transient fault condition. If the missing pulse detector times out again, the PWM is stopped and FAULT goes low. When FAULT is activated due to this condition, the device is latched in shutdown mode and will remain off indefinitely. Note: At this point, action must be taken to restart the fan by momentarily pulling VMIN below VSHDN, or cycling system power. In either case, the fan cannot remain disabled due to a fault condition as severe system damage could result. If the fan cannot be restarted, the system should be shut down.
The TC647 may be configured to continuously attempt fan restarts, if so desired.
2002 Microchip Technology Inc.
DS21447C-page 5
TC647
Continuous restart mode is enabled by connecting the FAULT output to VMIN through a 0.1 F capacitor, as shown in Figure 3-1. When so connected, the TC647 automatically attempts to restart the fan whenever a fault condition occurs. When the FAULT output is driven low, the VMIN input is momentarily pulled below VSHDN, initiating a reset and clearing the fault condition. Normal fan start-up is then attempted as previously described. The FAULT output may be connected to external logic (or the interrupt input of a microcontroller) to shut the TC647 down if multiple fault pulses are detected at approximately one second intervals.
+5V 10 k
C1
0.01F
+5V 1 k
CB 1F
+12V
TC647
RESET
From Temp Sensor +5V
8 1
Fan
VIN
VDD
FAULT
6
1 0
Q1
TC647
R3
Fault Detected
RBASE
VOUT
3V MIN CB
7
From System Shutdown Controller
R1
Q2
0.01 F 2
SENSE CF GND 4
5
CSENSE
(Optional)
R4
CF 1 F
RSENSE
Note: The parallel combination of R3 and R4 must be >10 k.
FIGURE 3-1:
Fan Fault Output Circuit.
DS21447C-page 6
2002 Microchip Technology Inc.
TC647
4.0 SYSTEM BEHAVIOR
4.3 Fan Fault
The flowcharts describing the TC647's behavioral algorithm are shown in Figure 4-1. They can be summarized as follows: Fan Fault is an infinite loop wherein the TC647 is latched in shutdown mode. This mode can only be released by a reset (i.e., VMIN being brought below VSHDN, then above VREL, or by power cycling). (1) While in this state, FAULT is latched on (low) and the VOUT output is disabled. (2) A reset sequence applied to the VMIN pin will exit the loop to Power-up. (3) End.
4.1
Power-Up
(1) Assuming the device is not being held in shutdown mode (VMIN > V REL)... (2) Turn VOUT output on for 32 cycles of the PWM clock. This ensures that the fan will start from a dead stop. (3) During this Start-up Timer, if a fan pulse is detected, branch to Normal Operation; if none are received... (4) Activate the 32-cycle Start-up Timer one more time and look for fan pulse; if a fan pulse is detected, proceed to Normal Operation; if none are received... (5) Proceed to Fan Fault. (6) End.
4.2
Normal Operation
Normal Operation is an endless loop which may only be exited by entering shutdown mode or Fan Fault. The loop can be thought of as executing at the frequency of the oscillator and PWM. (1) Reset the missing pulse detector. (2) Is TC647 in shutdown? If so... a. V OUT duty cycle goes to zero. b. FAULT is disabled. c. Exit the loop and wait for VMIN > VREL to resume operation (indistinguishable from Power-up). (3) Drive VOUT to a duty cycle proportional to greater of V IN and VMIN on a cycle by cycle basis. (4) If a fan pulse is detected, branch back to the start of the loop (1). (5) If the missing pulse detector times out ... (6) Activate the 3-cycle Diagnostic Timer and look for pulses; if a fan pulse is detected, branch back to the start of the loop (1); if none are received... (7) Activate the 32-cycle Start-up Timer and look for pulses; if a fan pulse is detected, branch back to the start of the loop (1); if none are received... (8) Quit Normal Operation and go to Fan Fault. (9) End.
2002 Microchip Technology Inc.
DS21447C-page 7
TC647
Power-Up Normal Operaton
Power-on Reset FAULT = 1 Yes VMIN < VSHDN No Shutdown VOUT = 0 No VMIN > VREL? Yes Fire Start-up Timer (1 SEC)
Clear Missing Pulse Detector
Yes VMIN < VSHDN? No
Shutdown VOUT = 0 No VMIN > VREL Yes Power-up
Fan Fault Detected?
Yes
Fire Start-up Timer YES (1 SEC)
Yes No Normal Operation
Fan Pulse Detected? No Fan Fault
VOUT Proportional to Greater of VIN or VMIN
Yes
Fan Pulse Detected?
No
Fan Fault
No
M.P.D. Expired?
Yes Fire Diagnostic Timer (100msec) No Fan Pulse Detected?
FAULT = 0, VOUT = 0 Yes
No VMIN < VSHDN? Yes Yes VMIN > VREL? Yes Power-up No No Cycling Power?
Fire Start-up Timer (1 SEC)
Yes
Fan Pulse Detected? No Fan Fault
FIGURE 4-1:
TC647 Behavioral Algorithm Flowchart.
DS21447C-page 8
2002 Microchip Technology Inc.
TC647
5.0 TYPICAL APPLICATIONS
Designing with the TC647 involves the following: (1) The temp sensor network must be configured to deliver 1.25V to 2.65V on VIN for 0% to 100% of the temperature range to be regulated. (2) The minimum fan speed (V MIN) must be set. (3) The output drive transistor and associated circuitry must be selected. (4) The SENSE network, RSENSE and CSENSE, must be designed for maximum efficiency while delivering adequate signal amplitude. (5) If shutdown capability is desired, the drive requirements of the external signal or circuit must be considered.
+5V* +12V
The TC642 demonstration and prototyping board (TC642DEMO) and the TC642 Evaluation Kit (TC642EV) provide working examples of TC647 circuits and prototyping aids. The TC642DEMO is a printed circuit board optimized for small size and ease of inclusion into system prototypes. The TC642EV is a larger board intended for benchtop development and analysis. At the very least, anyone contemplating a design using the TC647 should consult the documentation for both TC642EV and (DS21403) and TC642DEMO (DS21401). Figure 5-1 shows the base schematic for the TC642DEMO.
CB 1 F R1 NTC 8 1 CB 0.01 F FAULT VIN VDD 6 Fan Fault Shutdown RBASE
Fan
R2
Q1
TC647
R3 3 CB 0.01 F Shutdown R4 (Optional) VMIN VOUT
7
5 2 CF GND 4 SENSE CSENSE RSENSE
CF 1 F
Note: *See cautions regarding latch-up considerations in Section 5.0, "Typical Applications".
FIGURE 5-1:
Typical Application Circuit.
2002 Microchip Technology Inc.
DS21447C-page 9
TC647
5.1
Temperature Sensor Design
EQUATION
VDD x R2 RTEMP (T1) + R2 VDD x R2 RTEMP (T2) + R2 = V(T1)
The temperature signal connected to VIN must output a voltage in the range of 1.25V to 2.65V (typical) for 0% to 100% of the temperature range of interest. The circuit in Figure 5-2 illustrates a convenient way to provide this signal.
VDD IDIV
= V(T2)
Where T1 and T2 are the chosen temperatures and RTEMP is the parallel combination of the thermistor and R1. These two equations facilitate solving for the two unknown variables, R1 and R2. More information about Thermistors may be obtained from AN679, "Temperature Sensing Technologies", and AN685, "Thermistors in Single Supply Temperature Sensing Circuits", which can be downloaded from Microchip's website at www.microchip.com.
RT1 NTC Thermistor 100 k @ 25C
R1 = 100 k VIN
R2 = 23.2 k
5.2
Minimum Fan Speed
FIGURE 5-2: Circuit.
Temperature Sensing
Figure 5-2 illustrates a simple temperature dependent voltage divider circuit. RT1 is a conventional 100 k @ 25C NTC thermistor, while R1 and R 2 are standard resistors. The supply voltage, VDD, is divided between R2 and the parallel combination of RT1 and R1 (for convenience, the parallel combination of RT1 and R1 will be referred to as RTEMP). The resistance of the thermistor at various temperatures is obtained from the manufacturer's specifications. Thermistors are often referred to in terms of their resistance at 25C. Generally, the thermistor shown in Figure 5-2 is a non-linear device with a negative temperature coefficient (also called an NTC thermistor). In Figure 5-2, R1 is used to linearize the thermistor temperature response and R2 is used to produce a positive temperature coefficient at the VIN node. As an added benefit, this configuration produces an output voltage delta of 1.4V, which is well within the range of the V C(SPAN) specification of the TC647. A 100 k NTC thermistor is selected for this application in order to keep IDIV at a minimum. For the voltage range at VIN to be equal to 1.25V to 2.65V, the temperature range of this configuration is 0C to 50C. If a different temperature range is required from this circuit, R 1 should be chosen to equal the resistance value of the thermistor at the center of this new temperature range. It is suggested that a maximum temperature range of 50C be used with this circuit due to thermistor linearity limitations. With this change, R2 is adjusted according to the following equations:
A voltage divider on VMIN sets the minimum PWM duty cycle and, thus, the minimum fan speed. As with the VIN input, 1.25V to 2.65V corresponds to 0% to 100% duty cycle. Assuming that fan speed is linearly related to duty cycle, the minimum speed voltage is given by the equation:
EQUATION
VMIN = Minimum Speed Full Speed x (1.4V) + 1.25V
For example, if 2500 RPM equates to 100% fan speed, and a minimum speed of 1000 RPM is desired, then the VMIN voltage is:
EQUATION
VMIN = 1000 2500 x (1.4V) + 1.25V = 1.81V
The V MIN voltage may be set using a simple resistor divider as shown in Figure 5-3. Per Section 1.0, "Electrical Characteristics", the leakage current at the VMIN pin is no more than 1 A. It would be very conservative to design for a divider current, IDIV, of 100 A. If VDD = 5.0V then;
EQUATION
IDIV = 1e-4A = R1 + R2 = 5.0V R1 + R2 5.0V 1e-4A , therefore
= 50,000 = 50 k
DS21447C-page 10
2002 Microchip Technology Inc.
TC647
VDD
VOUT output is "off" most of the time. The fan may be rotating normally, but the commutation events are occurring during the PWM's off-time. The phase relationship between the fan's commutation and the PWM edges tends to "walk around" as the system operates. At certain points, the TC647 may fail to capture a pulse within the 32-cycle missing pulse detector window. When this happens, the 3-cycle Diagnostic Timer will be activated, the VOUT output will be active continuously for three cycles and, if the fan is operating normally, a pulse will be detected. If all is well, the system will return to normal operation. There is no harm in this behavior, but it may be audible to the user as the fan will accelerate briefly when the Diagnostic Timer fires. For this reason, it is recommended that VMIN be set no lower than 1.8V.
R1 IDIV
IIN VMIN
R2
GND
FIGURE 5-3:
VMIN Circuit.
5.4
We can further specify R1 and R 2 by the condition that the divider voltage is equal to our desired VMIN. This yields the following equation:
FanSenseTM Network (RSENSE and CSENSE)
EQUATION
VMIN = VDD x R2 R1 + R2
Solving for the relationship between R1 and R 2 results in the following equation:
EQUATION
R1 = R2 x VDD - VMIN VMIN
In this example, R1 = (1.762) R2. Substituting this relationship back into the previous equation yields the resistor values: R2 = 18.1 k R1 = 31.9 k In this case, the standard values of 31.6 k and 18.2 k are very close to the calculated values and would be more than adequate.
The FanSense network, comprised of RSENSE and CSENSE, allows the TC647 to detect commutation of the fan motor (FanSenseTM technology). This network can be thought of as a differentiator and threshold detector. The function of RSENSE is to convert the fan current into a voltage. CSENSE serves to AC-couple this voltage signal and provide a ground referenced input to the SENSE pin. Designing a proper SENSE network is simply a matter of scaling RSENSE to provide the necessary amount of gain (i.e., the current-to-voltage conversion ratio). A 0.1 F ceramic capacitor is recommended for CSENSE. Smaller values require larger sense resistors, and higher value capacitors are bulkier and more expensive. Using a 0.1 F results in reasonable values for RSENSE. Figure 5-4 illustrates a typical SENSE network. Figure 5-5 shows the waveforms observed using a typical SENSE network.
VDD
FAN
5.3
Operations at Low Duty Cycle
VOUT SENSE
RBASE
Q1
One boundary condition which may impact the selection of the minimum fan speed is the irregular activation of the Diagnostic Timer due to the TC647 "missing" fan commutation pulses at low speeds. This is a natural consequence of low PWM duty cycles (typically 25% or less). Recall that the SENSE function detects commutation of the fan as disturbances in the current through RSENSE. These can only occur when the fan is energized (i.e., VOUT is "on"). At very low duty cycles, the
CSENSE (0.1 F Typ.)
RSENSE
GND
FIGURE 5-4:
SENSE Network.
2002 Microchip Technology Inc.
DS21447C-page 11
TC647
5.5
Tek Run: 10.0kS/s Sample
[ T ]
Output Drive Transistor Selection
Waveform @ Sense Resistor 1 Waveform @ Sense Pin T 2 90mV 50mV GND GND
The TC647 is designed to drive an external transistor or MOSFET for modulating power to the fan. This is shown as Q1 in Figures 3-1, 5-1, 5-4, 5-6, 5-7, 5-8 and 5-9. The VOUT pin has a minimum source current of 5 mA and a minimum sink current of 1 mA. Bipolar transistors or MOSFETs may be used as the power switching element, as shown in Figure 5-7. When high current gain is needed to drive larger fans, two transistors may be used in a Darlington configuration. These circuit topologies are shown in Figure 5-7: (a) shows a single NPN transistor used as the switching element; (b) illustrates the Darlington pair; and (c) shows an Nchannel MOSFET. One major advantage of the TC647's PWM control scheme versus linear speed control is that the power dissipation in the pass element is kept very low. Generally, low cost devices in very small packages, such as TO-92 or SOT, can be used effectively. For fans with nominal operating currents of no more than 200 mA, a single transistor usually suffices. Above 200 mA, the Darlington or MOSFET solution is recommended. For the fan sensing function to work correctly, it is imperative that the pass transistor be fully saturated when "on". Table 5-2 gives examples of some commonly available transistors and MOSFETs. This table should be used as a guide only since there are many transistors and MOSFETs which will work just as well as those listed. The critical issues when choosing a device to use as Q 1 are: (1) the breakdown voltage (V(BR)CEO or VDS(MOSFET)) must be large enough to withstand the highest voltage applied to the fan (Note: This will occur when the fan is off); (2) 5 mA of base drive current must be enough to saturate the transistor when conducting the full fan current (transistor must have sufficient gain); (3) the VOUT voltage must be high enough to sufficiently drive the gate of the MOSFET to minimize the R DS(on) of the device; (4) rated fan current draw must be within the transistor's/MOSFET's current handling capability; and (5) power dissipation must be kept within the limits of the chosen device. A base-current limiting resistor is required with bipolar transistors. This is shown in Figure 5-6.
Ch1 100mV
Ch2
100mV
M5.00ms
Ch1
142mV
FIGURE 5-5:
SENSE Waveforms.
Table 5-1 lists the recommended values of RSENSE based on the nominal operating current of the fan. Note that the current draw specified by the fan manufacturer may be a worst-case rating for near-stall conditions and not the fan's nominal operating current. The values in Table 5-1 refer to actual average operating current. If the fan current falls between two of the values listed, use the higher resistor value. The end result of employing Table 5-1 is that the signal developed across the sense resistor is approximately 450 mV in amplitude.
TABLE 5-1:
50 100 150 200 250 300 350 400 450 500
R SENSE VS. FAN CURRENT
RSENSE () 9.1 4.7 3.0 2.4 2.0 1.8 1.5 1.3 1.2 1.0
Nominal Fan Current (mA)
DS21447C-page 12
2002 Microchip Technology Inc.
TC647
VDD
The correct value for this resistor can be determined as follows: VOH VRSENSE VRBASE = VRSENSE + VBE(SAT) + VRBASE = IFAN x RSENSE = RBASE x IBASE = IFAN / hFE
Fan
IBASE
RBASE VOH = 80% VDD + VR -
BASE
Q1 -
(SAT)
VOH is specified as 80% of VDD in Section 1.0, "Electrical Characteristics"; VBE(SAT) is given in the chosen transistor data sheet. It is now possible to solve for RBASE.
+ VBE
EQUATION
RSENSE
+ VRSENSE -
RBASE =
VOH - VBE(SAT) - V RSENSE IBASE
GND
FIGURE 5-6: R BASE.
Circuit For Determining
Some applications require the fan to be powered from the negative 12V supply to keep motor noise out of the positive voltage power supplies. As shown in Figure 5-8, zener diode D1 offsets the -12V power supply voltage, holding transistor Q1 off when VOUT is low. When VOUT is high, the voltage at the anode of D1 increases by VOUT causing Q1 to turn on. Operation is otherwise the same as the case of fan operation from +12V.
TABLE 5-2:
Device MMBT2222A MPS2222A MPS6602 SI2302 MGSF1N02E SI4410 SI2308
TRANSISTORS AND MOSFETS FOR Q1 (VDD = 5V)
Package SOT-23 TO-92 TO-92 SOT-23 SOT-23 SO-8 SOT-23 Max. VBE(sat)/VGS (V) 1.2 1.2 1.2 2.5 2.5 4.5 4.5 Min. HFE 50 50 50 NA NA NA NA VCEO/VDS (V) 40 40 40 20 20 30 60 Fan Current (mA) 150 150 500 500 500 1000 500 Suggested RBASE () 800 800 301 Note 1 Note 1 Note 1 Note 1
Note 1: A series gate resistor may be used in order to control the MOSFET turn-on and turn-off times.
2002 Microchip Technology Inc.
DS21447C-page 13
TC647
VDD
VDD
VDD
Fan
Fan
Fan
RBASE VOUT
Q1
RBASE
VOUT
Q1 Q2
VOUT
Q1
RSENSE
RSENSE
RSENSE
GND
GND
GND
a) Single Bipolar Transistor
b) Darlington Transistor Pair
C) N-Channel MOSFET
FIGURE 5-7:
+5V
Output Drive Transistor Circuit Topologies.
ing points can result in enough parasitic capacitance and/or inductance in the power supply connections to delay one power supply "routing" versus another.
VOUT
R2 * 2.2 k Fan D1 12.0V Zener
VDD
5.7
TC647
Power Supply Routing and Bypassing
Q1 * GND
R4 * 10 k
R3 * 2.2
-12V
*Note: Value depends on the specific application and is shown for example only.
FIGURE 5-8: -12V Supply.
Powering the Fan from a
Noise present on the VIN and VMIN inputs may cause erroneous operation of the FAULT output. As a result, these inputs should be bypassed with a 0.01 F capacitor mounted as close to the package as possible. This is particularly true of VIN, which is usually driven from a high impedance source (such as a thermistor). In addition, the VDD input should be bypassed with a 1 F capacitor. Ground should be kept as short as possible. To keep fan noise off the TC647 ground pin, individual ground returns for the TC647 and the low side of the fan current sense resistor should be used.
Design Example
Step 1. Calculate R1 and R2 based on using an NTC having a resistance of 10 k at TMIN (25C) and 4.65 k at TMAX (45C) (see Figure 5-9). R1 = 20.5 k R2 = 3.83 k Step 2. Set minimum fan speed VMIN = 1.8V. Limit the divider current to 100 A from which R5 = 33 k and R 6 = 18 k Step 3. Design the output circuit. Maximum fan motor current = 250 mA. Q 1 beta is chosen at 50 from which R7 = 800.
5.6
Latch-Up Considerations
As with any CMOS IC, the potential exists for latch-up if signals are applied to the device which are outside the power supply range. This is of particular concern during power-up if the external circuitry (such as the sensor network, VMIN divider or shutdown circuit) is powered by a supply different from that of the TC647. Care should be taken to ensure that the TC647's VDD supply powers up first. If possible, the networks attached to VIN and V MIN should connect to the VDD supply at the same physical location as the IC itself. Even if the IC and any external networks are powered by the same supply, physical separation of the connect-
DS21447C-page 14
2002 Microchip Technology Inc.
TC647
+5V +5V NTC CB + 10 k 1 F @ 25C 1 VIN CB 0.01 F +12V
R1 20.5 k
8
4
Fan
VDD
GND
6
R2 3.83 k +5V
FAULT
System Fault
Q1 R7 800
TC647
R5 33 k
3 CB 0.01 F 2
VOUT
7
VMIN SENSE CF
5
Fan Shutdown R8 10 k (Optional)
Q2
R6 18 k
CSENSE 0.1 F
C1 1 F
RSENSE 2.2
FIGURE 5-9:
Design Example.
5.8
TC647 as a Microcontroller Peripheral
In a system containing a microcontroller or other host intelligence, the TC647 can be effectively managed as a CPU peripheral. Routine fan control functions can be performed by the TC647 without controller intervention. The microcontroller receives temperature data from one or more points throughout the system. It calculates a fan operating speed based on an algorithm specifically designed for the application at hand. The processor controls fan speed using complimentary port bits I/O1 through I/O3. Resistors R1 through R6 (5% tolerance) form a crude 3-bit DAC that translates the 3-bit code from the controller or processor's outputs into a 1.6V DC control signal. A monolithic DAC or digital pot may be used instead of the circuit shown in Figure 5-10. With V MIN set to 1.8V, the TC647 has a minimum operating speed of approximately 40% of full rated speed when the processor's output code is 000[B]. Output codes 001[B] to 111[B] operate the fan from roughly 40% to 100% of full speed. An open-drain output from the processor I/O can be used to reset the TC647 following detection of a fault condition. The FAULT output can be connected to the processor's interrupt input, or to an I/O pin, for polled operation (see Figure 5-10).
2002 Microchip Technology Inc.
DS21447C-page 15
TC647
+5V Open-drain (RESET) (Optional) Outputs I/O0 R1 (MSB) 110 k R2 240 k R3 360 k (LSB) R5 1.5 k +5V R6 1 k R4 18 k R7 33 k +5V R8 18 k CB .01 F
+
+12V
+5V 1 VIN VDD 8 CB + 1 F R9 800 7 +5V R10 10 k 0.1 F
Fan
I/O1 Analog or Digital Temperature Data from one or more Sensors CMOS Outputs I/O2 I/O3
2 CF VOUT 1 F 3 CB .01 F 4
2N2222A
TC647
VMIN FAULT 6
CMOS Microcontroller
GND
SENSE
5
R11 2.2 GND INT
FIGURE 5-10:
TC647 as a Microcontroller Peripheral.
DS21447C-page 16
2002 Microchip Technology Inc.
TC647
6.0
6.1
PACKAGING INFORMATION
Package Marking Information
8-Lead PDIP (300 mil) XXXXXXXX NNN YYWW
Example: TC647VPA 025 0215
8-Lead SOIC (150 mil) XXXXXXXX YYWW NNN
Example: TC647VOA 0215 025
8-Lead MSOP
Example:
XXXXXX YWWNNN
TC647E 215025
Legend:
XX...X YY WW NNN
Customer specific information* Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code, traceability code (facility code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
2002 Microchip Technology Inc.
DS21447C-page 17
TC647
8-Lead Plastic Dual In-line (P) - 300 mil (PDIP)
E1
D 2 n 1 E
A
A2
c
L A1
eB
B1 p B
Number of Pins Pitch Top to Seating Plane Molded Package Thickness Base to Seating Plane Shoulder to Shoulder Width Molded Package Width Overall Length Tip to Seating Plane Lead Thickness Upper Lead Width Lower Lead Width Overall Row Spacing Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
Units Dimension Limits n p A A2 A1 E E1 D L c B1 B eB
MIN
INCHES* NOM 8 .100 .155 .130 .313 .250 .373 .130 .012 .058 .018 .370 10 10
MAX
MIN
.140 .115 .015 .300 .240 .360 .125 .008 .045 .014 .310 5 5
.170 .145 .325 .260 .385 .135 .015 .070 .022 .430 15 15
MILLIMETERS NOM 8 2.54 3.56 3.94 2.92 3.30 0.38 7.62 7.94 6.10 6.35 9.14 9.46 3.18 3.30 0.20 0.29 1.14 1.46 0.36 0.46 7.87 9.40 5 10 5 10
MAX
4.32 3.68 8.26 6.60 9.78 3.43 0.38 1.78 0.56 10.92 15 15
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MS-001 Drawing No. C04-018
DS21447C-page 18
2002 Microchip Technology Inc.
TC647
8-Lead Plastic Small Outline (SN) - Narrow, 150 mil (SOIC)
E E1
p D 2 B n 1
h 45x
c A
A2
f L A1
Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Chamfer Distance Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
Units Dimension Limits n p A A2 A1 E E1 D h L f c B
MIN
.053 .052 .004 .228 .146 .189 .010 .019 0 .008 .013 0 0
INCHES* NOM 8 .050 .061 .056 .007 .237 .154 .193 .015 .025 4 .009 .017 12 12
MAX
MIN
.069 .061 .010 .244 .157 .197 .020 .030 8 .010 .020 15 15
MILLIMETERS NOM 8 1.27 1.35 1.55 1.32 1.42 0.10 0.18 5.79 6.02 3.71 3.91 4.80 4.90 0.25 0.38 0.48 0.62 0 4 0.20 0.23 0.33 0.42 0 12 0 12
MAX
1.75 1.55 0.25 6.20 3.99 5.00 0.51 0.76 8 0.25 0.51 15 15
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MS-012 Drawing No. C04-057
2002 Microchip Technology Inc.
DS21447C-page 19
TC647
6.2 8-Lead Plastic Micro Small Outline Package (MS) (MSOP)
p
E E1
D 2 B n 1
A c A1
A2
(F)
L
Units Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Foot Length Footprint (Reference) Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom *Controlling Parameter Significant Characteristic Notes: Dimension Limits n p A A2 A1 E E1 D L F c B .030 .002 .184 .114 .114 .016 .035 0 .004 .010 MIN
INCHES NOM 8 .026 .044 .034 .193 .118 .118 .022 .037 .006 .012 7 7 .038 .006 .200 .122 .122 .028 .039 6 .008 .016 MAX MIN
MILLIMETERS* NOM 0.65 1.18 0.76 0.05 4.67 2.90 2.90 0.40 0.90 0 0.10 0.25 0.15 0.30 7 7 4.90 3.00 3.00 0.55 0.95 0.86 0.97 0.15 .5.08 3.10 3.10 0.70 1.00 6 0.20 0.40 MAX 8
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed. 010" (0.254mm) per side. Drawing No. C04-111
DS21447C-page 20
2002 Microchip Technology Inc.
TC647
6.3 Taping Form
Component Taping Orientation for 8-Pin SOIC (Narrow) Devices
User Direction of Feed
PIN 1
W
P Standard Reel Component Orientation for TR Suffix Device
Carrier Tape, Number of Components Per Reel and Reel Size
Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size
8-Pin SOIC (N)
12 mm
8 mm
2500
13 in
Component Taping Orientation for 8-Pin MSOP Devices
User Direction of Feed
PIN 1
W
P Standard Reel Component Orientation for TR Suffix Device
Carrier Tape, Number of Components Per Reel and Reel Size
Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size
8-Pin MSOP
12 mm
8 mm
2500
13 in
2002 Microchip Technology Inc.
DS21447C-page 21
TC647
NOTES:
DS21447C-page 22
2002 Microchip Technology Inc.
TC647
ON-LINE SUPPORT
Microchip provides on-line support on the Microchip World Wide Web site. The web site is used by Microchip as a means to make files and information easily available to customers. To view the site, the user must have access to the Internet and a web browser, such as Netscape(R) or Microsoft(R) Internet Explorer. Files are also available for FTP download from our FTP site.
SYSTEMS INFORMATION AND UPGRADE HOT LINE
The Systems Information and Upgrade Line provides system users a listing of the latest versions of all of Microchip's development systems software products. Plus, this line provides information on how customers can receive the most current upgrade kits.The Hot Line Numbers are: 1-800-755-2345 for U.S. and most of Canada, and 1-480-792-7302 for the rest of the world.
Connecting to the Microchip Internet Web Site
The Microchip web site is available at the following URL: www.microchip.com The file transfer site is available by using an FTP service to connect to: ftp://ftp.microchip.com The web site and file transfer site provide a variety of services. Users may download files for the latest Development Tools, Data Sheets, Application Notes, User's Guides, Articles and Sample Programs. A variety of Microchip specific business information is also available, including listings of Microchip sales offices, distributors and factory representatives. Other data available for consideration is: * Latest Microchip Press Releases * Technical Support Section with Frequently Asked Questions * Design Tips * Device Errata * Job Postings * Microchip Consultant Program Member Listing * Links to other useful web sites related to Microchip Products * Conferences for products, Development Systems, technical information and more * Listing of seminars and events
092002
2002 Microchip Technology Inc.
DS21447C-page23
TC647
READER RESPONSE
It is our intention to provide you with the best documentation possible to ensure successful use of your Microchip product. If you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation can better serve you, please FAX your comments to the Technical Publications Manager at (480) 792-4150. Please list the following information, and use this outline to provide us with your comments about this document. To: RE: Technical Publications Manager Reader Response Total Pages Sent ________
From: Name Company Address City / State / ZIP / Country Telephone: (_______) _________ - _________ Application (optional): Would you like a reply? Device: TC647 Questions: 1. What are the best features of this document? Y N Literature Number: DS21447C FAX: (______) _________ - _________
2. How does this document meet your hardware and software development needs?
3. Do you find the organization of this document easy to follow? If not, why?
4. What additions to the document do you think would enhance the structure and subject?
5. What deletions from the document could be made without affecting the overall usefulness?
6. Is there any incorrect or misleading information (what and where)?
7. How would you improve this document?
DS21447C-page24
2002 Microchip Technology Inc.
TC647
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device X Temperature Range /XX Package Examples:
a) b)
Device: Temperature Range: TC647: V E PWM Fan Speed Controller w/Fault Detection
TC647VOA: PWM Fan Speed Controller w/ Fault Detection, SOIC package. TC647VUA: PWM Fan Speed Controller w/ Fault Detection, MSOP package. TC647VPA: PWM Fan Speed Controller w/ Fault Detection, PDIP package. TC647EOATR: PWM Fan Speed Controller w/Fault Detection, SOIC package, Tape and Reel.
c) d)
= 0C to +85C = -40C to +85C
Package:
PA = Plastic DIP (300 mil Body), 8-lead * OA = Plastic SOIC, (150 mil Body), 8-lead UA = Plastic Micro Small Outline (MSOP), 8-lead * PDIP package is only offered in the V temp range
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
2002 Microchip Technology Inc.
DS21447C-page25
TC647
NOTES:
DS21447C-page 26
2002 Microchip Technology Inc.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, KEELOQ, MPLAB, PIC, PICmicro, PICSTART and PRO MATE are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. FilterLab, microID, MXDEV, MXLAB, PICMASTER, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. dsPIC, dsPICDEM.net, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICC, PICDEM, PICDEM.net, rfPIC, Select Mode and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2002, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved.
Printed on recycled paper.
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999 and Mountain View, California in March 2002. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, non-volatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
2002 Microchip Technology Inc.
DS21447C - page 27
M
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
ASIA/PACIFIC
Australia
Microchip Technology Australia Pty Ltd Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Japan
Microchip Technology Japan K.K. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Rocky Mountain
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-4338
China - Beijing
Microchip Technology Consulting (Shanghai) Co., Ltd., Beijing Liaison Office Unit 915 Bei Hai Wan Tai Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5934
Atlanta
500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
China - Chengdu
Microchip Technology Consulting (Shanghai) Co., Ltd., Chengdu Liaison Office Rm. 2401, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-86766200 Fax: 86-28-86766599
Taiwan
Microchip Technology (Barbados) Inc., Taiwan Branch 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
China - Fuzhou
Microchip Technology Consulting (Shanghai) Co., Ltd., Fuzhou Liaison Office Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
EUROPE
Austria
Microchip Technology Austria GmbH Durisolstrasse 2 A-4600 Wels Austria Tel: 43-7242-2244-399 Fax: 43-7242-2244-393
China - Shanghai
Microchip Technology Consulting (Shanghai) Co., Ltd. Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Kokomo
2767 S. Albright Road Kokomo, Indiana 46902 Tel: 765-864-8360 Fax: 765-864-8387
Denmark
Microchip Technology Nordic ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
China - Shenzhen
Microchip Technology Consulting (Shanghai) Co., Ltd., Shenzhen Liaison Office Rm. 1315, 13/F, Shenzhen Kerry Centre, Renminnan Lu Shenzhen 518001, China Tel: 86-755-2350361 Fax: 86-755-2366086
New York
150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335
France
Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
China - Hong Kong SAR
Microchip Technology Hongkong Ltd. Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Germany
Microchip Technology GmbH Steinheilstrasse 10 D-85737 Ismaning, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
India
Microchip Technology Inc. India Liaison Office Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
Italy
Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883
United Kingdom
Microchip Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820
08/01/02
DS21447C-page 28
2002 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of TC647

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X