|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WTE POWER SEMICONDUCTORS TC2500 - TC2504 25A 5/16" TIN CAN TYPE PRESS-FIT DIODE Features ! Glass Passivated Die Construction ! Low Leakage ! Low Cost ! High Surge Current Capability ! Typical IR less than 10A D Mechanical Data C ! ! ! Case: All Copper Case and Components Hermetically Sealed Terminals: Contact Areas Readily Solderable Polarity: Cathode to Case(Reverse Units Are Available Upon Request and Are Designated By An "R" Suffix, i.e. TC2502R or TC2504R) Polarity: Red Color Equals Standard, Black Color Equals Reverse Polarity Mounting Position: Any E B Tin Can Dim Min Max A 8.70 8.75 B 6.35 6.40 C 10.45 10.50 D 1.45 1.49 E 27.60 -- All Dimensions in mm ! ! A Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 150C Symbol VRRM VRWM VR VR(RMS) IO @TA=25C unless otherwise specified TC2500 TC2501 TC2502 TC2503 TC2504 Unit 50 35 100 70 200 140 25 300 210 400 280 V V A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 1) Typical Thermal Resistance Junction to Case (Note 2) Operating and Storage Temperature Range @IF = 50A @TA = 25C @TA = 100C IFSM VFM IRM Cj RJC TJ, TSTG 400 1.0 10 500 300 1.0 -65 to +175 A V A pF K/W C Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance: Junction to case, single side cooled. TC2500 - TC2504 1 of 2 (c) 2002 Won-Top Electronics ORDERING INFORMATION Product No. TC2500 TC2501 TC2502 TC2503 TC2504 Package Type Press Fit Press Fit Press Fit Press Fit Press Fit Shipping Quantity 100 Units/Tray 100 Units/Tray 100 Units/Tray 100 Units/Tray 100 Units/Tray Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. (c) 2002 Won-Top Electronics TC2500 - TC2504 2 of 2 |
Price & Availability of TC2500 |