Part Number Hot Search : 
FZT788 LT3032 AAT31 35391 HVM11 2SC2295 2N649 104KA
Product Description
Full Text Search
 

To Download TC07-11EWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
TA07-11EWA/GWA/YWA/SRWA TC07-11EWA/GWA/YWA/SRWA
Features
!0.7
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
INCH MATRIX HEIGHT. SIZE 2mm. CURRENT OPERATION. WITH ASCII AND EBCDIC CODES. VERTICALLY AND HORIZONTALLY.
!DOT !LOW
!COMPATIBLE !STACKABLE !COLUMN
CATHODE AND COLUMN ANODE
AVAILABLE.
!EASY
MOUNTING ON P.C. BOARDS OR SOCKETS. FOR LUMINOUS INTENSITY, RUGGED.
!CATEGORIZED
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!MECHANICALLY !STANDARD:
GRAY FACE, WHITE DOT.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change whitout notice.
SPEC NO: CDA0874 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 1 OF 5
Selection Guide
Par t No . TA07-11EWA TC07-11EWA TA07-11GWA TC07-11GWA TA07-11YWA TC07-11YWA TA07-11SRWA TC07-11SRWA Dic e Iv (u c d ) @ 10 m A Min . HIGH EFFICIENCY RED (GaAsP/GaP) GREEN (GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT RED (GaAlAs) 3 0 00 3000 1900 8000 Ty p . 800 0 800 0 4700 24000
D es c r i p t i o n Column Anode Column Cathode Column Anode Column Cathode Column Anode Column Cathode Column Anode Column Cathode
Electrical / Optical Characteristics at T)=25C
Sy m b o l Par am et er D ev i c e High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red Ty p . 627 565 590 660 625 568 588 640 45 30 35 20 15 15 20 45 2.0 2.2 2.1 1.85 2.5 2.5 2.5 2.5 10 Max . Un it s Tes t Co n d it io n s
peak
Peak Wavelength
nm
IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
High Efficiency Red Spectral Line Halfwidth Green Yellow Super Bright Red Capacitance High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red All
nm
IF=20mA
C
pF
VF=0V;f=1MHz
VF IR
Forward Voltage
V
IF=20mA
Reverse Current
uA
V R = 5V
SPEC NO: CDA0874 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 2 OF 5
Absolute Maximum Ratings at T)=25C
Par am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
H i g h E f f i c i en c y R ed 105 30 160 5
Gr een 105 25 140 5
Yello w 10 5 30 140 5 -40C To +85C 260C For 5 Seconds
S u p er B r i g h t R ed 100 30 15 5 5
Un it s mW mA mA V
High Efficiency Red
SPEC NO: CDA0874 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 3 OF 5
Green
Yellow
SPEC NO: CDA0874 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 4 OF 5
Super Bright Red
SPEC NO: CDA0874 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 5 OF 5


▲Up To Search▲   

 
Price & Availability of TC07-11EWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X