Part Number Hot Search : 
RLP731E 25F10 CAR6AC 24C04Y ON0970 SG5774F AT91SA LA73B
Product Description
Full Text Search
 

To Download TC04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC04A TC04B TC05A TC05B LOW POWER, BANDGAP VOLTAGE REFERENCES
FEATURES
s s Temperature Coefficient ......................... 50ppm/C Wide Operating Current Range TC04 ............................................ 15A to 20mA TC05 ............................................ 20A to 20mA Dynamic Impedance ............................................ 1 Output Tolerance ........................................ Typ. 2% Output Voltage Option TC04 ...........................................................1.25V TC05 ............................................................. 2.5V TO-92 Plastic Package 8-Pin Plastic Narrow Body SOIC Package
1
GENERAL DESCRIPTION
The TC04 (1.25V output) and TC05 (2.5V output) bipolar, two-terminal, bandgap voltage references offer precision performance without premium price. These devices do not require thin-film resistors, greatly lowering manufacturing complexity and cost. A 50ppm/C output temperature coefficient and 15A to 20mA operating current range make these devices attractive for multimeter, data acquisition converter, and telecommunication voltage references. PIN CONFIGURATIONS
2 3 4 5 6
s s s
s s
APPLICATIONS
s s s s s ADC and DAC Reference Current Source Generation Threshold Detectors Power Supplies Multimeters
TO-92-2 Plastic (BOTTOM VIEW) 8-Pin Plastic SOIC
NC 1 NC 2 NC 3 1 2 -IN 4 8 NC 7 NC 6 +IN 5 NC
NC = NO INTERNAL CONNECTION
TC04ACZM TC04BCZM TC05ACZM TC05BCZM
TC04ACOA TC04BCOA TC05ACOA TC05BCOA
ORDERING INFORMATION
Part No. TC04ACOA TC04ACZM TC04BCOA TC04BCZM TC05ACOA TC05ACZM TC05BCOA TC05BCZM Package 8-Pin SOIC TO-92-2 8-Pin SOIC TO-92-2 8-Pin SOIC TO-92-2 8-Pin SOIC TO-92-2 Temperature Range 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C Voltage 1.25V 1.25V 1.25V 1.25V 2.5V 2.5V 2.5V 2.5V Max. Temperature Coefficient 50ppm/C 50ppm/C 100ppm/C 100ppm/C 50ppm/C 50ppm/C 100ppm/C 100ppm/C
7
8
TC04/5-6 8/23/96
TELCOM SEMICONDUCTOR, INC.
3-5
TC04A TC04B TC05A TC05B
ABSOLUTE MAXIMUM RATINGS*
Forward Current .................................................... +10mA Reverse Current .................................................... +30mA Storage Temperature Range ................ - 65C to +150C Operating Temperature Range TO-92 Package ..................................... 0C to +70C Surface Mount Package ........................ 0C to +70C
LOW POWER, BANDGAP VOLTAGE REFERENCES
Lead Temperature (Soldering, 10 sec) TO-92 Package .............................................. +300C Surface Mount Package ................................. +300C Power Dissipation ............................. Limited by Forward/ Reverse Current
*Functional operation above the absolute maximum stress ratings is not implied.
ELECTRICAL CHARACTERISTICS: TA = +25C, unless otherwise specified.
Symbol
VBR
Parameter
Reverse Breakdown Voltage: TC04 TC05 Reverse Breakdown Voltage Change: TC04 TC05
Test Conditions
IR = 100A
Min
1.24 2.45
Typ
1.26 2.50 10 0.25 10 0.25 0.003 0.003 -- --
Max
1.28 2.60 20 1 20 1 0.005 0.01 20 20
Unit
V
DVBR
TC
IR
Temperature Coefficient: TC04A/TC05A TC04B/TC05B Reverse Current: TC04 TC05
15A < IR < 20mA 20A < IR < 1mA 20A < IR < 20mA 25A < IR < 1mA IR = 100A
-- -- -- -- -- -- 0.015 0.020
mV
%/C
mA
3-6
TELCOM SEMICONDUCTOR, INC.
LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04A TC04B TC05A TC05B
1
RESPONSE TIME TEST CIRCUIT
36 k OUTPUT INPUT
2
TC04 TC05
3
TYPICAL APPLICATIONS 10V Reference Battery Powered 1.25V Reference Precision Current Source
50 k 3
+15V
+9V
TC04
4
1 F 6
+
7 6 VOUT = 10V
360 k 1.25V
TC05
2.5V
2 TC911 - 4
+15V 81 k 2 - 7
180 k
TC04
TC911 3 + 4
5
R SET
60 k
0.1 F
I OUT = 1.25V R SET
6 7
8
TELCOM SEMICONDUCTOR, INC.
3-7
TC04A TC04B TC05A TC05B
TYPICAL CHARACTERISTICS
TC04: Output Voltage vs Reverse Current 1000
OUTPUT VOLTAGE CHANGE (mV) REVERSE CURRENT (A)
LOW POWER, BANDGAP VOLTAGE REFERENCES
TC04: Output Voltage Change vs Reverse Current 10 FORWARD VOLTAGE (V) 1.2 TA = +25C 8 1.0 0.8 0.6 0.4 0.2 0 0.01
TC04: Forward Voltage vs Forward Current TA = +25C
TA = +25C 100
6
10
4
1
2 0 0.01
0.1
0
0.25 0.5 0.75 1.0 1.25 OUTPUT VOLTAGE (V)
1.5
0.1 1 10 REVERSE CURRENT (mA)
100
0.1 1 10 FORWARD CURRENT (mA)
100
TC04 Response Time 10.0 TA = +25C 5.0 INPUT
VOLTAGE (V)
TC05: Output Voltage vs Reverse Current 1000
REVERSE CURRENT (A)
TC05: Output Voltage Change vs Reverse Current 10
OUTPUT VOLTAGE CHANGE (mV)
TA = +25C
100
8
TA = +25C
0 1.5 1.0 0.5 0 0 200 400 TIME (sec) 600 OUTPUT
6
10
4
1
2
0.1 0 0.5 1.0 1.5 2.0 2.5 OUTPUT VOLTAGE (V) TC05 Response Time
TA = +25C
3.0
0 0.01
0.1 1 10 REVERSE CURRENT (mA)
100
TC05: Forward Voltage vs Forward Current
1.2
10
TA = +25C
FORWARD VOLTAGE (V) 1.0 0.8 0.6 0.4 0.2 0 0.01
VOLTAGE (V)
5 0 3 2 1 0
INPUT
OUTPUT
0.1 1 10 FORWARD CURRENT (mA)
100
0
200 400 TIME (sec)
600
3-8
TELCOM SEMICONDUCTOR, INC.


▲Up To Search▲   

 
Price & Availability of TC04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X