Part Number Hot Search : 
74HC4851 CR200 ACE1202 ISD1400 X1TCG 21242 1N591 P31AN
Product Description
Full Text Search
 

To Download TAJB106M016R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAJ Series
Standard Tantalum
The TAJ standard series encompasses the five key sizes recognized by major OEMs throughout the world. The V case size has been added to the TAJ range to allow high CVs to be offered. The operational temperature is -55C to +85C at rated voltage and up to +125C with voltage derating in applications utilizing recommended series resistance.
CASE DIMENSIONS: millimeters (inches)
Code A B C D E V For part marking see page 108 EIA Code 3216-18 3528-21 6032-28 7343-31 7343-43
7361-38
L0.20 (0.008) 3.20 (0.126) 3.50 (0.138) 6.00 (0.236) 7.30 (0.287) 7.30 (0.287) 7.30 (0.287)
W+0.20 (0.008) H+0.20 (0.008) A+0.30 (0.012) W10.20 (0.008) -0.10 (0.004) -0.10 (0.004) -0.20 (0.008) 1.60 (0.063) 2.80 (0.110) 3.20 (0.126) 4.30 (0.169) 4.30 (0.169) 6.10 (0.240) 1.60 (0.063) 1.90 (0.075) 2.60 (0.102) 2.90 (0.114) 4.10 (0.162) 3.450.30 (0.1360.012) 1.20 (0.047) 2.20 (0.087) 2.20 (0.087) 2.40 (0.094) 2.40 (0.094) 3.10 (0.120) 0.80 (0.031) 0.80 (0.031) 1.30 (0.051) 1.30 (0.051) 1.30 (0.051) 1.40 (0.055)
S Min. 1.10 (0.043) 1.40 (0.055) 2.90 (0.114) 4.40 (0.173) 4.40 (0.173) 4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
HOW TO ORDER
TAJ C 106 M 035 R **
Type
Case Code See table above
Capacitance Code pF code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow)
Tolerance K=10% M=20%
Rated DC Voltage 002=2.5Vdc 004=4Vdc 006=6.3Vdc 010=10Vdc 016=16Vdc 020=20Vdc 025=25Vdc 035=35Vdc 050=50Vdc
TECHNICAL SPECIFICATIONS
Technical Data: Capacitance Range: Capacitance Tolerance: Rated Voltage (VR) Category Voltage (VC) Surge Voltage (VS) Surge Voltage (VS) Temperature Range: Reliability: Qualification:
Packaging R = 7" T/R S = 13" T/R A = Gold Plating 7" Reel B = Gold Plating 13" Reel Y = Lead Free 7" Reel P = Lead Free 13" Reel
Additional characters may be added for special requirements
+85C: +125C: +85C: +125C:
All technical data relate to an ambient temperature of +25C 0.1F to 1000F 10%; 20% 2.5 4 6.3 10 16 20 25 35 1.3 2.7 4 7 10 13 17 23 2.7 5.2 8 13 20 26 32 46 1.7 3.2 5 8 12 16 20 28 -55C to +125C 1% per 1000 hours at 85C, Vr with 0.1/Vr series impedance, 60% confidence level CECC 30801 - 005 issue 2 EIA 535BAAC
50 33 65 40
5
TAJ Series
Standard Tantalum
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE)
Capacitance F Code 0.10 104 0.15 154 0.22 224 0.33 334 0.47 474 0.68 684 1.0 105 1.5 155 2.2 225 3.3 335 4.7 475 6.8 685 10 106 15 156 22 226 33 336 47 476 68 686 100 107 150 157 220 227 330 337 470 477 680 687 1000 108 1500 158 2.5V 4V 6.3V Rated voltage DC (VR) to 85C 10V 16V 20V 25V 35V A A A A A/B A/B A/B A/B/C B/C B/C B/C/D C/D C/D/E C/D D/E D/E E 50V A A/B A/B B B/C B/C B/C C/D C/D C/D D D D/E E
A A B B/D D C/D E E/V
A A A A/B A A/B A/B B/C B/C B C/D C/D/E D/E D/E E/V
A A A A/B A/B A/B A/B/C A/B/C B/C/D B/C/D B/C/D C/D C/D/E C/D/E D/E/V E/V V
A A A A/B A/B A/B/C A/B/C A/B/C B/C/D B/C/D C/D C/D/E C/D/E D/E D/E/V E/V V
A A A/B A/B A/B A/B/C A/B/C B/C B/C/D B/C/D C/D C/D D/E D/E/V D/E/V E/V
A A A A/B A/B A/B/C B/C B/C B/C/D B/C/D C/D C/D/E D/E D/E/V E/V
A A A A/B A/B B/C B/C B/C C/D C/D C/D D/E D/E E/V V
Non preferred Ratings - not recommended for new designs, higher voltage or smaller case size substitution are offered. Developmental Ratings - subject to change. Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards.
6
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL (A) Max. DF % Max. ESR Max. (m) @100kHz AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL (A) Max. DF % Max. ESR Max. (m) @100kHz
TAJA476*002# TAJB157*002# TAJB227*002# TAJD227*002# TAJD337*002# TAJC477*002# TAJD477*002# TAJE108*002# TAJV158*002# TAJA336*004# TAJA476*004# TAJB686*004# TAJB107*004# TAJB157*004# TAJC227*004# TAJD227*004# TAJC337*004# TAJD337*004# TAJD477*004# TAJE477*004# TAJD687*004# TAJE687*004# TAJE108*004# TAJV108*004# TAJA106*006# TAJA156*006# TAJA226*006# TAJA336*006# TAJB476*006# TAJC476*006# TAJB686*006# TAJC686*006# TAJB107*006# TAJC107*006# TAJC157*006# TAJD157*006# TAJC227*006# TAJD227*006# TAJE227*006# TAJD337*006# TAJE337*006# TAJD477*006# TAJE477*006# TAJV477*006# TAJE687*006# TAJV687*006# TAJV108*006#
A B B D D C D E V A A B B B C D C D D E D E E V A A A A B C B C B C C D C D E D E D E V E V V
47 150 220 220 330 470 470 1000 1500 33 47 68 100 150 220 220 330 330 470 470 680 680 1000 1000 10 15 22 33 47 47 68 68 100 100 150 150 220 220 220 330 330 470 470 470 680 680 1000
2.5 2.5 2.5 2.5 2.5 25 2.5 2.5 2.5 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3
0.9 3 4.4 5.5 8.2 9.4 11.6 20 30 1.3 1.9 2.7 4 6 8.8 8.8 13.2 13.2 18.8 18.8 27.2 27.2 40 40 0.6 0.9 1.4 2.1 3 3 4 4.3 6.3 6.3 9.5 9.5 13.9 13.9 13.9 20.8 20.8 28 28 28 42.8 42.8 63
6 10 8 8 8 12 8 20 20 6 8 6 8 8 8 8 8 8 12 10 14 14 14 16 6 6 6 8 6 6 8 6 10 6 6 6 8 8 8 8 8 12 10 10 10 10 16
3000 1600 1600 300 300 200 200 900 400 3000 2600 1800 900 1500 1200 900 900 900 900 500 500 900 400 400 4000 3500 3000 2500 2000 1600 900 1500 1700 900 1300 900 1200 900 900 400 400 400 400 400 500 500 400
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. *Insert K for 10% and M for 20% Capacitance Tolerance # Standard Plating - Insert R for 7" reel and S for 13" reel # Gold Plating - Insert A for 7" reel and B for 13" reel
TAJA475*010# TAJA685*010# TAJA106*010# TAJA156*010# TAJB156*010# TAJA226*010# TAJB226*010# TAJB336*010# TAJC336*010# TAJB476*010# TAJC476*010# TAJC686*010# TAJC107*010# TAJD107*010# TAJC157*010# TAJD157*010# TAJE157*010# TAJD227*010# TAJE227*010# TAJD337*010# TAJE337*010# TAJV337*010# TAJE477*010# TAJV477*010# TAJA225*016# TAJA335*016# TAJB335*016# TAJA475*016# TAJB475*016# TAJA685*016# TAJB685*016# TAJA106*016# TAJB106*016# TAJC106*016# TAJB156*016# TAJC156*016# TAJB226*016# TAJC226*016# TAJD226*016# TAJB336*016# TAJC336*016# TAJD336*016# TAJC476*016# TAJD476*016# TAJC686*016# TAJD686*016# TAJD107*016# TAJE107*016# TAJD157*016# TAJE157*016# TAJV157*016# TAJE227*016# TAJV227*016#
A A A A B A B B C B C C C D C D E D E D E V E V A A B A B A B A B C B C B C D B C D C D C D D E D E V E V
4.7 6.8 10 15 15 22 22 33 33 47 47 68 100 100 150 150 150 220 220 330 330 330 470 470 2.2 3.3 3.3 4.7 4.7 6.8 6.8 10 10 10 15 15 22 22 22 33 33 33 47 47 68 68 100 100 150 150 150 220 220
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16
0.5 0.7 1 1.5 1.5 2.2 2.2 3.3 3.3 4.7 4.7 6.8 10 10 15 15 15 22 22 33 33 33 47 47 0.5 0.5 0.5 0.8 0.8 1.1 1.1 1.6 1.6 1.6 2.4 2.4 3.5 3.5 3.5 5.3 5.3 5.3 7.5 7.5 10.9 10.9 16 16 24 24 24 35.2 35.2
6 6 6 6 6 8 6 6 6 8 6 6 8 6 8 6 8 8 8 8 8 10 10 10 6 6 6 6 6 6 6 8 6 6 6 6 6 6 6 8 6 6 6 6 6 6 6 6 6 6 8 10 8
5000 4000 3000 3200 2800 3000 2400 1800 1600 1000 1200 1300 1200 900 900 900 900 500 500 900 900 900 500 500 6500 5000 4500 4000 3500 3500 2500 3000 2800 2000 2500 1800 2300 1600 1100 2100 1500 900 1400 900 1300 900 900 900 900 900 500 500 900
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
7
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL (A) Max. DF % Max. ESR Max. (m) @100kHz AVX Part No. Rated Case Capacitance Voltage Size (F) (V) DCL (A) Max. DF % Max. ESR Max. (m) @100kHz
TAJA105*020# TAJA155*020# TAJA225*020# TAJB225*020# TAJA335*020# TAJB335*020# TAJA475*020# TAJB475*020# TAJB685*020# TAJC685*020# TAJB106*020# TAJC106*020# TAJB156*020# TAJC156*020# TAJB226*020# TAJC226*020# TAJD226*020# TAJC336*020# TAJD336*020# TAJC476*020# TAJD476*020# TAJE476*020# TAJD686*020# TAJE686*020# TAJD107*020# TAJE107*020# TAJV107*020# TAJE157*020# TAJV157*020# TAJA474*025# TAJA684*025# TAJA105*025# TAJA155*025# TAJB155*025# TAJA225*025# TAJB225*025# TAJB335*025# TAJB475*025# TAJB685*025# TAJC685*025# TAJC106*025# TAJD106*025# TAJC156*025# TAJD156*025# TAJC226*025# TAJD226*025# TAJD336*025# TAJE336*025# TAJD476*025# TAJE476*025# TAJE686*025# TAJV686*025# TAJV107*025#
A A A B A B A B B C B C B C B C D C D C D E D E D E V E V A A A A B A B B B B C C D C D C D D E D E E V V
1 1.5 2.2 2.2 3.3 3.3 4.7 4.7 6.8 6.8 10 10 15 15 22 22 22 33 33 47 47 47 68 68 100 100 100 150 150 0.47 0.68 1 1.5 1.5 2.2 2.2 3.3 4.7 6.8 6.8 10 10 15 15 22 22 33 33 47 47 68 68 100
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25
0.5 0.5 0.5 0.5 0.7 0.7 0.9 0.9 1.4 1.4 2 2 3 3 4.4 4.4 4.4 6.6 6.6 9.4 9.4 9.4 13.6 13.6 20 20 20 30 30 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.8 1.2 1.7 1.7 2.5 2.5 3.8 3.8 5.5 5.5 8.3 8.3 11.8 11.8 17 17 25
4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 8
9000 6500 5300 3500 4500 3000 4000 3000 2500 2000 2100 1900 2000 1700 1800 1600 900 1500 900 900 900 900 900 900 900 900 900 300 500 14000 10000 8000 7500 5000 7000 4500 3500 2800 2800 2000 1800 1200 1600 1000 1400 900 900 900 900 900 900 900 400
TAJA104*035# TAJA154*035# TAJA224*035# TAJA334*035# TAJA474*035# TAJB474*035# TAJA684*035# TAJB684*035# TAJA105*035# TAJB105*035# TAJA155*035# TAJB155*035# TAJC155*035# TAJB225*035# TAJC225*035# TAJB335*035# TAJC335*035# TAJB475*035# TAJC475*035# TAJD475*035# TAJC685*035# TAJD685*035# TAJC106*035# TAJD106*035# TAJE106*035# TAJC156*035# TAJD156*035# TAJD226*035# TAJE226*035# TAJD336*035# TAJE336*035# TAJE476*035# TAJA104*050# TAJA154*050# TAJB154*050# TAJA224*050# TAJB224*050# TAJB334*050# TAJB474*050# TAJC474*050# TAJB684*050# TAJC684*050# TAJB105*050# TAJC105*050# TAJC155*050# TAJD155*050# TAJC225*050# TAJD225*050# TAJC335*050# TAJD335*050# TAJD475*050# TAJD685*050# TAJD106*050# TAJE106*050# TAJE106*050# TAJE156*050#
A A A A A B A B A B A B C B C B C B C D C D C D E C D D E D E E A A B A B B B C B C B C C D C D C D D D D E E E
0.1 0.15 0.22 0.33 0.47 0.47 0.68 0.68 1 1 1.5 1.5 1.5 2.2 2.2 3.3 3.3 4.7 4.7 4.7 6.8 6.8 10 10 10 15 15 22 22 33 33 47 0.1 0.15 0.15 0.22 0.22 0.33 0.47 0.47 0.68 0.68 1 1 1.5 1.5 2.2 2.2 3.3 3.3 4.7 6.8 10 10 15 15
35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 1.2 1.2 1.2 1.6 1.6 2.4 2.4 3.5 3.5 3.5 5.3 5.3 7.7 7.7 11.6 11.6 16.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 0.5 0.5 0.5 0.5 0.5 0.8 0.8 1.1 1.1 1.7 1.7 2.4 3.4 5 5 7.5 75
4 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 4 4 4 4 4 4 4 4 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6
24000 21000 18000 15000 12000 10000 8000 8000 7500 6500 7500 5200 4500 4200 3500 3500 2500 3100 2200 1500 1800 1300 1600 1000 900 1400 900 900 900 900 900 900 22000 15000 17000 18000 14000 12000 9500 8000 8000 7000 7000 5500 4500 4000 3000 2500 2500 2000 1400 1000 800 1000 600 600
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. * Insert K for 10% and M for 20% Capacitance Tolerance # Standard Plating - Insert R for 7" reel and S for 13" reel # Gold Plating - Insert A for 7" reel and B for 13" reel
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
8


▲Up To Search▲   

 
Price & Availability of TAJB106M016R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X