Part Number Hot Search : 
1041J L4805CX 2SK22 06C10 L4805CX TMA16XB S5799M1 S5799M1
Product Description
Full Text Search
 

To Download TAE2453 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual PNP-Operational Amplifiers
TAE 2453 TAF 2453
Bipolar IC Features
q q q q q q q q q q
Supply voltage range between 3 V and 36 V Low current consumption, 0.8 mA typ. Extremely large control range Low output saturation voltage, almost independent of load current Output current up to 70 mA (max. 100 mA) Output virtually short-circuit proof Wide common-mode voltage range Wide operating temperature range (TAF 2453 G) Pin-compatible to TBB 1458 B The characteristic curves of the electric parameters correspond to those of type TAE 1453 G
P-DSO-8-1
Applications
q q q q q
Amplifier Level converter Driver Zero voltage switch Comparator
Type TAE 2453 G TAF 2453 G
Ordering Code Q67000-A2108 Q67000-A2211
Package P-DSO-8-1 (SMD) P-DSO-8-1 (SMD)
The TAF 2453 / TAE 2453 consists of two independent, frequency-compensated op amps, each having a PNP-input differential stage and an open collector output. The integrated regulator provides for all parameters a large degree of independence from the supply voltage.
Semiconductor Group
1
01.96
TAE 2453 TAF 2453
Pin Configurations (top view)
TAE 2453 G TAF 2453 G
RL = load resistance (collector resistance)
Connection Diagram Semiconductor Group 2
TAE 2453 TAF 2453
Circuit Diagram
Semiconductor Group
3
TAE 2453 TAF 2453
Absolute Maximum Ratings (TAE 2453 G) Parameter Supply voltage Output current Differential input voltage Junction temperature Storage temperature range Thermal resistance system - air TAE 2453 G Operating Range (TAE 2453 G) Supply voltage Symbol Limit Values 18 100 VS 150 - 55 to 125 170 Unit V mA V C C K/W
VS IQ VID Tj Tstg Rth SA
VS
2 to 18 ( 1.5 V with slightly increased offset voltage) - 25 to 85
V
Ambient temperature Characteristics (TAE 2453 G) VS = 5 V to 15 V; RL = 10 k, unless otherwise specified Parameter
TA
C
Symbol
Limit Values TA = 25 C min. typ. 0.8 - 5.5 - 15 40 14.9 14.9 max. 1.5 5.5 15 150 - 14.7 - 14.5
Limit Values Unit TA = - 25 to 85 C min. max. 1.8 -7 7 mA mV nA nA V V
Open-loop supply current consumption, total Input offset voltage RG = 50 Input offset current Input current Control range RL = 2 k, VS = 15 V RL = 620 , VS = 15 V Semiconductor Group
IS VIO IIO II VQ pp VQ pp
- 100 100 200 14.9 14.9 - 14.7 - 14.4
4
TAE 2453 TAF 2453
Characteristics (TAE 2453 G) (cont'd) VS = 5 V to 15 V; RL = 10 k, unless otherwise specified Parameter Symbol Limit Values TA = 25 C min. Input impedance, f = 1 kHz Open-loop voltage gain, typ. 200 80 85 10 - VS - 0.2 75 80 25 0.1 6 100 80 20 - VS 75 100 max. Limit Values Unit TA = - 25 to 85 C min. max. k dB A V dB V/V nA/K V/K
ZI GV0 IQR VIC kCMR kSVR
IIO VIO
RL = 2 k
Output reverse current Common-mode input voltage range, RL = 2 k Common-mode rejection, RL = 2 k Supply voltage rejection GV = 100 Temperature coefficient of IIO RG = 50 Temperature coefficient of VIO RG = 50 Slew rate for non-inverting operation Slew rate for inverting operation
VS
- 1.8
VS
- 2.0
SR SR
0.65 1.1
0.25 0.5
1.0 1.6
V/s V/s
Semiconductor Group
5
TAE 2453 TAF 2453
Characteristics (TAE 2453 G) VS = 2 V, RL = 10 k Parameter Symbol Limit Values TA = 25 C min. Input offset voltage, RG = 50 Input offset current Input current Open-loop voltage gain typ. max. 6 15 150 Limit Values TA = - 25 to 85 C min. - 7.5 - 100 70 max. 7.5 100 200 mV nA nA dB Unit
VIO IIO II GV0
-6 - 15 40 70
Absolute Maximum Ratings (TAF 2453 G) Parameter Supply voltage Output current Differential input voltage Junction temperature Storage temperature range Thermal resistance system - air TAF 2453 G Operating Range (TAF 2453 G) Supply voltage Symbol Limit Values 18 100 VS 150 - 55 to 150 170 Unit V mA V C C K/W
VS IQ VID Tj Tstg Rth SA
VS
2 to 18 ( 1.5 V with slightly increased offset voltage) - 55 to 125
V
Ambient temperature
TA
C
Semiconductor Group
6
TAE 2453 TAF 2453
Characteristics (TAF 2453 G) VS = 5 V to 15 V; RL = 2 k, unless otherwise specified Parameter Symbol Limit Values TA = 25 C min. Open-loop supply current consumption total Input offset voltage, RG = 50 Input offset current Input current Control range RL = 2 k, VS = 15 V RL = 620 , VS = 15 V Input impedance, f = 1 kHz Open-loop voltage gain RL = 2 k Output reverse current Common-mode input voltage range Common-mode rejection, RL = 2 k Supply voltage rejection GV = 100 typ. 0.8 -4 - 10 40 14.9 14.9 200 85 87 1 - VS - 0.2 80 85 25 100 80 5 - VS + 0.2 75 100 max. 1.5 4 10 100 - 14.7 - 14.5 -6 - 75 Limit Values Unit TA = - 55 to 125 C min. max. 1.8 6 75 150 - 14.7 - 14.4 mA mV nA nA V V k dB A V dB V/V
IS VIO IIO II VQ pp VQ pp ZI GV0 IQR VIC kCMR kSVR
14.8 14.8
VS
- 1.5
VS
- 1.8
Semiconductor Group
7
TAE 2453 TAF 2453
Characteristics (TAF 2453 G) (cont'd) VS = 5 V to 15 V; RL = 2 k, unless otherwise specified Parameter Symbol Limit Values TA = 25 C min. Temperature coefficient of IIO RG = 50 Temperature coefficient of VIO RG = 50 Slew rate for non-inverting operation Slew rate for inverting operation Characteristics (TAF 2453 G) VS = 2 V Parameter Symbol Limit Values TA = 25 C min. Input offset voltage, RG = 50 Input offset current Input current Open-loop voltage gain, RL = 2 k typ. max. 4 50 100 Limit Values Unit TA = - 55 to 125 C min. -6 - 75 70 max. 6 75 150 mV nA nA dB IIO VIO typ. 0.1 6 max. 0.8 25 Limit Values Unit TA = - 55 to 125 C min. max. 0.8 25 nA/K V/K
SR SR
0.65 1.1
0.2 0.4
1.1 1.7
V/s V/s
VIO IIO II GV0
-4 - 50 40 75
Note: For typical performance curves, please refer to the data sheets of TAE 1453 and TAF 1453.
Semiconductor Group
8


▲Up To Search▲   

 
Price & Availability of TAE2453

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X