Part Number Hot Search : 
045SPBF 12013 80505 12013 DM74AL 0150CT DSDATA2 ITTK200A
Product Description
Full Text Search
 

To Download TA48018F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TA48018,02,025,03,033,05F/S
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA48018F, TA4802F, TA48025F, TA4803F, TA48033F, TA4805F, TA48018S, TA4802S, TA48025S, TA4803S, TA48033S, TA4805S 1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
The TA48**F/S series consists of fixed-positive-output, low-dropout regulators with an output current of 1 A (max) that utilize V-PNP transistors for the output stage. In response to the need for low-voltage and low-power dissipation devices which are used in consumer electronics and industrial appliances, the series offers devices with low output voltages: 1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V.
(1) TA48**F
Features
Maximum output current: 1 A Output voltage accuracy: VOUT 3% (@Tj = 25C) Low standby current: 800 A (typ.) (@IOUT = 0 A) Low starting quiescent current Low-dropout voltage: VD = 0.5 V (max) (@IOUT = 0.5 A) Protection function: overheat/overcurrent Package type: PW-MOLD (TA48**F Series) TO-220NIS (TA48**S Series) TA48**F Series has a lead bending type package which is a surface-mountable package and can be used for reflow soldering.
(3) TA48**S (2) TA48**F (TE16L1, N)
Pin Assignment
Marking side 1 IN 3 2 GND OUT
Weight HSIP3-P-2.30B : 0.36 g (typ.) HSOP3-P-2.30D : 0.36 g (typ.) HSIP3-P-2.54A : 1.7 g (typ.)
Marking
(1) (2) TA48F** Series (3) TA48**S Series
48**F
Part No. (or abbreviation code) Lot No. (weekly code) A line indicates lead (Pb)-free package or lead (Pb)-free finish. Lot No. (weekly code)
TA48**S
A line indicates lead (Pb)-free package or lead (Pb)-free finish.
Part No. (or abbreviation code)
Note: The "**" part of each product number varies according to the output voltage of the product.
1
2004-07-01
TA48018,02,025,03,033,05F/S
How to Order
Product No. (1) TA48**F (2) TA48**F (TE16L1, N) (3) TA48**S Package PW-MOLD: Straight-lead package Packing Type and Unit for Orders Loose in bag: 200 (1 bag)
PW-MOLD: Surface-mount package Embossed-tape packing: 2000 (1 tape) TO-220NIS Loose in bag: 50 (1 bag)
Block Diagram
IN 1
Overcurrentlimiting circuit Constant current circuit Reference
OUT 2
voltage circuit
Overheating detection circuit
GND 3
Maximum Ratings (Ta = 25C)
Characteristic Input voltage Output current Operating temperature Junction temperature Storage temperature Power dissipation (Ta = 25C) Power dissipation (Tc = 25C) Thermal resistance (junction to ambient) Thermal resistance (junction to case) TA48**F TA48**S TA48**F TA48**S TA48**F TA48**S TA48**F TA48**S Symbol VIN IOUT Ta (opr) Tj Tstg PD Rating 16 1 -40~85 150 -55~150 1 2 10 20 125 62.5 12.5 6.25 Unit V A C C C W
PD
W
Rth (j-a)
C/W
Rth (j-c)
C/W
Note 1: External current and voltage ((including negative voltage) should not be applied to pins not specified.
2
2004-07-01
TA48018,02,025,03,033,05F/S
Protection Function (reference)
Characteristics Thermal shutdown Peak circuit current Symbol TSD (Tj) IPEAK Test Condition VIN = VOUT + 2 V, Tj = 25C VIN = 12 V, Tj = 25C VIN = VOUT + 2 V, Tj = 25C VIN = 12 V, Tj = 25C Min Typ. 160 1.7 1.8 1.7 1.8 Max Unit C A
Short circuit current
ISC
A
Note 2: The maximum ratings should not be exceeded when the IC is actually used.
TA48018F/S Electrical Characteristics
(Unless otherwise specified CIN = 0.33 F, COUT = 10 F, Tj = 25C)
Characteristics Symbol Test Conditions VIN = 3.8 V, IOUT = 0.5 A Output voltage Line regulation Load regulation Quiescent current VOUT Regline Regload IB 2.8 V < VIN < 12 V, 5 mA < IOUT < 1 A, = = = = 0C < Tj < 125C == 2.8 V < VIN < 12 V, IOUT = 0.5 A = = VIN = 3.8 V, 5 mA < IOUT < 1 A = = 2.8 V < VIN < 12 V, IOUT = 0 A = = 2.8 V < VIN < 12 V, IOUT = 1 A = = VIN = 2.1 V, IOUT = 0 A VIN = 2.5 V, IOUT = 1 A VIN = 3.8 V, IOUT = 50 mA 10 Hz < f < 100 kHz == 2.8 V < VIN 12 V, IOUT = 50 mA = f = 120 Hz IOUT = 0.5 A IOUT = 1 A VIN = 3.8 V, IOUT = 5 mA, 0C < Tj < 125C == Min 1.746 1.72 54 Typ. 1.8 1.8 5 5 0.8 10 0.7 10 75 70 0.3 0.7 0.15 Max 1.854 1.88 20 20 1.8 20 5 30 0.5 V mV mV mA Unit
Starting quiescent current Output noise voltage Ripple rejection Dropout voltage Average temperature coefficient of output voltage
IBstart VNO R.R. VD TCVO
mA Vrms dB V mV/C
3
2004-07-01
TA48018,02,025,03,033,05F/S
TA4802F/S Electrical Characteristics
(Unless otherwise specified, CIN = 0.33 F, COUT = 10 F, Tj = 25C)
Characteristics Symbol Test Conditions VIN = 4.0 V, IOUT = 0.5 A Output voltage Line regulation Load regulation Quiescent current VOUT Regline Regload IB 3.0 V < VIN < 12 V, 5 mA < IOUT < 1 A, = = = = 0C < Tj < 125C == 3.0 V < VIN < 12 V, IOUT = 0.5 A = = VIN = 4.0 V, 5 mA < IOUT < 1 A = = 3.0 V < VIN < 12 V, IOUT = 0 A = = 3.0 V < VIN < 12 V, IOUT = 1 A = = VIN = 2.1 V, IOUT = 0 A VIN = 2.6 V, IOUT = 1 A VIN = 4.0 V, IOUT = 50 mA 10 Hz < f < 100 kHz == 3.0 V < VIN 12 V, IOUT = 50 mA = f = 120 Hz IOUT = 0.5 A IOUT = 1 A VIN = 4.0 V, IOUT = 5 mA, 0C < Tj < 125C == Min 1.94 1.91 52 Typ. 2.0 2.0 5 5 0.8 10 0.7 10 80 68 0.3 0.6 0.18 Max 2.06 2.09 20 20 1.8 20 5 30 0.5 V mV mV mA Unit
Starting quiescent current Output noise voltage Ripple rejection Dropout voltage Average temperature coefficient of output voltage
IBstart VNO R.R. VD TCVO
mA Vrms dB V mV/C
TA48025F/S Electrical Characteristics
(Unless otherwise specified, CIN = 0.33 F, COUT = 10 F, Tj = 25C)
Characteristics Symbol Test Conditions VIN = 4.5 V, IOUT = 0.5 A Output voltage Line regulation Load regulation Quiescent current VOUT Regline Regload IB 3.5 V < VIN < 12 V, 5 mA < IOUT < 1 A, = = = = 0C < Tj < 125C == 3.5 V < VIN < 12 V, IOUT = 0.5 A = = VIN = 4.5 V, 5 mA < IOUT < 1 A = = 3.5 V < VIN < 12 V, IOUT = 0 A = = 3.5 V < VIN < 12 V, IOUT = 1 A = = VIN = 2.1 V, IOUT = 0 A VIN = 2.65 V, IOUT = 1 A VIN = 4.5 V, IOUT = 50 mA 10 Hz < f < 100 kHz == 3.5 V < VIN 12 V, IOUT = 50 mA = f = 120 Hz IOUT = 0.5 A IOUT = 1 A VIN = 4.5 V, IOUT = 5 mA, 0C < Tj < 125C == Min 2.425 2.388 52 Typ. 2.5 2.5 5 5 0.8 10 0.9 12 95 68 0.3 0.4 0.24 Max 2.575 2.612 20 20 1.8 20 5 30 0.5 V mV mV mA Unit
Starting quiescent current Output noise voltage Ripple rejection Dropout voltage Average temperature coefficient of output voltage
IBstart VNO R.R. VD TCVO
mA Vrms dB V mV/C
4
2004-07-01
TA48018,02,025,03,033,05F/S
TA4803F/S Electrical Characteristics
(Unless otherwise specified, CIN = 0.33 F, COUT = 10 F, Tj = 25C)
Characteristics Symbol Test Conditions VIN = 5.0 V, IOUT = 0.5 A Output voltage Line regulation Load regulation Quiescent current VOUT Regline Regload IB 4.0 V < VIN < 12 V, 5 mA < IOUT < 1 A, = = = = 0C < Tj < 125C == 4.0 V < VIN < 12 V, IOUT = 0.5 A = = VIN = 5.0 V, 5 mA < IOUT < 1 A = = 4.0 V < VIN < 12 V, IOUT = 0 A = = 4.0 V < VIN < 12 V, IOUT = 1 A = = VIN = 2.1 V, IOUT = 0 A VIN = 2.8 V, IOUT = 1 A VIN = 5.0 V, IOUT = 50 mA 10 Hz < f < 100 kHz == 4.0 V < VIN 12 V, IOUT = 50 mA = f = 120 Hz IOUT = 0.5 A IOUT = 1 A VIN = 5.0 V, IOUT = 5 mA, 0C < Tj < 125C == Min 2.91 2.865 50 Typ. 3.0 3.0 5 5 0.8 10 1.1 13 110 66 0.3 0.4 0.28 Max 3.09 3.135 20 20 1.8 20 5 30 0.5 V mV mV mA Unit
Starting quiescent current Output noise voltage Ripple rejection Dropout voltage Average temperature coefficient of output voltage
IBstart VNO R.R. VD TCVO
mA Vrms dB V mV/C
TA48033F/S Electrical Characteristics
(Unless otherwise specified, CIN = 0.33 F, COUT = 10 F, Tj = 25C)
Characteristics Symbol Test Conditions VIN = 5.3 V, IOUT = 0.5 A Output voltage Line regulation Load regulation Quiescent current VOUT Regline Regload IB 4.3 V < VIN < 12 V, 5 mA < IOUT < 1 A, = = = = 0C < Tj < 125C == 4.3 V < VIN < 12 V, IOUT = 0.5 A = = VIN = 5.3 V, 5 mA < IOUT < 1 A = = 4.3 V < VIN < 12 V, IOUT = 0 A = = 4.3 V < VIN < 12 V, IOUT = 1 A = = VIN = 2.1 V, IOUT = 0 A VIN = 2.8 V, IOUT = 1 A VIN = 5.3 V, IOUT = 50 mA 10 Hz < f < 100 kHz == 4.3 V < VIN 12 V, IOUT = 50 mA = f = 120 Hz IOUT = 0.5 A IOUT = 1 A VIN = 5.3 V, IOUT = 5 mA, 0C < Tj < 125C == Min 3.2 3.152 50 Typ. 3.3 3.3 5 5 0.8 10 1.1 13 115 66 0.3 0.4 0.3 Max 3.4 3.448 20 20 1.8 20 5 30 0.5 V mV mV mA Unit
Starting quiescent current Output noise voltage Ripple rejection Dropout voltage Average temperature coefficient of output voltage
IBstart VNO R.R. VD TCVO
mA Vrms dB V mV/C
5
2004-07-01
TA48018,02,025,03,033,05F/S
TA4805F/S Electrical Characteristics
(Unless otherwise specified, CIN = 0.33 F, COUT = 10 F, Tj = 25C)
Characteristics Symbol Test Conditions VIN = 7 V, IOUT = 0.5 A Output voltage Line regulation Load regulation Quiescent current VOUT Regline Regload IB 6.0 V < VIN < 12 V, 5 mA < IOUT < 1 A, = = = = 0C < Tj < 125C == 6.0 V < VIN < 12 V, IOUT = 0.5 A = = VIN = 7.0 V, 5 mA < IOUT < 1 A = = 6.0 V < VIN < 12 V, IOUT = 0 A = = 6.0 V < VIN < 12 V, IOUT = 1 A = = VIN = 2.1 V, IOUT = 0 A VIN = 3.0 V, IOUT = 1 A VIN = 7.0 V, IOUT = 50 mA 10 Hz < f < 100 kHz == 6.0 V < VIN 12 V, IOUT = 50 mA = f = 120 Hz IOUT = 0.5 A IOUT = 1 A VIN = 7.0 V, IOUT = 5 mA, 0C < Tj < 125C == Min 4.85 4.775 50 Typ. 5.0 5.0 5 5 0.8 10 1.3 14 150 64 0.3 0.4 0.45 Max 5.15 5.225 20 20 1.8 20 5 30 0.5 V mV mV mA Unit
Starting quiescent current Output noise voltage Ripple rejection Dropout voltage Average temperature coefficient of output voltage
IBstart VNO R.R. VD TCVO
mA Vrms dB V mV/C
Electrical Characteristics for All Products
Generally, the characteristics of power supply ICs change according to temperature fluctuations. The specification Tj = 25 is based on a state where temperature increase has no effect (assuming no fluctuation in the characteristics) as ascertained by pulse tests.
Standard Application Circuit
VIN
1 CIN 0.33 F
TA48xxF/S 3
2
VOUT COUT 33 F
Be sure to connect a capacitor near the input terminal and output terminal between both terminals and GND. The capacitances should be determined experimentally. In particular, adequate investigation should be made so that there is no problem even in high or low temperature.
6
2004-07-01
TA48018,02,025,03,033,05F/S
TA48**F PDmax - Ta
12 Ta = Tc Condition: Number of IC = 1 Reflow soldering on a ceramic substrate 24
TA48**S PDmax - Ta
Thermal resistance Rth (j-a): 62.5C/W Rth (j-c): 6.25C/W
(W)
Allowable power dissipation PDmax
PDmax
10
(W)
20
8
16
Ta = Tc
6
Allowable power dissipation
12
4
50 x 50 x 0.8 mmt 30 x 30 x 0.8 mmt Single
8
2
4
No heat sink
0 0
20
40
60
80
100
120
140
160
0 0
20
40
60
80
100
120
140
160
Ambient temperature
Ta
(C)
Ambient temperature
Ta
(C)
VOUT - Tj
3.5 TA48033F/S VIN = 5 V IOUT = 5 mA 3.4 4
VOUT - VIN
(V)
(V)
3 IOUT = 10 mA
VOUT
Output voltage
Output voltage
3.3
VOUT
2
0.1 A 0.5 A
3.2
1 TA48033F/S Tj = 25C
3.1 -50
0
50
100
150
0 0
2
4
6
8
Junction temperature
Tj
(C)
Input voltage
VIN
(V)
IB - VIN
10 TA48033F/S Tj = 25C 20
IB - Tj
TA48033F/S VIN = 5 V
(mA)
IB
6 IOUT = 0.5 A 4
IB Quiescent current
(mA)
8
16
12 IOUT = 1 A 8
Quiescent current
2
IOUT = 0.1 A IOUT = 10 mA
4 IOUT = 0 A
0 0
2
4
6
8
0 -50
0
50
100
150
Input voltage
VIN
(V)
Junction temperature
Tj
(C)
7
2004-07-01
TA48018,02,025,03,033,05F/S
IB - IOUT
20 TA48033F/S VIN = 5 V Tj = 25C 4
VOUT - IOUT
(mA)
(V)
16
3
12
Quiescent current
VOUT Output voltage
2 1 TA48033F/S VIN = 5 V Tj = 25C 0.6 0 0
IB
8
4
0 0
0.2
0.4
0.8
1
0.5
1
1.5
2
Output current IOUT
(A)
Output current IOUT
(A)
VD - Tj
0.6 70 60 IOUT = 1 A 0.4 IOUT = 0.5 A 0.3
R.R. - f
(dB) R.R. Ripple rejection
0.5
(V)
50 40 30 20 10
Dropout voltage
VD
0.2 IOUT = 0.1 A 0.1 TA48033F/S 0 -50 0 50 100 150
TA48033F/S VIN = 5 V IOUT = 50 mA Tj = 25C 1 10 100
0 0.1
Junction temperature
Tj
(C)
Frequency
f (kHz)
8
2004-07-01
TA48018,02,025,03,033,05F/S
Package Dimensions
Weight: 0.36 g (typ.)
9
2004-07-01
TA48018,02,025,03,033,05F/S
Package Dimensions
Weight: 0.36 g (typ.)
10
2004-07-01
TA48018,02,025,03,033,05F/S
Package Dimensions
Weight: 1.7 g (typ.)
11
2004-07-01
TA48018,02,025,03,033,05F/S
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EBA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
12
2004-07-01


▲Up To Search▲   

 
Price & Availability of TA48018F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X