Part Number Hot Search : 
7493P CHF5KP15 D013T 3040P XR76203 MC14507 KUS2503 CSC2313F
Product Description
Full Text Search
 

To Download SY89842U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SY89842U
Precision CML Runt Pulse Eliminator 2:1 Multiplexer
General Description
The SY89842U is a low jitter CML, 2:1 differential input multiplexer (MUX) optimized for redundant source switchover applications. Unlike standard multiplexers, the SY89842U unique 2:1 Runt Pulse Eliminator (RPE) MUX prevents any short cycles or "runt" pulses during switchover. In addition, a unique Fail-Safe Input protection prevents metastable conditions when the selected input clock fails to a DC voltage (voltage between the pins of the differential input drops below 100mV). The differential input includes Micrel's unique, 3-pin input termination architecture that allows customers to interface to any differential signal (AC- or DCcoupled) as small as 100mV (200mVPP) without any level shifting or termination resistor networks in the signal path. The output is 400mV CML with fast rise/fall times guaranteed to be less than 80ps. The SY89842U operates from a 2.5V 5% or 3.3V 10% supply and is guaranteed over the full industrial temperature range of -40C to +85C. The SY89842U is part of Micrel's high-speed, Precision Edge(R) product line. All support documentation can be found on Micrel's web site at: www.micrel.com.
Precision Edge(R)
Features
* Selects between two sources, and provides a glitchfree, stable CML output * Guaranteed AC performance over temperature and supply voltage: - Wide operating frequency: 1kHz to >1.5GHz - < 840ps In-to-Out tpd - < 80ps tr/tf * Unique, patent-pending input isolation design minimizes crosstalk * Fail-safe input prevents oscillations * Ultra-low jitter design: - <1psRMS random jitter - <1psRMS cycle-to-cycle jitter - <10psPP total jitter (clock) - <0.7psRMS MUX crosstalk induced jitter * Unique patent-pending input termination and VT pin accepts DC- and AC-coupled inputs (CML, PECL, LVDS) * 400mV CML output swing * 2.5V 5% or 3.3V 10% supply voltage * -40C to +85C industrial temperature range * Available in 16-pin (3mm x 3mm) MLFTM package
Applications
* Redundant clock switchover * Fail-safe clock protection
Markets
* * * *
Precision Edge is a registered trademark of Micrel, Inc. MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc. Micrel Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel +1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
LAN/WAN Enterprise servers ATE Test and measurement
March 2005
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
Typical Application
Simplified Example Illustrating Runt Pulse Eliminator (RPE) Circuit when Primary Clock Fails
March 2005
2
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
Ordering Information(1)
Part Number SY89842UMG SY89842UMGTR(2)
Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals Only. 2. Tape and Reel.
Package Type MLF-16 MLF-16
Operating Range Industrial Industrial
Package Marking 842U with Pb-Free bar-line Indicator 842U with Pb-Free bar-line Indicator
Lead Finish NiPdAu Pb-Free NiPdAu Pb-Free
Pin Configuration
16-Pin MLFTM (MLF-16)
March 2005
3
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
Pin Description
Pin Number 4, 1, 16, 13 Pin Name IN0, /IN0, IN1, /IN1 Pin Function Differential Inputs: These input pairs are the differential signal inputs to the device. These inputs accept AC- or DC-coupled signals as small as 100mV (200mVpp). Each pin of a pair internally terminates to a VT pin through 50. Please refer to the "Input Interface Applications" section for more details. Reference Voltage: These outputs bias to VCC -1.2V. They are used for ACcoupling inputs IN and /IN. Connect VREF-AC directly to the corresponding VT pin. Bypass with 0.01F low ESR capacitor to VCC. Maximum sink/source current is 1.5mA. Input Termination Center-Tap: Each side of the differential input pair terminates to a VT pin. The VT0 and VT1 pins provide a center-tap to a termination network for maximum interface flexibility. See the "Input Interface Applications" section for more details. Positive Power Supply: Bypass with 0.1F||0.01F low ESR capacitors as close to the VCC pins as possible. Differential Outputs: This differential CML output is a logic function of the IN0, IN1, and SEL inputs. Please refer to the "Truth Table" below for details. This single-ended TTL/CMOS-compatible input selects the inputs to the multiplexer. Note that this input is internally connected to a 25k pull-up resistor and will default to logic HIGH state if left open. Ground: Ground and exposed pad must be connected to the same ground plane. Power-On Reset (POR) initialization capacitor. When using the multiplexer with RPE capability, this pin is tied to a capacitor to VCC. The purpose is to ensure the internal RPE logic starts up in a known state. See "Power-On Reset (POR) Description" section for more details regarding capacitor selection. If this pin is tied directly to VCC, the RPE function will be disabled and the multiplexer will function as a normal multiplexer. The CAP pin should never be left open.
2, 14
VREF-AC0 VREF-AC1
3, 15
VT0, VT1
5, 8, 12 6, 7 10 9
VCC Q, /Q SEL GND, Exposed Pad
11
CAP
Truth Table
Inputs IN0 0 1 X X /IN0 1 0 X X IN1 X X 0 1 /IN1 X X 1 0 SEL 0 0 1 1 Outputs Q 0 1 0 1 /Q 1 0 1 0
March 2005
4
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
Absolute Maximum Ratings(1)
Supply Voltage (VCC) ..........................-0.5V to +4.0V Input Voltage (VIN) ..................................-0.5V to VCC CML Output Voltage (VOUT) .. VCC -1.0V to VCC +0.5V CML Input Current (IIN) ............................................... Source/Sink Current on IN, /IN ................ 50mA Source/Sink Current on VT ..................... 100mA VREF-AC Current Source/Sink Current on VREF-AC.................. 2mA Lead Temperature (soldering, 20 sec.) ..........+260C Storage Temperature (Ts)..................-65C to 150C
Operating Ratings(2)
Supply Voltage (VCC).................. +2.375V to +2.625V ......................................................+3.0V to +3.6V Ambient Temperature (TA)................ -40C to +85C Package Thermal Resistance(3) MLFTM ( JA) Still-Air ..................................................... 60C/W MLFTM ( JB) Junction-to-Board .................................... 33C/W
DC Electrical Characteristics(4)
TA = -40C to +85C, unless otherwise stated.
Symbol VCC ICC RIN RDIFF_IN VIH VIL VIN VDIFF_IN VIN_FSI VT_IN VREF-AC
Notes: 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB. JA and JB values are determined for a 4-layer board in still air unless otherwise stated. 4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. 5. VIN (max) is specified when VT is floating.
Parameter Power Supply Power Supply Current Input Resistance (IN-to-VT) Differential Input Resistance (IN-to-/IN) Input High Voltage (IN, /IN) Input Low Voltage (IN, /IN) Input Voltage Swing (IN, /IN) Differential Input Voltage Swing |IN-/IN| Input Voltage Threshold that Triggers FSI IN-to-VT (IN, /IN) Output Reference Voltage
Condition
Min 2.375 3.0
Typ
Max 2.625 3.6
Units V V mA V V V V
No load, max VCC 45 90 1.2 0 See Figure 1a. Note 5. See Figure 1b. 0.1 0.2
83 50 100
110 55 110 VCC VIH-0.1 VCC
30
100 1.8
mV V V
VCC-1.3
VCC-1.2
VCC-1.1
March 2005
5
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
CML Outputs DC Electrical Characteristics(6)
VCC = 2.5V 5% or 3.3V 10%; RL = 100 across output pair; TA = -40C to + 85C, unless otherwise stated.
Symbol VOH VOUT VDIFF-OUT ROUT Parameter Output HIGH Voltage Q, /Q Output Voltage Swing Q, /Q Differential Output Voltage Swing Q, /Q Output Source Impedance Condition RL = 50 to VCC. See Figure 1a. See Figure 1b. Min VCC-0.020 325 650 45 Typ VCC-0.010 400 800 50 55 Max VCC Units V mV mV
LVTTL/CMOS DC Electrical Characteristics(6)
VCC = 2.5V 5% or 3.3V 10%; TA = -40C to + 85C, unless otherwise stated.
Symbol VIH VIL IIH IIL
Note: 6. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Parameter Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current
Condition
Min 2.0
Typ
Max 0.8
Units V V A A
-125 -300
30
March 2005
6
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
AC Electrical Characteristics(7)
VCC = 2.5V 5% or 3.3V 10%; RL = 100 across output pair; TA = -40C to + 85C, unless otherwise stated.
Symbol fMAX tpd Parameter Maximum Operating Frequency Differential Propagation Delay In-to-Q In-to-Q SEL-to-Q SEL-to-Q tpd Tempco tSKEW tJITTER Differential Propagation Delay Temperature Coefficient Part-to-Part Skew Clock Random Jitter Cycle-to-Cycle Jitter Total Jitter (TJ) Crosstalk-Induced Jitter tr, tf
Notes: 7. High-frequency AC-parameters are guaranteed by design and characterization. 8. Propagation delay is a function of rise and fall time at IN. See "Typical Operating Characteristics for more details. 9. Propagation delay is measured with input tr, tf 300ps (20% to 80%) and VIL 800mV. 10. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective inputs. 11. Random Jitter is measured with a K28.7 character pattern, measured at 12
Condition Clock 100mV < VIN 200mV 200mV < VIN 800mV
(8, 9) (8, 9)
Min 1.5 440 390 530
Typ 2.0 625 550
Max
Units GHz
840 770 17 880
ps ps cycles ps fs/oC
RPE enabled, see Timing Diagram RPE disabled (VSEL = VCC/2)
460 Note 10 Note 11 Note 12 Note 13 Note 14 At full output swing. 30 200 1 1 10 0.7 80
ps psRMS psRMS psPP psRMS ps
Output Rise/Fall Time (20% to 80%)
March 2005
7
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
Functional Description
RPE MUX and Fail-Safe Input The SY89842U is optimized for clock switchover applications where switching from one clock to another clock without runt pulses (short cycles) is required. It features two unique circuits: Runt-Pulse Eliminator (RPE) Circuit The RPE MUX provides a "glitchless" switchover between two clocks and prevents any runt pulses from occurring during the switchover transition. The design of both clock inputs is identical (i.e., the switchover sequence and protection is symmetrical for both input pair, IN0 or IN1. Thus, either input pair may be defined as the primary input). If not required, the RPE function can be permanently disabled to allow the switchover between inputs to occur immediately. If the CAP pin is tied directly to VCC, the RPE function will be disabled and the multiplexer will function as a normal multiplexer. Fail-Safe Input (FSI) Circuit The FSI function provides protection against a selected input pair that drops below the minimum amplitude requirement. If the selected input pair drops sufficiently below the 100mV minimum singleended input amplitude limit (VIN), or 200mV differentially (VDIFF_IN), the output will latch to the last valid clock state.
RPE and FSI Functionality The basic operation of the RPE MUX and FSI functionality is described with the following four case descriptions. All descriptions are related to the true inputs and outputs. The primary (or selected) clock is called CLK1; the secondary (or alternate) clock is called CLK2. Due to the totally asynchronous relation of the IN and SEL signals and an additional internal protection against metastability, the number of pulses required for the operations described in cases 1-4 can vary within certain limits. Refer to "Timing Diagrams" section for detailed information. Case #1: Two Normal Clocks and RPE Enabled In this case, the frequency difference between the two running clocks, IN0 and IN1, must not be greater than 1.5:1. For example, if the IN0 clock is 500MHz, the IN1 clock must be within the range of 334MHz to 750MHz. If the SEL input changes state to select the alternate clock, the switchover from CLK1 to CLK2 will occur in three stages. * Stage 1: The output will continue to follow CLK1 for a limited number of pulses. * Stage 2: The output will remain LOW for a limited number of pulses of CLK2. * Stage 3: The output follows CLK2.
Timing Diagram 1
March 2005
8
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc. Case #2: Input Clock Failure: Switching from a selected clock stuck HIGH to a valid clock (RPE enabled). If CLK1 fails HIGH before the RPE MUX selects CLK2 (using the SEL pin), the switchover will occur in three stages.
SY89842U * Stage 1: The output will remain HIGH for a limited number of pulses of CLK2. * Stage 2: The output will switch to LOW and then remain LOW for a limited number of falling edges of CLK2. * Stage 3: The output will follow CLK2.
Timing Diagram 2 Note: Output shows extended clock cycle during switchover. Pulse width for both high and low of this cycle will always be greater than 50% of the CLK2 period.
Case #3: Input Clock Failure: Switching from a selected clock stuck Low to a valid clock (RPE enabled). If CLK1 fails LOW before the RPE MUX selects CLK2 (using the SEL pin), the switchover will occur in two stages.
* Stage 1: The output will remain LOW for a limited number of falling edges of CLK2. * Stage 2: The output will follow CLK2.
Timing Diagram 3
March 2005
9
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc. Case #4: Input Clock Failure: Switching from the selected clock input stuck in an undetermined state to a valid clock input (RPE enabled). If CLK1 fails to an undetermined state (e.g., amplitude falls below the 100mV (VIN) minimum single-ended input limit, or 200mV differentially) before the RPE MUX selects CLK2 (using the SEL pin), the switchover to the valid clock CLK2 will occur either following Case #2 or Case #3, depending upon the last valid state at the CLK1
SY89842U If the selected input clock fails to a floating, static, or extremely low signal swing, including 0mV, the FSI function will eliminate any metastable condition and guarantee a stable output signal. No ringing and no undetermined state will occur at the output under these conditions. Please note that the FSI function will not prevent duty cycle distortions or runt pulses in case of a slowly deteriorating (but still toggling) input signal. Due to the FSI function, the propagation delay will depend on rise and fall time of the input signal and on its amplitude. Refer to "Typical Operating Characteristics" for detailed information.
Timing Diagram 4
Power-On Reset (POR) Description
The SY89842U includes an internal power-on reset (POR) function to ensure the RPE logic starts-up in a known logic state once the power-supply voltage is stable. An external capacitor connected between VCC and the CAP pin (pin 11) controls the delay for the power-on reset function. The required capacitor value calculation is based upon the time the system power supply needs to power up to a minimum of 2.3V. The time constant for the internal power-on-reset must be greater than the time required for the power supply to ramp up to a minimum of 2.3V.
The following formula describes this relationship:
C(F) t dPS (ms) 12(ms/F)
As an example, if the time required for the system power supply to power up past 2.3V is 12ms, then the required capacitor value on pin 11 would be:
C(F) 12ms 12(ms/F)
C(F) 1F
March 2005
10
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
Typical Operating Characteristics
VCC = 3.3V, GND = 0V, VIN 400mVpk, tr/tf 300ps, RL = 100 across output pair; TA = 25C, unless otherwise stated.
March 2005
11
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
Functional Characteristics
VCC = 3.3V, GND = 0V, VIN 400mVpk, tr/tf 300ps, RL = 100 across output pair; TA = 25C, unless otherwise stated.
March 2005
12
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
Singled-Ended and Differential Swings
Figure 1a. Single-Ended Voltage Swing
Figure 1b. Differential Voltage Swing
Input Stage
Figure 2a. Simplified Differential Input Stage
Figure 2b. Simplified Differential Input Stage
March 2005
13
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
Input Interface Applications
Figure 3a. LVPECL Interface (DC-Coupled)
Figure 3b. LVPECL Interface (AC-Coupled)
Option: may connect VT to VCC Figure 3c. CML Interface (DC-Coupled)
Figure 3d. CML Interface (AC-Coupled)
Figure 3e. LVDS Interface (DC-Coupled)
March 2005
14
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
CML Output Interface Applications
Figure 4a. CML DC-Coupled Termination
Figure 4b. CML DC-Coupled Termination
Figure 4C. CML AC-Coupled Termination
Related Product and Support Documentation
Part Number SY89840U SY89841U Function Precision LVPECL Runt Pulse Eliminator 2 :1 Multiplexer Precision LVDS Runt Pulse Eliminator 2 :1 Multiplexer MLFTM Application Note HBW Solutions New Products and Applications Data Sheet Link www.micrel.com/product-info/products/sy89840u.shtml. www.micrel.com/product-info/products/sy89841u.shtml. www.amkor.com/products/notes_papers/MLFAppNote.pdf www.micrel.com/product-info/products/solutions.shtml
March 2005
15
M9999-030805 hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY89842U
16 Lead MicroLeadFrameTM (MLF-16)
Packages Notes: 1. Package meets Level 2 Moisture Sensitivity Classification. 2. All parts are dry-packed before shipment. 3. Exposed pad must be soldered to a ground for proper thermal management.
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http:/www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2005 Micrel, Incorporated.
March 2005
16
M9999-030805 hbwhelp@micrel.com or (408) 955-1690


▲Up To Search▲   

 
Price & Availability of SY89842U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X